Part Number Hot Search : 
MAX3785 MC3335DW XXHR3 SD1422 224375 XXHR3 MC331 MC331
Product Description
Full Text Search
 

To Download SSR2010CTZ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  note: all specifications are subject to change without notification. scd's for these devices should be re viewed by ssdi prior to release. data sheet #: rs0075f doc solid state devices, inc. 14701 firestone blvd * la mirada, ca 90638 phone: (562) 404-4474 * fax: (562) 404-1773 ssdi@ssdi-power.com * www.ssdi-power.com designer?s data sheet features: ? piv: 100 volts ? low reverse leakage current ? low forward voltage drop ? guard ring for overvoltage protection ? isolated hermetically sealed package ? available in glass or ceramic seal packages ? custom lead forming available ? eutectic die attach ? 175 c operating junction temperature ? tx, txv, and space level screening available ssr2008ctm, ssr2008ctz ssr2009ctm, ssr2009ctz ssr2010ctm, SSR2010CTZ 20 amps 100 volts center tap schottky rectifier to-254 to-254z available in given voltage (2008, 2009, 2010) in the following configurations: to-254: ssr2010ctm, ssr2010ctmub, ssr2010ctmdb, ssr2010cam, ssr2010camub, ssr2010camdb ssr1010dm, ssr1010dmub, ssr1010dmdb to-254z: SSR2010CTZ, SSR2010CTZub, SSR2010CTZdb, ssr2010caz, ssr2010cazub, ssr2010cazdb ssr1010dz, ssr1010dzub, ssr1010dzdb maximum ratings 1 / symbol value unit peak repetitive reverse voltage and dc blocking voltage ssr2008ctm & ctz ssr2090ctm & ctz ssr2010ctm & ctz v rrm v rwm v r 80 90 100 volts average rectified forward current 3 / 4 / (resistive load, 60 hz, sine wave, t c = 25 c) i o 20 amps peak surge current 3 / 4 / (8.3 ms pulse, half sine wave, t a = 25 c) i fsm 300 amps operating and storage temperature t op & t stg -65 to +175 c maximum thermal resistance junction to case 3 / junction to case 2 / r jc 1.0 1.7 c/w note: 1 / all electrical characteristics @25 c, unless otherwise specified. 2 / per leg. 3 / pins 1 and 3 connected together. 4 / doubler: i o = 10a, i fsm = 200a.
note: all specifications are subject to change without notification. scd's for these devices should be re viewed by ssdi prior to release. data sheet #: rs0075f doc electrical characteristics 1 /, 2 / symbol max unit instantaneous forward voltage drop (300 - 500 s pulse) i f = 1a i f = 5a i f = 10a v f1 v f2 v f3 0.57 0.72 0.80 volts instantaneous forward voltage drop (300 - 500 s pulse) i f = 10a, t a = 100 c i f = 10a, t a = -55 c, v f4 v f5 0.70 0.90 volts reverse leakage current (300 s pulse minimum) v r = 100v, t a = 25 c v r = 100v, t c = 100 c i r1 i r2 100 5 a ma junction capacitance (v r = 10 v, f = 1mhz, t a = 25 c) c j 400 pf case outline: to-254 (suffix m) case outline: to-254z (suffix z) optional lead bend configuration suffix mdb & zdb suffux mub & zub pin assignment code function pin 1 pin 2 pin 3 ct common cathode anode cathode anode ca common anode cathode anode cathode d doubler cathode common anode dr reverse doubler anode common cathode note: 1 / all electrical characteristics @25 c, unless otherwise specified. 2 / per leg. solid state devices, inc. 14701 firestone blvd * la mirada, ca 90638 phone: (562) 404-4474 * fax: (562) 404-1773 ssdi@ssdi-power.com * www.ssdi-power.com ssr2008ctm, ssr2008ctz ssr2009ctm, ssr2009ctz ssr2010ctm, SSR2010CTZ


▲Up To Search▲   

 
Price & Availability of SSR2010CTZ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X