lead-free ds30078 rev. 8 - 2 1 of 3 sd101aws - sd101cws www.diodes.com diodes incorporated sd101aws - sd101cws surface mount schottky barrier diode low forward voltage drop guard ring construction for transient protection negligible reverse recovery time low capacitance ultra-small surface mount package lead free/rohs compliant version (note 2) case: sod-323 case material: molded plastic. ul flammability classification rating 94v-0 moisture sensitivity: level 1 per j-std-020c polarity: cathode band leads: solderable per mil-std-202, method 208 lead free plating (matte tin finish annealed over alloy 42 leadframe). marking: see page 3 sd101aws marking code: s1 or sk sd101bws marking code: s2 or sk sd101cws marking code: s3 or sc or sk weight: 0.004 grams (approximate) mechanical data features maximum ratings @ t a = 25 c unless otherwise specified a b c d e g h j characteristic symbol sd101aws sd101bws sd101cws unit peak repetitive reverse voltage working peak reverse voltage dc blocking voltage v rrm v rwm v r 60 50 40 v rms reverse voltage v r(rms) 42 35 28 v forward continuous current (note 1) i fm 15 ma non-repetitive peak forward surge current @ t 1.0s @ t = 10 s i fsm 50 2.0 ma a power dissipation (note 1) p d 200 mw thermal resistance, junction to ambient air (note 1) r ja 625 c/w operating and storage temperature range t j ,t stg -65 to +125 c sod-323 dim min max a 2.30 2.70 b 1.60 1.80 c 1.20 1.40 d 1.05 typical e 0.25 0.35 g 0.20 0.40 h 0.10 0.15 j 0.05 typical 0 8 all dimensions in mm note: 1. part mounted on fr-4 pc board with recommended pad layout, which can be found on our website at http://www.diodes .com/datasheets/ap02001.pdf. 2. no purposefully added lead.
ds30078 rev. 8 - 2 2 of 3 sd101aws - sd101cws www.diodes.com characteristic symbol min max unit test condition reverse breakdown voltage (note 3) sd101aws sd101bws sd101cws v (br)r 60 50 40 v i r = 10 a i r = 10 a i r = 10 a forward voltage drop sd101aws sd101bws sd101cws sd101aws sd101bws sd101cws v fm 0.41 0.40 0.39 1.00 0.95 0.90 v i f = 1.0ma i f = 1.0ma i f = 1.0ma i f = 15ma i f = 15ma i f = 15ma peak reverse current (note 3) sd101aws sd101bws sd101cws i rm 200 na v r = 50v v r = 40v v r = 30v total capacitance sd101aws sd101bws sd101cws c t 2.0 2.1 2.2 pf v r = 0v, f = 1.0mhz reverse recovery time t rr 1.0 ns i f = i r = 5.0ma, i rr = 0.1 x i r ,r l = 100 notes: 3. short duration test pulse used to minimize self-heating effect. electrical characteristics @ t a = 25 c unless otherwise specified 0.1 1 10 100 1000 10000 0 20 10 30 60 50 40 v , reverse voltage (v) fi g .2 t y pical reverse characteristics r i , instantaneous reverse current (na) r t = -40oc a t = 25oc a t = 75oc a t = 125oc a t=0oc a 0.1 0 1.0 10 0.4 0.6 0.2 0.8 1.2 1.0 1.4 1.6 v , instantaneous forward voltage (v) fi g .1 t y pical forward characteristics f i , instantaneous forward current (ma) f 100 t = 125oc a t = -40oc a t = 75oc a t = 25oc a t = 0oc a
ds30078 rev. 8 - 2 3 of 3 sd101aws - sd101cws www.diodes.com xx xx = product type marking code (see page 1) marking information ordering information (note 4) 0 120 40 80 160 200 2 5 0 200 150 50 100 0 t , ambient temperature ( c) fi g . 4 power deratin g curve a p , power dissipation (mw) d 0 0.2 0.4 0.6 0.8 1.4 1.2 1.0 1 . 8 1.6 0 10 5 20 25 15 35 30 40 c , total capacitance (pf) t v , reverse voltage (v) fi g .3 t y pical capacitance r f = 1.0mhz notes: 4. for packaging details, go to our website at: http://www.diodes.com/datasheets/ap02007.pdf. device packaging shipping sd101aws-7-f sod-323 3000/tape & reel sd101bws-7-f sod-323 3000/tape & reel sd101cws-7-f sod-323 3000/tape & reel important notice life support diodes incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes witho ut further notice to any product herein. diodes incorporated does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights, nor the rights of others. the user of products in such applications shall assume all risks of such use and will agree to hold diodes incorporated and all the companies whose products are represented on our website, harmless against all damages. diodes incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written appr oval of the president of diodes incorporated.
|