Part Number Hot Search : 
16107FP A5201 2SD13 UM805 ETFV25 TD62004P PD50F2 BZX84
Product Description
Full Text Search
 

To Download S1Q Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  s 1q thr u s 1zz 1 amp silicon rectifier 1200 to 2000 volts feature s for surface mount applications extremely low thermal resistance high temp soldering: 250 c for 10 seconds at terminals easy pick and place gull wing lead bend to prevent arcing perfect for ballast, television and monitor applications maximum ratings operating temperature: - 5 5 c to + 1 50 c storage temperature: - 5 5 c to + 1 50 c maximum thermal resistance; 15 c/w junction to lead mcc part number device marking maximum recurrent peak reverse voltage maximum rms voltage maximum dc blocking voltage s 1q s 1q 1200v 840v 1200v s 1v s 1v 1400v 980v 1400v s 1y s 1y 1600v 1120v 1600v s 1z s 1z 1800v 1260v 1800v s 1zz s 1zz 2000v 1400v 2000v lectrical characteristics @ 25 c unless otherwise specified average forward current i f(av) 1.0a t j = 7 5 c peak forward surge current i fsm 30a 8.3ms, half sine maximum instantaneous forward voltage v f 1. 10 v i fm = 1.0a; t j = 25 c* maximum dc reverse current at rated dc blocking voltage i r 10.0 m a 30 m a t j = 25 c t j = 125 c maximum reverse recovery time t rr 1.8u s i f =0.5a, i r =1.0a, i rr =0.25a typical junction capacitance c j 1 5pf measured at 1.0mhz, v r =4.0v *pulse test: pulse width 3 00 m sec, duty cycle 2% www. mccsemi .com do-214aa ( s m b j ) (round lead) h j e f g a b d c cat hode b and 0.070? 0.090" 0.085? suggested solder pad layout dimensions inches mm dim min max min max note a . 078 .116 1.98 2.95 b .075 .089 1.90 2.25 c .002 .008 .05 . 20 d --- - - . 02 -- -- - .51 e .035 .055 . 90 1.40 f .065 .091 1.65 2.32 g . 205 .224 5.21 5.69 h .160 .180 4.06 4.57 j .130 .155 3.30 3.94         
 om p on ent s 21 20 1 i t a sc a s t ree t ch at s w or th               !  " #   $
%          !   " #    mcc


▲Up To Search▲   

 
Price & Availability of S1Q

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X