Part Number Hot Search : 
AD558S MTRPB TOLD9231 C1206 L8022 PB0126SS 9516L25 612NGME
Product Description
Full Text Search
 

To Download PS094-315 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  alpha industries, inc. [978] 241-7000 ? fax [978] 241-7906 ? email sales@alphaind.com ? www.alphaind.com 1 specifications subject to change without notice. 1/02a lga packaged phase shifter for gsm base stations features designed for gsm 942.5 17.5 mhz band 100 degree phase shift range 1.5 degree phase deviation 0.3 db insertion loss deviation 0?12 v control voltage range specified 33 dbm ip3 small footprint lga package PS094-315 description the PS094-315 is a voltage controlled phase shifter specifically designed for use in power amplifier distortion compensation circuits centered at 942.5 mhz in gsm band base stations. its characteristics are specified in a 35 mhz bandwidth. the PS094-315 employs a monolithic quadrature hybrid and a pair of selected silicon varactor diodes to achieve 100 degree phase shift and low insertion loss. the PS094-315 is packaged in the small outline lga (land grid array) surface mount package with the internal elements affixed to an organic bt substrate. parameter condition min. typ. max. unit frequency range (bw) f o = 942.5 925 960 mhz phase shift at f o , c v = 12 v 100 deg. phase deviation in bw c v = 0?12 v 1.5 2.0 deg. control voltage (c v ) range 0 12 v control current c v = 12 v 1 a insertion loss in bw c v = 0 v 2.3 db i.l. deviation in bw c v = 0?12 v 0.3 db i.l. variation at f o , c v = 0?12 v 0.75 db vswr in bw 1.8 im3 p in = 8 dbm, 900/905 mhz, c v = 0 v -50 dbc ip3 derived from im3 33 dbm electrical specifications at 25c
2 alpha industries, inc. [978] 241-7000 ? fax [978] 241-7906 ? email sales@alphaind.com ? www.alphaind.com specifications subject to change without notice. 1/02a lga packaged phase shifter for gsm base stations PS094-315 insertion loss vs. frequency and control voltage frequency (ghz) insertion loss (db) -2.5 -2.4 -2.3 -2.2 -2.1 -2.0 -1.9 -1.8 -1.7 -1.6 -1.5 0.92 0.93 0.94 0.95 0.96 0 v 4 v 8 v 12 v input/output return loss vs. frequency and control voltage frequency (ghz) return loss (db) -40 -35 -30 -25 -20 -15 -10 -5 0 0.92 0.93 0.94 0.95 0.96 0 v 4 v 8 v 12 v insertion loss flatness vs. control voltage 04 2 681012 flatness (db) control voltage (v) -0.5 -0.4 -0.3 -0.2 -0.1 0 0.1 0.2 0.3 0.4 0.5 phase vs. frequency and control voltage frequency (ghz) phase shift (degrees) 0 20 40 60 80 100 120 0.92 0.93 0.94 0.95 0.96 0 v 4 v 8 v 12 v phase flatness vs. control voltage 04 2 681012 flatness (degrees) control voltage (v) -2.5 -2.0 -1.5 -1.0 -0.5 0 0.5 1.0 1.5 2.0 2.5 04 2681012 ip3 (dbm) control voltage (v) ip3 vs. control voltage rf 1 = 0.900 ghz, rf 2 = 0.905 ghz @ 8 dbm 30 32 34 36 38 40 42 44 46 48 50 typical performance data
lga packaged phase shifter for gsm base stations PS094-315 alpha industries, inc. [978] 241-7000 ? fax [978] 241-7906 ? email sales@alphaind.com ? www.alphaind.com 3 specifications subject to change without notice. 1/02a characteristic value rf input power 20 dbm control voltage 15 v operating temperature -40 to +85c storage temperature -40 to +85c absolute maximum ratings terminal no. terminal name a 1 in/out a 2 gnd a 3 in/out b 1 gnd b 3 gnd c 1 vcontrol c 2 gnd c 3 vcontrol -315 b 3 b 1 c 1 c 2 c 3 a 1 a 2 a 3 0.091 (2.32 mm) 0.193 (4.90 mm) a 1 b 1 0.126 (3.20 mm) 0.079 (2 mm) encap 0.014 (0.36 mm) substrate 0.000 0.037 (1.00 mm) 0.047 (1.20 mm) 0.079 (2.00 mm) 0.031 (0.775 mm) 0.166 (4.22 mm) 0.135 (3.42 mm) 0.193 (4.90 mm) 0.081 (2.05 mm) 0.058 (1.48 mm) 0.027 (0.68 mm) 0.000 0.112 (2.85 mm) 0.054 (1.370 mm) 0.024 (0.60 mm) b 3 b 1 c 1 c 2 c 3 a 1 a 2 a 3 in/out gnd in/out gnd gnd vcontrol vcontrol gnd ps094 pin out (bottom view) vcontrol control current 10 pf 10 pf vcontrol rf in/out rf in/out connection diagram


▲Up To Search▲   

 
Price & Availability of PS094-315

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X