Part Number Hot Search : 
1SRWA PT2821C S9015 5KE30A 02112 BYV27150 R1E10 2SC39
Product Description
Full Text Search
 

To Download MSMA-5002 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  300 myles standish blvd., taunton, ma 02780 ph: 1-800-823-8082 fax: 508-823-8181 www.astrodyne.com 5 w m e d i c a l g r a d e u l t r a m i n i a t u r e s w i t c h i n g p o w e r s u p p l i e s m m a - 5 s e r i e s single / dual / triple outputs universal 85vac to 265vac input 3.3vdc to 24vdc outputs 4,000vac input to output isolation pcb and chassis mount packages full safety approvals model number output voltage output amps output watts single output - pcb mount msma-5000 3.3 vdc 1.25 4w msma-5001 5 vdc 1 5w MSMA-5002 12 vdc 0.42 5w msma-5003 15 vdc 0.33 5w msma-5005 24 vdc 0.23 5w single output - chassis mount msmc-5000 3.3 vdc 1.25 4w msmc-5001 5 vdc 1 5w msmc-5002 12 vdc 0.42 5w msmc-5003 15 vdc 0.33 5w msmc-5005 24 vdc 0.23 5w single output - din rail mount msmc-5000/drl 3.3 vdc 1.25 4w msmc-5001/drl 5 vdc 1 5w msmc-5002/drl 12 vdc 0.42 5w msmc-5003/drl 15 vdc 0.33 5w msmc-5005/drl 24 vdc 0.23 5w pcb 2.28l x 1.77w x 0.83h chassis 3.77l x 2.16w x 1.0h fully approved ul/csa22.2 2601 file# e167432 en60601-1 file# b021022749042
300 myles standish blvd., taunton, ma 02780 ph: 1-800-823-8082 fax: 508-823-8181 www.astrodyne.com 5 w m e d i c a l g r a d e u l t r a m i n i a t u r e s w i t c h i n g p o w e r s u p p l i e s m m a - 5 s e r i e s single / dual / triple outputs universal 85vac to 265vac input 3.3vdc to 24vdc outputs 4,000vac input to output isolation pcb and chassis mount packages full safety approvals model number output voltage output amps output watts dual output - pcb mount mdma-5006 +/-12 vdc +/-0.21 5w mdma-5007 +/-15 vdc +/-0.17 5w dual output - chassis mount mdmc-5006 +/-12 vdc +/-0.21 5w mdmc-5007 +/-15 vdc +/-0.17 5w dual output - din rail mount mdmc-5006/drl +/-12 vdc +/-0.21 5w mdmc-5007/drl +/-15 vdc +/-0.17 5w triple output - pcb mount mtma-5009 +5,+/-12 vdc 0.6,0.1/0.1 5w mtma-5011 +5,+/-15 vdc 0.45,0.1/0.1 5w triple output - chassis mount mtmc-5009 +5,+/-12 vdc 0.6,0.1/0.1 5w mtmc-5011 +5,+/-15 vdc 0.45,0.1/0.1 5w triple output - din rail mount mtmc-5009/drl +5,+/-12 vdc 0.6,0.1/0.1 5w mtmc-5011/drl +5,+/-15 vdc 0.45,0.1/0.1 5w pcb 2.28l x 1.77w x 0.83h chassis 3.77l x 2.16w x 1.0h fully approved ul/csa22.2 2601 file# e167432 en60601-1 file# b021022749042
300 myles standish blvd., taunton, ma 02780 ph: 1-800-823-8082 fax: 508-823-8181 www.astrodyne.com 5 w m e d i c a l g r a d e u l t r a m i n i a t u r e s w i t c h i n g p o w e r s u p p l i e s m m a - 5 s e r i e s * these are stress ratings. exposure of the devices to any of these conditions may adversely affect long term reliability. proper operation under conditions other than the standard operating conditions is neither warranteed nor implied. all specifications are typical at nominal input, full load, and 25degc unless otherwise noted astrodyne products are not authorized or warranteed for use as critical components in life support systems, equipment used in hazardous environments, nuclear controls systems, or other mission-critical applications. input specifications input voltage, nominal 85-265vac nominal: 100-240vac input frequency 47-440 hz, 50-60hz nom. inrush current 20a @ 100vac, typ 40a @ 200vac, typ output specifications output voltage/current see specific model initial accuracy +/-1%, adjustable voltage adjust +/-6%, typ load regulation +/-0.3%, typ line regulation +/-0.3%, typ temperature coefficient +/-0.03%/c ripple/noise(20mhz bw) 150mv pk-pk, typ overvoltage protection clamp, 130-150% * hold up time 30ms, typ short circuit protection continuous, self-recovering * current limit 130% typ,self-reset foldback general specifications on/off control open collector logic 1/open=on logic 0/gnd=off input-out isolation 4000vac output-ground isolation 1000vac input-ground isolation 2500vac operating frequency 140 khz, fixed efficiency (@ full load) 75 - 80%, typ environmental specifications oper. temperature 0 to +50c fl see derate * (free-air convection) relative humidity 0-95%, non-condensing storage temperature -25 to +71c * mtbf, single/multi output 180,000hrs/110,000 hrs mil std 217, 25c physical specifications case material rynite, 94v-0 rated construction encapsulated, soft pot weight pcb / cha 4 oz (112g) / 8.5 oz (238g)
300 myles standish blvd., taunton, ma 02780 ph: 1-800-823-8082 fax: 508-823-8181 www.astrodyne.com 5 w m e d i c a l g r a d e u l t r a m i n i a t u r e s w i t c h i n g p o w e r s u p p l i e s m m a - 5 s e r i e s mechanical dimensions - pcb mount model type / pin# single dual triple 1 ac hi ac hi ac hi 2 ac lo ac lo ac lo 3 gnd gnd gnd 4 no pin no pin +vout 5 no pin no pin out com 6 +vout +vout no pin 7 no pin no pin -vout 8 no pin out com +5vout 9 -vout -vout 5v ret 10 ctrl ctrl ctrl performance curves 100 90 70 50 40 30 20 10 80 60 0 0 10 20 30 40 50 60 70 -10 output current, % ambient temp., degc 90 60 50 80 70 40 25 50 75 100 10 typical efficiency, % % of full load 0.12 [5.3] .xx 0.02 [0.508 ] .xxx 0.01 [0.253 ] to lerance: dimensions shown in inch [mm] 0.20 [5.1] adjustment po t power ?good? indicator 0.040 [1.02] dia. ty p. 1.77 [45.0] 0.83 [21.0] 2.28 [57.9] 1.85 [47.0] 1.85 [47.00]
300 myles standish blvd., taunton, ma 02780 ph: 1-800-823-8082 fax: 508-823-8181 www.astrodyne.com 5 w m e d i c a l g r a d e u l t r a m i n i a t u r e s w i t c h i n g p o w e r s u p p l i e s m m a - 5 s e r i e s mechanical dimensions - chassis mount 9 8 7 6 5 4 1 2 3 adjustment pot power ?good? indica to r #3-48 screw (6 places) #3-48 screw (3 places) to lerance: .xx 0.01 [0.25] .xxx 0.005 [0.13] dimensions shown in inch [mm] 2.16 [54.9] 1.780 [45.21] 0.50 [12.7] typ . (2 places) 0.19 [4.8] 0.25 [6.4] typ . (5 places) 0.130 [3.30] dia. typ . (2 places) accepts #4 screw & nu t 3.430 [87.12] 3.77 [95.8] 1.00 [25.4] 0.17 [4.3] model match unmatch triple type / pin# single dual dual 1 ac lo ac lo ac lo ac lo 2 gnd gnd gnd gnd 3 ac hi ac hi ac hi ac hi 4 ctrl ctrl ctrl ctrl 5 -vout -vout com +5 ret 6 -vout com com +5vout 7 +vout com +5vout -vout 8 +vout +vout +12vout +/- com 9 n/c n/c n/c +vout din rail mounting kit available for chassis-mount modules, specify part # m-drl-01. kit includes mounting plate, din rail cliip and assembly hardware. 0.350 [8.89] 0.100 [2.54] mechanical dimensions - din r ail


▲Up To Search▲   

 
Price & Availability of MSMA-5002

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X