Part Number Hot Search : 
H1089NL 74LS34 G1200 30AR1 16LT1 230D1 TC405 PI2127
Product Description
Full Text Search
 

To Download KBL10-E451 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  kbl005 thru kbl10 vishay general semiconductor document number: 88655 revision: 15-apr-08 for technical questions within your r egion, please contact one of the following: pdd-americas@vishay.com , pdd-asia@vishay.com , pdd-europe@vishay.com www.vishay.com 1 single-phase bridge rectifier features ? ul recognition file number e54214 ? ideal for printed circuit boards ? high surge current capability ? high case dielectric strength of 1500 v rms ? solder dip 260 c, 40 s ? component in accordance to rohs 2002/95/ec and weee 2002/96/ec typical applications general purpose use in ac-to-dc bridge full wave rectification for monitor, tv, printer, smps, adapter, audio equipment, and home appliances applications. mechanical data case: kbl epoxy meets ul 94v-0 flammability rating terminals: silver plated lead s, solderable per j-std-002 and jesd22-b102 e4 suffix for consumer grade polarity: as marked on body mounting torque: 10 cm-kg (8.8 inches-lbs) max. recommended torque: 5.7 cm-kg (5 inches-lbs) e4 primary characteristics i f(av) 4 a v rrm 50 v to 1000 v i fsm 200 a i r 5 a v f 1.1 v t j max. 150 c case style kbl ~ ~ ~ ~ maximum ratings (t a = 25 c unless otherwise noted) parameter symbol kbl005 kbl01 kbl02 kbl04 kbl06 kbl08 kbl10 unit maximum repetitive peak reverse voltage v rrm 50 100 200 400 600 800 1000 v maximum rms voltage v rms 35 70 140 280 420 560 700 v maximum dc blocking voltage v dc 50 100 200 400 600 800 1000 v maximum average forward current at t a = 50 c i f(av) 4.0 a peak forward surge current single sine-wave superimposed on rated load i fsm 200 a operating junction and storage temperature range t j , t stg - 50 to + 150 c electrical characteristics (t a = 25 c unless otherwise noted) parameter test conditions symbol kbl005 kbl01 kbl02 kbl04 kbl06 kbl08 kbl10 unit maximum instantaneous forward drop per diode 4.0 a v f 1.1 v maximum dc reverse current at rated dc blocking voltage per diode t a = 25 c t a = 125 c i r 5.0 1.0 a ma
kbl005 thru kbl10 vishay general semiconductor www.vishay.com for technical questions within your region, please contact one of the following: pdd-americas@vishay.com , pdd-asia@vishay.com , pdd-europe@vishay.com document number: 88655 revision: 15-apr-08 2 notes: (1) thermal resistance from juncti on to ambient with units mounted on 3.0 x 3.0 x 0.11" thick (7.5 x 7.5 x 0.3 cm) aluminum plat e (2) thermal resistance from junction to lead with units mounted on p.c.b. at 0.375" (9.5 mm) lead length and 0.5 x 0.5" (12 x 12 mm) copper pads ratings and characteristics curves (t a = 25 c unless otherwise noted) thermal characteristics (t a = 25 c unless otherwise noted) parameter symbol kbl005 kbl01 kbl02 kbl04 kbl06 kbl08 kbl10 unit typical thermal resistance r ja r jl 19 (1) 2.4 (2) c/w ordering information (example) preferred p/n unit weight (g) preferred package code base quantity delivery mode kbl06-e4/51 6.0 51 300 anti-static pvc tray figure 1. derating curve output rectified current figure 2. maximum non-repetitive peak forward surge current per diode tem p erat u re ( c ) a v erage for w ard c u rrent (a) 0 50 100 150 0 1.0 2.0 3.0 4.0 p .c.b. mo u nting 0.375" (9.5 mm) lead length 60 hz resisti v e or ind u cti v e load heatsink mo u nted 3.0" s q .x 0.06" thickness (7. 5x 0.15 cm) copper plate 1 10 100 25 50 75 100 125 150 175 200 t j = 150 c single sine- w a v e nu m b er of cycles at 60 hz peak for w ard s u rge c u rrent (a) 1.0 cycle figure 3. typical instantaneous forward characteristics per diode figure 4. typical reverse leak age characteristics per diode instantaneo u s for w ard v oltage ( v ) instantaneo u s for w ard c u rrent (a) 0.6 0.7 100 10 1 0.1 0. 8 0.9 1.0 1.1 1.2 1.3 t j = 25 c p u lse w idth = 300 s 1 % d u ty cycle 0 20 40 60 8 0 100 0.01 0.1 1 10 percent of rated peak re v erse v oltage (%) instantaneo u s re v erse c u rrent ( a) t j = 100 c t j = 25 c
kbl005 thru kbl10 vishay general semiconductor document number: 88655 revision: 15-apr-08 for technical questions within your r egion, please contact one of the following: pdd-americas@vishay.com , pdd-asia@vishay.com , pdd-europe@vishay.com www.vishay.com 3 package outline dimensions in inches (millimeters) figure 5. typical junction capacitance per diode 0.1 1 10 100 0 50 100 150 200 250 j u nction capaci tance (pf) re v erse v oltage ( v ) t j = 25 c f = 1.0 mhz v sig = 50 m v p-p 0.210 (5.33) 0.190 (4. 8 3) 0.76 8 (19.5) 0.726 (1 8 .5) 0.091 (2.30) 0.077 (1.95) 0.591 (15.0) 0.567 (14.4) 1.1 (27.9) mi n . 0.640 (16.3) 0.600 (15.2) 1.0 (25.4) mi n . 0.256 (6.5) 0.236 (6.0) case style kbl 0.052 (1.3) dia. 0.04 8 (1.2) typ.
document number: 91000 www.vishay.com revision: 18-jul-08 1 disclaimer legal disclaimer notice vishay all product specifications and data are subject to change without notice. vishay intertechnology, inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, ?vishay?), disclaim any and all liability fo r any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. vishay disclaims any and all li ability arising out of the use or application of any product describ ed herein or of any information provided herein to the maximum extent permit ted by law. the product specifications do not expand or otherwise modify vishay?s terms and conditions of purcha se, including but not limited to the warranty expressed therein, which apply to these products. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of vishay. the products shown herein are not designed for use in medi cal, life-saving, or life-sustaining applications unless otherwise expressly indicated. customers using or selling vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify vishay for any damages arising or resulting from such use or sale. please contact authorized vishay personnel to obtain written terms and conditions regarding products designed for such applications. product names and markings noted herein may be trademarks of their respective owners.


▲Up To Search▲   

 
Price & Availability of KBL10-E451

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X