Part Number Hot Search : 
41727 1905X002 PE97632 SC900A EVKIT SY89473 20H32 MN14821
Product Description
Full Text Search
 

To Download HFR8A06 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  yenyo dimensions in inches and (millimeters) maximum ratings and electrical characteristics for capacitive load, derate current by 20%. single phase, half wave, 60hz, resistive or inductive load. rating at 25 o c ambient temperature unless otherwise specified. notes : to-220ac HFR8A06 voltage range 600 v current 8.0 ampere glass passivated hyperfast recovery rectifier symbol v rrm v rms v dc if (av) i fsm v f i r trr c j t j , t stg HFR8A06 - - - - 10.0 140 2.4 20 500 50 2.2 unit v v v v a a ua ua o c pf o cw ns recurrent peak reverse voltage rms voltage dc blocking voltage average forward rectified peak forward surge current, 8.3ms single instantaneous forward voltage dc reverse current @t j =25 o c typical junction capacitance (note 2) operating junction and storage current t c =140 o c half sine-wave superimposed on rated load (jedec method) @ 8.0 a at rated dc blocking voltage @t j =150 o c maximum reverse recovery time (note 1) typical thermal resistance (note 3) features ? l o w noise ? fast switching for high efficiency ? case: molded plastic to-220ac ? high voltage super frd ? weight: 2.07 grams method 208 ? mounting position: any ? terminals: solderable per mil-std-202 mechanical data ? low reverse leakage current r jc temperature range (1) reverse recovery test conditions i f = 0.5a, i r = 1.0a, irr = 0.25a. (2) measured at 1.0 mhz and applied reverse voltage of 4.0 volts dc. (3) thermal resistance junction to case. ? epoxy: ul 94v-0 rate flame retardant 1 2 characteristic min. typ. max. - 8.0 - 600 420 600 - - - - - - - - - - - - - - 175 -65 - ? pfc application 1 / 2 r7, jun-11 max.412(10.5) max.07(1.7) .072(1.82) .062(1.58) .638(16.2) .602(15.3) .526(13.35) .508(12.90) .037(0.94) .027(0.68) dia .128(3.25) .114(2.90) .205(5.20) .195(4.95) .154(3.91) .137(3.50) pin 1 2 .185(4.70) .175(4.44) .102(2.60) .088(2.25) .025(0.64) .014(0.35) .27(6.86) .23(5.84) .055(1.40) .045(1.14) .056(1.43) .048(1.22) .057(1.45) .052(1.33)
ratings and characteristic curves HFR8A06 fig.1 - forward current derating curve fig.3 - typical instantaneous forward characteristics average forward rectified current, amperes 8.0 3.0 2.0 1.0 4.0 6.0 5.0 7.0 iinstantaneous forward current, amperes 1.0 10 100 0.1 1 0 2 3 4 0 0 50 100 175 case temperature, o c instantaneous forward voltage, volts fig.2 - maximum non-repetitive peak forward surge current peak forward surge current, amperes number of cycles at 60hz fig.4 - typical reverse characteristics percent of rated peak reverse voltage,% instantaneous reverse current, microamperes 0.1 0 1 10 1000 100 20 40 60 80 100 fig.5 - typical junction capacitance reverse voltage, volts 0.1 10 junction capacitance, pf 1000 1.0 4.0 10 100 100 60 hz resistive or inductive load t j =150 o c t j =25 o c t j = 25 o c f = 1.0 mhz vsig = 50mvp-p t j =25 o c t j =150 o c 75 25 125 150 0 25 75 125 150 1 10 100 pulse width 8.3ms single half-sire-wave (jedec method) 50 100 yenyo technology co., ltd. 2 / 2 r7, jun-11


▲Up To Search▲   

 
Price & Availability of HFR8A06

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X