Part Number Hot Search : 
OV9640 2SD1664 FLC107WG KDR377E HIP66 ISL91117 ISL91117 E2152
Product Description
Full Text Search
 

To Download GBPC1510-E451 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  gbpc12, gbpc15, gbpc25 & gbpc35 vishay general semiconductor document number: 88612 revision: 15-apr-08 for technical questions within your r egion, please contact one of the following: pdd-americas@vishay.com , pdd-asia@vishay.com , pdd-europe@vishay.com www.vishay.com 1 glass passivated single-phase bridge rectifier features ? ul recognition file number e54214 ? universal 3-way terminals: snap-on, wire wrap-around, or p.c.b. mounting ? typical i r less than 0.3 a ? high surge current capability ? low thermal resistance ? solder dip 260 c, 40 s ? component in accordance to rohs 2002/95/ec and weee 2002/96/ec typical applications general purpose use in ac-to-dc bridge full wave rectification for power supp ly, home appliances, office equipment, industrial automation applications. mechanical data case: gbpc, gbpc-w epoxy meets ul 94v-0 flammability rating terminals: nickel plated on faston lugs or silver plated on wire leads, solderable per j-std-002 and jesd22-b102. e4 suffix for consumer grade. suffix letter ?w? added to indicate wire leads (e.g. gbpc12005w). polarity: as marked, positive lead by belevled corner mounting torque: 20 inches-lbs. max. e4 primary characteristics i f(av) 12 a, 15 a, 25 a, 35 a v rrm 50 v to 1000 v i fsm 200 a, 300 a, 300 a, 400 a i r 5 a v f 1.1 v t j max. 150 c ~ ~ ~ ~ ~ ~ gbpc gbpc-w maximum ratings (t a = 25 c unless otherwise noted) parameter symbol gbpc12, 15, 25, 35 unit 005 01 02 04 06 08 10 maximum repetitive peak reverse voltage v rrm 50 100 200 400 600 800 1000 v maximum rms voltage v rms 35 70 140 280 420 560 700 v maximum dc blocking voltage v dc 50 100 200 400 600 800 1000 v maximum average forward rectified output current (fig. 1) gbpc12 gbpc15 gbpc25 gbpc35 i f(av) 12 15 25 35 a peak forward surge current single sine-wave superimposed on rated load gbpc12 gbpc15 gbpc25 gbpc35 i fsm 200 300 300 400 a rating (non-repetitive, for t greater than 1 ms and less than 8.3 ms) for fusing gbpc12 gbpc15 gbpc25 gbpc35 i 2 t 160 375 375 660 a 2 s rms isolation voltage from case to leads v iso 2500 v operating junction storage temperature range t j , t stg - 55 to + 150 c
gbpc12, gbpc15, gbpc25 & gbpc35 vishay general semiconductor www.vishay.com for technical questions within your region, please contact one of the following: pdd-americas@vishay.com , pdd-asia@vishay.com , pdd-europe@vishay.com document number: 88612 revision: 15-apr-08 2 notes: (1) with heatsink (2) bolt down on heatsink with silicone thermal compound between bridge and mounting surface for maximum heat transfer with #10 screw electrical characteristics (t a = 25 c unless otherwise noted) parameter test conditions symbol gbpc12, 15, 25, 35 unit 005 01 02 04 06 08 10 maximum instantaneous forward drop per diode gbpc12 gbpc15 gbpc25 gbpc35 i f = 6.0 a i f = 7.5 a i f = 12.5 a i f = 17.5 a v f 1.1 v maximum reverse dc current at rated dc blocking voltage per diode t a = 25 c t a = 125 c i r 5.0 500 a typical junction capacitance per diode 4 v, 1 mhz c j 300 pf thermal characteristics (t a = 25 c unless otherwise noted) parameter symbol gbpc12, 15, 25, 35 unit 005 01 02 04 06 08 10 typical thermal resistance (1) gbpc12-25 gbpc35 r jc 1.9 1.4 c/w ordering information (example) preferred p/n unit weight (g) preferred package code base quantity delivery mode gbpc1206-e4/51 15.79 51 100 paper box gbpc1506-e4/51 15.79 51 100 paper box gbpc2506-e4/51 15.79 51 100 paper box gbpc3506-e4/51 15.79 51 100 paper box gbpc1206w-e4/51 13.8 51 100 paper box gbpc1506w-e4/51 13.8 51 100 paper box gbpc2506w-e4/51 13.8 51 100 paper box gbpc3506w-e4/51 13.8 51 100 paper box
gbpc12, gbpc15, gbpc25 & gbpc35 vishay general semiconductor document number: 88612 revision: 15-apr-08 for technical questions within your r egion, please contact one of the following: pdd-americas@vishay.com , pdd-asia@vishay.com , pdd-europe@vishay.com www.vishay.com 3 ratings and characteristics curves (t a = 25 c unless otherwise noted) figure 1. maximum output rectified current figure 2. maximum output rectified current figure 3. maximum power dissipation 0 25 50 75 100 125 150 175 200 0 5 20 15 25 10 30 35 40 bridges mo u nte d on 9.5 x 3.5 x 4.6" (22.9 x 8 .9 x 11.7 cm) al, finned plate 5 x 6 x 4.9" al, finned plate 5 x 4 x 3" al, finned plate 6 x 2.2 x 2.2" al, finned plate 60 hz resisti v e or ind u cti v e load case temperat u re (c) a v erage for w ard c u rrent (a) 0 10 20 30 40 50 60 70 8 0 90 100 0 5 10 15 20 25 30 35 40 60 hz resisti v e or ind u cti v e load gbpc35 r thsa = 0.5 c/ w gbpc15 r thsa = 1.0 c/ w gbpc12 r thsa = 1.0 c/ w gbpc25 r thsa = 0.5 c/ w am b ient temperat u re (c) a v erage for w ard c u rrent (a) a v erage o u tp u t c u rrent (a) a v erage po w er dissipation of bridge ( w ) 0 10 20 30 40 0 10 20 30 40 50 60 70 8 0 capaciti v e load t j = t j max. resisti v e or ind u cti v e load figure 4. maximum non-repetit ive peak forward surge current per diode figure 5. typical instantaneous forw ard characteristics per diode figure 6. typical reverse leak age characteristics per diode nu m b er of cycles at 60 hz peak for w ard s u rge c u rrent (a) 1 10 10 1000 gbpc35 gbpc15 gbpc25 gbpc12 t j = t j max. 0.5 ms single sine- w a v e 100 100 1.0 cycle instantaneo u s for w ard v oltage ( v ) instantaneo u s for w ard c u rrent (a) 0.4 0.5 0.6 0.7 0.9 1.0 1.1 0.1 1 10 100 0. 8 t a = 100 c t a = 150 c t a = 125 c t a = 25 c 0 20 40 60 8 0 100 0.1 1 10 100 percent of rated peak re v erse v oltage (%) instantaneo u s re v erse leakage c u rrent ( a) 30 50 70 90 1000 t a = 100 c t a = 150 c t a = 125 c t a = 25 c 10
gbpc12, gbpc15, gbpc25 & gbpc35 vishay general semiconductor www.vishay.com for technical questions within your region, please contact one of the following: pdd-americas@vishay.com , pdd-asia@vishay.com , pdd-europe@vishay.com document number: 88612 revision: 15-apr-08 4 package outline dimensions in inches (millimeters) figure 7. typical junction capacitance per diode 1 10 100 10 100 1000 t j = 25 c f = 1.0 mhz v sig = 50 m v p-p re v erse v oltage ( v ) j u nction capaci tance (pf) figure 8. typical transient thermal impedance per diode 0.01 0.1 1 10 100 1 10 100 1000 t j = 25 c f = 1.0 mhz v sig = 50 m v p-p t - heating time (s) transient thermal impedance (c/ w ) 1.135 (2 8 . 8 ) 1.115 (2 8 .3) 0.732 (1 8 .6) 0.692 (17.6) 0.470 (11.9) 0.430 (10.9) 0.042 (1.07) 0.03 8 (0.97) dia. 0.310 (7.62) 0.290 (7.36) 1.25 (31. 8 ) mi n . 1.135 (2 8 . 8 ) 1.115 (2 8 .3) 0.732 (1 8 .6) 0.692 (17.6) hole for #10 scre w 0.220 (5.59) 0.200 (5.0 8 ) dia. 0.24 (6.0) 0.1 8 (4.6) 0.50 (12.7) 0.44 (11.7) 0.24 (6.0) 0.1 8 (4.6) gbpc-w gbpc 1.135 (2 8 . 8 ) 1.115 (2 8 .3) 0.672 (17.1) 0.632 (16.1) 0.732 (1 8 .6) 0.692 (17.6) 0.094 (2.4) dia. 0.034 (0. 8 6) 0.030 (0.76) 0.25 (6.35) ac 0. 8 40 (21.3) 0.740 (1 8 . 8 ) 0.5 8 2 (14. 8 ) 0.542 (13. 8 ) 0.672 (17.1) 0.632 (16.1) 1.135 (2 8 . 8 ) 1.115 (2 8 .3) 0.310 (7.62) 0.290 (7.36) 0.034 (0. 8 6) 0.030 (0.76) hole for #10 scre w 0.220 (5.59) 0.200 (5.0 8 ) dia.
document number: 91000 www.vishay.com revision: 18-jul-08 1 disclaimer legal disclaimer notice vishay all product specifications and data are subject to change without notice. vishay intertechnology, inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, ?vishay?), disclaim any and all liability fo r any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. vishay disclaims any and all li ability arising out of the use or application of any product describ ed herein or of any information provided herein to the maximum extent permit ted by law. the product specifications do not expand or otherwise modify vishay?s terms and conditions of purcha se, including but not limited to the warranty expressed therein, which apply to these products. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of vishay. the products shown herein are not designed for use in medi cal, life-saving, or life-sustaining applications unless otherwise expressly indicated. customers using or selling vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify vishay for any damages arising or resulting from such use or sale. please contact authorized vishay personnel to obtain written terms and conditions regarding products designed for such applications. product names and markings noted herein may be trademarks of their respective owners.


▲Up To Search▲   

 
Price & Availability of GBPC1510-E451

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X