db101 thru db107 1 amp single phase glass passivated bridge rectifier 50 to 1000 volts features ? 4-pin dip package ? glass passivated diode construction ? ul recognized file # e165989 ? high surge current capability maximum ratings ? operating junction temperature: -55 c to +1 50 c ? storage temperature: -55 c to +150 c mcc catalog number device marking maximum recurrent peak reverse voltage maximum rms voltage maximum dc blocking voltage db101 db101 50v 35v 50v db102 db102 100v 70v 100v db103 db103 200v 140v 200v db104 db104 400v 280v 400v db105 db105 600v 420v 600v db106 db106 800v 560v 800v db107 db107 1000v 700v 1000v electrical characteristics @ 25 c unless otherwise specified average forward current i f(av) 1 a t a = 40 c peak forward surge current i fsm 50a 8.3ms, half sine maximum instantaneous forward voltage v f 1.1v i fm = 1.0a; t j = 25 c maximum dc reverse current at rated dc blocking voltage i r 10 a 0.5ma t j = 25 c t j = 125 c typical junction capacitance c j 25pf measured at 1.0mhz, v r =4.0v db-1 omp onents 20736 marilla street chatsworth
m c c revision: 1 2 200 8 /0 8 / 26 tm micro commercial components dimensions dim min max min max note a .316 .335 8.05 8.51 b .245 .255 6.20 6.50 c .300 .350 7.60 8.90 d .236 .299 6.01 7.60 e . 10 2 . 130 2. 60 3. 30 a b c d e g h + - ~ ~ notch f h g inches mm .060 1.50 typ .195 .016 .022 .41 .56 .205 5.00 5.20 f typ www. mccsemi .com 1 of 3 x case material: molded plastic. ul flammability classification rating 94v-0 and rating 1 ? lead free finish/rohs compliant(note 1) ("p" suffix designates rohs compliant. see ordering information) notes:1.high temperature solder exemption applied, see eu directive annex 7.
db101 thru db107 instantaneous reverse leakage current - microamperes versus percent of rated peak reverse voltage - volts instantaneous forward current - amperes versus instantaneous forward voltage - volts figure 1 typical forward characteristics 4 6 20 10 amps 1 100 4 0 10 20 30 8 figure 4 peak forward surge current peak forward surge current - amperes versus number of cycles at 60hz - cycles amps cycles 2 6 10 20 60 80 40 40 50 60 .4 .6 .8 1.0 1.2 1.4 .01 .02 .04 .06 .1 .2 .4 .6 1 2 25 c volts figure 2 typical reverse characteristics volts 4 6 20 10 amps 20 120 40 60 80 100 .01 .02 .04 .06 .1 .2 .4 .6 1 2 t j =25 c 40 60 100 14 0 m c c revision: 1 2 2008/0 8 / 26 single phase, half wave 60hz resistive or inductive load 0 figure 3 forward derating curve 25 50 100 125 150 0 0.2 0.4 0.6 amps 75 0.8 1.0 1.2 tm micro commercial components w w w. mccsemi .com 2 of 3 temperature - q c average forward rectified current - ambient
m c c revision: 1 2 2008/0 8 / 26 tm micro commercial components www. mccsemi .com 3 of 3 products are represented on our website, harmless against all damages. ***applications disclaimer*** ***important notice*** aerospace or military applications. products offer by micro commercial components corp . are not intended for use in medical, micro commercial components corp . reserve s the right to make changes without further notice to any product herein to make corrections, modifications , enhancements , improvements , or other changes . micro commercial components corp . does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights ,nor the rights of others . the user of products in such applications shall assume all risks of such use and will agree to hold micro commercial components corp . and all the companies whose ordering information device packing (part number)-bp bulk; 50 pcs/ tube 3
|