Part Number Hot Search : 
SP6134HV CY62148 1N2992RB DB28A FOR3G B9947 ST72F MSC1150M
Product Description
Full Text Search
 

To Download CTLSMS24-M622 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ctlsms05-m622 ctlsms12-m622 ctlsms15-m622 CTLSMS24-M622 surface mount tlm tm silicon quad tvs / zener array 5.0 thru 24 volts tlm622 case central semiconductor corp. tm r1 (10-april 2006) description: the central semiconductor ctlsms05 series is a 4 line tvs/zener array packaged in a space saving tlm tm (tiny leadless module tm ) tlm622 case. these devices are designed to protect sensitive equipment against esd and to prevent latch-up events in cmos circuitry operating at 5v, 12v, 15v and 24v. marking codes: ctlsms05-m622: cbc ctlsms12-m622: cbd ctlsms15-m622: cbf CTLSMS24-M622: cbh type no. reverse stand-off voltage reverse breakdown voltage reverse leakage current clamping voltage 8x20sec clamping voltage 8x20sec off state junction capacitance v r =0v f=1.0mhz marking code v wrm max (v) v br min (v) i br (ma) i r max (a) v r (v) vcl max (v) ipp (a) vcl max (v) ipp (a) cj max (pf) ctlsms05-m622 5 6 1.0 5.0 5.0 9.5 5.0 13 24 200 cbc ctlsms12-m622 12 13.3 1.0 5.0 12 17 5.0 21 15 90 cbd ctlsms15-m622 15 16.7 1.0 5.0 15 22 5.0 27 12 70 cbf CTLSMS24-M622 24 26.7 1.0 5.0 24 35 5.0 40 8 50 cbh maximum ratings: (t a =25c) symbol units peak pulse power (8x20sec waveform) p pp 350 w esd voltage (hbm) v esd >25 kv operating temperature range t j -50 to +125 c storage temperature range t stg -50 to +150 c electrical characteristics per diode: (t a =25c unless otherwise noted) features: ? very low clamping voltage ? low leakage current ? 350w power dissipation ? iec61000-4-2 esd 20kv air, 15kv contact compliance ? new tiny leadless module (tlm) package with a footprint compatible with the sot-363 footprint. applications: ? pdas ? memory card ports ? mobile phones ? instrumentation bottom view top view
central semiconductor corp. tm tlm622 case - mechanical outline ctlsms05-m622 ctlsms12-m622 ctlsms15-m622 CTLSMS24-M622 surface mount tlm tm silicon quad tvs / zener array 5.0 thru 24 volts r1 (10-april 2006) lead code: 1) cathode d1 2) no connection 3) cathode d2 4) cathode d3 5) no connection 6) cathode d4 p) anode d1, d2, d3, d4 marking codes: ctlsms05-m622: cbc ctlsms12-m622: cbd ctlsms15-m622: cbf CTLSMS24-M622: cbh pinout schematic suggested mounting pad layout for maximum power dissipation (dimensions in mm) for standard mounting refer to tlm622 package details


▲Up To Search▲   

 
Price & Availability of CTLSMS24-M622

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X