Part Number Hot Search : 
PMST54 56AEEE SK369 ZR38650 GBU6M 0524S MB91F KBL01PT
Product Description
Full Text Search
 

To Download CMSH3-100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  cmsh3-20 cmsh3-60 cmsh3-40 CMSH3-100 surface mount silicon schottky rectifier 3 amp, 20 thru 100 volts description: the central semiconductor cmsh3-20 series 3.0 amp surface mount silicon schottky rectifier is a high quality, well constructed, highly reliable component designed for use in all types of commercial, industrial, entertainment, computer, and automotive applications. to order devices on 16mm tape and reel (3000/13? reel), add tr13 suffix to part number. features: ? low cost ? superior lot to lot consistency ? high reliability ? special selections available ? ? c? bend construction provides strain relief when mounted on pc board maximum ratings: (t a =25c unless otherwise noted) cmsh3 cmsh3 cmsh3 cmsh3 symbol -20 -40 -60 -100 units peak repetitive reverse voltage v rrm 20 40 60 100 v dc blocking voltage v r 20 40 60 100 v rms reverse voltage v r(rms) 14 28 42 71 v average forward current (t a =75c) i o 3.0 a peak forward surge current, tp=8.3ms i fsm 150 a operating and storage junction temperature t j , t stg -65 to +150 c thermal resistance jl 10 c/w electrical characteristics: (t a =25c unless otherwise noted) symbol test conditions max units i r v r =rated v rrm 500 a i r v r =rated v rrm, t a =100c 20 ma v f i f =3.0a (cmsh3-20, -40) 0.50 v v f i f =3.0a (cmsh3-60) 0.70 v v f i f =3.0a (CMSH3-100) 0.80 v marking code: see marking code table on following page smc case r3 (8-february 2010) www.centralsemi.com
cmsh3-20 cmsh3-60 cmsh3-40 CMSH3-100 surface mount silicon schottky rectifier 3 amp, 20 thru 100 volts smc case - mechanical outline device marking code cmsh3-20 cs320 cmsh3-40 cs340 cmsh3-60 cs360 CMSH3-100 cs3100 www.centralsemi.com r3 (8-february 2010)


▲Up To Search▲   

 
Price & Availability of CMSH3-100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X