Part Number Hot Search : 
74ABT08N P6N60F XF0053A BA1L3M E001489 RF830 C9S08 MBR3010
Product Description
Full Text Search
 

To Download CBRHDSH2-10010 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  cbrhdsh2-100 surface mount high density 2 amp silicon schottky bridge rectifier description: the central semiconductor cbrhdsh2-100 is a full wave bridge rectifier mounted in a durable epoxy surface mount case, utilizing glass passivated chips. marking code: csh10 features: ? low leakage current (700na typ @ v rrm ) ? high 2.0a current rating ? low v f schottky diodes (840mv max @ i f =2.0a) maximum ratings: (t a =25c unless otherwise noted) symbol units peak repetitive reverse voltage v rrm 100 v dc blocking voltage v r 100 v rms reverse voltage v r(rms) 70 v average forward current (t a =75c) i o 2.0 a peak forward surge current (8.3ms) i fsm 50 a operating junction temperature t j -50 to +125 c storage temperature t stg -50 to +150 c electrical characteristics per diode: (t a =25c unless otherwise noted) symbol test conditions typ max units i r v r =100v 0.70 4.0 a v f i f =500ma 610 mv v f i f =1.0a 700 mv v f i f =2.0a 770 840 mv c j v r =4.0v, f=1.0mhz 250 pf hd dip case r3 (4-january 2010) www.centralsemi.com ? device is halogen free by design
cbrhdsh2-100 surface mount high density 2 amp silicon schottky bridge rectifier hd dip case - mechanical outline marking code: csh10 www.centralsemi.com r3 (4-january 2010)
cbrhdsh2-100 surface mount high density 2 amp silicon schottky bridge rectifier typical electrical characteristics r3 (4-january 2010) www.centralsemi.com


▲Up To Search▲   

 
Price & Availability of CBRHDSH2-10010

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X