Part Number Hot Search : 
220DR 95310 3C5P3 SI6963 TA8248 1H103K MB3793 MS401
Product Description
Full Text Search
 

To Download BAS70-05-7-F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  bas70/ -04/ -05/ -06 surface mount schottky barrier diode features ? low turn-on voltage ? fast switching ? pn junction guard ring for transient and esd protection ? lead free/rohs compliant (note 3) ? qualified to aec-q101 standards for high reliability mechanical data ? case: sot-23 ? case material: molded plastic. ul flammability classification rating 94v-0 ? moisture sensitivity: level 1 per j-std-020c ? terminals: solderable per mil-std-202, method 208 ? lead free plating (matte tin finish annealed over alloy 42 leadframe). ? polarity: see diagrams below ? marking information: see page 3 ? ordering information: see page 3 ? weight: 0.008 grams (approximate) sot-23 dim min max a 0.37 0.51 b 1.20 1.40 c 2.30 2.50 d 0.89 1.03 e 0.45 0.60 g 1.78 2.05 h 2.80 3.00 j 0.013 0.10 k 0.903 1.10 l 0.45 0.61 m 0.085 0.180 0 8 all dimensions in mm bas70 marking: k73, k7c bas70-04 marking: k74, k7d bas70-05 marking: k75, k7e bas70-06 marking: k76, k7f top view maximum ratings @t a = 25c unless otherwise specified characteristic symbol value unit peak repetitive reverse voltage working peak reverse voltage dc blocking voltage v rrm v rwm v r 70 v rms reverse voltage v r(rms) 49 v maximum forward continuous current (note 1) i fm 70 ma non-repetitive peak forward surge current @ t 1.0s i fsm 100 ma power dissipation (note 1) p d 200 mw thermal resistance junction to ambient air (note 1) r ja 625 c/w operating junction temperature range t j -55 to +125 c storage temperature range t stg -65 to +150 c electrical characteristics @t a = 25c unless otherwise specified characteristic symbol min max unit test condition reverse breakdown voltage (note 2) v (br)r 70 ? v i r = 10a forward voltage v f ? 410 1000 mv t p <300s, i f = 1.0ma t p <300s, i f = 15ma reverse current (note 2) i r ? 100 na t p <300s, v r = 50v total capacitance c t ? 2.0 pf v r = 0v, f = 1.0mhz reverse recovery time t rr ? 5.0 ns i f = i r = 10ma to i r = 1.0ma, r l =100 notes: 1. part mounted on fr-4 board with recommended pad layout, which can be found on our website at http:// www.di odes.com/datasheet s/ap02001.pdf. 2. short duration pulse test used to minimize self-heating effect. 3. no purposefully added lead. ds11007 rev. 19 - 2 1 of 3 www.diodes.com bas70/ -04/ -05/ -06 ? diodes incorporated
ds11007 rev. 19 - 2 2 of 3 www.diodes.com bas70/ -04/ -05/ -06 ? diodes incorporated
ordering information (note 4) device packaging shipping bas70-7-f sot-23 3000/tape & reel bas70-04-7-f sot-23 3000/tape & reel BAS70-05-7-F sot-23 3000/tape & reel bas70-06-7-f sot-23 3000/tape & reel notes: 4. for packaging details, go to our website at http://www.di odes.com/datas heets/ap02007.pdf. marking information xxx = product type marking code (see page 1) ym = date code marking y = year ex: t = 2006 m = month ex: 9 = september date code key year 2001 2002 2003 2004 2005 2006 2007 2008 2009 2010 2011 2012 code m n p r s t u v w x y z month jan feb mar apr may jun jul aug sep oct nov dec code 1 2 3 4 5 6 7 8 9 o n d important notice diodes incorporated and its subsidiaries rese rve the right to make modifications, enhancements, improvements, corrections or ot her changes without further notice to any product herein. diodes incorporat ed does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights, nor the ri ghts of others. the user of products in such applications shall assume all risks of such use and will agree to hold diodes inco rporated and all the companies whose products are represented on our website, harmless against all damages. life support diodes incorporated products are not authoriz ed for use as critical components in life support devices or systems without the e xpressed written approval of the president of diodes incorporated. ds11007 rev. 19 - 2 3 of 3 www.diodes.com bas70/ -04/ -05/ -06 ? diodes incorporated


▲Up To Search▲   

 
Price & Availability of BAS70-05-7-F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X