Part Number Hot Search : 
HGAAM DCG010 350CA BZV79C10 GKCD34P9 25681 BSA40 BRUS540
Product Description
Full Text Search
 

To Download BA05FP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  27 standard ics low saturation voltage type 3-pin regulator ba  t / fp series the ba  t / fp series are fixed positive output low drop-out type, 3-pin voltage regulators with positive output. these regulators are used to provide a stabilized output voltage from a fluctuating dc input voltage. there are 10 fixed output voltages, as follows:3v, 3.3v, 5v, 6v*, 7v, 8v, 9v, 10v, 12v and 15v. the maximum current capacity is 1a for each of the above voltages. (items marked with an asterisk are under development.)  applications constant voltage power supply  features 1) built-in overvoltage protection circuit, overcurrent protection circuit and thermal shutdown circuit. 2) to220fp and to252-3 packages are available to cover a wide range of applications. 3) compatible with the ba178  series. 4) richly diverse lineup. 5) low minimum i / o voltage differential.  product codes  block diagram
28 standard ics ba  t / fp series  absolute maximum ratings (ta = 25  c)  recommended operating conditions ba03t / fp ba033t / fp ba05t / fp ba06t / fp (under development) ba07t / fp ba08t / fp ba09t / fp ba10t / fp ba12t / fp ba15t / fp (under development)
29 standard ics ba  t / fp series  electrical characteristics ba03t / fp (unless otherwise noted, ta = 25  c, v cc = 8v, io = 500ma) ba033t / fp (unless otherwise noted, ta = 25  c, v cc = 8v, io = 500ma) ba05t / fp (unless otherwise noted, ta = 25  c, v cc = 10v, io = 500ma)
30 standard ics ba  t / fp series ba06t / fp (unless otherwise noted, ta = 25  c, v cc = 11v, io = 500ma) (under development) ba07t / fp (unless otherwise noted, ta = 25  c, v cc = 12v, io = 500ma) ba08t / fp (unless otherwise noted, ta = 25  c, v cc = 13v, io = 500ma)
31 standard ics ba  t / fp series ba09t / fp (unless otherwise noted, ta = 25  c, v cc = 14v, io = 500ma) (under development) ba10t / fp (unless otherwise noted, ta = 25  c, v cc = 15v, io = 500ma) ba12t / fp (unless otherwise noted, ta = 25  c, v cc = 17v, io = 500ma)
32 standard ics ba  t / fp series ba15t / fp (unless otherwise noted, ta = 25  c, v cc = 20v, io = 500ma)
33 standard ics ba  t / fp series  measurement circuits
34 standard ics ba  t / fp series  operation notes (1) operating power supply voltage when operating within the normal voltage range and within the ambient operating temperature range, most circuit functions are guaranteed. the rated values cannot be guaranteed for the electrical characteristics, but there are no sudden changes of the characteristics within these ranges. (2) power dissipation heat attenuation characteristics are noted on a separate page and can be used as a guide in judging power dis- sipation. if these ics are used in such a way that the allowable power dissipation level is exceeded, an increase in the chip temperature could cause a reduction in the current capability or could otherwise adversely affect the perfor- mance of the ic. make sure a sufficient margin is allowed so that the allowable power dissipation value is not ex- ceeded. (3) output oscillation prevention and bypass capacitor be sure to connect a capacitor between the output pin and gnd to prevent oscillation. since fluctuations in the valve of the capacitor due to temperature changes may cause oscillations, a tantalum electrolytic capacitor with a small internal series resistance (esr) is recom- mended. a 22 m f capacitor is recommended; however, be aware that if an extremely large capacitance is used (1000 m f or greater), then oscillations may occur at low frequen- cies. therefore, be sure to perform the appropriate verifi- cations before selecting the capacitor. also, we recommend connecting a 0.33 m f bypass ca- pacitor as close as possible between the input pin and gnd. (4) overcurrent protection circuit an overcurrent protection circuit is built into the outputs, to prevent destruction of the ic in the even the load is shorted. this protection circuit limits the current in the shape of a '7'. this circuit is designed with a high margin, so that that current is restricted and latching is prevented, even if a high-capacitance capacitator causes a large amount of current to temporary flow through the ic. however, these protection circuits are only good for pre- venting damage from sudden accidents and should not be used for continuous protection (for instance, clamping at an output of 1v f or greater; below 1v f , the short mode circuit operates). note that the capacitor has negative temperature characteristics, and the design should take this into consideration. (5) thermal overload circuit a built-in thermal overload circuit prevents damage from overheating. when the thermal circuit is activated, the outputs are turned off. when the temperature drops back to a constant level, the circuit is restored. (6) internal circuits could be damaged if there are modes in which the electric potential of the application's input (v cc ) and gnd are the opposite of the electric po- tential normally used by each of the outputs. use of a diode or other such bypass path is recommended. (7) although the manufacture of this product includes rigorous quality assurance procedures, the product may be damaged if absolute maximum ratings for voltage or operating temperature are exceeded. if damage has oc- curred, special modes (such as short circuit mode or open circuit mode) cannot be specified. if it is possible that such special modes may be needed, please consid- er using a fuse or some other mechanical safety mea- sure. (8) when used within a strong magnetic field, be aware that the possibility of malfunction exists.
 external dimensions (units: mm) 35 standard ics ba  t / fp series  electrical characteristic curves


▲Up To Search▲   

 
Price & Availability of BA05FP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X