Part Number Hot Search : 
SI3406X AD9640 AN5792 2E30A FWL10G 2SK551 FXP1800 UITE1
Product Description
Full Text Search
 

To Download APTGT300A120D3G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  APTGT300A120D3G APTGT300A120D3G ? rev 2 march, 2011 www.microsemi.com 1-5 absolute maximum ratings symbol parameter max ratings unit v ces collector - emitter breakdown voltage 1200 v t c = 25c 440 i c continuous collector current t c = 80c 300 i cm pulsed collector current t c = 25c 600 a v ge gate ? emitter voltage 20 v p d maximum power dissipation t c = 25c 1450 w rbsoa reverse bias safe operating area t j = 125c 600a @ 1100v these devices are sensitiv e to electrostatic discharge. proper handling procedures should be followe d. see application note apt0502 on www.microsemi.com 2 1 3 5 q2 7 6 q1 4 v ces = 1200v i c = 300a @ tc = 80c application ? welding converters ? switched mode power supplies ? uninterruptible power supplies ? motor control features ? trench + field stop igbt3 technology - low voltage drop - low tail current - switching frequency up to 20 khz - soft recovery parallel diodes - low diode vf - low leakage current - rbsoa and scsoa rated ? kelvin emitter for easy drive ? high level of integration ? m6 power connectors benefits ? stable temperature behavior ? very rugged ? direct mounting to heatsink (isolated package) ? low junction to case thermal resistance ? easy paralleling due to positive t c of v cesat ? rohs compliant phase leg trench + field stop igbt3 power module
APTGT300A120D3G APTGT300A120D3G ? rev 2 march, 2011 www.microsemi.com 2-5 all ratings @ t j = 25c unless otherwise specified electrical characteristics symbol characteristic test conditions min typ max unit i ces zero gate voltage collector current v ge = 0v, v ce = 1200v 500 a t j = 25c 1.7 2.1 v ce(sat) collector emitter saturation voltage v ge = 15v i c = 300a t j = 125c 2.0 v v ge(th) gate threshold voltage v ge = v ce , i c = 12ma 5.0 5.8 6.5 v i ges gate ? emitter leakage current v ge = 20v, v ce = 0v 400 na dynamic characteristics symbol characteristic test conditions min typ max unit c ies input capacitance 21 c res reverse transfer capacitance v ge = 0v ; v ce = 25v f = 1mhz 1 nf q g gate charge v ge =15v, i c =300a v ce =600v 2.8 c t d(on) turn-on delay time 250 t r rise time 90 t d(off) turn-off delay time 550 t f fall time inductive switching (25c) v ge = 15v v bus = 600v i c = 300a r g = 2.2 130 ns t d(on) turn-on delay time 300 t r rise time 100 t d(off) turn-off delay time 650 t f fall time inductive switching (125c) v ge = 15v v bus = 600v i c = 300a r g = 2.2 180 ns e on turn on energy t j = 125c 25 e off turn off energy v ge = 15v v bus = 600v i c = 300a r g = 2.2 t j = 125c 44 mj i sc short circuit data v ge 15v ; v bus = 900v t p 10s ; t j = 125c 1200 a reverse diode ratings and characteristics symbol characteristic test conditions min typ max unit v rrm maximum peak repetitive reverse voltage 1200 v t j = 25c 750 i rrm maximum reverse leakage current v r =1200v t j = 125c 1000 a i f dc forward current tc = 80c 300 a t j = 25c 1.6 2.1 v f diode forward voltage i f = 300a v ge = 0v t j = 125c 1.6 v t j = 25c 170 t rr reverse recovery time t j = 125c 280 ns t j = 25c 28 q rr reverse recovery charge t j = 125c 56 c t j = 25c 12 e rr reverse recovery energy i f = 300a v r = 600v di/dt =3500a/s t j = 125c 22 mj
APTGT300A120D3G APTGT300A120D3G ? rev 2 march, 2011 www.microsemi.com 3-5 thermal and package characteristics symbol characteristic min typ max unit igbt 0.085 r thjc junction to case thermal resistance diode 0.16 c/w v isol rms isolation voltage, any terminal to case t =1 min, i isol<1ma, 50/60hz 4000 v t j operating junction temperature range -40 150 t stg storage temperature range -40 125 t c operating case temperature -40 125 c for terminals m6 3 5 torque mounting torque to heatsink m6 3 5 n.m wt package weight 350 g d3 package outline (dimensions in mm) 1 a dtail a
APTGT300A120D3G APTGT300A120D3G ? rev 2 march, 2011 www.microsemi.com 4-5 typical performance curve output characteristics (v ge =15v) t j =25c t j =125c 0 100 200 300 400 500 600 01234 v ce (v) i c (a) output characteristics v ge =15v v ge =13v v ge =17v v ge =9v 0 100 200 300 400 500 600 01234 v ce (v) i c (a) t j = 125c transfert characteristics t j =25c t j =125c 0 100 200 300 400 500 600 5 6 7 8 9 101112 v ge (v) i c (a) energy losses vs collector current eon eon eoff err 0 20 40 60 80 100 0 100 200 300 400 500 600 i c (a) e (mj) v ce = 600v v ge = 15v r g = 2.2 ? t j = 125c eon eoff err 0 25 50 75 100 125 150 0 4 8 12 16 20 gate resistance (ohms) e (mj) v ce = 600v v ge =15v i c = 300a t j = 125c switching energy losses vs gate resistance reverse bias safe operating area 0 100 200 300 400 500 600 700 0 300 600 900 1200 1500 v ce (v) i c (a) v ge =15v t j =125c r g =2.2 ? maximum effective transient thermal impedance, junction to case vs pulse duration 0.9 0.7 0.5 0.3 0.1 0.05 single pulse 0 0.02 0.04 0.06 0.08 0.1 0.00001 0.0001 0.001 0.01 0.1 1 10 rectangular pulse duration (seconds) thermal impedance (c/w) igbt
APTGT300A120D3G APTGT300A120D3G ? rev 2 march, 2011 www.microsemi.com 5-5 forward characteristic of diode t j =25c t j =125c 0 100 200 300 400 500 600 0 0.4 0.8 1.2 1.6 2 2.4 v f (v) i f (a) hard switching zcs zvs 0 10 20 30 40 50 0 100 200 300 400 500 i c (a) fmax, operating frequency (khz) v ce =600v d=50% r g =2.2 ? t j =125c t c =75c operating frequency vs collector current maximum effective transient thermal impedance, junction to case vs pulse duration 0.9 0.7 0.5 0.3 0.1 0.05 single pulse 0 0.02 0.04 0.06 0.08 0.1 0.12 0.14 0.16 0.18 0.00001 0.0001 0.001 0.01 0.1 1 10 rectangular pulse duration (seconds) thermal impedance (c/w) diode microsemi reserves the right to change, without notice, the specifications and info rmation contained herein


▲Up To Search▲   

 
Price & Availability of APTGT300A120D3G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X