Part Number Hot Search : 
A1574T SRC12 MFRC52 MNTXG H646LJC 74F241SJ SM6S17A BTS3408G
Product Description
Full Text Search
 

To Download AK22D300-QSOP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  description this new family of accutek dip adapter modules converts surface mount ic?s to pin compatible dip packages for creating drop-in re - placements for end-of-life dip ic?s. package types supported are: soj, plcc, soic, sop, tsop, qsop, hsop, msop, llp (leadless leadframe package), csp (chip scale package) and clcc. these dip adapters were developed for users with motherboard designs that require dip?s, now obsoleted by manufacturers. these adapter modules save costly motherboard redesigns. available with machined or flat contact pins. accutek dip adapter modules feature 4 to 84 pins, are fully assembled and tested and may include a decoupling capacitor. these dip adapters can be manufac tured turnkey or from customer supplied surface mount chips. modules range in length from 0.200? to 4.200? depending on number of pins and incorporate 0.300?, 0.400?, 0.600?, 0.900", 1.200" and 1.400" row-to-row spacing with 0.100? lead spacing. custom configurations up to 200 pins, multi-chip and double sided modules are also available for special functions. a variety of pin lengths with varying diameters as well as custom sizes and spacing can be specified with different materials and finishes. all modules are designed in-house using pcb c ad workstations. automated assembly and 100% testing are also performed in-house. features  saves costly redesign of current motherboards  fully tested with lifetime limited warranty  may include an on board decoupling capacitor  ic assembly and testing available  eprom and flash programming available  custom lead lengths available  custom multi-chip and double-sided modules available ordering options  adapter only  customer supplies chips - accutek assembles on accutek adapters, tests and delivers finis hed product in antistatic tubes.  complete turnkey - accutek purchases ic?s and passives. then assembles, tests and delivers finished product in antistatic tubes. 16 pin to 24 pin dip adapters accutek microcircuit cor p oration dip adapter modules eliminate the need to redesign motherboards or may be used for breadboard prototyping accutek microcircuit corporation business center at newburyport 2 new pasture road, suite 1 newburyport, ma 01950-4054 phone: 978-465-6200 fax: 978-462-3396 e-mail: sales@accutekmicro.com internet: www.accutekmicro.com
page 6 accutekmicro.com 03/2005(da06) ak16d-llp4x4 0.300" 0.800" 0.100" (0.5mm) (2.2mm) leadless leadframe package (4 x 4) to 16 pin dip 0.087" 0.020" 0.300" 0.800" 0.125" ak16d300-qsop 0.400" 0.025" (.635mm) 0.110" 0.100" 16 pin qsop & ssop to dip 0.300" 0.800" 0.400" ak16d300-nso 0.250" 0.080" 0.125" 0.050" 0.100" 16 pin soic to dip 0.300" 0.800" 0.125" ak16d300-tsop 0.400" .65mm (.0256") 0.110" 0.100" 16 pin tsop to dip 0.300" 1.000" 0.125" ak16d300-ssop.8mm 0.400" .8mm (.0315") 0.110" 0.100" 16 pin ssop 0.8mm pitch to dip 0.300" 0.800" 0.400" ak16d300-qfn5x5 0.155" 0.080" 0.125" 0.100" 16 pin quad flat no-lead package 0.8mm pitch to dip 0.8mm (0.0315") 0.235" 0.385" 0.165" 0.385" 0.165" 0.385" 0.165"
page 6a accutekmicro.com 12/2004(da06a) 0.300" 0.800" ak16d300-wso 0.500" 0.445" 0.345" 0.050" 0.125" 0.080" 0.100" 16 pin wide soic to dip 0.300" 0.800" 0.600" ak16d300-hsop 0.080" 0.125" 0.050" 0.100" 16 pin hsop to dip 0.447" 0.300" 0.900" 0.125" ak18d300-qsop 0.400" 0.025" (.65mm) 0.110" 0.100" 18 pin qsop & ssop to dip 0.300" 0.900" 0.125" ak18d300-nwso 0.440" 0.140" 0.050" 0.300" 0.900" 0.400" ak18d300-nso 0.250" 0.110" 0.080" 0.125" 0.050" 0.100" 0.100" 18 pin narrow soic to dip 18 pin wide or narrow soic to dip 0.300" 0.900" 0.600" ak18d300-hsop 0.080" 0.125" 0.050" 0.100" 18 pin hsop to dip 0.445" 0.385" 0.165"
page 7 accutekmicro.com 03/2005(da07) 0.300" 1.000" ak20d300-tsop 0.400" 0.65mm (.0256") 0.125" 0.110" 0.100" 20 pin tsop & ssop .65mm pitch to dip 0.300" 0.900" ak18d300-soj-64kx4 (for 64k x 4 drams) 0.400" 0.050" 0.335" 0.185" 0.125" 0.110" 0.100" 0.300" 1.000" ak20d300-qsop 0.400" 0.025" (.635mm) 0.125" 0.110" 0.100" 20 pin qsop 0.025" pitch to dip 0.300" 1.000" 0.400" 0.125" 0.110" 0.100" ak20d300-ssop.8mm .8mm (.0315") 20 pin ssop 0.8mm pitch to dip 0.300" 1.000" ak20d300-hsop 0.050" 0.125" 0.080" 0.100" 20 pin hsop to dip 0.600" 0.445" 0.400" 1.000" ak20d400-soic.89mm 0.500" 0.89mm (0.035") 0.125" 0.079" 0.100" 20 pin .89mm pitch soic to dip 0.385" 0.165" 0.385" 0.165" 0.385" 0.165" 0.350" 0.225"
page 8 accutekmicro.com 03/2005(da08) 0.300" 1.000" ak20d300-plcc 0.400" 0.050" 0.245" 0.125" 0.110" 0.100" 20 pin plcc to dip 0.300" 1.000" 0.400" 0.125" 0.110" 0.100" 0.565" ak20ds300-plcc (with plcc socket included) 0.295" 20 pin plcc socket to dip 0.300" 1.000" ak20d300-nwso 0.400" 0.140" 0.050" 0.125" 0.110" 0.100" 20 pin narrow or wide soic to dip 0.300" 1.000" ak20d300-wso 0.500" 0.445" 0.345" 0.050" 0.125" 0.080" 0.100" 20 pin wide soic to dip 0.300" 1.100" AK22D300-QSOP 0.400" 0.025" (.65mm) 0.125" 0.110" 0.100" 22 pin qsop & ssop to dip 0.300" 1.000" ak20d300-soj (for 1meg & 4 meg drams) 0.400" 0.050" 0.335" 0.185" 0.125" 0.110" 0.100" 0.385" 0.165"
page 9 accutekmicro.com 03/2005(da09) 0.300" 1.200" 0.400" 0.125" 0.080" 0.100" ak24d-llp leadless leadframe package(5 x 4) to 24 pin dip 0.020" (0.5mm) (3.4mm) 0.134" 0.095" (2.4mm) 0.300" 1.200" ak24d300-tsop 0.400" 0.65mm (.0256") 0.125" 0.110" 0.100" 24 pin tsop & ssop 0.65mm pitch to dip 0.300" 1.200" ak24d300-soic 0.440" 0.140" 0.050" 0.125" 0.110" 0.100" 0.300" 1.200" ak24d300-soj 0.400" 0.140" 0.050" 0.125" 0.110" 0.100" 24 pin soic to dip 24 pin soj to dip 0.300" 1.200" ak24d300-qsop 0.400" 0.025" (.635mm) 0.125" 0.110" 0.100" 24 pin qsop 0.025' pitch to dip 0.300" 1.200" 0.400" 0.125" 0.110" 0.100" ak24d300-ssop.8mm .8mm (.0315") 24 pin ssop 0.8mm pitch to dip 0.385" 0.165" 0.385" 0.165" 0.385" 0.165"


▲Up To Search▲   

 
Price & Availability of AK22D300-QSOP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X