|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
abs1,4,5 20 turquoise switches s type (abs) high environmental resistance features subminiature size (19.8 11.1 6.4 mm) (.780 .437 .252 inch) sealed construction for use in adverse environment-sealed construction by ep- oxy resin and rubber cap keeps off the cause of miscontact such as dust. con- forming to ip67* of iec protective construction classi?ation elastomer double molding technology, an industry ?st and ultrasonic swaging technology contribute to uniform sealing in high production quantities expansion of low-level circuit type ul/csa/vde/semko approved (as for gold-clad twin layer, vde and semko are not approved.) *based on the protective construction classi?ation of iec, items which satisfy the test requirements are denoted with an ip designation. typical applications automotives home appliances (vacuum cleaner, air puri?r) others (gas cookingrange, water vallet) ordering information type of switch abs: turquoise switch s type wire and terminal position 1: 4: 5: straight type right angle left angle terminal 1: 4: 5: 6: .110 quick-connect terminal solder terminal pc board terminal wire leads contact arrangement 1: 2: 3: spdt spst-nc spst-no actuator 0: 1: 2: 3: 4: 6: 8: pin plunger short hinge lever hinge lever long hinge lever simulated roller lever roller lever leaf lever operating force by pin plunger (max.) 3: 4: 5: 75 gf 2.646 oz 100 gf 3.527 oz 150 gf 5.291 oz contact 0: 1: 4: silver-alloy gold-clad triple layer gold-clad double layer ex. abs 1 1 1 0 4 0 remarks: 1. standard packing: dust protected type 100 pcs./carton, 1,000 pcs./case; immersion protected type 50 pcs./case. 2. spst-nc and spst-no are only available for wire leads type. 3. leaf lever is only available for wire leads type 4. 75 g oprating force is only available for gold-clad contact. 5. as for wire position: 6. not every combination is available. please refer to the following table, product types . straight type wire opposite to the actuator side type (right angle) wire actuator side type (left angle) turquoise s type.fm seite 20 mittwoch, 21. februar 2001 12:49 12
abs1,4,5 21 product types 1. dust protected type silver alloy gold-clad triple layer gold-clad double layer remarks: when ordering ul/csa approved types, please attach suf x 9" to the part number. when ordering vde/semko approved types, please attach suf x 8" to the part number. actuator operating force max. gf oz .110 quick-connect terminal solder terminal pc board terminal terminal position straight right angle left angle pin plunger 100 3.527 abs111040 abs141040 abs151040 abs451040 abs551040 150 5.291 abs111050 abs141050 abs151050 abs451050 abs551050 short hinge lever 40 1.441 abs111140 abs141140 abs151140 abs451140 abs551140 60 2.116 abs111150 abs141150 abs151150 abs451150 abs551150 hinge lever 35 1.235 abs111240 abs141240 abs151240 abs451240 abs551240 55 1.940 abs111250 abs141250 abs151250 abs451250 abs551250 long hinge lever 25 .882 abs111340 abs141340 abs151340 abs451340 abs551340 45 1.587 abs111350 abs141350 abs151350 abs451350 abs551350 simulated roller lever 35 1.235 abs111440 abs141440 abs151440 abs451440 abs551440 55 1.940 abs111450 abs141450 abs151450 abs451450 abs551450 roller lever 40 1.441 abs111640 abs141640 abs151640 abs451640 abs551640 60 2.116 abs111650 abs141650 abs151650 abs451650 abs551650 actuator operating force max. gf oz .110 quick-connect terminal solder terminal pc board terminal terminal position straight right angle left angle pin plunger 75 2.646 abs111031 abs141031 abs151031 abs451031 abs551031 100 3.527 abs111041 abs141041 abs151041 abs451041 abs551041 150 5.291 abs111051 abs141051 abs151051 abs451051 abs551051 short hinge lever 30 1.058 abs111131 abs141131 abs151131 abs451131 abs551131 40 1.441 abs111141 abs141141 abs151141 abs451141 abs551141 60 2.116 abs111151 abs141151 abs151151 abs451151 abs551151 hinge lever 28 .988 abs111231 abs141231 abs151231 abs451231 abs551231 35 1.235 abs111241 abs141241 abs151241 abs451241 abs551241 55 1.940 abs111251 abs141251 abs151251 abs451251 abs551251 long hinge lever 23 . 811 abs111331 abs141331 abs151331 abs451331 abs551331 25 .882 abs111341 abs141341 abs151341 abs451341 abs551341 45 1.587 abs111351 abs141351 abs151351 abs451351 abs551351 simulated roller lever 28 . 888 abs111431 abs141431 abs151431 abs451431 abs551431 35 1.235 abs111441 abs141441 abs151441 abs451441 abs551441 55 1.940 abs111451 abs141451 abs151451 abs451451 abs551451 roller lever 30 1.058 abs111631 abs141631 abs151631 abs451631 abs551631 40 1.441 abs111641 abs141641 abs151641 abs451641 abs551641 60 2.116 abs111651 abs141651 abs151651 abs451651 abs551651 actuator operating force max. gf oz .110 quick-connect terminal solder terminal pc board terminal terminal position straight right angle left angle pin plunger 75 2.646 abs111034 abs141034 abs151034 abs451034 abs551034 100 3.527 abs111044 abs141044 abs151044 abs451044 abs551044 150 5.291 abs111054 abs141054 abs151054 abs451054 abs551054 short hinge lever 30 1.058 abs111134 abs141134 abs151134 abs451134 abs551134 40 1.441 abs111144 abs141144 abs151144 abs451144 abs551144 60 2.116 abs111154 abs141154 abs151154 abs451154 abs551154 hinge lever 28 .988 abs111234 abs141234 abs151234 abs451234 abs551234 35 1.235 abs111244 abs141244 abs151244 abs451244 abs551244 55 1.940 abs111254 abs141254 abs151254 abs451254 abs551254 long hinge lever 23 . 811 abs111334 abs141334 abs151334 abs451334 abs551334 25 . 882 abs111344 abs141344 abs151344 abs451344 abs551344 45 1.587 abs111354 abs141354 abs151354 abs451354 abs551354 simulated roller lever 28 . 988 abs111434 abs141434 abs151434 abs451434 abs551434 35 1.235 abs111444 abs141444 abs151444 abs451444 abs551444 55 1.940 abs111454 abs141454 abs151454 abs451454 abs551454 roller lever 30 1.058 abs111634 abs141634 abs151634 abs451634 abs551634 40 1.441 abs111644 abs141644 abs151644 abs451644 abs551644 60 2.116 abs111654 abs141654 abs151654 abs451654 abs551654 turquoise s type.fm seite 21 mittwoch, 21. februar 2001 12:49 12 abs1,4,5 22 2. immersion protected type (3 wire leads type spdt) silver alloy gold-clad triple layer gold-clad double layer remarks: when ordering ul/csa approved types, please attach suf x 9" to the part number. when ordering vde/semko approved types, please attach suf x 8" to the part number. actuator operating force max. gf oz spdt wire position straight right angle left angle pin plunger 100 3.527 abs161040 abs461040 abs561040 150 5.291 abs161050 abs461050 abs561050 short hinge lever 40 1.441 abs161140 abs461140 abs561140 60 2.116 abs161150 abs461150 abs561150 hinge lever 35 1.235 abs161240 abs461240 abs561240 55 1.940 abs161250 abs461250 abs561250 long hinge lever 25 882 abs161340 abs461340 abs561340 45 1.587 abs161350 abs461350 abs561350 simulated roller lever 35 1.235 abs161440 abs461440 abs561440 55 1.940 abs161450 abs461450 abs561450 roller lever 40 1.441 abs161640 abs461640 abs561640 60 2.116 abs161650 abs461650 abs561650 actuator operating force max. gf oz spdt wire position straight right angle left angle pin plunger 75 2.646 abs161031 abs461031 abs561031 100 3.527 abs161041 abs461041 abs561041 150 5.291 abs161051 abs461051 abs561051 short hinge lever 30 1.058 abs161131 abs461131 abs561131 40 1.441 abs161141 abs461141 abs561141 60 2.116 abs161151 abs461151 abs561151 hinge lever 28 988 abs161231 abs461231 abs561231 35 1.235 abs161241 abs461241 abs561241 55 1.940 abs161251 abs461251 abs561251 long hinge lever 23 811 abs161331 abs461331 abs561331 25 822 abs161341 abs461341 abs561341 45 1.587 abs161351 abs461351 abs561351 simulated roller lever 28 888 abs161431 abs461431 abs561431 35 1.235 abs161441 abs461441 abs561441 55 1.940 abs161451 abs461451 abs561451 roller lever 30 1.058 abs161631 abs461631 abs561631 40 1.441 abs161641 abs461641 abs561641 60 2.116 abs161651 abs461651 abs561651 actuator operating force max. gf oz spdt wire position straight right angle left angle pin plunger 75 2.646 abs161034 abs461034 abs561034 100 3.527 abs161044 abs461044 abs561044 150 5.291 abs161054 abs461054 abs561054 short hinge lever 30 1.058 abs161134 abs461134 abs561134 40 1.441 abs161144 abs461144 abs561144 60 2.116 abs161154 abs461154 abs561154 hinge lever 28 988 abs161234 abs461234 abs561234 35 1.235 abs161244 abs461244 abs561244 55 1.940 abs161254 abs461254 abs561254 long hinge lever 23 811 abs161334 abs461334 abs561334 25 882 abs161344 abs461344 abs561344 45 1.587 abs161354 abs461354 abs561354 simulated roller lever 28 988 abs161434 abs461434 abs561434 35 1.235 abs161444 abs461444 abs561444 55 1.940 abs161454 abs461454 abs561454 roller lever 30 1.058 abs161634 abs461634 abs561634 40 1.441 abs161644 abs461644 abs561644 60 2.116 abs161654 abs461654 abs561654 turquoise s type.fm seite 22 mittwoch, 21. februar 2001 12:49 12 abs1,4,5 23 3. immersion protected type (2 wire leads type spst-nc) silver alloy gold-clad triple layer gold-clad double layer remarks: when ordering ul/csa approved types, please attach suf x 9" to the part number. when ordering vde/semko approved types, please attach suf x 8" to the part number. actuator operating force max. gf oz spst-nc wire position straight right angle left angle pin plunger 100 3.527 abs162040 abs462040 abs562040 150 5.291 abs162050 abs462050 abs562050 short hinge lever 40 1.441 abs162140 abs462140 abs562140 60 2.116 abs162150 abs462150 abs562150 hinge lever 35 1.235 abs162240 abs462240 abs562240 55 1.940 abs162250 abs462250 abs562250 long hinge lever 25 882 abs162340 abs462340 abs562340 45 1.587 abs162350 abs462350 abs562350 simulated roller lever 35 1.235 abs162440 abs462440 abs562440 55 1.940 abs162450 abs462450 abs562450 roller lever 40 1.441 abs162640 abs462640 abs562640 60 2.116 abs162650 abs462650 abs562650 actuator operating force max. gf oz spst-nc wire position straight right angle left angle pin plunger 75 2.646 abs162031 abs462031 abs562031 100 3.527 abs162041 abs462041 abs562041 150 5.291 abs162051 abs462051 abs562051 short hinge lever 30 1.058 abs162131 abs462131 abs562131 40 1.441 abs162141 abs462141 abs562141 60 2.116 abs162151 abs462151 abs562151 hinge lever 28 988 abs162231 abs462231 abs562231 35 1.235 abs162241 abs462241 abs562241 55 1.940 abs162251 abs462251 abs562251 long hinge lever 23 811 abs162331 abs462331 abs562331 25 822 abs162341 abs462341 abs562341 45 1.587 abs162351 abs462351 abs562351 simulated roller lever 28 888 abs162431 abs462431 abs562431 35 1.235 abs162441 abs462441 abs562441 55 1.940 abs162451 abs462451 abs562451 roller lever 30 1.058 abs162631 abs462631 abs562631 40 1.441 abs162641 abs462641 abs562641 60 2.116 abs162651 abs462651 abs562651 actuator operating force max. gf oz spst-nc wire position straight right angle left angle pin plunger 75 2.646 abs162034 abs462034 abs562034 100 3.527 abs162044 abs462044 abs562044 150 5.291 abs162054 abs462054 abs562054 short hinge lever 30 1.058 abs162134 abs462134 abs562134 40 1.441 abs162144 abs462144 abs562144 60 2.116 abs162154 abs462154 abs562154 hinge lever 28 988 abs162234 abs462234 abs562234 35 1.235 abs162244 abs462244 abs562244 55 1.940 abs162254 abs462254 abs562254 long hinge lever 23 811 abs162334 abs462334 abs562334 25 882 abs162344 abs462344 abs562344 45 1.587 abs162354 abs462354 abs562354 simulated roller lever 28 988 abs162434 abs462434 abs562434 35 1.235 abs162444 abs462444 abs562444 55 1.940 abs162454 abs462454 abs562454 roller lever 30 1.058 abs162634 abs462634 abs562634 40 1.441 abs162644 abs462644 abs562644 60 2.116 abs162654 abs462654 abs562654 turquoise s type.fm seite 23 mittwoch, 21. februar 2001 12:49 12 abs1,4,5 24 4. immersion protected type (2 wire leads type spst-no) silver alloy gold-clad triple layer gold-clad double layer remarks: when ordering ul/csa approved types, please attach suf x 9" to the part number. when ordering vde/semko approved types, please attach suf x 8" to the part number. actuator operating force max. gf oz spst-no wire position straight right angle left angle pin plunger 100 3.527 abs163040 abs463040 abs563040 150 5.291 abs163050 abs463050 abs563050 short hinge lever 40 1.441 abs163140 abs463140 abs563140 60 2.116 abs163150 abs463150 abs563150 hinge lever 35 1.235 abs163240 abs463240 abs563240 55 1.940 abs163250 abs463250 abs563250 long hinge lever 25 882 abs163340 abs463340 abs563340 45 1.587 abs163350 abs463350 abs563350 simulated roller lever 35 1.235 abs163440 abs463440 abs563440 55 1.940 abs163450 abs463450 abs563450 roller lever 40 1.441 abs163640 abs463640 abs563640 60 2.116 abs163650 abs463650 abs563650 actuator operating force max. gf oz spst-no wire position straight right angle left angle pin plunger 75 2.646 abs163031 abs463031 abs563031 100 3.527 abs163041 abs463041 abs563041 150 5.291 abs163051 abs463051 abs563051 short hinge lever 30 1.058 abs163131 abs463131 abs563131 40 1.441 abs163141 abs463141 abs563141 60 2.116 abs163151 abs463151 abs563151 hinge lever 28 988 abs163231 abs463231 abs563231 35 1.235 abs163241 abs463241 abs563241 55 1.940 abs163251 abs463251 abs563251 long hinge lever 23 811 abs163331 abs463331 abs563331 25 822 abs163341 abs463341 abs563341 45 1.587 abs163351 abs463351 abs563351 simulated roller lever 28 888 abs163431 abs463431 abs563431 35 1.235 abs163441 abs463441 abs563441 55 1.940 abs163451 abs463451 abs563451 roller lever 30 1.058 abs163631 abs463631 abs563631 40 1.441 abs163641 abs463641 abs563641 60 2.116 abs163651 abs463651 abs563651 actuator operating force max. gf oz spst-no wire position straight right angle left angle pin plunger 75 2.646 abs163034 abs463034 abs563034 100 3.527 abs163044 abs463044 abs563044 150 5.291 abs163054 abs463054 abs563054 short hinge lever 30 1.058 abs163134 abs463134 abs563134 40 1.441 abs163144 abs463144 abs563144 60 2.116 abs163154 abs463154 abs563154 hinge lever 28 988 abs163234 abs463234 abs563234 35 1.235 abs163244 abs463244 abs563244 55 1.940 abs163254 abs463254 abs563254 long hinge lever 23 811 abs163334 abs463334 abs563334 25 882 abs163344 abs463344 abs563344 45 1.587 abs163354 abs463354 abs563354 simulated roller lever 28 988 abs163434 abs463434 abs563434 35 1.235 abs163444 abs463444 abs563444 55 1.940 abs163454 abs463454 abs563454 roller lever 30 1.058 abs163634 abs463634 abs563634 40 1.441 abs163644 abs463644 abs563644 60 2.116 abs163654 abs463654 abs563654 turquoise s type.fm seite 24 mittwoch, 21. februar 2001 12:49 12 abs1,4,5 25 5. immersion protected type (3 wire leads type spdt) leaf lever type silver alloy gold-clad triple layer gold-clad double layer 6. immersion protected type (2 wire leads type spst-nc) leaf lever type silver alloy gold-clad triple layer gold-clad double layer 7. immersion protected type (2 wire leads type spst-no) leaf lever type silver alloy gold-clad triple layer remarks: when ordering ul/csa approved types, please attach suf x 9" to the part number. when ordering vde/semko approved types, please attach suf x 8" to the part number. actuator operating force max. gf oz spdt wire position straight right angle left angle leaf lever 90 3.175 abs161840 abs461840 abs561840 110 3.880 abs161850 abs461850 abs561850 actuator operating force max. gf oz spdt wire position straight right angle left angle leaf lever 75 2.646 abs161831 abs461831 abs561831 90 3.175 abs161841 abs461841 abs561841 110 3.880 abs161851 abs461851 abs561851 actuator operating force max. gf oz spdt wire position straight right angle left angle leaf lever 75 2.646 abs161834 abs461834 abs561834 90 3.175 abs161844 abs461844 abs561844 110 3.880 abs161854 abs461854 abs561854 actuator operating force max. gf oz spst-nc wire position straight right angle left angle leaf lever 90 3.175 abs162840 abs462840 abs562840 110 3.880 abs162850 abs462850 abs562850 actuator operating force max. gf oz spst-nc wire position straight right angle left angle leaf lever 75 2.646 abs162831 abs462831 abs562831 90 3.175 abs162841 abs462841 abs562841 110 3.880 abs162851 abs462851 abs562851 actuator operating force max. gf oz spst-nc wire position straight right angle left angle leaf lever 75 2.646 abs162834 abs462834 abs562834 90 3.175 abs162844 abs462844 abs562844 110 3.880 abs162854 abs462854 abs562854 actuator operating force max. gf oz spst-no wire position straight right angle left angle leaf lever 90 3.175 abs163840 abs463840 abs563840 110 3.880 abs163850 abs463850 abs563850 actuator operating force max. gf oz spst-no wire position straight right angle left angle leaf lever 75 2.646 abs163831 abs463831 abs563831 90 3.175 abs163841 abs463841 abs563841 110 3.880 abs163851 abs463851 abs563851 turquoise s type.fm seite 25 mittwoch, 21. februar 2001 12:49 12 abs1,4,5 26 gold-clad double layer remarks: when ordering ul/csa approved types, please attach suf x 9" to the part number. when ordering vde/semko approved types, please attach suf x 8" to the part number. actuator operating force max. gf oz spst-no wire position straight right angle left angle leaf lever 75 2.646 abs163834 abs463834 abs563834 90 3.175 abs163844 abs463844 abs563844 110 3.880 abs162854 abs462854 abs562854 specifications 1. contact rating low-level circuit rating (gold-clad contact type) voltage silver alloy contact type gold-clad contact type gold-clad triple layer gold-clad twin layer resistive load inductive load resistive load 125 v ac 2 a 2 a 0.1 a 250 v ac 2 a 2 a 0.1 a 30 v dc 2 a 2 a 0.1 a 0.1 a 125 v dc 0.4 a 0.05 a rated voltage resistive load 6 v dc 5 ma 12 v dc 2 ma 24 v dc 1 ma recommended contact material chart classi ed by load voltage & current silver-alloy gold-clad double layer 2a 100ma 1ma 0 dc ac 5 5 15 30v 30 250v gold-clad triple layer 2. characteristics 3. operating characteristics mechanical life (o.t.: speci ed value) leaf lever min. 5x10 5 (at 60 cpm) other types min. 5x10 6 (at 60 cpm) electrical life at rated load (o.t.: max.) silver alloy contact type min. 5x10 4 (at 20 cpm) gold-clad contact type min. 2x10 5 (at 20 cpm) insulation resistance min. 100 m ? (at 500 v dc) dielectric strength between non-continuous terminals between each terminal and other exposed metal parts between each terminal and ground 1,000 vrms 1,500 vrms 1,500 vrms vibration resistance (pin plunger type) 10 to 55 hz at single amplitude of 0.75 mm (contact opening max. 1 msec.) shock resistance (pin plunger type) min. 30 g (contact opening max. 1 msec.) contact resistance (initial) silver alloy contact type dust protected type (ip50): max. 50 m ? immersion protected type (ip67): max. 100 m ? (by voltage drop 1 a 6 to 8 v dc) gold-clad contact type dust protected type (ip50): max. 100 m ? immersion protected type (ip67): max. 150 m ? (by voltage drop 0.1 a 6 to 8 v dc) allowable operating speed (at no load) 0.1 to 500 mm/sec. max. operating cycle rate (at no load) 120 cpm ambient temperature 40 c to +85 c 40 f to +185 f ambient humidity max. 95% r.h. unit weight approx. 2 g .071 oz (ip50 type) type of actuator operating force, max. release force, min. pretravel, max. mm inch movement differential, max. mm inch overtravel, min. mm inch operating position, mm inch pin plunger 0.74n {75gf} 0.98n {100gf} 1.47n {150gf} 0.098n {10gf} 0.15n {15gf} 0.20n {20gf} 0.6 .024 0.1 .004 0.4 .016 8.4 0.3 .331 .012 short hinge lever 0.29n {30gf} 0.39n {40gf} 0.59n {60gf} 0.020n {2.0gf} 0.034n {3.5gf} 0.039n {4.0gf} 2.5 .098 0.5 .020 0.8 .031 8.8 0.8 .346 .031 hinge lever 0.27n {28gf} 0.34n {35gf} 0.54n {55gf} 0.017n {1.70gf} 0.029n {3.0gf} 0.034n {3.5gf} 2.8 .110 0.8 .031 1.2 .047 8.8 0.8 .346 .031 long hinge lever 0.23n {23gf} 0.25n {25gf} 0.44n {45gf} 0.015n {1.5gf} 0.025n {2.5gf} 0.029n {3.0gf} 3.5 .138 1.0 .039 1.6 .063 8.8 1.2 .346 .047 simulated roller lever 0.27n {28gf} 0.34n {35gf} 0.54n {55gf} 0.017n {1.7gf} 0.029n {3.0gf} 0.034n {3.5gf} 2.8 .110 0.8 .031 1.2 .047 11.65 0.8 .459 .031 roller lever 0.29n {30gf} 0.39n {40gf} 0.59n {60gf} 0.020n {2.0gf} 0.034n {3.5gf} 0.039n {4.0gf} 2.5 .098 0.5 .020 0.8 .031 14.5 0.8 .571 .031 leaf lever 0.74n {75gf} 0.88n {90gf} 1.08n {110gf} 0.15n {15gf} 0.17n {17gf} 0.20n {20gf} 4.5 .177 1.0 .039 2.5 .098 14.5 1.5 .571 .059 turquoise s type.fm seite 26 mittwoch, 21. februar 2001 12:49 12 abs1,4,5 27 dimensions 1. dust protected type 1-(1) .110 quick-connect terminal pin plunger mm inch general tolerance: 0.25 .010 .299 .012 7.6 0.3 3.4 0.1 .134 .004 .433 11 .280 .006 7.1 0.15 5.5 0.1 .217 .004 1.2 0.05 dia. .047 .002 dia. .094 2.4 .303 7.7 + 0.1 ? 0.05 ? .002 + .004 .094 2.4 .004 2.5 0.1 .098 .780 .012 19.8 0.3 7.6 0.15 .299 .006 7.6 0.15 .299 .006 .374 .004 9.5 0.1 4 .157 .110 .004 2.8 0.1 c0.6 position operating .331 .012 8.4 0.3 11.8 0.4 .465 .016 .264 6.7 0.6 max. .024 max. pretravel 6.4 0.2 .252 .008 1.7 dia. .067 dia. + .004 ? 0.05 ? .002 + 0.1 2.4 .094 dia. dia. pretravel, max. mm inch 0.6 .024 movement differential, max. mm inch 0.1 .004 overtravel, min. mm inch 0.4 .016 operating position distance from mounting hole, mm inch 8.4 0.3 .331 .012 distance from stand-off, mm inch 11.8 0.4 .465 .016 short hinge lever .197 .016 5 0.4 r18 .709 pretravel 12.85 .506 .248 6.3 .157 4 ( .146 ) ( 3.7 ) .346 .031 position 8.8 0.8 operating .480 .035 12.2 0.9 2.5 max. .098 max. pretravel, max. mm inch 2.5 .098 movement differential, max. mm inch 0.5 .020 overtravel, min. mm inch 0.8 .031 operating position distance from mounting hole, mm inch 8.8 0.8 .346 .031 distance from stand-off, mm inch 12.2 0.9 .480 .035 hinge lever .157 4 ( .146 ) ( 3.7 ) 8.8 0.8 12.2 0.9 .480 .035 .346 .031 .281 .016 7.15 0.4 r20.2 .795 operating 2.8 max. .110 max. pretravel position pretravel, max. mm inch 2.8 .110 movement differential, max. mm inch 0.8 .031 overtravel, min. mm inch 1.2 .047 operating position distance from mounting hole, mm inch 8.8 0.8 .346 .031 distance from stand-off, mm inch 12.2 0.9 .480 .035 long hinge lever .157 4 ( .138 ) ( 3.5 ) 3.5 max. position operating .346 .047 8.8 1.2 1.028 r26.1 .138 max. pretravel .516 .016 13.1 0.4 .480 .051 12.2 1.3 pretravel, max. mm inch 3.5 .138 movement differential, max. mm inch 1 .039 overtravel, min. mm inch 1.6 .063 operating position distance from mounting hole, mm inch 8.8 1.2 .346 .047 distance from stand-off, mm inch 12.2 1.3 .480 .051 turquoise s type.fm seite 27 mittwoch, 21. februar 2001 12:49 12 abs1,4,5 28 simulated roller lever mm inch general tolerance: 0.25 .010 2.8 max. .110 max. pretravel .459 .031 11.65 0.8 operating position 15.05 0.9 .593 .035 .098 r2.5 .783 r19.9 .157 4 ( .138 ) ( 3.5 ) .248 .016 6.3 0.4 pretravel, max. mm inch 2.8 .110 movement differential, max. mm inch 0.8 .031 overtravel, min. mm inch 1.2 .047 operating position distance from mounting hole, mm inch 11.65 0.8 .459 .031 distance from stand-off, mm inch 15.05 0.9 .593 .035 roller lever .126 3.2 .197 5 dia. pretravel 2.5 max. .098 max. .203 .016 5.15 0.4 .705 .035 17.9 0.9 operating position 14.5 0.8 .571 .031 .744 r18.9 pretravel, max. mm inch 2.5 .098 movement differential, max. mm inch 0.5 .020 overtravel, min. mm inch 0.8 .031 operating position distance from mounting hole, mm inch 14.5 0.8 .571 .031 distance from stand-off, mm inch 17.9 0.9 .705 .035 1-(2) solder terminal 3.4 0.15 .134 .006 2.5 0.1 .098 .004 .374 .004 9.5 0.1 8.7 0.15 .343 .006 15.4 0.15 .606 .006 .110 .008 2.8 0.2 19.8 0.3 .780 .012 +.004 -.002 -0.05 +0.1 2.4 .094 dia. dia. +.004 +0.1 -.002 -0.05 2.4 .094 .094 2.4 .094 2.4 .075 1.9 7.4 .291 1.1 0.12 .043 .005 .059 .005 1.5 0.12 .020 0.5 1.85 0.2 .073 .008 1.25 0.1 .059 .004 .205 5.2 .252 .008 6.4 0.2 remarks: dimensions of the actuator types are the same as those of corresponding .110 quick-connect terminal types. 1-(3) pc board terminal straight type 1.1 0.12 .043 .005 .059 .005 1.5 0.12 .020 0.5 1.85 0.2 .073 .008 1.25 0.1 .059 .004 .205 5.2 .252 .008 6.4 0.2 .291 .343 .006 8.7 0.15 .098 .004 2.5 0.1 .606 .006 15.4 0.15 .780 .012 19.8 0.3 9.5 0.1 .374 .004 2.2 .087 dia. dia. +0.1 -0.05 -.002 +.004 .094 2.4 .134 .006 3.4 0.15 +0.1 .094 2.4 7.4 2.4 .094 -0.05 -.002 +.004 0.9 .035 8.7 0.1 .343 .004 15.4 0.1 .606 .004 1.2 0.05 dia. .047 .002 dia. remarks: dimensions of the actuator types are the same as those of corresponding .110 quick-connect terminal types. turquoise s type.fm seite 28 mittwoch, 21. februar 2001 12:49 12 abs1,4,5 29 right angle type mm inch general tolerance: 0.25 .010 .300 .006 7.62 0.15 .300 .006 7.62 0.15 .020 0.5 .043 .005 5.08 0.2 .252 6.4 7.62 0.1 .300 .004 3-1.5 0.05 dia. 3-.059 .002 dia. 7.62 0.1 .300 .004 remarks: dimensions of the actuator types are the same as those of corresponding .110 quick-connect terminal types. left angle type 5.08 0.2 0.5 .020 .043 .005 .252 6.4 .300 .006 7.62 0.15 .051 .300 .006 7.62 0.15 1.3 .300 .006 7.62 0.15 7.62 0.15 .300 .006 ( .110 ) ( 2.8 ) .051 1.3 3.2 .126 6.4 .252 6-c0.3 7.62 0.1 .300 .004 3-1.5 0.05 dia. 3-.059 .002 dia. 7.62 0.1 .300 .004 remarks: dimensions of the actuator types are the same as those of corresponding .110 quick-connect terminal types. 2. immersion protected type wire leads pin plunger straight type com no nc 21.2 .835 .362 9.2 11.811 .394 300 10 .197 .079 5 2 dia. dia. -0.05 -.002 +.004 +0.1 2.4 .094 .252 6.4 thickness of the lead wire: 0.5 mm 2 ul/csa approved type and right/left angle type: awg #20 color of the lead wire: com ...black n.c. ...red n.o. ...white remarks: 1. other dimensions are the same as those of .110 quick-connect terminal types. 2. dimensions of the actuator types are the same as those of corresponding .110 quick- connect terminal types. right angle type left angle type 5 2 .179 079 11.811 394 300 10 5 2 .197 .079 11.811 .394 300 10 turquoise s type.fm seite 29 mittwoch, 21. februar 2001 12:49 12 abs1,4,5 30 leaf lever straight type mm inch general tolerance: 0.25 .010 .177 max. pretravel 4.5 max. .059 1.5 free position ( .650 ) ( 16.5 ) .571 .059 14.5 1.5 operating position totaltravel position ( .413 ) ( 10.5 min. ) .299 .012 7.6 0.3 .315 .039 8 1 .937 .016 23.8 0.4 .197 .079 5 2 11.811 .394 300 10 2.4 .094 dia. dia. -.002 +.004 -0.05 +0.1 .197 5 .252 6.4 7.7 .303 .331 8.4 .331 8.4 .098 .004 2.5 0.1 thickness of the lead wire: 0.5 mm 2 ul/csa approved type and right/left angle type: awg #20 color of the lead wire: com... black n.c. ... red n.o. ... white right angle type left angle type .197 5 6.4 .252 11.881 .394 300 10 .197 .079 5 2 .197 5 6.4 .252 11.881 .394 300 10 .197 .079 5 2 turquoise s type.fm seite 30 mittwoch, 21. februar 2001 12:49 12 |
Price & Availability of ABS1XXXXX |