Part Number Hot Search : 
TC38C43 SL74HC 721GST DG441DJ N80C196 SD1899 SL74HC H43XX
Product Description
Full Text Search
 

To Download V23809-E11-C10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  fiber optics january 2000 V23809-E11-C10 single mode 1300 nm escon ? 1x9 transceiver features ? compliant with ibm escon ? single mode standard  compact integrated transceiver unit with ? mqw laser diode transmitter ? ingaas pin photodiode receiver ? duplex sc receptacle  fda class 1 laser safety compliant under normal operat- ing conditions  fda accession no. 9520890-7  iec class 1 laser safety compliant  single power supply (5 v)  signal detect indicator  pecl differential inputs and outputs  process plug included  wave solderable and washable with process plug inserted  industry standard multisource 1x9 footprint absolute maximum ratings exceeding any one of these values may destroy the device immediately. package power dissipation (1) ............................................ 1.5 w supply voltage (v cc ?v ee )...................................................... 6 v data input levels .......................................................v cc +0.5 v differential data input voltage ............................................ 2.5 v operating ambient temperature ............................ 0c to 70c storage ambient temperature ............................ ?40c to 85c soldering conditions, temp/time (mil-std 883c, method 2003) ............................. 250c/5.5s note 1. f o r v cc ? v ee (min., max.). 50% duty cycle. the supply current does not include the load drive current of the receiver output. add max. 45 ma for the three outputs. load is 50 ? to v cc ? 2 v. escon ? is a registered trademark of ibm. (1.5 0.1 ) .06 .004 (7.42 ? 0.15 ) .292 ? .006 (0.75 0.1 ) .030 .004 6.375 .251 optical centerline pc board (11.5 max) .453 max. ( 4 0.2 ) .158 .008 (2) .080 12.7 .500 (20 ? 1 ) .787 ? .040 (0.73 0.1) .028 .004 (0.5) typ. .020 typ. (25.4 ? 0.1 ) 1 ? .004 8x 2.54=20.32 8x .100 =.800 123456789 20.32 .800 (15.88 0.5 ) .625 .020 (38.62 0.1 ) 1.52 .004 (12.6 0.3 ) .496 .012 ? 0.1 m ? .004 m ? 0.3 m ? .012 m a a ? 0.3 m ? .012 m a a 11 x 2x (1.4 ? 0.05 ) .055 ? .002  z 9x duplex sc receptacle view z (lead cross section and standoff size) (0.25) typ. .010 typ. rx tx (9.6 +0.1 ) .378 +.004  8x 2.54=20.32 8x .100 =.800 20.32 .800 (2.54) .10 0 9x (0.8) min. .032 min. ? 0.1 m ? .004 m 11 x (1.9 0.1) .075 .004 2x pc board thickness (2.54) .10 0 top view a dimensions in (mm) inches
fiber optics V23809-E11-C10, single mode 1300 nm escon ? 1x9 transceiver 2 description this data sheet describes the infineon single mode escon transceiver. the infineon single mode escon transceiver is a single unit comprised of a transmitter, a receiver, and an sc duplex single mode receptacle. 1300 nm long wavelength technology is com- bined with the well-established 1x9 industry standard footprint. this design frees the customer from many alignment and pc board layout concerns. the system is compatible with the ibm single mode escon standard and the upcoming sbcon standard of ansi. based on laser technology and single mode fiber, the link can be extended up to 20 km and beyond. this transceiver operates at 200 mbit/s from a single power supply (+5 volt). the full differential data inputs and outputs are pecl compatible. it is designed to be encoded with 8b/10b sig- nal layers. functional description this transceiver is designed to transmit serial data via single mode cable. functional diagram the receiver component converts the optical serial data into pecl compatible electrical data (rd and rdnot). the signal detect (sd, active high) shows whether optical data is present (1) . the transmitter converts pecl compatible electrical serial data (td and tdnot) into optical serial data. it contains a laser driver circuit that drives the modulation and bias current of the laser diode. the currents are controlled by a power control circuit to guarantee a constant output power of the laser over tempera- ture and aging. the power control uses the output of the monitor pin diode (mechanically built into the laser coupling unit) as a controlling signal, to prevent the laser power from exceeding the operating limits. this module is a class 1 laser product, due to an integrated automatic shutdown circuit that disables the laser when it detects transmitter failures. the transceiver contains a supervisory circuit to monitor the power supply. this circuit makes an internal reset signal when- ever the supply voltage drops below the reset threshold. it keeps the reset signal active for at least 140 milliseconds after the voltage has risen above the reset threshold. during this time the laser is inactive. note 1. we recommend to switch off the transmitter supply (v cc -tx) if no transmitter input data is applied. automatic shut-down laser driver power control receiver o/e o/e laser e/o rx coupling unit td td rd rd sd laser coupling unit single mode fiber len monitor
fiber optics V23809-E11-C10, single mode 1300 nm escon ? 1x9 transceiver 3 technical data the electro-optical characteristics described in the following tables are valid only for use under the recommended operating conditions. recommended operating conditions note 1. f o r v cc ? v ee (min., max.). 50% duty cycle. the supply current does not include the load drive current of the receiver output. add max. 45 ma for the three outputs. load is 50 ? to v cc ? 2 v. transmitter electro-optical characteristics note 1. transmitter meets ansi t1e1.2, sonet oc-3, and itu-t g.957 mask patterns. receiver electro-optical characteristics notes 1. minimum average optical power at which the ber is less than 1x10 -10 or lower. measured with a 2 23 ? 1 nrz prbs as recom- mended by ansi t1e1.2, sonet oc-3, and itu-t g.957. 2. an increase in optical power of data signal above the specified level will cause the signal detect to switch from a low state to a high state. 3. a decrease in optical power of data signal below the specified level will cause the signal detect to switch from a high state to a low state. 4. pecl compatible. load is 50 ? into v cc ? 2 v. measured under dc conditions at 25 c. for dynamic measurements a tolerance of 50 mv should be added. v cc =5 v. 5. pecl compatible. a high level on this output shows that optical data is applied to the optical input. parameter symbol min. typ. max. units ambient temperature t amb 070 c power supply voltage v cc ? v ee 4.75 5.0 5.25 v supply current (1) i cc 150 270 ma transmitter data input high voltage v ih ? v cc ? 1165 ? 880 mv data input low voltage v il ? v cc ? 1810 ? 1475 input data rise/fall time, 10% ? 90% t r , t f 0.4 1.3 ns receiver output current i o 25 ma input center wavelength c 1260 1360 nm tr a n s m i t t e r s y m b o l m i n . ty p . m a x . u n i t s output power (average) p o ? 8 ? 6 ? 3dbm center wavelength l c 1261 1360 nm spectral width (fwhm) ? l 2.4 7.6 output rise time t r 0.6 2.2 ns output fall time t f extinction ratio (dynamic) er 8.2 db eye diagram (1) receiver symbol min. typ. max. units sensitivity (average power) (1) p in ? 38 ? 35 dbm saturation (average power) p sat ? 3 signal detect assert level (2) p sda ? 40.5 ? 38 signal detect deassert level (3) p sdd ? 45 ? 42 signal detect hysteresis p sda ? p sdd 11.53 db output low voltage (4) v ol ? v cc ? 1950 ? 1630 mv output high voltage (4) v oh ? v cc ? 1025 ? 735 output data rise/fall time, 10% ? 90% t r , t f 1.3 ns output sd rise/fall time (5) 40
fiber optics V23809-E11-C10, single mode 1300 nm escon ? 1x9 transceiver 4 pin description regulatory compliance eye safety this laser based single mode transceiver is a class 1 product. it complies with iec 60825-1 and fda 21 cfr 1040.10 and 1040.11. to meet laser safety requirements the transceiver shall be oper- ated within the absolute maximum ratings. caution all adjustments have been made at the factory prior to ship- ment of the devices. no maintenance or alteration to the device is required. tampering with or modifying the performance of the device will result in voided product warranty. do not view into the open optical port for more than 60 seconds. note failure to adhere to the above restrictions could result in a modifica- tion that is considered an act of ? manufacturing, ? and will require, under law, recertification of the modified product with the u.s. food and drug administration (ref. 21 cfr 1040.10 (i)). laser data required labels laser emission pin name level pin # description rxv ee rx ground power supply 1 negative power supply, normally ground rd rx output data pecl output 2 receiver output data rdn rx output data pecl output 3 inverted receiver output data sd rx signal detect pecl output active high 4 a high level on this output shows that optical data is applied to the optical input. rxv cc rx +5 v power supply 5 positive power supply, +5 v txv cc tx +5 v power supply 6 positive power supply, +5 v tdn tx input data pecl input 7 inverted transmitter input data td tx input data pecl input 8 transmitter input data txv ee tx ground power supply 9 negative power supply, normally ground stud pin mech. support s1/2 stud connected to v ee feature standard comments electrostatic discharge (esd) to the electrical pins mil-std 883c method 3015.4 class 1 (>1000 v) immunity: electrostatic discharge (esd) to the duplex sc receptacle en 61000-4-2 iec 61000-4-2 discharges of 15kv with an air discharge probe on the receptacle cause no damage. immunity: radio frequency electromagnetic field en 61000-4-3 iec 61000-4-3 with a field strength of 10 v/m rms, noise frequency ranges from 10 mhz to 1 ghz. no effect on transceiver performance between the specification limits. emission: electromagnetic interference (emi) fcc class b en 55022 class b cispr 22 noise frequency range: 30 mhz to 1 ghz wavelength 1300 nm total output power (as defined by iec: 50 mm aperture at 10 cm distance) 5 mw total output power (as defined by fda: 7 mm aperture at 20 cm distance) 325 w beam divergence 4 class 1 laser product iec laser radiation avoid exposure to beam laser class 1 product fda indication of laser aperture and beam
published by infineon technologies ag ? infineon technologies ag 1999 all rights reserved attention please! the information herein is given to describe certain components and shall not be considered as warranted characteristics. terms of delivery and rights to technical change reserved. we hereby disclaim any and all warranties, including but not limited to warranties of non-infringement, regarding circuits, descriptions and charts stated herein. infineon technologies is an approved cecc manufacturer. information for further information on technology, delivery terms and conditions and prices please contact the infineon technologies offices or our infineon technologies representatives worldwide - see our webpage at www.infineon.com/fiberoptics warnings due to technical requirements components may contain dangerous substances. for information on the types in question please contact your infineon technologies offices. infineon technologies components may only be used in life-support devices or systems with the express written approval of infineon technologies, if a failure of such components can reasonably be expected to cause the failure of that life-support device or system, or to affect the safety or effectiveness of that device or system. life support devices or systems are intended to be implanted in the human body, or to support and/or maintain and sustain and/or protect human life. if they fail, it is reasonable to assume that the health of the user or other persons may be endangered. infineon technologies ag  fiber optics  wernerwerkdamm 16  berlin d-13623, germany infineon technologies, corp.  fiber optics  19000 homestead road  cupertino, ca 95014 usa infineon technologies k.k.  fiber optics  takanawa park tower  20-14, higashi-gotanda, 3-chome, shinagawa-ku  to ky o 14 1, j a p a n application note single mode escon ? 1x9 transceiver * recommended choke is siemens matsushita b78108-s1153-k or b78148-s1153-k (q min =60, max. dc resistance=0.6 ohm). the power supply filtering is required for good emi perfor- mance. use short tracks from the inductor l1/l2 to the module v cc ? rx/v cc ? tx. a v ee plane under the module is required for good emi and sensitivity performance. studs should be connected to this v ee plane. the transceiver contains an automatic shutdown circuit. reset is only possible if the power is turned off, and then on again. v cc tx switched below v th . further application notes for electrical interfacing are available upon request. ask for appnote 82. application board available on request. v ee txd txdn r2 r4 127r 127r s2 s1 top view transceiver r9 r8 r6 127r 127r 200r v ee v ee v ee v ee rxd rxdn sd v ee v ee v ee v ee v ee v ee c3 c4 v cc c2 c1 r1 r3 v cc r5 r7 82r 82r 82r 82r v cc -tx v cc -rx l1 l2 91 rxv ee txv ee dc coupling between ecl gates c1/3 = 4.7 f c2/4 = 4.7 f l1/2 = 15 h (l2 optional) r1/3/5/7 = 82 ohm r2/4/6/8 = 127 ohm r9 = 200 ohm


▲Up To Search▲   

 
Price & Availability of V23809-E11-C10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X