Part Number Hot Search : 
G121S SI390M80 SST4124 MT413 MYB51DA 02500 STP4N MBRS320
Product Description
Full Text Search
 

To Download UR233 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  utc UR233 linear integrated circuit utc unisonic technologies co., ltd. 1 qw-r102-011,c low drop fixed and adjustable positive voltage regulators description the utc UR233 is a low drop voltage regulator able to provide up to 0.8a of output current, available even in adjustable version (vref=1.25v). concerning fixed versions, are offered the following output voltages: 1.8v, 2.5v, 2.85v, 3.0v, 3.3v and 5.0v. the device is supplied in: sot-223, sot-89,to-252, to-263, to-263-3, sop-8 and to-220. the sot-223,sot-89,sop-8,to-263,to-263-3 and to-252 surface mount packages optimize the thermal characteristics even offering a relevant space saving effect. high efficiency is assured by npn pass transistor. in fact in the case, unlike than pnp one, the quiescent current flows mostly into the load. only a very common 10 f minimum capaci tor is needed for stability. on chip trimming allows the regulator to reach a very tight output voltage tolerance, within 1% at 25 c. the adjustable UR233 is pin to pin compatible with the other standard adjustable voltage regulators maintaining the better performances in terms of drop and tolerance. features *low dropout voltage (1v typ.) *output current up to 0.8a *fixed output voltage of: 1.8v,2.5v, 2,85v, 3.0v, 3.3v, 5.0v *adjustable version av ailability (vref=1.25v) *internal current and thermal limit *available in 1%(at 25 c) and 2% in all temperature range *supply voltage rejection: 75db (typ) *temperature range: 0 c to 125 c sop-8 sot-223 1 to-220 to-252 to-263 1 1 1 to-263-3 1 1 sot-89 sop-8 1: gnd; 2,3,6,7: vout; 4: vin; 5,8: nc *pb-free plating product number: UR233l www..net
utc UR233 linear integrated circuit utc unisonic technologies co., ltd. 2 qw-r102-011,c marking information package voltage code pin code pin 1 pin 2 pin 3 marking a gnd out in b out gnd in c gnd in out sot-223 d in gnd out 12 3 UR233 voltage code date code pin code a gnd out in b out gnd in c gnd in out sot-89 d in gnd out 123 UR233 date code pin code voltage code a gnd out in b out gnd in c gnd in out to-220 to-252 to-263 to-263-3 18:1.8v 25:2.5v 28:2.85v 30:3.0v 33:3.3v 50:5.0v ad:adj d in gnd out 123 utc UR233 voltage code date code pin code block diagram www..net
utc UR233 linear integrated circuit utc unisonic technologies co., ltd. 3 qw-r102-011,c absolute maximum ratings parameter symbol value unit dc input voltage v in 12 v power dissipation ptot 12 w storage temperature tstg -65 ~ +150 c operating junction temperature top 0 ~ +125 c note: absolute maximum ratings are those value beyond which damage to the device may occur. functional operation under there condition is not implied. over the above suggested max power dissipation a short circuit could definitively damage the device. thermal data parameter symbol value unit thermal resistance junction-case sot-223 sop-8 to-252 to-220 to-263 rth-case 15 20 8 3 3 c/w c/w c/w c/w c/w thermal resistance junction-ambient to-220 rthj-amb 50 c/w utc UR233-1.8 electrical characteristics (refer to the test circuits, tj=0 to 125 c, co=10 f unless otherwise specified) parameter symbol test conditions min. typ. max. unit output voltage vo vin=3.8v, io=10ma, tj=25 c 1.782 1.800 1.818 v output voltage vo io=2 to 800ma, vin=3.2 to 10v 1.764 1.836 v line regulation ? vo vin=3.2 to 10v, io=2ma 1 6 mv load regulation ? vo vin=3.2v, io=2 to 800/ma 1 10 mv temperature stability ? vo 0.5 % long term stability ? vo 1000 hrs, tj=125 c 0.3 % operating input voltage vin io=100ma 12 v quiescent current id vin 10v 5 10 ma output current io vin=6.8v, tj=25 c 800 950 1200 ma output noise voltage en b=10hz to 10khz, tj=25 c 100 v supply voltage rejection svr io=40ma, f=120hz, tj=25 c, vin=4.8v, vripple=1vpp 60 75 db dropout voltage vd 1.50 v thermal regulation ta=25 c, 30ms pulse 0.01 0.10 %/w utc UR233 electrical characteristics (refer to the test circuits, tj=0 to 125 c, co=10 f unless otherwise specified) parameter symbol test conditions min. typ. max. unit output voltage vo vin=4.5v, io=10ma, tj=25 c 1% 2 % 2.475 2.450 2.500 2.500 2.525 2.550 v v output voltage vo io=2 to 800ma, 2 % vin=3.9 to 10v 4 % 2.450 2.400 2.550 2.600 v v line regulation ? vo vin=3.9 to 10v, io=2ma 1 6 mv load regulation ? vo vin=3.9v, io=2 to 800ma 1 10 mv temperature stability ? vo 0.5 % www..net
utc UR233 linear integrated circuit utc unisonic technologies co., ltd. 4 qw-r102-011,c parameter symbol test conditions min. typ. max. unit long term stability ? vo 1000 hrs, tj=125 c 0.3 % operating input voltage vin io=100ma 12 v quiescent current id vin 10v 5 10 ma output current io vin=7.5v, tj=25 c 800 950 1200 ma output noise voltage en b=10hz to 10khz, tj=25 c 100 v supply voltage rejection svr io=40ma, f=120hz, tj=25 c, vin=5.5v, vripple=1vpp 60 75 db dropout voltage vd 1.50 v thermal regulation ta=25 c, 30ms pulse 0.01 0.10 %/w utc UR233-2.85 electrical characteristics (refer to the test circuits, tj=0 to 125 c, co=10 f unless otherwise specified) parameter symbol test conditions min. typ. max. unit output voltage vo vin=4.85v, io=10ma, tj=25 c 2.82 2.85 2.88 v output voltage vo io=2 to 800ma,vin=4.25 to 10v 2.79 2.91 v line regulation ? vo vin=4.25 to 10v, io=2ma 1 6 mv load regulation ? vo vin=4.25v, io=2 to 800ma 1 10 mv temperature stability ? vo 0.5 % long term stability ? vo 1000 hrs, tj=125 c 0.3 % operating input voltage vin io=100ma 12 v quiescent current id vin 10v 5 10 ma output current io vin=7.85v, tj=25 c 800 950 1200 ma output noise voltage en b=10hz to 10khz, tj=25 c 100 v supply voltage rejection svr io=40ma, f=120hz, tj=25 c, vin=5.85v, vripple=1vpp 60 75 db dropout voltage vd 1.50 v thermal regulation ta=25 c, 30ms pulse 0.01 0.10 %/w utc UR233-3.0 electrical characteristics (refer to the test circuits, tj=0 to 125 c, co=10 f unless otherwise specified) parameter symbol test conditions min. typ. max. unit output voltage vo vin=5v, io=10ma, tj=25 c 1% 2 % 2.97 2.94 3.00 3.00 3.03 3.06 v v output voltage vo io=2 to 800 ma 2 % vin=4.5 to 10v 4 % 2.94 2.88 3.06 3.12 v v line regulation ? vo vin=4.5 to 12v, io=2ma 1 6 mv load regulation ? vo vin=4.5v, io=2 to 800ma 1 10 mv temperature stability ? vo 0.5 % long term stability ? vo 1000 hrs, tj=125 c 0.3 % operating input voltage vin io=100ma 12 v quiescent current id vin 12v 5 10 ma output current io vin=8v, tj=25 c 800 950 1200 ma output noise voltage en b=10hz to 10khz, tj=25 c 100 v supply voltage rejection svr io=40ma, f=120hz, tj=25 c, vin=6v, vripple=1vpp 60 75 db dropout voltage vd 1.50 v thermal regulation ta=25 c, 30ms pulse 0.01 0.10 %/w www..net
utc UR233 linear integrated circuit utc unisonic technologies co., ltd. 5 qw-r102-011,c utc UR233-3.3 electrical characteristics (refer to the test circuits, tj=0 to 125 c, co=10 f unless otherwise specified) parameter symbol test conditions min. typ. max. unit output voltage vo vin=5.3v, io=10ma, tj=25 c 1% 2 % 3.267 3.235 3.300 3.300 3.333 3.365 v v output voltage vo io=2 to 800ma, 2 % vin=4.75 to 10v 4 % 3.235 3.160 3.365 3.440 v v line regulation ? vo vin=4.75 to 12v, io=2ma 1 6 mv load regulation ? vo vin=4.75v, io=2 to 800ma 1 10 mv temperature stability ? vo 0.5 % long term stability ? vo 1000 hrs, tj=125 c 0.3 % operating input voltage vin io=100ma 12 v quiescent current id vin 12v 5 10 ma output current io vin=8.3v, tj=25 c 800 950 1200 ma output noise voltage en b=10hz to 10khz, tj=25 c 100 v supply voltage rejection svr io=40ma, f=120hz, tj=25 c, vin=6.3v, vripple=1vpp 60 75 db dropout voltage vd 1.50 v thermal regulation ta=25 c, 30ms pulse 0.01 0.10 %/w utc UR233-5.0 electrical characteristics (refer to the test circuits, tj=0 to 125 c, co=10 f unless otherwise specified) parameter symbol test conditions min. typ. max. unit output voltage vo vin=7v, io=10ma, tj=25 c 1% 2 % 4.95 4.90 5.00 5.00 5.05 5.10 v v output voltage vo io=2 to 800ma, 2 % vin=6.5 to 12v 4 % 4.90 4.80 5.10 5.20 v v line regulation ? vo vin=6.5 to 12v, io=2ma 1 10 mv load regulation ? vo vin=6.5v, io=2 to 800ma 1 15 mv temperature stability ? vo 0.5 % long term stability ? vo 1000 hrs, tj=125 c 0.3 % operating input voltage vin io=100ma 12 v quiescent current id vin 12v 5 10 ma output current io vin=10v, tj=25 c 800 950 1200 ma output noise voltage en b=10hz to 10khz, tj=25 c 100 v supply voltage rejection svr io=40ma, f=120hz, tj=25 c, vin=8v, vripple=1vpp 60 75 db dropout voltage vd 1.50 v thermal regulation ta=25 c, 30ms pulse 0.01 0.10 %/w www..net
utc UR233 linear integrated circuit utc unisonic technologies co., ltd. 6 qw-r102-011,c utc UR233-adjustable electrical characteristics (refer to the test circuits, tj=0 to 125 c, co=10 f unless otherwise specified) parameter symbol test conditions min. typ. max. unit reference voltage vref vin-vo=2v, io=10ma, tj=25 c 1.238 1.25 1.262 v reference voltage vref io=10 to 800ma, vin-vo=1.5 to 10v 1.225 1.275 v line regulation ? vo vin-vo=1.5 to 13.75v, io=10ma 0.035 0.200 % load regulation ? vo vin-vo=3v, io=10 to 800ma 0.10 0.400 % temperature stability ? vo 0.50 % long term stability ? vo 1000 hrs, tj=125 c 0.3 % operating input voltage vin 12 v adjustment pin current iadj vin 12v 60 120 a adjustment pin current change ? iadj vin-vo=1.5 to 10v, io=10 to 800/ma 1 5 a minimum load current io(min) vin=12v 2 5 ma output current io vin-vo=5v, tj=25 c 800 950 1200 ma output noise (%vo) en b=10hz to 10khz, tj=25 c 0.003 % supply voltage rejection svr io=40ma, f=120hz, tj=25 c, vin-vo=3v, vripple=1vpp 60 75 db dropout voltage vd 1.50 v thermal regulation ta=25 c, 30ms pulse 0.01 0.10 %/w www..net
utc UR233 linear integrated circuit utc unisonic technologies co., ltd. 7 qw-r102-011,c application circuit fixed voltage utc UR233 + + 10 uf 100 nf v in v out adjustable utc UR233 + + v ref r1 r2 10 uf 10 uf v out v in v out =v ref (1+r2/r1)+i adj *r2 i adj v in v out adj www..net
utc UR233 linear integrated circuit utc unisonic technologies co., ltd. 8 qw-r102-011,c typical characteristics fig.1 reference voltge vs. temperature fig.2 output voltage vs. temperautre -75 junction temperature( c) reference voltage (v) junction temperature( c) -75 output voltage(v) 3.20 fig.3 maximum power dissipation 25 65 105 4 6 8 10 case temperature( c) power (w) to-263 & to-252 sot-223 2 1.200 1.205 1.210 1.215 1.220 1.225 1.230 1.235 1.240 1.245 1.250 -50 -25 0 25 50 75 100 125 150 175 3.25 3.30 3.35 3.40 3.45 3.50 3.55 3.60 3.65 3.70 -50 -25 0 25 50 75 100 125 150 175 vout=3.3v vout=3.6v v out set with 1% resistors 45 85 125 0 utc assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all utc products described or contained herein. utc products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. the information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice. www..net


▲Up To Search▲   

 
Price & Availability of UR233

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X