Part Number Hot Search : 
0TRPBF TB439 WH1602B 1N535 MSM51 TDA8132 TIP12 00506
Product Description
Full Text Search
 

To Download MV8704 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  super bright t-1 3/4 (5 mm) led lamp - water clear 1 of 3 1/27/00 300025a parameter symbol rating unit operating temperature t opr -40 to +100 c storage temperature t stg -40 to +100 c lead soldering time t sol 260 for 5 sec c continuous forward current i f 40 ma peak forward current i f 160 ma (f = 1.0 khz, duty factor = 1/10) reverse voltage v r 5v power dissipation p d 100 mw absolute maximum ratings (t a = 25c unless otherwise specified) 0.040 (1.02) 0.200 (5.08) 0.180 (4.57) 0.050 (1.27) ref. 0.100 (2.54) 0.350 (8.89) 0.330 (8.38) 1.00 (25.4) min c l 0.100 (2.54) ref. ? 0.230 (5.84) 0.023 (0.58) 0.017 (0.43) sq. typ. (2x) 0.050 (1.27) flat denotes cathode package dimensions notes: 1. dimensions for all drawings are in inches (mm). 2. lead spacing is measured where the leads emerge from the package. 3. protruded resin under the flange is 1.5 mm (0.059") max. description this t-1 3/4 super bright led has a moderate viewing angle of 20 for concentrated light output. it is made with an allngap led that emits orange light at 620 nm. it is encapsulated in a water clear epoxy lens package. features  popular t-1 3/4 package  super high brightness suitable for outdoor applications  solid state reliability  water clear optics  standard 100 mil. lead spacing super orange mv870x mv8703 MV8704 mv8705 mv8706
2 of 3 1/27/00 300025a super bright t-1 3/4 (5 mm) led lamp - water clear super orange mv870x mv8703 MV8704 mv8705 mv8706 part number mv8703 MV8704 mv8705 mv8706 condition luminous intensity (mcd) i f = 20 ma minimum 630 1000 1600 2500 typical 940 1500 2400 3500 forward voltage (v) i f = 20 ma maximum 2.8 2.8 2.8 2.8 typical 2.1 2.1 2.1 2.1 wavelength (nm) i f = 20 ma peak 620 dominant 615 spectral line half width (nm) 20 i f = 20 ma viewing angle () 20 i f = 20 ma electrical / optical characteristics (t a =25c) i f - dc forward current (ma) relative lumnous intensity (normalized at 20 ma) fig. 2 relative luminous intensity vs. dc forward current 2.5 2.0 1.5 1.0 0.5 0.0 01020304050 100 90 80 70 60 50 40 30 20 10 0 1.0 1.5 2.0 2.5 3.0 v f - forward voltage (v) i f - forward current (ma) fig. 1 forward current vs. forward voltage typical performance curves
wavelength - nm relative intensity fig. 3 relative intensity vs peak wavelength 1.0 0.5 0 550 600 650 700 i f - forward current (ma) fig. 5 current derating curve 35 30 25 20 15 10 5 0 0 20 40 60 80 100 t a - ambient temperature (?c) rel. luminous intensity (%) fig. 4 radiation diagram 0 20406080100 0 20 40 60 80 100 90? 80? 70? 60? 50? 40? 30? 20? 10? 0? -10? -20? -30? -40? -50? -60? -70? -80? -90? 3 of 3 1/27/00 300025a super bright t-1 3/4 (5 mm) led lamp - water clear super orange mv870x mv8703 MV8704 mv8705 mv8706


▲Up To Search▲   

 
Price & Availability of MV8704

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X