Part Number Hot Search : 
SLA7490 PE4221 HE721B05 K2000G UFT40150 56F80 PMN40LN UPC592H2
Product Description
Full Text Search
 

To Download MPC-6800-A10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  industrial computing platform partner 08-1 note: all specifications are subject to change without notice. 08-2 www.aaeon.com 08-1 note: all specifications are subject to change without notice. 08-2 www.aaeon.com features onboard intel ? ultra low voltage celeron ? processor ac-97 3d surround 6 channel audio supports pci and mini pci slots supports type ii compactflash? (hot swappable) supports 4/5/8 wire resistive touch screen 6 com/ 4 usb 2.0/ digital i/o/ tv-out ports +5v only operation mpc-6800 intel ? ultra low voltage celeron ? processor system processor onboard intel ? ultra low voltage celeron ? 400/ 650mhz processor system memory 184-pin ddr sdram dimm x 1, max, 1024mb (ddr266) chipset via cle266 + via vt8235 i/o chipset ite 8705f + fintek f81216d ethernet realtek 8100bl 10/100base-tx, realtek 8100c 10/100base-tx or realtek 8110s 10/100/1000base-tx rj-45 connector x 2 bios award 512kb flash rom watchdog timer generates a time-out system reset h/w status monitoring supports power supply voltages, fan speed and temperature monitoring ssd type ii compactflash? slot x 1 (supports hot swap) expansion interface mini pci socket x 1, pci slot x 1 battery lithium battery power requirement at/atx board size 7.9(l) x 6.4(w) (200.6mm x 163mm) gross weight 1.2 lb (0.5kg) operating temperature 32?f ~ 140?f (0?c ~ 60?c) display supports crt and lcd simultaneous/independent display chipset via cle266 memory shared system memory up to 64mb resolutions up to 1600x1200@32bpp colors for crt up to 1280x1024@24bpp colors for lcd lcd interface up to 48-bit dual channel ttl/lvds tft lcd i/o mio eide x 2 (udma100 x 2), floppy disk drive x 1, keyboard x 1, mouse x 1, rs-232 x 5, rs-232/422/485 x 1, parallel x 1 irda one irda tx/rx header audio mic-in, line-in, line-out/ speaker-out 5.1 output usb two type-a (dual) connectors support 4 usb 2.0 ports (external) one 5x2-pin header supports 2 usb 2.0 ports (internal) one 9x2-pin header supports an embedded usb dom socket touchscreen supports 4/5/8 wire resistive touch screen specifications dual ch lvds lcd connector com port pin headers 44-pin ide connector power input connector mini pci socket cfd slot (back) ps/2 keyboard & mouse mini-din usb port & rj-45 ethernet connectors crt d-sub & audio jack printer port & com port d-sub ? 1701440500 ide cable ? 1701100207 com port cable ? 1700140164 6ch audio cable ? 1700080180 tv-out cable ? p90657b000 cfd cover ? quick installation guide ? utility cd ? mpc-6800 packing list ? MPC-6800-A10 aio media pc, ulv c400, lvds, tv-out, lan, 6ch ac97, 6 coms, mini pci, cfd, rev. a1.0 ? MPC-6800-A10-01 aio media pc, ulv c650, lvds, tv-out, lan, 6ch ac97, 6 coms, mini pci, cfd, rev. a1.0 ? MPC-6800-A10-02 aio media pc, ulv c400, lvds, tv-out, gbe, 6ch ac97, 5 coms, touch, mini pci, cfd, rev. a1.0 ? MPC-6800-A10-03 aio media pc, ulv c650, lvds, tv-out, gbe, 6ch ac97, 5 coms, touch, mini pci, cfd, rev. a1.0 ordering information ? 1702200201 conversion cable for atx to at power supply (200mm) for hsb-657i/660, mb-662, pcm-6892/6893/6898, sbc-657/659/659p/780 ? 1701440182 slim hard disk drive ata100 cable 18cm ? 1709100201 usb cable with bracket ? pcm-3538r-b10 daughter board 18/24/36/48bit ttl receiver, rev. b1.0 ? per-1110-a10 riser card for pci, 2-slot ? per-c10l-a10 mini pci 10/100 base-tx ethernet module with realtek 8100c ? per-c10l-a10-01 mini pci 10/100/1000 base-tx ethernet module with realtek 8110s ? per-c10l-a10-02 mini pci 10/100 base-tx ethernet module with intel ? 82551qm ? per-c10l-a10-03 mini pci 10/100/1000 base-tx ethernet module with intel ? 82541gi ? per-c30f-a10 mini pci 3-port ieee 1394a module ? per-v30c-a10 mini pci single channel capture module with philips saa7135 ? per-c40c-a10 mini pci 2-port rs-232 module rev. a1.0 ? per-c40c-a10-01 mini pci 4-port rs-232 module rev. a1.0 optional accessories floppy disk drive connector 40-pin ide connector 01 compact boards 02 subcompact boards 03 embedded motherboards 04 pc/104 cpu modules 05 com express cpu modules 06 etx cpu modules 07 risc cpu modules 08 media pcs 09 mini pci modules 10 pc/104 peripheral modules 11 full-size sbc 12 half-size sbc 13 accessories


▲Up To Search▲   

 
Price & Availability of MPC-6800-A10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X