Part Number Hot Search : 
SIS332DN BCM5700 AN1487 P161J NTE948 SS38F 2SK2475 B39202
Product Description
Full Text Search
 

To Download MC14543B-D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2000 august, 2000 rev. 4 1 publication order number: mc14543b/d mc14543b bcd-to-seven segment latch/decoder/driver for liquid crystals the mc14543b bcdtoseven segment latch/decoder/driver is designed for use with liquid crystal readouts, and is constructed with complementary mos (cmos) enhancement mode devices. the circuit provides the functions of a 4bit storage latch and an 8421 bcdtoseven segment decoder and driver. the device has the capability to invert the logic levels of the output combination. the phase (ph), blanking (bi), and latch disable (ld) inputs are used to reverse the truth table phase, blank the display, and store a bcd code, respectively. for liquid crystal (lc) readouts, a square wave is applied to the ph input of the circuit and the electrically common backplane of the display. the outputs of the circuit are connected directly to the segments of the lc readout. for other types of readouts, such as lightemitting diode (led), incandescent, gas discharge, and fluorescent readouts, connection diagrams are given on this data sheet. applications include instrument (e.g., counter, dvm etc.) display driver, computer/calculator display driver, cockpit display driver, and various clock, watch, and timer uses. ? latch storage of code ? blanking input ? readout blanking on all illegal input combinations ? direct led (common anode or cathode) driving capability ? supply voltage range = 3.0 v to 18 v ? capable of driving 2 lowpower ttl loads, 1 lowpower schottky ttl load or 2 htl loads over the rated temperature range ? pinforpin replacement for cd4056a (with pin 7 tied to v ss ). ? chip complexity: 207 fets or 52 equivalent gates maximum ratings (voltages referenced to v ss ) (note 2.) symbol parameter value unit v dd dc supply voltage range 0.5 to +18.0 v v in input voltage range, all inputs 0.5 to v dd + 0.5 v i in dc input current per pin 10 ma p d power dissipation, per package (note 3.) 500 mw t a operating temperature range 55 to +125 c t stg storage temperature range 65 to +150 c i ohmax i olmax maximum continuous output drive current (source or sink) 10 (per output) ma p ohmax p olmax maximum continuous output power (source or sink) (4.) 70 (per output) mw 2. maximum ratings are those values beyond which damage to the device may occur. 3. temperature derating: plastic ap and d/dwo packages: 7.0 mw/  c from 65  c to 125  c 4. p ohmax = i oh (v oh v dd ) and p olmax = i ol (v ol v ss ) http://onsemi.com a = assembly location wl, l = wafer lot yy, y = year ww, w = work week device package shipping ordering information mc14543bcp pdip16 2000/box mc14543bd soic16 48/rail mc14543bdr2 soic16 2500/tape & reel 1. for ordering information on the eiaj version of the soic packages, please contact your local on semiconductor representative. marking diagrams 1 16 pdip16 p suffix case 648 mc14543bcp awlyyww soic16 d suffix case 751b 1 16 14543b awlyww soeiaj16 f suffix case 966 1 16 mc14543b alyw mc14543bfel soeiaj16 see note 1. mc14543bf soeiaj16 see note 1. this device contains protection circuitry to guard against damage due to high static voltages or electric fields. however, precautions must be taken to avoid ap- plications of any voltage higher than maximum rated voltages to this highimpedance circuit. for proper operation, v in and v out should be constrained to the range v ss  (v in or v out )  v dd . unused inputs must always be tied to an appropriate logic voltage level (e.g., either v ss or v dd ). unused out- puts must be left open.
mc14543b http://onsemi.com 2 truth table inputs outputs ld bi ph* d c b a a b c d e f g display x 1 0 x x x x 0 0 0 0 0 0 0 blank 1 0 0 0 0 001111110 0 1 0 0 0 0 010110000 1 1 0 0 0 0 101101101 2 1 0 0 0 0 111111001 3 1 0 0 0 1 000110011 4 1 0 0 0 1 011011011 5 1 0 0 0 1 101011111 6 1 0 0 0 1 111110000 7 1 0 0 1 0 001111111 8 1 0 0 1 0 011111011 9 1 0 0 1 0 1 0 0 0 0 0 0 0 0 blank 1 0 0 1 0 1 1 0 0 0 0 0 0 0 blank 1 0 0 1 1 0 0 0 0 0 0 0 0 0 blank 1 0 0 1 1 0 1 0 0 0 0 0 0 0 blank 1 0 0 1 1 1 0 0 0 0 0 0 0 0 blank 1 0 0 1 1 1 1 0 0 0 0 0 0 0 blank 000xxxx ** ** 2 2 2 2 inverse of output display combinations as above above x = don't care 2 = above combinations * = for liquid crystal readouts, apply a square wave to ph for common cathode led readouts, select ph = 0 for common anode led readouts, select ph = 1 ** = depends upon the bcd code previously applied when ld = 1 pin assignment 13 14 15 16 9 10 11 12 5 4 3 2 1 8 7 6 d e g f v dd a b c d b c ld v ss bi ph a
mc14543b http://onsemi.com 3 ????????????????????????????????? ????????????????????????????????? electrical characteristics (voltages referenced to v ss ) v dd 55  c 25  c 125  c characteristic symbol v dd vdc min max min typ (5.) max min max unit output voltage a0o level v in = v dd or 0 v ol 5.0 10 15 e e e 0.05 0.05 0.05 e e e 0 0 0 0.05 0.05 0.05 e e e 0.05 0.05 0.05 vdc a1o level v in = 0 or v dd v oh 5.0 10 15 4.95 9.95 14.95 e e e 4.95 9.95 14.95 5.0 10 15 e e e 4.95 9.95 14.95 e e e vdc input voltage a0o level (v o = 4.5 or 0.5 vdc) (v o = 9.0 or 1.0 vdc) (v o = 13.5 or 1.5 vdc) v il 5.0 10 15 e e e 1.5 3.0 4.0 e e e 2.25 4.50 6.75 1.5 3.0 4.0 e e e 1.5 3.0 4.0 vdc a1o level (v o = 0.5 or 4.5 vdc) (v o = 1.0 or 9.0 vdc) (v o = 1.5 or 13.5 vdc) v ih 5.0 10 15 3.5 7.0 11 e e e 3.5 7.0 11 2.75 5.50 8.25 e e e 3.5 7.0 11 e e e vdc output drive current (v oh = 2.5 vdc) source (v oh = 4.6 vdc) (v oh = 0.5 vdc) (v oh = 9.5 vdc) (v oh = 13.5 vdc) i oh 5.0 5.0 10 10 15 3.0 0.64 e 1.6 4.2 e e e e e 2.4 0.51 e 1.3 3.4 4.2 0.88 10.1 2.25 8.8 e e e e e 1.7 0.36 e 0.9 2.4 e e e e madc (v ol = 0.4 vdc) sink (v ol = 0.5 vdc) (v ol = 9.5 vdc) (v ol = 1.5 vdc) i ol 5.0 10 10 15 0.64 1.6 e 4.2 e e e e 0.51 1.3 e 3.4 0.88 2.25 10.1 8.8 e e e e 0.36 0.9 e 2.4 e e e madc input current i in 15 e 0.1 e 0.00001 0.1 e 1.0 m adc input capacitance c in e e e e 5.0 7.5 e e pf quiescent current (per package) v in = 0 or v dd , i out = 0 m a i dd 5.0 10 15 e e e 5.0 10 20 e e e 0.005 0.010 0.015 5.0 10 20 e e e 150 300 600 m adc total supply current (6.) (7.) (dynamic plus quiescent, per package) (c l = 50 pf on all outputs, all buffers switching) i t 5.0 10 15 i t = (1.6 m a/khz) f + i dd i t = (3.1 m a/khz) f + i dd i t = (4.7 m a/khz) f + i dd m adc 5. noise immunity specified for worstcase input combination. noise margin for both a1o and a0o level = 1.0 v min @ v dd = 5.0 v = 2.0 v min @ v dd = 10 v = 2.5 v min @ v dd = 15 v 6. to calculate total supply current at loads other than 50 pf: i t (c l ) = i t (50 pf) + 3.5 x 10 3 (c l 50) v dd f where: i t is in m a (per package), c l in pf, v dd in v, and f in khz is input frequency. 7. the formulas given are for the typical characteristics only at 25  c.
mc14543b http://onsemi.com 4 ????????????????????????????????? ????????????????????????????????? switching characteristics (8.) (c l = 50 pf, t a = 25  c) characteristic symbol v dd min typ max unit output rise time t tlh = (3.0 ns/pf) c l + 30 ns t tlh = (1.5 ns/pf) c l + 15 ns t tlh = (1.1 ns/pf) c l + 10 ns t tlh 5.0 10 15 e e e 100 50 40 200 100 80 ns output fall time t thl = (1.5 ns/pf) c l + 25 ns t thl = (0.75 ns/pf) c l + 12.5 ns t thl = (0.55 ns/pf) c l + 12.5 ns t thl 5.0 10 15 e e e 100 50 40 200 100 80 ns turnoff delay time t plh = (1.7 ns/pf) c l + 520 ns t plh = (0.66 ns/pf) c l + 217 ns t plh = (0.5 ns/pf) c l + 160 ns t plh 5.0 10 15 e e e 605 250 185 1210 500 370 ns turnon delay time t phl = (1.7 ns/pf) c l + 420 ns t phl = (0.66 ns/pf) c l + 172 ns t phl = (0.5 ns/pf) c l + 130 ns t phl 5.0 10 15 e e e 505 205 155 1650 660 495 ns setup time t su 5.0 10 15 350 450 500 e e e ns hold time t h 5.0 10 15 40 30 20 e e e ns latch disable pulse width (strobing data) t wh 5.0 10 15 250 100 80 125 50 40 e e e ns 8. the formulas given are for the typical characteristics only. logic diagram v dd = pin 16 v ss = pin 8 b3 ld1 d4 c2 a5 phase6 14g 15f 13e 12d 11c 10b 9a bi7
mc14543b http://onsemi.com 5 figure 1. typical output source characteristics figure 2. typical output sink characteristics -24 -18 -12 -6.0 0 i oh , source current (madc) (v oh - v dd ), source device voltage (vdc) -16 -12 -8.0 -4.0 0 v dd = 5.0 vdc p ohmax = 70 mwdc v dd = 10 vdc v dd = 15 vdc v ss = 0 vdc 0 6.0 12 18 24 i ol , sink current (madc) (v ol - v ss ), sink device voltage (vdc) 0 4.0 8.0 12 16 v dd = 15 vdc v dd = 10 vdc v dd = 5.0 vdc v ss = 0 vdc p olmax = 70 mwdc figure 3. dynamic power dissipation signal waveforms inputs bi and ph low, and inputs d and ld high. f in respect to a system clock. figure 4. dynamic signal waveforms (a) inputs d, ph, and bi low, and inputs a, b, and ld high. (b) inputs d, ph, and bi low, and inputs a and b high. (c) data dcba strobed into latches 20 ns 20 ns v dd v ss v oh v ol 10% 50% 90% 1 2f 50% duty cycle a, b, and c any output all outputs connected to respective c l loads. 20 ns 20 ns 90% 10% 50% t phl t plh 90% 50% 10% v dd v ss v oh v ol v dd v ss v dd v ss v oh v ol v dd v ss t thl t tlh c g ld c g ld 20 ns 90% 50% 10% 50% 50% t h t su 50% t wh
mc14543b http://onsemi.com 6 connections to various display readouts liquid crystal (lc) readout light emitting diode (led) readout incandescent readout note: bipolar transistors may be added for gain (for v dd  10 v or i out 10 ma). gas discharge readout connections to segments square wave (v ss to v dd ) common backplane one of seven segments mc14543b output ph mc14543b output ph v ss appropriate voltage mc14543b output ph v ss common cathode led common anode led v dd mc14543b output ph v dd mc14543b output ph appropriate voltage v ss v dd = pin 16 v ss = pin 8 0123456789 display a b c d e fg
mc14543b http://onsemi.com 7 package dimensions pdip16 p suffix plastic dip package case 64808 issue r notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: inch. 3. dimension l to center of leads when formed parallel. 4. dimension b does not include mold flash. 5. rounded corners optional. a b f c s h g d j l m 16 pl seating 18 9 16 k plane t m a m 0.25 (0.010) t dim min max min max millimeters inches a 0.740 0.770 18.80 19.55 b 0.250 0.270 6.35 6.85 c 0.145 0.175 3.69 4.44 d 0.015 0.021 0.39 0.53 f 0.040 0.70 1.02 1.77 g 0.100 bsc 2.54 bsc h 0.050 bsc 1.27 bsc j 0.008 0.015 0.21 0.38 k 0.110 0.130 2.80 3.30 l 0.295 0.305 7.50 7.74 m 0 10 0 10 s 0.020 0.040 0.51 1.01     soic16 d suffix plastic soic package case 751b05 issue j notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeter. 3. dimensions a and b do not include mold protrusion. 4. maximum mold protrusion 0.15 (0.006) per side. 5. dimension d does not include dambar protrusion. allowable dambar protrusion shall be 0.127 (0.005) total in excess of the d dimension at maximum material condition. 18 16 9 seating plane f j m r x 45  g 8 pl p b a m 0.25 (0.010) b s t d k c 16 pl s b m 0.25 (0.010) a s t dim min max min max inches millimeters a 9.80 10.00 0.386 0.393 b 3.80 4.00 0.150 0.157 c 1.35 1.75 0.054 0.068 d 0.35 0.49 0.014 0.019 f 0.40 1.25 0.016 0.049 g 1.27 bsc 0.050 bsc j 0.19 0.25 0.008 0.009 k 0.10 0.25 0.004 0.009 m 0 7 0 7 p 5.80 6.20 0.229 0.244 r 0.25 0.50 0.010 0.019 
mc14543b http://onsemi.com 8 package dimensions h e a 1 dim min max min max inches --- 2.05 --- 0.081 millimeters 0.05 0.20 0.002 0.008 0.35 0.50 0.014 0.020 0.18 0.27 0.007 0.011 9.90 10.50 0.390 0.413 5.10 5.45 0.201 0.215 1.27 bsc 0.050 bsc 7.40 8.20 0.291 0.323 0.50 0.85 0.020 0.033 1.10 1.50 0.043 0.059 0 0.70 0.90 0.028 0.035 --- 0.78 --- 0.031 a 1 h e q 1 l e  10  0  10  l e q 1  notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeter. 3. dimensions d and e do not include mold flash or protrusions and are measured at the parting line. mold flash or protrusions shall not exceed 0.15 (0.006) per side. 4. terminal numbers are shown for reference only. 5. the lead width dimension (b) does not include dambar protrusion. allowable dambar protrusion shall be 0.08 (0.003) total in excess of the lead width dimension at maximum material condition. dambar cannot be located on the lower radius or the foot. minimum space between protrusions and adjacent lead to be 0.46 ( 0.018). m l detail p view p c a b e m 0.13 (0.005) 0.10 (0.004) 1 16 9 8 d z e a b c d e e l m z soeiaj16 f suffix plastic eiaj soic package case 96601 issue o on semiconductor and are trademarks of semiconductor components industries, llc (scillc). scillc reserves the right to make changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. atypicalo parameters which may be provided in scill c data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. all operating parameters, including atypicalso must be validated for each customer application by customer's technical experts. scillc does not convey any license under its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body , or other applications intended to support or sustain life, or for any other application in which the failure of the scillc product could create a sit uation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer shall indemnify and hold scillc and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthori zed use, even if such claim alleges that scillc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. publication ordering information central/south america: spanish phone : 3033087143 (monfri 8:00am to 5:00pm mst) email : onlitspanish@hibbertco.com asia/pacific : ldc for on semiconductor asia support phone : 3036752121 (tuefri 9:00am to 1:00pm, hong kong time) toll free from hong kong & singapore: 00180044223781 email : onlitasia@hibbertco.com japan : on semiconductor, japan customer focus center 4321 nishigotanda, shinagawaku, tokyo, japan 1410031 phone : 81357402745 email : r14525@onsemi.com on semiconductor website : http://onsemi.com for additional information, please contact your local sales representative. mc14543b/d north america literature fulfillment : literature distribution center for on semiconductor p.o. box 5163, denver, colorado 80217 usa phone : 3036752175 or 8003443860 toll free usa/canada fax : 3036752176 or 8003443867 toll free usa/canada email : onlit@hibbertco.com fax response line: 3036752167 or 8003443810 toll free usa/canada n. american technical support : 8002829855 toll free usa/canada europe: ldc for on semiconductor european support german phone : (+1) 3033087140 (monfri 2:30pm to 7:00pm cet) email : onlitgerman@hibbertco.com french phone : (+1) 3033087141 (monfri 2:00pm to 7:00pm cet) email : onlitfrench@hibbertco.com english phone : (+1) 3033087142 (monfri 12:00pm to 5:00pm gmt) email : onlit@hibbertco.com european tollfree access*: 0080044223781 *available from germany, france, italy, uk


▲Up To Search▲   

 
Price & Availability of MC14543B-D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X