Part Number Hot Search : 
4063B 87663 LS8293 500103MB 7S66FU FDC655BN Y7C13 0SERIE
Product Description
Full Text Search
 

To Download LY2040-H0-PF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  lead-free parts pb ly2040/h0-pf round type led lamps ligitek electronics co.,ltd. property of ligitek only data sheet doc. no : qw0905-ly2040/h0-pf rev. : a date : 04 - jan. - 2007
- + 25.0min 1.0min 0.5 typ 2.54typ 4.2 1.5max 5.2 4.0 3.0 1/5 page ly2040/h0-pf part no. ligitek electronics co.,ltd. property of ligitek only package dimensions note : 1.all dimension are in millimeter tolerance is 0.25mm unless otherwise noted. 2.specifications are subject to change without notice. directivity radiation -60 60 25% 50% 100%75%0 25% 50%100% 75% 0 -30 30
585 ligitek electronics co.,ltd. property of ligitek only peak wave length pnm absolute maximum ratings at ta=25 typical electrical & optical characteristics (ta=25 ) note : 1.the forward voltage data did not including 0.1v testing tolerance. 2. the luminous intensity data did not including 15% testing tolerance. tstg storage temperature ly2040/h0-pf yellow emitted gaasp/gap yellow diffused lens part nomaterial color peak forward current duty 1/10@10khz reverse current @5v power dissipation operating temperature t opr ir pd i fp forward current parameter i f symbol -40 ~ +100 viewing angle 2 1/2 (deg) 2.6 1.7 35 min.max. 72 20 8.0 min. typ. forward voltage @20ma(v) spectral halfwidth nm luminous intensity @10ma(mcd) -40 ~ +85 10 a 60 80 mw ma ratings y 20 ma unit page 2/5 part no. ly2040/h0-pf
fig.3 forward voltage vs. temperature fig.5 relative intensity vs. wavelength ambient temperature( ) r e l a t i v e i n t e n s i t y @ 2 0 m a wavelength (nm) f o r w a r d v o l t a g e @ 2 0 m a n o r m a l i z e @ 2 5 fig.4 relative intensity vs. temperature ambient temperature( ) r e l a t i v e i n t e n s i t y @ 2 0 m a n o r m a l i z e @ 2 5 typical electro-optical characteristics curve forward voltage(v) fig.1 forward current vs. forward voltage f o r w a r d c u r r e n t ( m a ) forward current(ma) fig.2 relative intensity vs. forward current r e l a t i v e i n t e n s i t y n o r m a l i z e @ 2 0 m a ligitek electronics co.,ltd. property of ligitek only 1.0 0.1 1.0 10 100 1000 1.0101001000 0.0 0.5 1.0 1.5 2.0 2.5 3.0 -40-200204060 1.0 1.1 1.2 500550600650 0.0 0.5 1.0 2.03.04.05.0 80100 0.8 0.9 -20 -40 40 20 080100 60 2.0 0.0 0.5 1.0 1.5 2.5 3.0 700 y chip page 3/5 part no. ly2040/h0-pf
note:1.wave solder should not be made more than one time. 2.you can just only select one of the soldering conditions as above. 60 seconds max page 4/5 2.wave soldering profile ligitek electronics co.,ltd. property of ligitek only soldering condition(pb-free) 1.iron: soldering iron:30w max temperature 350 c max soldering time:3 seconds max(one time only) distance:2mm min(from solder joint to body) dip soldering preheat: 120 c max preheat time: 60seconds max ramp-up 2 c/sec(max) ramp-down:-5 c/sec(max) solder bath:260 c max dipping time:3 seconds max distance:2mm min(from solder joint to body) time(sec) 150 260 c3sec max 100 5 /sec max 50 preheat 2 /sec max 260 120 0 0 25 temp( c) part no. ly2040/h0-pf
page 5/5 description the purpose of this is the resistance of the device which is laid under condition of high temperature for hours. the purpose of this is the resistance of the device which is laid under condition of low temperature for hours. this test is conducted for the purpose of detemining the resistance of a part in electrical and themal stressed. test condition 1.ta=-40 5 2.t=1000 hrs (-24hrs, +72hrs) 1.ta=105 5 2.t=1000 hrs (-24hrs, +72hrs) 1.under room temperature 2.if=20ma 3.t=1000 hrs (-24hrs, +72hrs) ligitek electronics co.,ltd. property of ligitek only reference standard mil-std-750: 1026 mil-std-883: 1005 jis c 7021: b-1 mil-std-883:1008 jis c 7021: b-10 jis c 7021: b-12 reliability test: high temperature storage test operating life test test item low temperature storage test the purpose of this test is the resistance of the device under tropical for hours. the purpose of this is the resistance of the device to sudden extreme changes in high and low temperature. this test intended to see soldering well performed or not. this test intended to determine the thermal characteristic resistance of the device to sudden exposures at extreme changes in temperature when soldering the lead wire. 1.ta=65 5 2.rh=90%~95% 3.t=240hrs 2hrs 1.t.sol=260 5 2.dwell time= 10 1sec. 1.ta=105 5 &-40 5 (10min) (10min) 2.total 10 cycles 1.t.sol=230 5 2.dwell time=5 1sec mil-std-202:103b jis c 7021: b-11 mil-std-202: 208d mil-std-750: 2026 mil-std-883: 2003 jis c 7021: a-2 mil-std-202: 210a mil-std-750: 2031 jis c 7021: a-1 mil-std-202: 107d mil-std-750: 1051 mil-std-883: 1011 high temperature high humidity test solderability test solder resistance test thermal shock test part no. ly2040/h0-pf


▲Up To Search▲   

 
Price & Availability of LY2040-H0-PF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X