Part Number Hot Search : 
AM2305PE AXXAB1 TCMZ33V TC4073BP M5267 BA685 MOB73DR XP06401
Product Description
Full Text Search
 

To Download HDSP-077X Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  hexadecimal and numeric displays for industrial applications technical data features ?three colors high-efficiency red yellow high performance green ?two high-efficiency red options low power high brightness ?three character options numeric hexadecimal over range ?performance guaranteed over temperature ?memory latch/decoder/ driver ttl compatible ?4 x 7 dot matrix character ?categorized for luminous intensity ?yellow and green categorized for color typical applications ?industrial equipment ?computer peripherals ?instrumentation ?telecommunication equipment device selection guide part number front hdsp- color description view 0760 high-efficiency numeric, right hand dp a 0761 red numeric, left hand dp b 0762 low power hexadecimal c 0763 over range 1d 0770 high-efficiency numeric, right hand dp a 0771 red numeric, left hand dp b 0772 high brightness hexadecimal c 0763 over range 1d 0860 yellow numeric, right hand dp a 0861 numeric, left hand dp b 0862 hexadecimal c 0863 over range 1d 0960 green numeric, right hand dp a 0961 numeric, left hand dp b 0962 hexadecimal c 0963 over range 1d description these solid state display devices are designed and tested for use in adverse industrial environments. the character height is 7.4 mm (0.29 inch). the numeric and hexadecimal devices incorporate an on-board ic that contains the data memory, decoder and display driver functions. the numeric devices decode positive bcd logic into characters ?-9? a ?sign, decimal point, and a test pattern. the hexadeci- mal devices decode positive bcd logic into 16 characters, ?-9, a-f. an input is provided on the hexa- decimal devices to blank the display (all leds off) without losing the contents of the memory. the over range device displays 1?and right hand decimal point and is typically driven via external switching transistors. hdsp-076x series HDSP-077X series hdsp-086x series hdsp-096x series ( datasheet : )
2 package dimensions figure 2. logic block diagram. figure 1. timing diagram z
3 absolute maximum ratings description symbol min. max. unit storage temperature, ambient t s -65 +100 c operating temperature, ambient [1] t a -55 +85 c supply voltage [2] v cc -0.5 +7.0 v voltage applied to input logic, dp and enable pins v i , v dp , v e -0.5 v cc v voltage applied to blanking input [2] v b -0.5 v cc v wave solder temperature at 1.59 mm (0.063 inch) 250 c below body, max. 3 seconds recommended operating conditions description symbol min. nom. max. unit supply voltage [2] v cc 4.5 5.0 5.5 v operating temperature, ambient [1] t a -55 +85 c enable pulse width t w 100 nsec time data must be held before positive t setup 50 nsec transition of enable line time data must be held after positive t hold 50 nsec transition of enable line enable pulse rise time t tlh 1.0 msec optical characteristics at t a = 25 c, v cc = 5.0 v device description symbol min. typ. max. unit hdsp-0760 luminous intensity per led (digit average) [3,4] i v 65 140 cd peak wavelength peak 635 nm dominant wavelength [5] d 626 nm hdsp-0770 luminous intensity per led (digit average) [3,4] i v 260 620 cd peak wavelength peak 635 nm dominant wavelength [5] d 626 nm hdsp-0860 luminous intensity per led (digit average) [3,4] i v 215 490 cd peak wavelength peak 583 nm dominant wavelength [5,6] d 585 nm hdsp-0960 luminous intensity per led (digit average) [3,4] i v 298 1100 cd peak wavelength peak 568 nm dominant wavelength [5,6] d 574 nm notes: 1. the nominal thermal resistance of a display mounted in a socket that is soldered onto a printed circuit board is r ja = 50 c/w/ device. the device package thermal resistance is r j-pin = 15 c/w/device. the thermal resistance device pin-to-ambient through the pc board should not exceed 35 c/w/device for operation at t a = +85 c. 2. voltage values are with respect to device ground, pin 6. 3. these displays are categorized for luminous intensity with the intensity category designated by a letter code located on the back of the display package. case temperature of the device immediately prior to the light measurement is equal to 25 c. series series series series
4 electrical characteristics; t a = -55 c to +85 c description symbol test conditions min. typ. [7] max. unit supply current hdsp-0760 series i cc v cc = 5.5 v 78 105 ma hdsp-0770 series 120 175 hdsp-0860 series hdsp-0960 series power dissipation hdsp-0760 series p t 390 573 mw hdsp-0770 series 690 963 hdsp-0860 series hdsp-0960 series logic, enable and blanking low-level input v il v cc = 4.5 v 0.8 v voltage logic, enable and blanking high-level v ih 2.0 v input voltage logic and enable low-level input current i il v cc = 5.5 v -1.6 ma blanking low-level input current i bl v il = 0.4 v -10 a logic, enable and blanking high-level i ih v cc = 5.5 v +40 a input current v ih = 2.4 v weight 1.0 gm leak rate 5x10 -8 cc/sec notes: 4. the luminous intensity at a specific operating ambient temperature, i v (t a ) may be approximated from the following exponential equation: i v (t a = i v (25 c) e [k (t - 25 c)] . device k hdsp-0760 series -0.0131/ c hdsp-0770 series hdsp-0860 series -0.0112/ c hdsp-0960 series -0.0104/ c 5. the dominant wavelength, d , is derived from the cie chromaticity diagram and is that single wavelength which defines the color of the device. 6. the hdsp-0860 and hdsp-0960 series devices are categorized as to dominant wavelength with the category designated by a numbe r on the back of the display package. 7. all typical values at v cc = 5.0 v and t a = 25 c. (characters ?. or ??displayed) a
5 operational considerations electrical these devices use a modified 4 x 7 dot matrix light emitting diode to display decimal/hexa- decimal numeric information. the high efficiency red and yellow leds are gaasp epitaxial layer on a gap transparent substrate. the green leds are gap epitaxial layer on a gap transparent substrate. the leds are driven by constant current drivers, bcd information is accepted by the display memory when the enable line is at logic low and the data is latched when the enable is at logic high. using the enable pulse width and data setup and hold times listed in the recommended operating conditions allows data to be clocked into an array of displays at a 6.7 mhz rate. the decimal point input is active low true and this data is latched into the display memory in the same fashion as the bcd data. the decimal point led is driven by the on-board ic. the blanking control input on the hexadecimal displays blanks (turns off) the displayed information without disturbing the contents of display memory. the display is blanked at a minimum threshold level of 2.0 volts. when blanked, the display standby power is nominally 250 mw at t a = 25 c. mechanical the primary thermal path for power dissipation is through the device leads. therefore, to insure reliable operation up to an ambient temperature of +85 c, it is important to maintain a case- to-ambient thermal resistance of less than 35 c watt/device as measured on top of display pin 3. for information on soldering and post solder cleaning see applica- tion note 1027, soldering led components . contrast enhancement these display devices are designed to provide an optimum on/off contrast when placed behind an appropriate contrast enhancement filter. for further information, please refer to application note 1015, contrast enhancement techniques for led displays. over range display the over range devices display 1?and decimal point. the character height and package configuration are the same as the numeric and hexadecimal devices. character selection is obtained via external switching transistors and current limiting resistors. note: 1. dimensions in millimetres and (inches). package dimensions pin character 1 2,3 4 8 +1xx1 -0xx1 1x1xx decimal point x x 1 x blank 0 0 0 0 notes: 0: line switching transistor in figure 7 cutoff. 1: line switching transistor in figure 7 saturated. x: 'don't care'
6 absolute maximum ratings description symbol min. max. unit storage temperature, ambient t s -65 +100 c operating temperature, ambient t a -55 +85 c forward current, each led i f 10 ma reverse voltage, each led v r 5v recommended operating conditions v cc = 5.0 v forward resistor value current per device led, ma r 1 r 2 r 3 hdsp-0763 low power 2.8 1300 200 300 high brightness 8 360 47 68 hdsp-0863 8 360 36 56 hdsp-0963 8 360 30 43 luminous intensity per led (digit average) [3,4] at t a = 25 c device test conditions min. typ. units hdsp-0763 i f = 2.8 ma 65 140 cd i f = 8 ma 620 cd hdsp-0863 i f = 8 ma 215 490 cd hdsp-0963 i f = 8 ma 298 1100 cd figure 3. typical driving circuit.
7 electrical characteristics: t a = -55 c to +85 c test device description symbol conditions min. typ. max. unit hdsp-0763 power dissipation (all leds illuminated) p t i f = 2.8 ma 72 mw i f = 8 ma 224 282 forward voltage per led v f i f = 2.8 ma 1.6 v i f = 8 ma 1.75 2.2 hdsp-0863 power dissipation (all leds illuminated) p t i f = 8 ma 237 282 mw forward voltage per led v f 1.90 2.2 v hdsp-0963 power dissipation (all leds illuminated) p t i f = 8 ma 243 282 mw forward voltage per led v f 1.85 2.2 v intensity range ( cd) bin min. max. a 65.00 102.14 b 84.29 137.86 c 114.29 200.00 d 165.71 300.00 e 260.00 487.86 f 402.86 755.71 g 625.00 1171.43 note: test conditions as specified in optical characteristic table. intensity bin limits for hdsp-0760 series intensity range ( cd) bin min. max. e 260.00 487.64 f 403.00 755.79 g 624.64 1171.50 h 969.00 1817.00 note: test conditions as specified in optical characteristic table. intensity bin limits for hdsp-0770 series
color range (nm) color bin min. max. yellow 1 581.5 585.0 2 584.0 587.5 3 586.5 590.0 green 1 570.0 574.0 2 573.0 577.0 3 576.0 580.0 note: test conditions as specified in optical characteristic table. color bin limits intensity range ( cd) bin min. max. a 215.00 337.86 b 279.29 456.43 c 377.14 662.14 d 547.14 992.86 e 820.71 1539.29 f 1272.14 2385.71 note: test conditions as specified in optical characteristic table. intensity bin limits for hdsp-0860 series intensity range ( cd) bin min. max. c 298.57 523.57 d 432.86 785.00 e 648.57 1175.00 f 971.43 1757.86 g 1452.86 2629.29 note: test conditions as specified in optical characteristic table. intensity bin limits for hdsp-0960 series www.agilent.com/semiconductors for product information and a complete list of distributors, please go to our web site. for technical assistance call: americas/canada: +1 (800) 235-0312 or (916) 788-6763 europe: +49 (0) 6441 92460 china: 10800 650 0017 hong kong: (+65) 6756 2394 india, australia, new zealand: (+65) 6755 1939 japan: (+81 3) 3335-8152 (domestic/interna- tional), or 0120-61-1280 (domestic only) korea: (+65) 6755 1989 singapore, malaysia, vietnam, thailand, philippines, indonesia: (+65) 6755 2044 taiwan: (+65) 6755 1843 data subject to change. copyright ? 2004 agilent technologies, inc. obsoletes 5963-7395e july 14, 2004 5988-2260en


▲Up To Search▲   

 
Price & Availability of HDSP-077X

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X