Part Number Hot Search : 
2SC2486 EC1145 1SV69 MB54609 RB450F 10D471 WJLXT972 A1943
Product Description
Full Text Search
 

To Download DS2000-3-001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  rev. 06.10.11_52 ds2000-3 1 of 4 embedded power for business-critical continuity ds2000-3 2000 watts 12 v distributed power system special features ? active power factor correction ? en61000-3-2 harmonic compliance ? active ac inrush control ? 1u x 3u form factor ? 26.14 w / in 3 ? +12 vdc output ? +3.3 vdc stand-by (5 v standby - consult factory) ? no minimum load required ? hot plug operation ? n + 1 redundant ? internal oring fets ? active current sharing (10 - 100% load) ? built-in cooling fans (40 mm x 28 mm) ? i 2 c communication interface bus ? pm bus compliant ? eerpom for fru data ? red/green bi-color led status ? internal fan speed control ? intel, ssi std. logic timing ? intel, ssi std. fru data format ? one year warranty distributed power bulk front-end total output power: 2000 watts +12 vdc main output +3.3 vdc stand-by output wide range input voltage: 90 - 264 vac electrical specifications safety input input ra nge 90 - 264 vac (wide range) 90 - 264 1200 w load, nominal 100 vac 180 - 264 2000 w load, nominal 200 vac frequency 47 - 63 hz, single phase ac inrush current 55 a maximum inrush current efficiency > 89% typical at full load, high line conducted emi fcc subpart j en55022 class b radiated emi fcc subpart j en55022 class b power factor 0.99 typical leakage current 1.40 ma @ 240 vac hold up time 12 ms minimum output main dc voltage +12 v @ 164.2 a 180 - 264 vac +12 v @ 100 a 90 - 264 vac stand-by +3.3 vsb @ 9 a (5 v @ 5 a tba) adjustment range factory set, no pot adjustments regulation +12 vdc; 5% +3.3 vsb; 5% overcurrent +12 vdc; latches off if overcurrent lasts over 1 second, otherwise it is auto recovery (see ordering info next page) +3.3 vsb, 9 a max (same as +12 vdc) overvoltage +12 vdc; 13.2 - 14.4 vdc +3.3 vsb; 3.76 - 4.30 vdc undervoltage +12 vdc; 9 - 10.8 v (latch off) turn-on delay 2 second max, 5 - 300 ms, monotonic rise +12 v output rise time 5 - 50 ms, monotonic rise ? ul/cul 60950 (ul recognized) ? nemko+ cb report en60950 ? en60950 ? ce mark ? china ccc
rev. 06.10.11_52 ds2000-3 2 of 4 embedded power for business-critical continuity ordering information model number nominal output voltage set point set point tolerance total regulation minimum current maximum current output ripple p/p overcurrent airflow ds2000-3 12.2 vdc 3.3 vsb 0.2% 1% 5% 5% 0a 0a 161.5 a 9.0 a 120 mv 60 mv 120 - 130% of nominal 100 - 125% of nominal standard DS2000-3-001 12.2 vdc 3.3 vsb 0.2% 1% 5% 5% 0a 0a 161.5 a** 9.0 a 120 mv 60 mv 120 - 130% of nominal 100 - 125% of nominal reverse *overcurrent latches off if overcurrent lasts over 1 second, otherwise it is auto recovery. *for 5 vsb, consult marketing. ** derates per below curve (-001) reverse air logic control ps_seated ttl logic low if power supply is seated into system connector. this is a short pin. a logic high if the psu is removed. pwr good active ttl low when output is within regulation limits. ac ok a low logic level if the input voltage is within allowable limits. a ttl logic high level, and a 2 ms early warning signal before 12.0 v dc output loss of regulation. ps_inhibit/ps_kill this signal is connected to a short pin on the psu. when left open power supply operation will be inhibited. when the power supply is inserted into the system, this pin will be pull low by the system and turn the power supply on only after all other power supply pins have seated. operating temperature -10 c to 50 c storage temperature -40 c to +85 c altitude, operating 10,000 ft electromagnetic susceptibility / input transients -en61000-3-2, -3-3 -en61000-4-2, 4.3, 4-4, -4-5, 4-11 level -en55024:1998 rohs & lead-free compliant (no tantalum caps) humidity 20 to 90% rh, non-condensing shock and vibration specifications complies with astec std. specifications, q3205 mtbf (demonstrated) 500 k hrs at full load, 40 c environmental specifications ds20 00 -3-0 01 derati ng curve 0 500 1000 1500 2000 2500 -10 -5 0 5 10 15 20 25 30 35 40 45 50 operati ng temperatur e (c) out pu t po we r (w) low lin e (9 0 vac) high lin e (18 0 v ac)
rev. 06.10.11_52 ds2000-3 3 of 4 embedded power for business-critical continuity condition led status +3v3sb-on; +12vout-off; ac present blinking green +3v3sb-on, +12vout-on solid green +12v_ocp, +12v_uvp, +48ovp blinking red fan_fault, otp, 3v3 ocp/uvp solid red mechanical drawing 295.7 1 (3x) 261.7 programming hole s 292.1 1 220.1 325.2 40370111360 handle 40 0.8 emi ga sk et lair d te chnologies (s ea ) pte s3700-0021-00 emi ga sk et lair d te chnologies (s ea ) pte s3700-0021-00 (3x) emi ga sk et lair d te chnologies (s ea ) pte s3700-0021-00 la tc h airfl ow dire ct io n 8 3.2 106.7 0. 8 13.7 0.8 99.1 0.8 output co nne ct or mole x 45985-1462 16.3 0.8 220.1 325.2 100.2 72.2 green wa ve length: 565 yell ow wa ve length: 590 ac inle t labe l orient at io n th is si de up 32 22
rev. 06.10.11_52 ds2000-3 4 of 4 embedded power for business-critical continuity dc output connector pinout / functions unit connector; molex blade, (lph series) 45985-xxx mating connector; molex blade, (lph series) sd-45984-1462 signal pin a1 bottom left signal pin a17 top left signal descriptions americas 5810 van allen way carlsbad, ca 92008 usa telephone: +1 760 930 4600 facsimile: +1 760 930 0698 europe (uk) waterfront business park merry hill, dudley west midlands, dy5 1lx united kingdom telephone: +44 (0) 1384 842 211 facsimile: +44 (0) 1384 843 355 asia (hk) 14/f, lu plaza 2 wing yip street kwun tong, kowloon hong kong telephone: +852 2176 3333 facsimile: +852 2176 3888 for global contact, visit: www.emerson.com/embeddedpower techsupport.embeddedpower @emerson.com while every precaution has been taken to ensure accuracy and completeness in this literature, emerson network power assumes no responsibility, and disclaims all liability for damages resulting from use of this information or for any errors or omissions. emerson network power and the emerson network power logo are trademarks and service marks of emerson electric co. ?2011 emerson electric co. emersonnetworkpower.com embedded computing embedded power monitoring outside plant power switching & controls precision cooling racks & integrated cabinets services surge protection emerson network power. the global leader in enabling business-critical continuity. ac power connectivity dc power *supports i 2 c standard mode (100 khz) only signal pin #comp side top row signal function signal description signal pin #solder side bottom row signal function signal description a17 3.3v sense rtn 3.3v sen rtn a1 spare a18 ac ok# ac input present a2 spare a19 a0 i 2 c address bit 0 a3 #alert a20 a2 i 2 c address bit 2 a4 a1 i 2 c address bit 1 a21 scl* i 2 c clock signal a5 sda i 2 c data signal a22 pwok# pwr ok output a6 present# power supply present a23 12ls 12v load share bus a7 pson# power enable input a24 +12vrs rtn +12v rmt sen rtn a8 +12v rs +12v remote sense a25 3.3vsb stand-by a9 3.3vsb stand-by a26 3.3vsb stand-by a10 3.3vsb stand-by a27 3.3vsb stand-by a11 3.3vsb stand-by a28 3.3vsb stand-by a12 3.3vsb stand-by a29 3.3vsb rtn stand-by return a13 3.3vsb rtn stand-by return a30 3.3vsb rtn stand-by return a14 3.3vsb rtn stand-by return a31 3.3vsb rtn stand-by return a15 3.3vsb rtn stand-by return a32 3.3vsb rtn stand-by return a16 3.3vsb rtn stand-by return power blade power blade pb1 top +12vdc main output pb1 bottom +12vdc main output pb2 top +12vdc main output pb2 bottom +12vdc main output pb3 top +12vdc main output pb3 bottom +12vdc rtn main output pb4 top +12vdc rtn main output pb4 bottom +12vdc rtn main output pb5 top +12vdc rtn main output pb5 bottom +12vdc rtn main output no of si gnal s optional see char t to p ro w bo tt om ro w a1 a17 pb1p b2 pb3p b4 pb5 to p ro w bo tt om ro w optional pe gs optional guides mating connec tor - m olex p/ n: 45984-1462


▲Up To Search▲   

 
Price & Availability of DS2000-3-001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X