Part Number Hot Search : 
A2822M ISL55190 74HCT42 STM121N QPF8N60 TCC20L25 CXD1852Q CZRA3062
Product Description
Full Text Search
 

To Download DA78L12 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  integrated circuit r dc components co., ltd. technical specifications of 3-terminal positive voltage regulator description these regulators empoly internal current limiting and thermal shutdown, making them essentially indestructible. they can deliver up to 100ma output current, if the case temperature can keep in t c=25oc. they are intended as fixed voltage regulators in a wide range of applications including local(on-card) regulation for elimination of noise and distribution problems associated with single-point regulation. in addition, they can be used with power pass elements to make high-current voltage regulators. pinning 1 = output 2 = ground 3 = input DA78L12DA78L12a to-92 dimensions in inches and (millimeters) .022(0.56).014(0.36) .050 (1.27) .148(3.76).132(3.36) typ .190(4.83).170(4.33) .100 (2.54) typ .050 (1.27) typ .022(0.56).014(0.36) .190(4.83).170(4.33) .500 (12.70) min 2o typ 5o typ. 2o typ 3 2 1 5o typ. characteristic symbol rating unit input voltage vi 35 v total power dissipation pd internal limit w operating temperature range topr 0 to +125 oc maximum junction temperature tj 125 oc storage temperature range tstg -55 to +150 oc lead temperature(soldering 10 sec.) tl 260 oc absolute maximum ratings (ta=25oc) characteristic symbol min typ max unit test conditions DA78L12a 11.64 12.00 12.36 tj=25oc DA78L12 11.50 12.00 12.50 output voltage DA78L12a vo 11.64 - 12.36 v 1ma io 70ma DA78L12 11.40 - 12.60 DA78L12a 11.64 - 12.36 1ma io 40ma and DA78L12 11.40 - 12.60 14.5v vin 27v line regulation regline - 30 250 mv tj=25oc, 14.5v vin 27v - 20 200 tj=25oc, 16v vin 27v load regulation regload - 10 50 mv tj=25oc, 1ma io 40ma - 30 100 tj=25oc, 1ma io 100ma input bias current iib - 3.0 6.0 ma tj=25oc input bias current change diib - - 0.1 ma 1ma io 40ma - - 1.5 16v vin 27v output noise voltage vn - 80 - mv ta=25oc, 10hz f 100khz ripple rejection rr 40 54 - db f=120hz dropout voltage vd - 1.7 - v tj=25oc electrical characteristics( vin =19v, iout=40ma, 0oc tj 125oc, cin=0.33m f, cout=0.1m f, unless otherwise specified)


▲Up To Search▲   

 
Price & Availability of DA78L12

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X