Part Number Hot Search : 
DB25S LS301 TIP105 C1C100KT 1E0506 B1505 20N1T A105K
Product Description
Full Text Search
 

To Download CX24130 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  digital set-top box solutions satellite CX24130 distinguishing features ? dual stream qpsk/bpsk demodulation paths ? dvb/dss compliant ? symbol rates: 10 to 30 msps ? automatic acquisition ? adaptive (fir) equalizer ? internal viterbi and reed-solomon fec ? internal snr and ber monitors ? diseqc? level 1.1 lnb control high-performance, low-power broadband satellite dual independent front-end solution conexants CX24130 is the industrys f rst single-chip dual-stream qpsk/ bpsk demodulator designed for satellite receiver systems. the device is ideal for applications such as personal video recorders (pvrs) that process dual incoming video streams to simultaneously play and record two different television programs. other applications include digital video broadcasting/digital satellite system (dvb/dss) set-top and pc receivers, and residential gateways. in addition, when combined with the cx24108 satellite tuner rf ics, the CX24130 provides a complete dual broadband satellite front-end solution capable of operating from 10 to 30 msps. with the CX24130, conexant has signif cantly reduced product size and component requirements by replacing two 100-pin demodulators with one 80-pin ic. key features include superior bit error rate (ber) performance, low power dissipation, and small form factor. the device is compliant with dvb (ets 300-421) and dss specif cations for satellite transmission, and provides digital derotation, digital f ltering, equalization and viterbi/reed- solomon forward error correction (fec). a variety of advanced features enhance overall system performance, including automatic correction for external quadrature gain/phase imbalances and dc offsets, and automatic gain control (agc) to compensate for input signal level variations. a robust carrier-tracking loop corrects for frequency offsets due to inexpensive low noise block down-converters (lnbs), and a unique automatic acquisition algorithm searches and acquires the carrier during initial acquisition, and performs a smart search to reacquire the carrier during fade conditions. in addition, the CX24130 features integrated signal-to-noise-ratio (snr) and bit-error-rate (ber) monitors that facilitate channel-performance measurements.the CX24130 demodulator is manufactured using proven 0.18-micron cmos process technology. conexant provides a complete reference design package that allows designers to rapidly bring innovative new products to market. part number CX24130 description dual stream demodulator ic dual stream qpsk/bpsk demodulator lc CX24130
? 2002, conexant systems, inc. all rights reserved. conexant and the conexant logo are registered trademarks of conexant systems, inc. all other trademarks are owned by their respective owners. although conexant strives for accuracy in all its publications, this material may contain errors or omissions and is subject to change without notice. this material is provided as is and without any express or implied warranties, including merchantability, fitness for a particular purpose and non-infringement. conexant shall not be liable for any special, indirect, incidental or consequential damages as a result of its use. digital set-top box solutions satellite CX24130 features ? qpsk/bpsk demodulation ? dvb/dss compliant ? symbol rates: 10 to 30 msps ? automatic acquisition ? adaptive (fir) equalizer ? internal carrier and bit timing recovery ? internal viterbi and reed-solomon fec ? internal snr and ber monitors ? diseqc? level 1.1 lnb control ? 3.3 v signaling, 5 v tolerant interface ? support for three status leds ? 144-pin lqfp package ? external crystal frequency: 10 mhz ? sampling frequency: 45, 60, 90 mhz ? carrier tracking: sample frequency/8 ? quadrature equalization compensation: 3 db gain, 13 phase ? viterbi decoding rates: 1/2, 2/3, 3/4, 4/5, 5/6, 6/7, and 7/8 ? output data interface: serial or parallel ? supply voltage: +3.3v, +1.8v www.conexant.com general information: u.s. and canada: (800) 854-8099 international: (949) 483-6996 headquarters C newport beach 4311 jamboree rd, p.o. box c newport beach, ca 92660-3095 order# 101615b CX24130 block diagram 02-0744


▲Up To Search▲   

 
Price & Availability of CX24130

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X