Part Number Hot Search : 
48K01AS X68C75 B7750 L4940V85 2945E HC406 3EZ68 CR6002AB
Product Description
Full Text Search
 

To Download BDX65B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  savantic semiconductor product specification silicon npn power transistors BDX65B d escription with to-3 package darlington complement to type bdx64b applications designed for power amplification and switching applications. pinning (see fig.2) pin description 1 base 2 emitter 3 collector absolute maximum ratings(ta=25  ) symbol parameter conditions value unit v cbo collector-base voltage open emitter 120 v v ceo collector-emitter voltage open base 100 v v ebo emitter-base voltage open collector 5 v i c collector current 12 a i cm collector current(peak) 16 a i b base current 0.2 a p t total power dissipation t c =25 117 w t j junction temperature -55~200  t stg storage temperature -55~200  thermal characteristics symbol parameter max unit r th j-c thermal resistance from junction to case 1.5 /w fig.1 simplified outline (to-3) and symbol
savantic semiconductor product specification 2 silicon npn power transistors BDX65B c haracteristics tj=25 unless otherwise specified symbol parameter conditions min typ. max unit v ceo(sus) collector-emitter sustaining voltage i c =0.1a ; i b =0;l=25mh 100 v v cesat collector-emitter saturation voltage i c =5a ;i b =20ma 2 v v be base-emitter on voltage i c =5a;v ce =3v 3 v i cbo collector cut-off current v cb =100v; i e =0 t c =150 0.4 3 ma i ceo collector cut-off current v ce =50v; i b =0 1 ma i ebo emitter cut-off current v eb =5v; i c =0 5 ma v f diode forward voltage i f =3a 1.8 v h fe-1 dc current gain i c =1a ; v ce =3v 1500 h fe-2 dc current gain i c =5a ; v ce =3v 1000 h fe-3 dc current gain i c =10a ; v ce =3v 1500 f t transition frequency i c =5a ; v ce =3v 7 mhz
savantic semiconductor product specification 3 silicon npn power transistors BDX65B package outline fig.2 outline dimensions


▲Up To Search▲   

 
Price & Availability of BDX65B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X