Part Number Hot Search : 
MUN22 TVV005 CX65002 ES1DL MTL5041 ES1DL 14010 STTH1
Product Description
Full Text Search
 

To Download 87C51FC-20 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  * other brands and names are the property of their respective owners. information in this document is provided in connection with intel products. intel assumes no liability whatsoever, including infringement of any patent or copyright, for sale and use of intel products except as provided in intel's terms and conditions of sale for such products. intel retains the right to make changes to these specifications at any time, without notice. microcomputer products may have minor variations to this specification known as errata. september 1993 copyright ? intel corporation, 1995 order number: 270961-003 87c51fa/87c51fb/87c51fc/87C51FC-20 chmos single-chip 8-bit microcontroller automotive y fx core architecture device y extended automotive temperature range ( b 40 cto a 125 c ambient) y available in 12 mhz, 16 mhz and 20 mhz versions y high performance chmos eprom y three 16-bit timer/counters e timer 2 (up/down counter) y programmable counter array with: e high speed output, e compare/capture, e pulse width modulator, e watchdog timer capabilities y one-to-three level program lock system on eprom y 8k on-chip user programmable eprom in 87c51fa y 16k on-chip user programmable eprom in 87c51fb y 32k on-chip user programmable eprom in 87c51fc y 256 bytes of on-chip data ram y quick pulse programming algorithm y boolean processor y 32 programmable i/o lines y 7 interrupt sources y four level interrupt priority y programmable serial channel with: e framing error detection e automatic address recognition y ttl and cmos compatible logic levels y 64k external program memory space y 64k external data memory space y mcs -51 fully compatible instruction set y power saving idle and power down modes y once (on-circuit emulation) mode y rfi reduction mode y available in plcc and pdip packages memory organization program memory: up to 8 kbytes of the program memory can reside in the 87c51fa on-chip eprom. up to 16 kbytes of the program memory can reside in the 87c51fb on-chip eprom. up to 32 kbytes of the program memory can reside in the 87c51fc on-chip eprom. in addition the device can address up to 64k of program memory external to the chip. data memory: this microcontroller has a 25 6 x 8 on-chip ram. in addition it can address up to 64 kbytes of external data memory. the intel 87c51fa/87c51fb/87c51fc is a single-chip control-oriented microcontroller which is fabricated on intel's reliable chmos eprom technology. being a member of the mcs-51 family, the 87c51fb/87c51fc uses the same powerful instruction set, has the same architecture, and is pin-for-pin compatible with the existing mcs-51 family of products. the 87c51fa is an enhanced version of the 87c51. the 87c51fb is an enhanced version of the 87c51fa. the 87c51fc is an enhanced version of the 87c51fb. with 8 kbytes of program memory in the 87c51fa and 16 kbytes of program memory in the 87c51fb and 32 kbytes of program memory in the 87c51fc, it is an even more powerful microcontroller for applications that require pulse width modulation, high speed i/o, and up/down counting capabilities such as brake and traction control. for the remainder of this document, the 87f51fa, 87c51fb and 87c51fc will be referred to as the 87c51fa/fb/fc.
automotive 87c51fa/fb/fc/fc-20 270961 1 figure 1. 87c51fb/fc block diagram 87c51fa/fb/fc product options intel's extended and automotive temperature range products are designed to meet the needs of those applications whose operating requirements exceed commercial standards. with the commercial standard temperature range, operational characteristics are guaranteed over the temperature range of 0 cto70 c ambient. with the extended temperature range option, operational characteristics are guaranteed over the temperature 2
automotive 87c51fa/fb/fc/fc-20 range of b 40 cto a 85 c ambient. for the automo- tive temperature range option, operational charac- teristics are guaranteed over the temperature range of b 40 cto a 125 c ambient. the automotive, ex- tended, and commercial temperature versions of the mcs-51 product families are available with or with- out burn-in options. as shown in figure 2 temperature, burn-in, and package options are identified by a one- or two-letter prefix to the part number. pin descriptions v cc : supply voltage. v ss : circuit ground. v ss1 : secondary ground (in plcc only). provided to reduce ground bounce and improve power supply by-passing. note: this pin is not a substitute for v ss pin (pin 22). port 0: port 0 is an 8-bit, open drain, bidirectional i/o port. as an output port each pin can sink several ls ttl inputs. port 0 pins that have 1's written to them float, and in that state can be used as high-im- pedance inputs. 270961 2 * example: an87c51fa/fb/fc indicates an automotive temperature range version of the 87c51fa/fb/fc in a plcc package with 16 kbyte/32 kbyte eprom program memory. figure 2. package options table 1. temperature options temperature temperature operating burn-in classification designation temperature options c ambient extended t b 40 to a 85 standard l b 40 to a 85 extended automotive a b 40 to a 125 standard b b 40 to a 125 extended 3
automotive 87c51fa/fb/fc/fc-20 port 0 is also the multiplexed low-order address and data bus during accesses to external program and data memory. in this application it uses strong inter- nal pullups when emitting 1's, and can source and sink several ls ttl inputs. port 0 also receives the code bytes during eprom programming, and outputs the code bytes during program verification. external pullup resistors are re- quired during program verification. port 1: port 1 is an 8-bit bidirectional i/o port with internal pullups. the port 1 output buffers can drive ls ttl inputs. port 1 pins that have 1's written to them are pulled high by the internal pullups, and in that state can be used as inputs. as inputs, port 1 pins that are externally pulled low will source current (i il , on the data sheet) because of the internal pull- ups. in addition, port 1 serves the functions of the follow- ing special features of the 87c51fb/fc: port pin alternate function p1.0 t2 (external count input to timer/counter 2) p1.1 t2ex (timer/counter 2 capture/ reload trigger and direction control) p1.2 eci (external count input to the pca) p1.3 cex0 (external i/o for compare/ capture module 0) p1.4 cex1 (external i/o for compare/ capture module 1) p1.5 cex2 (external i/o for compare/ capture module 2) p1.6 cex3 (external i/o for compare/ capture module 3) p1.7 cex4 (external i/o for compare/ capture module 4) port 1 receives the low-order address bytes during eprom programming and verifying. port 2: port 2 is an 8-bit bidirectional i/o port with internal pullups. the port 2 output buffers can drive ls ttl inputs. port 2 pins that have 1's written to them are pulled high by the internal pullups, and in that state can be used as inputs. as inputs, port 2 pins that are externally pulled low will source current (i il , on the data sheet) because of the internal pull- ups. packages part prefix package type 87c51fa/fb/fc p 40-pin plastic dip n 44-pin plcc dip 270961 3 pad (plcc) 270961 4 * eprom only ** do not connect reserved pins. diagrams are for pin reference only. package sizes are not to scale. figure 3. pin connections (top view) 4
automotive 87c51fa/fb/fc/fc-20 port 2 emits the high-order address byte during fetches from external program memory and during accesses to external data memory that use 16-bit addresses (movx @ dptr). in this application it uses strong internal pullups when emitting 1's. dur- ing accesses to external data memory that use 8-bit addresses (movx @ ri), port 2 emits the contents of the p2 special function register. some port 2 pins receive the high-order address bits during eprom programming and program verifica- tion. port 3: port 3 is an 8-bit bidirectional i/o port with internal pullups. the port 3 output buffers can drive ls ttl inputs. port 3 pins that have 1's written to them are pulled high by the internal pullups, and in that state can be used as inputs. as inputs, port 3 pins that are externally pulled low will source current (i il , on the data sheet) because of the pullups. port 3 also serves the functions of various special features of the mcs-51 family, as listed below: port pin alternate function p3.0 rxd (serial input port) p3.1 txd (serial output port) p3.2 int0 (external interrupt 0) p3.3 int1 (external interrupt 1) p3.4 t0 (timer 0 external input) p3.5 t1 (timer 1 external input) p3.6 wr (external data memory write strobe) p3.7 rd (external data memory read strobe) rst: reset input. a high on this pin for two machine cycles while the oscillator is running resets the de- vice. the port pins will be driven to their reset condi- tion when a minimum v ih1 is applied, whether the oscillator is running or not. an internal pulldown re- sistor permits a power-on reset with only a capacitor connected to v cc . ale/prog : address latch enable output pulse for latching the low byte of the address during accesses to external memory. this pin (ale/prog ) is also the program pulse input during eprom program- ming for the 87c51fa/fb/fc. in normal operation ale is emitted at a constant rate of (/6 the oscillator frequency, and may be used for external timing or clocking purposes. note, how- ever, that one ale pulse is skipped during each ac- cess to external data memory. throughout the remainder of this data sheet, ale will refer to the signal coming out of the ale/prog pin, and the pin will be referred to as the ale/prog pin. psen : program store enable is the read strobe to external program memory. when the 87c51fa/fb/fc is executing code from external program memory, psen is activated twice each machine cycle, except that two psen activa- tions are skipped during each access to external data memory. ea /v pp : external access enable. ea must be strapped to v ss in order to enable the device to fetch code from external program memory locations 0000h to 0ffffh. note, however, that if either of the program lock bits are programmed, ea will be internally latched on reset. ea should be strapped to v cc for internal program executions. this pin also receives the programming supply volt- age (v pp ) during eprom programming. xtal1: input to the inverting oscillator amplifier. xtal2: output from the inverting oscillator amplifier. oscillator characteristics xtal1 and xtal2 are the input and output, respec- tively, of an inverting amplifier which can be config- ured for use as an on-chip oscillator, as shown in figure 4. either a quartz crystal or ceramic resonator may be used. more detailed information concerning the use of the on-chip oscillator is available in appli- cation note ap-155, ``oscillators for microcontrol- lers'', and in application note ap-486, ``oscillator design for microcontrollers''. 5
automotive 87c51fa/fb/fc/fc-20 to drive the device from an external clock source, xtal1 should be driven, while xtal2 floats, as shown in figure 5. there are no requirements on the duty cycle of the external clock signal, since the in- put to the internal clocking circuitry is through a di- vide-by-two flip-flop, but minimum and maximum high and low times specified on the data sheet must be observed. an external oscillator may encounter as much as 100 pf load at xtal1 when it starts up. this is due to interaction between the amplifier and its feedback capacitance. once the external signal meets v il and v ih specifications the capacitance will not exceed 20 pf. 270961 5 c1, c2 e 30 pf g 10 pf for crystals for ceramic resonators, contact resonator manufac- turer. figure 4. oscillator connections 270961 6 figure 5. external clock drive configuration idle mode the user's software can invoke the idle mode. when the microcontroller is in this mode, power consump- tion is reduced. the special function registers and the onboard ram retain their values during idle, but the processor stops executing instructions. idle mode will be exited if the chip is reset or if an en- abled interrupt occurs. the pca timer/counter can optionally be left running or paused during idle mode. power down mode to save even more power, a power down mode can be invoked by software. in this mode, the oscillator is stopped and the instruction that invoked power down is the last instruction executed. the on-chip ram and special function registers retain their val- ues until the power down mode is terminated. on the 87c51fa/fb/fc either a hardware reset or external interrupt can cause an exit from power down. reset redefines all the sfrs but does not change the on-chip ram. an external interrupt al- lows both the sfrs and the on-chip ram to retain their values. to properly terminate power down the reset or ex- ternal interrupt should not be executed before v cc is restored to its normal operating level and must be held active long enough for the oscillator to restart and stabilize (normally less than 10 ms). with an external interrupt. int0 or int1 must be en- abled and configured as level-sensitive. holding the pin low restarts the oscillator (the oscillator must be allowed time to stabilize after start up, before this pin is released high) but bringing the pin back high com- pletes the exit. once the interrupt is serviced, the next instruction to be executed after reti will be the one following the instruction that put the device into power down. 6
automotive 87c51fa/fb/fc/fc-20 design consideration when the idle mode is terminated by a hardware reset, the device normally resumes program execu- tion, from where it left off, up to two machine cycles before the internal reset algorithm takes control. on- chip hardware inhibits access to internal ram in this event, but access to the port pins is not inhibited. to eliminate the possibility of an unexpected write when idle is terminated by reset, the instruction following the one that invokes idle should not be one that writes to a port pin or to external memory. once mode the once (``on-circuit emulation'') mode facilitates testing and debugging of systems using the 87c51fa/fb/fc without removing it from the cir- cuit. the once mode is invoked by: 1. pull ale low while the device is in reset and psen is high; 2. hold ale low as rst is deactivated. while the device is in once mode, the port 0 pins float, and the other port pins and ale and psen are weakly pulled high. the oscillator circuit remains ac- tive. while the 87c51fa/fb/fc is in this mode, an emulator or test cpu can be used to drive the circuit. normal operation is restored when a normal reset is applied. rfi reduction mode the rfi reduction feature can be used only if exter- nal program memory is not required since this mode disables the ale pin during instruction code fetches. by writing a logical one to the lsb of the auxiliary register (address 08eh), the ale is disabled for in- struction code fetches and the output is weakly held high. when a logical zero is written, the ale pin is enabled allowing it to generate the address latch enable signal. this bit is cleared by reset. once dis- abled, ale remains disabled until it is reset by soft- ware or until a hardware reset occurs. table 2. status of the external pins during idle and power down mode program ale psen port0 port1 port2 port3 memory idle internal 1 1 data data data data idle external 1 1 float data address data power down internal 0 0 data data data data power down external 0 0 float data data data note: for more detailed information on the reduced power modes refer to current embedded applications handbook, and applica- tion note ap-252, ``designing with the 80c51bh.'' 7
automotive 87c51fa/fb/fc/fc-20 absolute maximum ratings * ambient temperature under bias b 40 cto a 125 c storage temperature b 65 cto a 150 c voltage on ea/v pp pin to v ss 0v to a 13.0v voltage on any other pin to v ss b 0.5v to a 6.5v i ol per i/o pin 15 ma power dissipation1.5w (based on package heat transfer limitations, not device power consumption) typical junction temperature a 135 c (based on ambient temperature at a 125 c) typical thermal resistance junction-to-ambient ( i ja ): pdip 45 c/w plcc 46 c/w notice: this data sheet contains information on products in the sampling and initial production phases of development. the specifications are subject to change without notice. verify with your local intel sales office that you have the latest data sheet be- fore finalizing a design. * warning: stressing the device beyond the ``absolute maximum ratings'' may cause permanent damage. these are stress ratings only. operation beyond the ``operating conditions'' is not recommended and ex- tended exposure beyond the ``operating conditions'' may affect device reliability. advanced informationecontact intel for design-in information dc characteristics: (t a eb 40 cto a 125 c; v cc e 5v g 20%; v ss e 0v) symbol parameter min typ max unit test conditions (note 4) v il input low voltage b 0.5 0.2 v cc b 0.1 v v il1 input low voltage ea 0 0.2 v cc b 0.3 v v ih input high voltage 0.2 v cc a 0.9 v cc a 0.5 v (except xtal1, rst, ea ) v ih1 input high voltage (xtal1, rst) 0.7 v cc v cc a 0.5 v v ol output low voltage (note 5) 0.3 v i ol e 100 m a (note 1) (ports 1, 2 and 3) 0.45 v i ol e 1.6 ma (note 1) 1.0 v i ol e 3.5 ma (note 1) v ol1 output low voltage (note 5) 0.3 v i ol e 200 m a (note 1) (port 0, ale, psen ) 0.45 v i ol e 3.2 ma (note 1) 1.0 v i ol e 7.0 ma (note 1) v oh output high voltage v cc b 0.3 v i oh eb 10 m a (ports 1, 2 and 3) v cc b 0.7 v i oh eb 30 m a v cc b 1.5 v i oh eb 60 m a v oh1 output high voltage v cc b 0.3 v i oh eb 200 m a (port 0 in external bus mode, v cc b 0.7 v i oh eb 3.2 ma ale, psen ) v cc b 1.5 v i oh eb 7.0 ma i il logical 0 input current b 75 m av in e 0.45v (ports 1, 2 and 3) i li1 input leakage current (port 0 ) g 10 m a 0.45v k v in k v cc i tl logical 1 to 0 transition current b 750 m av in e 2v (ports 1, 2 and 3) rrst rst pulldown resistor 40 225 k x cio pin capacitance 10 pf @ 1 mhz, 25 c i cc power supply current: (note 3) running at 16/20 mhz (figure 6) 26/28 35/40 ma idle mode at 16/20 mhz (figure 6) 5 12/14 ma power down mode 15 100 m a 8
automotive 87c51fa/fb/fc/fc-20 notes: 1. capacitive loading on ports 0 and 2 may cause noise pulses above 0.4v to be superimposed on the v ol s of ale and ports 1, 2 and 3. the noise is due to external bus capacitance discharging into the port 0 and port 2 pins when these pins change from 1 to 0. in applications where capacitive loading exceeds 100 pf, the noise pulses on these signals may exceed 0.8v. it may be desirable to qualify ale or other signals with schmitt triggers or cmos-level input logic. 2. capacitive loading on ports 0 and 2 cause the v oh on ale and psen to drop below the 0.9 v cc specification when the address lines are stabilizing. 3. see figures 6 9 for test conditions. minimum v cc for power down is 2v. 4. typicals are based on limited number of samples and are not guaranteed. the values listed are at room temperature and 5v. 5. under steady state (non-transient) conditions, i ol must be externally limited as follows: maximum i ol per port pin: 10ma maximum i ol per 8-bit porte port 0: 26 ma ports 1, 2 and 3: 15 ma maximum total i ol for all output pins: 71 ma if i ol exceeds the test condition, v ol may exceed the related specification. pins are not guaranteed to sink current greater than the listed test conditions. 270961 7 i cc max at other frequencies is given by: active mode i cc max e (1.25 c osc freq) a 15 idle mode i cc max e (0.5 c osc freq) a 4 where osc freq is in mhz, i cc is in ma. figure 6. i cc vs frequency all other pins disconnected 270961 8 tclch e tchcl e 5ns figure 7. i cc test condition, active mode all other pins disconnected 270961 9 tclch e tchcl e 5ns figure 8. i cc test condition idle mode all other pins disconnected 270961 10 figure 9. i cc test condition, power down mode. v cc e 2.0v to 5.5v. 270961 11 figure 10. clock signal waveform for i cc tests in active and idle modes. tclch e tchcl e 5 ns. 9
automotive 87c51fa/fb/fc/fc-20 explanation of the ac symbols each timing symbol has 5 characters. the first char- acter is always a `t' (stands for time). the other characters, depending on their positions, stand for the name of a signal or the logical status of that signal. the following is a list of all the characters and what they stand for. a: address c: clock d: input data h: logic level high i: instruction (program memory contents) l: logic level low, or ale p: psen q: output data r: rd signal t: time v: valid w: wr signal x: no longer a valid logic level z: float for example, t avll e time from address valid to ale low t llpl e time from ale low to psen low ac characteristics (t a eb 40 cto a 125 c, v cc e 5v g 20%, v ss e 0v, load capacitance for port 0, ale/prog and psen e 100 pf, load capacitance for all other outputs e 80 pf) advanced informationecontact intel for design-in information external program memory characteristics symbol parameter 12 mhz variable oscillator units oscillator min max 87c51fa/fb/fc / 87C51FC-20 min max 1/t clcl oscillator frequency 3.5 16/20 mhz t lhll ale pulse width 127 2t clcl b 40 ns t avll address valid to ale low 43 t clcl b 40 ns t llax address hold after ale low 53 t clcl b 30 ns t lliv ale low to valid 234 4t clcl b 100/ ns instruction in 4t clcl b 75 * t llpl ale low to psen low 53 t clcl b 30 ns t plph psen pulse width 205 3t clcl b 45 ns t pliv psen low to valid 145 3t clcl b 105/ ns instruction in 3t clcl b 90 * t pxix input inst. hold after 0 0 ns psen trans t pxiz input inst. float after 59 t clcl b 25/ ns psen trans t clcl b 20 * t aviv address valid to valid 312 5t clcl b 105 ns instruction in t plaz psen low to address 10 10 ns float t rlrh rd pulse width 400 6t clcl b 100 ns t wlwh wr pulse width 400 6t clcl b 100 ns 10
automotive 87c51fa/fb/fc/fc-20 ac characteristics (t a eb 40 cto a 125 c, v cc e 5v g 20%, v ss e 0v, load capaci- tance for port 0, ale/prog and psen e 100 pf, load capacitance for all other outputs e 80 pf) (continued) advanced informationecontact intel for design-in information external program memory characteristics (continued) symbol parameter 12 mhz variable oscillator units oscillator min max 87c51fa/fb/fc / 87C51FC-20 min max t rldv rd low to valid data in 252 5t clcl b 165/ ns 5t clcl b 95 * t rhdx data hold after rd high 0 0 ns t rhdz data float after rd high 107 2t clcl b 60 ns t lldv ale low to valid data in 517 8t clcl b 150/ ns 8t clcl b 90 * t avdv address valid to valid data in 585 9t clcl b 165/ ns 9t clcl b 90 * t llwl ale low to rd or wr low 200 300 3t clcl b 50 3t clcl a 50 ns t avwl address valid to wr low 203 4t clcl b 130/ ns 4t clcl b 90 * t qvwx data valid before wr low 33 t clcl b 50/ ns t clcl b 35 * t whqx data hold after wr high 33 t clcl b 50/ ns t clcl b 40 * t qvwh data valid to wr high 433 7t clcl b 150/ ns 7t clcl b 70 * t rlaz rd low to address float 0 0 ns t whlh rd or wr high to ale high 43 123 t clcl b 40 t clcl a 40 ns note: * timings specified for the 87C51FC-20 are valid at 20 mhz only. for timing information below 20 mhz, use the 87c51fa/ fb/fc timings. 11
automotive 87c51fa/fb/fc/fc-20 external program memory read cycle 270961 12 external data memory read cycle 270961 13 external data memory write cycle 270961 14 12
automotive 87c51fa/fb/fc/fc-20 serial port timingeshift register mode test conditions: t a eb 40 cto a 125 c; v cc e 5v g 20%; v ss e 0v; load capacitance e 80 pf symbol parameter 12 mhz oscillator variable oscillator units min max min max t xlxl serial port clock cycle time 1 12t clcl m s t qvxh output data setup to clock 700 10t clcl b 133 ns rising edge t xhqx output data hold after 50 2t clcl b 117 ns clock rising edge t xhdx input data hold after clock 0 0 ns rising edge t xhdv clock rising edge to input 700 10t clcl b 133 ns data valid shift register mode timing waveforms 270961 15 external clock drive symbol parameter min max units 1/t clcl oscillator frequency 3.5 16/20 mhz 87c51fa/fb/fc t chcx high time 20 ns t clcx low time 20 ns t clch rise time 20 ns t chcl fall time 20 ns external clock drive waveforms 270961 16 13
automotive 87c51fa/fb/fc/fc-20 ac testing input, output waveforms 270961 17 ac inputs during testing are driven at v cc b 0.5v for a logic ``1'' and 0.45v for a logic ``0''. timing measurements are made at v ih min for a logic ``1'' and v il max for a logic ``0''. float waveforms 270961 18 for timing purposes a port pin is no longer floating when a 100 mv change from load voltage occurs, and begins to float when a 100 mv change from the loaded v oh /v ol level occurs. i ol /i oh t g 20 ma. table 3. eprom programming modes mode rst psen ale/ ea / p2.6 p2.7 p3.3 p3.6 p3.7 prog v pp program code data h l ? 12.75v l h h h h verify code data h l h h l l l h h program encryption h l ? 12.75v l h h l h array address 0 3fh program lock bit 1 h l ? 12.75v h h h h h bits bit 2 h l ? 12.75v h h h l l bit 3 h l ? 12.75v h l h h l read signature byte h l h h l l l l l definition of terms (eprom programming) address lines: p1.0 p1.7, p2.0 p2.5, p3.4 p3.5 respectively for a0 a13. data lines: p0.0 p0.7 for d0 d7. control signals: rst, psen , p2.6, p2.7, p3.3, p3.6, p3.7 program signals: ale/prog ,ea /v pp programming the eprom the part must be running wit h a 4 mhz to 6 mhz oscillator. the address of an eprom location to be programmed is applied to address lines while the code byte to be programmed in that location is ap- plied to data lines. control and program signals must be held at the levels indicated in table 3. normally ea /v pp is held at logic high until just before ale/ prog is to be pulsed. the ea /v pp is raised to v pp , ale/prog is pulsed low and then ea /v pp is re- turned to a high (also refer to timing diagrams). note: exceeding the v pp maximum for any amount of time could damage the device permanently. the v pp source must be well regulated and free of glitches. 14
automotive 87c51fa/fb/fc/fc-20 270961 19 * see table 2 for proper input on these pins figure 11. programming the eprom programming algorithm refer to table 3 and figures 11 and 12 for address, data, and control signals set up. to program the 87c51fa/fb/fc the following sequence must be exercised. 1. input the valid address on the address lines. 2. input the appropriate data byte on the data lines. 3. activate the correct combination of control sig- nals. 4. raise ea /v pp from v cc to 12.75v g 0.25v. 5. pulse ale/prog 5 times for the eprom array, and 25 times for the encryption table and the lock bits. repeat 1 through 5 changing the address and data for the entire array or until the end of the object file is reached. program verify program verify may be done after each byte or block of bytes is programmed. in either case a complete verify of the programmed array will ensure reliable programming of the 87c51fa/fb/fc. the lock bits cannot be directly verified. verification of the lock bits is done by observing that their fea- tures are enabled. refer to the eprom program lock section in this data sheet. 270961 20 5 pulses figure 12. programming signal's waveforms 15
automotive 87c51fa/fb/fc/fc-20 eprom program lock the 87c51fa/fb/fc program lock system, when programmed, protects the onboard program against software piracy. the 87c51fa/fb/fc has a 3-level program lock system and a 64-byte encryption array. since this is an eprom device, all locations are user program- mable. see table 4. program lock bits the 87c51fa/fb/fc has 3 programmable lock bits that when programmed according to table 4 will provide different levels of protection for the on-chip code and data. erasing the eprom also erases the encryption ar- ray and the program lock bits, returning the part to full functionality. encryption array within the eprom array are 64 bytes of encryption array that are initially unprogrammed (all 1's). every time that a byte is addressed during a verify, 6 ad- dress lines are used to select a byte of the encryp- tion array. this byte is then exclusive-nor'ed (xnor) with the code byte, creating an encryption verify byte. the algorithm, with the array in the un- programmed state (all 1's), will return the code in it's original, unmodified form. for programming the en- cryption array, refer to table 3 (eprom program- ming mode). reading the signature bytes the 87c51fa/fb/fc has 3 signature bytes in loca- tions 30h, 31h and 60h. to read these bytes follow the procedure for eprom verify, but activate the control lines provided in table 3 for read signature byte. location: 30h e 89h 31h e 58h 60h e fbh (for an fb part) 60h e fch (for an fc part) table 4. program lock bits and the features program lock bits protection type lb1 lb2 lb3 1 u u u no program lock features enabled. (code verify will still be encrypted by the encryption array if programmed.) 2 p u u movc instructions executed from external program memory are disabled from fetching code bytes from internal memory, ea is sampled and latched on reset, and further programming of the eprom is disabled. 3 p p u same as 2, also verify is disabled. 4 p p p same as 3, also external execution is disabled. any other combination of the lock bits is not defined. 16
automotive 87c51fa/fb/fc/fc-20 eprom programming and verification characteristics (t a e 21 cto27 c; v cc e 5v g 20%; v ss e 0v) advanced informationecontact intel for design-in information symbol parameter min max units v pp programming supply voltage 12.5 13.0 v i pp programming supply current 75 ma 1/t clcl oscillator frequency 4 6 mhz t avgl address setup to prog low 48t clcl t ghax address hold after prog 48t clcl t dvgl data setup to prog low 48t clcl t ghdx data hold after prog 48t clcl t ehsh (enable) high to v pp 48t clcl t shgl v pp setup to prog low 10 m s t ghsl v pp hold after prog 10 m s t glgh prog width 90 110 m s t avqv address to data valid 48t clcl t elqv enable low to data valid 48t clcl t ehqz data float after enable 0 48t clcl t ghgl prog high to prog low 10 m s eprom programming and verification waveforms 270961 21 17
automotive 87c51fa/fb/fc/fc-20 data sheet revision history the following are key differences between this data sheet and the -002 revision of the data sheet: 1. the data sheet has been revised from the 87c51fb/87c51fc to the 87c51fa/87c51fb/87c51fc/ 87C51FC-20 and includes the 20 mhz 87c51fc. 2. rst pin in figure 3 has been changed to reset pin. 3. reference to application note ap-486 was added on page 5. 4. the i cc specification has been corrected in the d.c. characteristics section. 5. the 20 mhz i cc max values have been added. 6. 20 mhz 87c51fc timings information were added to the external program memory characteristics table. data sheet revision history the following are key differences between this data sheet and the -001 version of the data sheet: 1. ``nc'' pin labels changed to ``reserved'' in figure 3. 2. capacitor value for ceramic resonators deleted in figure 4. 3. replaced a0 a15 with p1.0 p1.7, p2.0 p2.5 (eprom programming and verification waveforms). 4. replaced d0 d7 with p0 (eprom programming and verification waveforms). 5. combined the 87c51fb and 87c51fc data sheets. the following are the key differences between the previous 87c51fb data sheet versions and this new data sheet (rev-001): 1. the data sheet has been revised from a 83c51fb/87c51fb to an 87c51fb data sheet only. 2. the data sheet has been revised to specify ac and dc parameters to v cc e 5v g 20% instead of v cc e 5v g 10%. 3. the 87c51fb is now offered in a 3.5 mhz 20 mhz version. 4. the rst description has been modified to clarify the reset operation when the oscillator is not running. 5. figure 4 (oscillator connections) has been changed for ceramic resonators. 6. a description of rfi reduction mode has been added. 7. v oh1 ,i il ,i tl and i cc dc characteristics have been revised. 8. note 1 of the dc characteristics has been clarified. 9. the external clock drive diagram has been modified to include 16 mhz and 20 mhz device types. 10. the float waveforms diagram has been revised for greater clarity. 11. table 4, eprom programming modes, has been modified, included logic levels for p3.3 and three pro- gram lock bits. 12. the encryption array section now states that six address lines are used to select a byte from the encryp- tion array instead of five. 13. the i pp specification in the eprom programming and verification characteristics has been increased to 75 ma. 18


▲Up To Search▲   

 
Price & Availability of 87C51FC-20

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X