Part Number Hot Search : 
M68SD HCF4538 625ETT DTC123Y LG12864 ENC680D AN6884 L6925D04
Product Description
Full Text Search
 

To Download 70430-0441 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 05/18/2010 please check www.molex.com for latest part information part number: 0015474226 status: active overview: cgrid__sl_products description: 2.54mm (.100") c-grid sl? single row, female, version d receptacle, 22 circuits documents: 3d model product specification ps-70430 (pdf) drawing (pdf) rohs certificate of compliance (pdf) agency certification csa lr19880 ul e29179 general product family ffc/fpc connectors series 70430 comments stackable back-to-back overview cgrid__sl_products product name sl? physical circuits (loaded) 22 color - resin black contact position n/a durability (mating cycles max) 50 entry angle vertical flammability 94v-0 material - metal phosphor bronze material - plating mating gold material - plating termination tin material - resin polyester alloy number of rows 1 orientation vertical pcb retention none packaging type tube pitch - mating interface (in) 0.100 in pitch - mating interface (mm) 2.54 mm plating min: mating (in) 30 plating min: mating (m) 0.75 plating min: termination (in) 75 plating min: termination (m) 1.875 polarized to pcb no stackable yes temperature range - operating -40c to +105c termination interface: style idt or pierce wire/cable type ffc/fpc electrical current - maximum per contact 1a, 2a voltage - maximum 250v material info reference - drawing numbers product specification ps-70430 sales drawing sda-70430-0421-0444 series image - reference only eu rohs china rohs elv and rohs compliant reach svhc not reviewed halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 70430 series mates with 70004 interim clip, 70013 interim clip
this document was generated on 05/18/2010 please check www.molex.com for latest part information


▲Up To Search▲   

 
Price & Availability of 70430-0441

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X