Part Number Hot Search : 
FR420 AM29LV AD746J 10209 R5983P MAX9220 C2688 12A15
Product Description
Full Text Search
 

To Download 1514 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  151 4 doc #97023 data delay devices, inc. 1 2/5/97 3 mt. prospect ave. clifton, nj 07013 fixed sip delay line t d /t r = 5 (series 1514) features packages fast rise time for high frequency applications very narrow device (sip package) stackable for pc board economy low profile epoxy encapsulated meets or exceeds mil-d-23859c functional description the 1514-series device is a fixed, single-input, single-output, passive delay line. the signal input (in) is reproduced at the output (out), shifted by a time (t d ) given by the device dash number. the characteristic impedance of the line is given by the letter code that follows the dash number (see table). the rise time (t r ) of the line is 20% of t d , and the 3db bandwidth is given by 1.75 / t d . series specifications dielectric breakdown: 50 vdc distortion @ output: 10% max. operating temperature: -55 c to +125 c storage temperature: -55 c to +125 c temperature coefficient: 100 ppm/ c dash number specifications part number delay ( ns) rise time ( ns) impedance ( w w ) 1514-2.5a 2.5 1.0 1.0 50 1514-5a 5.0 1.0 1.0 50 1514-10a 10.0 1.0 2.0 50 1514-15a 15.0 1.0 3.0 50 1514-20a 20.0 1.0 4.0 50 1514-25a 25.0 1.3 5.0 50 1514-30a 30.0 1.5 6.0 50 1514-40a 40.0 2.0 8.0 50 1514-50a 50.0 2.5 10.0 50 1514-60a 60.0 3.0 12.0 50 1514-80a 80.0 4.0 16.0 50 1514-100a 100 5.0 20.0 50 1514-3.5y 3.5 1.0 1.0 75 1514-7.5y 7.5 1.0 1.5 75 1514-15y 15.0 1.0 3.0 75 1514-22.5y 22.5 1.2 4.5 75 1514-30y 30.0 1.5 6.0 75 1514-37.5y 37.5 1.9 7.5 75 1514-45y 45.0 2.3 9.0 75 1514-60y 60.0 3.0 12.0 75 1514-75y 75.0 3.8 15.0 75 1514-90y 90.0 4.5 18.0 75 1514-105y 105 5.3 21.0 75 1514-120y 120 6.0 24.0 75 1514-135y 135 6.8 27.0 75 1514-150y 150 7.5 30.0 75 1997 data delay devices data delay devices, inc. 3 2 6 7 1 gnd in out gnd 1514-xxz xx = delay (t d ) z = impedance code pin descriptions in signal input out signal output gnd ground functional diagram gnd in gnd out dash number specifications part number delay ( ns) rise time ( ns) impedance ( w w ) 1514-5b 5.0 1.0 1.0 100 1514-10b 10.0 1.0 2.0 100 1514-20b 20.0 1.0 4.0 100 1514-30b 30.0 1.5 6.0 100 1514-40b 40.0 2.0 8.0 100 1514-50b 50.0 2.5 10.0 100 1514-60b 60.0 3.0 12.0 100 1514-80b 80.0 4.0 16.0 100 1514-100b 100 5.0 20.0 100 1514-120b 120 6.0 24.0 100 1514-140b 140 7.0 28.0 100 1514-150b 150 7.5 30.0 100 1514-50d 50.0 2.5 10.0 250 1514-70d 70.0 3.5 14.0 250 1514-120d 120 6.0 24.0 250 1514-130d 130 6.5 26.0 250 1514-150d 150 7.5 30.0 250 1514-170d 170 8.5 34.0 250 1514-270d 270 13.5 54.0 250 1514-70e 70.0 3.5 14.0 300 1514-140e 140 7.0 28.0 300 1514-45g 45.0 2.3 9.0 500 1514-50g 50.0 2.5 10.0 500 1514-80g 80.0 4.0 16.0 500 1514-100g 100 5.0 20.0 500 1514-190g 190 9.5 38.0 500
1514 doc #97023 data delay devices, inc. 2 2/5/97 tel: 973-773-2299 fax: 973-773-9672 http://www.datadelay.com .280 max. .100 min. .810 max. 1 2 6 7 .210 max. .020 typ. .020 typ. .600 typ. .100 typ. .010 typ. package dimensions passive delay line test specifications test conditions input: output: ambient temperature: 25 o c 3 o c r load : 10m w input pulse: high = 3.0v typical c load : 10pf low = 0.0v typical threshold: 50% (rising & falling) source impedance: 50 w max. rise/fall time: 3.0 ns max. (measured at 10% and 90% levels) pulse width (td <= 75ns): pw in = 100ns period (td <= 75ns): per in = 1000ns pulse width (td > 75ns): pw in = 2 x t d period (td > 75ns): per in = 10 x t d note: the above conditions are for test only and do not in any way restrict the ope ration of the device. timing diagram for testing t rise t fall per in pw in t rise t fall 10% 10% 50% 50% 90% 90% 50% 50% v ih v il v oh v ol input signal output signal t rise t fall 10% 10% 90% 90% in out out trig in trig test setup device under test (dut) oscilloscope pulse generator 50 w r out r in r in = r out = z line


▲Up To Search▲   

 
Price & Availability of 1514

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X