Part Number Hot Search : 
M51V1 1530AT FDB15N50 60005 PJ1916 K3264 VNH2SP B1240
Product Description
Full Text Search
 

To Download 10-05-1047 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 06/07/2010 please check www.molex.com for latest part information part number: 0010051047 status: active overview: kk description: 5.08mm (.200") pitch pc board connector, top entry, 4 circuits documents: 3d model product specification ps-2767-012 (pdf) drawing (pdf) rohs certificate of compliance (pdf) product specification ps-2767-004 (pdf) agency certification csa lr19980 ul e29179 general product family pcb receptacles series 2767 application board-to-board overview kk product name kk? physical circuits (loaded) 4 flammability 94v-2 glow-wire compliant no material - metal brass material - plating mating tin-lead material - plating termination tin number of rows 1 orientation vertical pc tail length (in) 0.126 in pc tail length (mm) 3.20 mm pcb locator no pcb retention none pcb thickness recommended (in) 0.062 in pcb thickness recommended (mm) 1.60 mm packaging type bag pitch - mating interface (in) 0.200 in pitch - mating interface (mm) 5.08 mm plating min: mating (in) 35 plating min: mating (m) 0.88 plating min: termination (in) 35 plating min: termination (m) 0.88 polarized to pcb no temperature range - operating -40c to +105c termination interface: style through hole electrical current - maximum per contact 7a voltage - maximum 250v material info old part number 2767-4ch reference - drawing numbers product specification ps-2767-004, ps-2767-012 sales drawing sd-2767-004 series image - reference only eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 2767 series mates with 5279na
this document was generated on 06/07/2010 please check www.molex.com for latest part information


▲Up To Search▲   

 
Price & Availability of 10-05-1047

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X