Part Number Hot Search : 
9248DF AP9980J 36430 RF5112 SF5G49 SAD571 2NF08 EL2142CN
Product Description
Full Text Search
 

To Download VO4154H-X006 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 VO4154, VO4156
Vishay Semiconductors
Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
FEATURES
A1 C2 NC 3
i179030_4 21842-1
6 MT2 5 NC ZCC* 4 MT1
V DE
* High static dV/dt 5 kV/s * High input sensitivity IFT = 1.6 mA, 2 mA, and 3 mA * 300 mA on-state current * Zero voltage crossing detector * 400 V, and 600 V blocking voltage * Isolation test voltage 5300 VRMS * Compliant to RoHS Directive 2002/95/EC
*Zero crossing circuit
DESCRIPTION
The VO4154 and VO4156 consists of a GaAs IRLED optically coupled to a photosensitive zero crossing TRIAC packaged in a DIP-6 package. High input sensitivity is achieved by using an emitter follower phototransistor and a cascaded SCR predriver resulting in an LED trigger current of 1.6 mA for bin D, 2 mA for bin H, and 3 mA for bin M. The new phototriac zero crossing family uses a proprietary dV/dt clamp resulting in a static dV/dt of greater than 5 kV/s. The VO4154 and VO4156 isolates low-voltage logic from 120 VAC, 240 VAC, and 380 VAC lines to control resistive, inductive, or capacitive loads including motors, solenoids, high current thyristors or TRIAC and relays.
APPLICATIONS
* Solid-state relays * Industrial controls * Office equipment * Consumer appliances
AGENCY APPROVALS
* UL1577, file no. E52744 system code H or J, double protection * cUL - file no. E52744, equivalent to CSA bulletin 5A * DIN EN 60747-5-5 (VDE 0884) available with option 1
ORDERING INFORMATION
DIP-6 Option 6
V
O
4
1
5
#
X
-
X
0
0
#
T TAPE AND REEL
PART NUMBER
PACKAGE OPTION
7.62 mm Option 7
10.16 mm
> 0.7 mm
AGENCY CERTIFIED/ PACKAGE UL, cUL DIP-6 DIP-6, 400 mil, option 6 SMD-6 1.6 VO4154D VO4154D-X006 VO4154D-X007T
VDRM 400 TRIGGER CURRENT, IFT (mA) 2 VO4154H VO4154H-X006 VO4154H-X007T 3 VO4154M VO4154M-X006 VO4154M-X007T 1.6 VO4156D VO4156D-X006 VO4156D-X007T
VDRM 600 2 VO4156H VO4156H-X006 VO4156H-X007T 3 VO4156M VO4156M-X006 VO4156M-X007T
Document Number: 84797 Rev. 1.5, 20-Oct-10
For technical questions, contact: optocoupleranswers@vishay.com
www.vishay.com 1
VO4154, VO4156
Vishay Semiconductors
Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
(1)
ABSOLUTE MAXIMUM RATINGS
PARAMETER INPUT Reverse voltage Forward current Surge current Power dissipation Derate from 25 C OUTPUT Peak off-state voltage RMS on-state current Total power dissipation Derate from 25 C COUPLER Isolation test voltage (between emitter and detector, climate per DIN 500414, part 2, Nov. 74) Storage temperature range Ambient temperature range Soldering temperature
(Tamb = 25 C, unless otherwise specified)
PART SYMBOL VR IF IFSM Pdiss VALUE 6 60 2.5 100 1.33 VO4154D/H/M VO4156D/H/M VDRM VDRM ITM Pdiss 400 600 300 500 6.6 UNIT V mA A mW mW/C V V mA mW mW/C
TEST CONDITION
t = 1 min
VISO Tstg Tamb
5300 - 55 to + 150 - 55 to + 100 260
VRMS C C C
max. 10 s dip soldering 0.5 mm from case bottom
Tsld
Note (1) Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. Functional operation of the device is not implied at these or any other conditions in excess of those given in the operational sections of this document. Exposure to absolute maximum ratings for extended periods of the time can adversely affect reliability.
350 300
IL - Load Current (mA)
250 IF = 3 mA to 10 mA 200 150 100 50 0 - 40 - 20
0
20
40
60
80
100
19623
Tamb - Temperature (C)
Fig. 1 - Recommended Operating Condition
www.vishay.com 2
For technical questions, contact: optocoupleranswers@vishay.com
Document Number: 84797 Rev. 1.5, 20-Oct-10
VO4154, VO4156
Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
THERMAL CHARACTERISTICS
PARAMETER LED power dissipation Output power dissipation Maximum LED junction temperature Maximum output die junction temperature Thermal resistance, junction emitter to board Thermal resistance, junction emitter to case Thermal resistance, junction detector to board Thermal resistance, junction detector to case Thermal resistance, junction emitter to junction detector Thermal resistance, case to ambient SYMBOL Pdiss Pdiss Tjmax. Tjmax. JEB JEC JDB JDC JED CA VALUE 100 500 125 125 150 139 78 103 496 3563 UNIT mW mW C C C/W C/W C/W C/W C/W
19996
Vishay Semiconductors
TA
CA TC DC TJD DE Package EC TJE
DB TB BA
EB
C/W
TA
Note * The thermal characteristics table above were measured at 25 C and the thermal model is represented in the thermal network below. Each resistance value given in this model can be used to calculate the temperatures at each node for a given operating condition. The thermal resistance from board to ambient will be dependent on the type of PCB, layout and thickness of copper traces. For a detailed explanation of the thermal model, please reference Vishay's Thermal Characteristics of Optocouplers application note.
ELECTRICAL CHARACTERISTCS (Tamb = 25 C, unless otherwise specified)
PARAMETER INPUT Forward voltage Reverse current Input capacitance OUTPUT Repetitive peak off-state voltage Off-state current On-state voltage On-state current Off-state current in inhibit state Holding current Zero cross inhibit voltage Critical rate of rise of off-state voltage Critical rate of rise of on-state COUPLER VO4154D VO4154H LED trigger current, current required to latch output VD = 3 V VO4154M VO4156D VO4156H VO4156M Common mode coupling capacitance Capacitance (input to output) f = 1 MHz, VIO = 0 V IFT IFT IFT IFT IFT IFT CCM CIO 0.01 0.8 1.6 2 3 1.6 2 3 mA mA mA mA mA mA pF pF IF = rated IFT VD = 0.67 VDRM, TJ = 25 C IDRM = 100 A VD = VDRM, IF = 0 A IT = 300 mA PF = 1, VT(RMS) = 1.7 V IF = 2 mA, VDRM VO4154D/H/M VO4156D/H/M VDRM VDRM IDRM VTM ITM IDINH IH VIH dV/dtcr dV/dtcr 5000 8 400 600 100 3 300 200 500 20 V V A V mA A A V V/s A/s IF = 10 mA VR = 6 V VF = 0 V, f = 1 MHz VF IR CI 1.2 0.1 25 1.4 10 V A pF TEST CONDITION PART SYMBOL MIN. TYP. MAX. UNIT
Note * Minimum and maximum values were tested requierements. Typical values are characteristics of the device and are the result of engineering evaluations. Typical values are for information only and are not part of the testing requirements. Document Number: 84797 Rev. 1.5, 20-Oct-10 For technical questions, contact: optocoupleranswers@vishay.com www.vishay.com 3
VO4154, VO4156
Vishay Semiconductors
Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
SAFETY AND INSULATION RATINGS
PARAMETER Climatic classification (according to IEC68 part 1) Pollution degree (DIN VDE 0109) Comparative tracking index per DIN IEC112/VDE 0303 part 1, group IIIa per DIN VDE 6110 175 399 VIOTM VIORM PSO ISI TSI Creepage distance Crearance distance VIOTM VIORM PSO ISI TSI 7 7 175 8000 890 500 250 175 TEST CONDITION SYMBOL MIN. TYP. 55/100/21 2 399 V V mW mA C mm mm MAX. UNIT
TYPICAL CHARACTERISTICS (Tamb = 25 C, unless otherwise specified)
10 000
1.5
IDRM - Leakage Current (nA)
1.3
1000
VF (V)
1.1 0 C 25 C 50 C
100 IRDM at 630 V 10
0.9
0.7 0.1
19660
1 1.0 10.0 100.0
20008
0
20
40
60
80
100
IF (mA)
TA - Ambient Temperature (C)
Fig. 2 - Diode Forward Voltage vs. Forward Current
Fig. 4 - Leakage Current vs. Ambient Temperature
42 40
1000
ITM - On-State Current (mA)
100 0 C 10 25 C 85 C 1 1.0 1.5 2.0 2.5 IF = 2 mA 3.0 3.5
VR (V)
38 36
34 IR = 10 A 32 - 60 - 40 - 20
19662
0
20
40
60
80 100
19685
Temperature (C)
VTM - On-State Voltage (V)
Fig. 3 - Diode Reverse Voltage vs. Temperature
Fig. 5 - On-State Current vs. On-State Voltage
www.vishay.com 4
For technical questions, contact: optocoupleranswers@vishay.com
Document Number: 84797 Rev. 1.5, 20-Oct-10
VO4154, VO4156
Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
Vishay Semiconductors
5000
1.4 85 C 1.2 25 C 0 C Normalized IH at 25 C
Output Leakage current (nA)
4500 4000 3500 3000 2500 2000 1500 1000 500 0 0 200 400 600
Normalized IH
800
1.0 0.8 0.6 0.4 0.2 0.0 - 60 - 40 - 20
0
20
40
60
80 100
20009
Voltage (V)
Fig. 6 - Output Off Current (Leakage) vs. Voltage
20011
Temperature (C)
Fig. 9 - Normalized Holding Current vs. Temperature
1.8
22 20
IFT - Trigger Current (mA)
1.6 1.4
18 16 14 12 10 8 6 4 2 0 10 20 - 40 C 25 C 30 40 50 60 70 85 C 100 C
Normalized IFT
1.2 1.0 0.8 0.6 0.4 0.2 0.0 - 60 - 40 - 20 0 20 Normalized IFT at 25 C 40 60 80 100
19666
Temperature (C)
20012
Trigger Pulse Width (s)
Fig. 10 - IFT vs. LED Pulse Width
Fig. 7 - Normalized Trigger Input Current vs. Temperature
3.5 3.0 2.5
IFT - (mA)
2.0 1.5 1.0 0.5 0.0 10 100 1000
20010
Turn-On Time (s)
Fig. 8 - IFT (mA) vs. Turn-On Time (s)
Document Number: 84797 Rev. 1.5, 20-Oct-10
For technical questions, contact: optocoupleranswers@vishay.com
www.vishay.com 5
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of VO4154H-X006

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X