Part Number Hot Search : 
HD74H DMP6101A CR6727A RD16MW DS2004 ULN206 SDA9388X 8X931AA
Product Description
Full Text Search
 

To Download VESD1-S5-D12-SIP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 rev. page date 1 of 3
12/2010
PART NUMBER: VESD1-SIP
DESCRIPTION: dc-dc converter
description
Designed to convert fixed voltages into an isolated voltage, the VESD1-SIP series is well suited for providing board-mount local supplies in a wide range of applications, including mixed analog/digital circuits, test & measurement equip., process/machine controls, datacom/telecom fields, etc... The semi-regulated output can be followed by 3-terminal regulators to provide output protection, in addition to output regulation.
features *isolated 1
W output *temperature range: -40C~+85C *unregulated *high efficiency to 80% *dual voltage output *small footprint *SIP package style *industry standard pinout *UL94-V0 package *no heatsink required *3K Vdc isolation *power density 0.85 W/cm *no external component required *low cost
MODEL
VESD1-S5-D5-SIP VESD1-S5-D9-SIP VESD1-S5-D12-SIP VESD1-S5-D15-SIP VESD1-S12-D5-SIP VESD1-S12-D9-SIP VESD1-S12-D12-SIP VESD1-S12-D15-SIP VESD1-S15-D5-SIP VESD1-S15-D9-SIP VESD1-S15-D12-SIP VESD1-S15-D15-SIP VESD1-S24-D5-SIP VESD1-S24-D9-SIP VESD1-S24-D12-SIP VESD1-S24-D15-SIP
Input Voltage Nominal Range 5 Vdc 4.5~5.5 Vdc 5 Vdc 4.5~5.5 Vdc 5 Vdc 4.5~5.5 Vdc 5 Vdc 4.5~5.5 Vdc 12 Vdc 10.8~13.2 Vdc 12 Vdc 10.8~13.2 Vdc 12 Vdc 10.8~13.2 Vdc 12 Vdc 10.8~13.2 Vdc 15 Vdc 13.5~16.5 Vdc 15 Vdc 13.5~16.5 Vdc 15 Vdc 13.5~16.5 Vdc 15 Vdc 13.5~16.5 Vdc 24 Vdc 21.6~26.4 Vdc 24 Vdc 21.6~26.4 Vdc 24 Vdc 21.6~26.4 Vdc 24 Vdc 21.6~26.4 Vdc
Output Voltage 5 Vdc 9 Vdc 12 Vdc 15 Vdc 5 Vdc 9 Vdc 12 Vdc 15 Vdc 5 Vdc 9 Vdc 12 Vdc 15 Vdc 5 Vdc 9 Vdc 12 Vdc 15 Vdc
Output Current Package Max. Min. Efficiency Style UL60950 100 mA 10 mA 72% SIP YES 56 mA 6 mA 75% SIP YES 42 mA 5 mA 78% SIP YES 33 mA 4 mA 79% SIP YES 100 mA 10 mA 74% SIP YES 56 mA 6 mA 76% SIP YES 42 mA 5 mA 79% SIP YES 33 mA 4 mA 80% SIP YES 100 mA 10 mA 74% SIP NO 56 mA 6A 75% SIP NO 42 mA 5 mA 79% SIP NO 33 mA 4 mA 79% SIP NO 100 mA 10 mA 74% SIP YES 56 mA 6 mA 76% SIP YES 42 mA 5 mA 80% SIP YES 33 mA 4 mA 81% SIP YES
20050 SW 112th Ave. Tualatin, Oregon 97062 phone 503.612.2300 fax 503.612.2383
www.v-infinity.com
rev. page date 2 of 3
12/2010
PART NUMBER: VESD1-SIP
DESCRIPTION: dc-dc converter
OUTPUT
item output power line regulation load regulation output voltage accuracy temperature drift output ripple switching frequency test conditions for Vin change of 1% 10% to 100% full load see tolerance envelope graph @ 100% load 20 MHz bandwidth full load, nominal input min. 0.1 typ. max. 1 1.2 15 0.03 150 125 units W % % %/C mVp-p KHz
10
83
100 100
GENERAL
short circuit protection <1 second temperature rise at full load 25C Max, 15C typ. cooling free air convection operating temperature range -40C to +85C storage temperature range -55C to +125C soldering temperature 300C (1.5mm from case for 10 sec.) storage humidity range <95% case material plastic (UL94-V0) safety 2 approved to UL60950 (E222736) MTBF >3,500,000 hrs. burn-in full load at +85C, for 4 hours at no-load and 4 hours at full load.
ISOLATION SPECIFICATIONS
item isolation voltage insulation resistance NOTE: test conditions tested for 1 min. test at 500 Vdc min. 3000 1000 typ. max units Vdc M
1. All specifications measured at TA=25C, humidity <75%, nominal input voltage and rated output load unless otherwise specified. 2. See table on page 1 for available models
DIMENSIONS (mm)
TYPICAL CHARACTERISTICS
Side View
19.60
2.54
Layout
1.00 0 + 0.15/-0
10.00 12 4.10 56 7
12
567
2.54
Bottom View
1.25 2.00 12 567 15.24 6.00
Pin Function
1 2 5 6 7 +Vin -Vin -Vout COM +Vout
: All Pins on a 2.54mm pitch; all pin diameters are 0.50mm; all dimensions in mm.
20050 SW 112th Ave. Tualatin, Oregon 97062 phone 503.612.2300 fax 503.612.2383
www.v-infinity.com
rev. page date 3 of 3
12/2010
PART NUMBER: VESD1-SIP
DESCRIPTION: dc-dc converter
APPLICATION NOTES:
- Input filtering To reduce the reflected ripple current and minimize EMI, especially when the converter input is more than 2" away from the DC source, it is recommended to connect a low ESR electrolytic capacitor between Vin and Gnd. The values suggested are as shown in Table 1. If additional filtering is required, the capacitance may be increased, or expanded to an LC network as shown in Figure 1.
- Minimum loading The converter needs a minimum of 10% loading to maintain output regulation. Operation under no-load conditions will not cause immediate damages but may reduce reliability, and cause performance not to meet specifications. - Regulation With a semi-regulated design, the converter's output voltage varies with load current and will change proportionally to the input voltage. If regulated output is needed, an external regulator can be used as shown in Figure 2.
TABLE 1
Input Voltage 5V 12 V 15 V 24 V External Input Capacitance 4.7 F 2.2 F 2.2 F 1.0 F
- Protection The converter has minimal protection against input overvoltage or output over-load, and may be permanently damaged if exposed to these conditions. An input clamping device can be used for input voltage limiting. An input fuse or an output fuse also be used to protect against over-loading. - Dual outputs used as a single output The +Vout and -Vout can be used to obtain a single output that is the sum of the two outputs. In this case, the COM pin
- Output filtering An output capacitor is needed to meet output ripple requirements as shown in Table 2.Output capacitance may be increased for additional filtering, but should not exeed 10F or expanded to an LC network as in Figure 1.
shouldn't be used. - External Regulator An external 3-terminal regulator can be connected to the output of the converter to achieve full regulation. Make sure the converter's output voltage provides sufficient head room for the regulator. An additional benefit is that the built-in protection features in the regulator, such as OCP, OTP, etc, will protect the converter also. In a complimentory supply, a negative output regulator must be used to achieve the negative regulated output.
TABLE 2
Vout 5V 9V 12 V 15 V 24 V
L
+Vin
External Ouput Capacitance 10 F 4.7 F 2.2 F 1 F 0.47 F
L
+Vin
REG
+Vout
DC DC
-Vin
COM -Vout
+Vin
REG
+Vout COM
+Vout
DC DC
-Vin
C
-Vin
DC DC

C
COM
REG
-Vout
L
C
-Vout
20050 SW 112th Ave. Tualatin, Oregon 97062 phone 503.612.2300 fax 503.612.2383
www.v-infinity.com


▲Up To Search▲   

 
Price & Availability of VESD1-S5-D12-SIP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X