Part Number Hot Search : 
HT37A70 39F1G SRC12 D211ERU MAT02 D133D XN6537 4762A
Product Description
Full Text Search
 

To Download V23836-C18-C363 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Fiber Optics
1x9 Transceiver with Duplex SC Receptacle Single Mode 1300 nm 21 km SONET OC-3 / SDH STM-1
Preliminary Data Sheet Features * * * * Compliant with ATM, SONET OC-3, SDH STM-1 Industry standard multisource 1x9 footprint Meets mezzanine standard height of 9.8 mm Compact integrated transceiver unit with - FP (Fabry Perot) laser diode transmitter - InGaAs PIN photodiode - TIA receiver - Duplex SC receptacle Standard operating temperature range of 0C to 70C Class 1 FDA and IEC laser safety compliant Single power supply (5 V or 3.3 V) Signal detect indicator (PECL) PECL differential (DC-coupled) inputs and outputs Process plug included Input Signal Monitor Wave solderable and washable with process plug inserted For distances of up to 21 km on single mode fiber 1x9 evaluation board V23806-S84-Z5 available upon request
V23836-C18-C63 V23836-C18-C363
File: 1161
* * * * * * * * * *
Part Number V23836-C18-C63 V23836-C18-C363
Preliminary Product Information 1
Voltage 5V 3.3 V
2004-02-13
V23836-C18-C63 V23836-C18-C363
Pin Configuration Pin Configuration
Pin 9
Top view
Pin 1
File: 1343
Figure 1
Pin Description Pin No. 1 2 3 4 Symbol Level/Logic Power Supply PECL Output PECL Function Rx Ground Description Negative power supply, normally ground Inverted receiver output data Rx Signal Detect Rx 5 V/3.3 V Tx 5 V/3.3 V PECL Input Power Supply Mech. Support Tx Input Data Tx Ground Stud Pin Inverted transmitter input data Transmitter input data Negative power supply, normally ground Not connected A high level on this output shows that optical data is applied to the optical input. Positive power supply, 5 V/3.3 V
VEERx
RD+ RD- SD
Rx Output Data Receiver output data
5 6 7 8 9 S1/2
VCCRx VCCTx
TD- TD+
Power Supply
VEETx
Preliminary Product Information
2
2004-02-13
V23836-C18-C63 V23836-C18-C363
Description Description The Infineon single mode ATM transceiver complies with the ATM Forum's Network Compatible ATM for Local Network Applications document and ANSI's Broadband ISDN - Customer Installation Interfaces, Physical Media Dependent Specification, T1.646-1995, Bellcore - SONET OC-3 IR-1 and ITU-T G.957 STM-1 S-1.1. Supported Link Lengths Category within Standard min. SDH STM S-1.1 SONET OC-3 IR-1
1)
Reach max.1) 15,000 21,000 0 0
Unit meters
Maximum reach over fiber type SM-G.652 as defined by ITU-T G.957 and Telcordia GR-253-CORE standards. Longer reach possible depending upon link implementation.
ATM was developed to facilitate solutions in multimedia applications and real time transmission. The data rate is scalable, and the ATM protocol is the basis of the broadband public networks being standardized in the International Telecommunications Union (ITU), the former International Telegraph and Telephone Consultative Committee (CCITT). ATM can also be used in local private applications. The Infineon single mode ATM transceiver is a single unit comprised of a transmitter, a receiver, and an SC receptacle. This design frees the customer from many alignment and PC board layout concerns. The module is designed for low cost WAN applications. It can be used as the network end device interface in workstations, servers, and storage devices, and in a broad range of network devices such as bridges, routers, and intelligent hubs, as well as wide area ATM switches. This transceiver operates at 155.520 Mbit/s from a single power supply (5 V or 3.3 V). The differential data inputs and outputs are DC-coupled and PECL compatible.
Preliminary Product Information
3
2004-02-13
V23836-C18-C63 V23836-C18-C363
Description Functional Description This transceiver is designed to transmit serial data via single mode fiber.
Automatic Shut-Down Laser Driver Power Control Monitor RD- RD+ SD Receiver
Tx Coupling Unit
e/o
TD- TD+
Laser
o/e
Rx Coupling Unit
o/e
Single Mode Fiber
File: 1365
Figure 2
Functional Diagram
The receiver component converts the optical serial data into PECL compatible electrical data (RD+ and RD-). The Signal Detect (SD, active high) shows whether optical data is present 1). The transmitter converts electrical PECL compatible serial data (TD+ and TD-) into optical serial data. The transmitter contains a laser driver circuit that drives the modulation and bias current of the laser diode. The currents are controlled by a power control circuit to guarantee constant output power of the laser over temperature and aging. The power control uses the output of the monitor PIN diode (mechanically built into the laser coupling unit) as a controlling signal, to prevent the laser power from exceeding the operating limits. Single fault condition is ensured by means of an integrated automatic shutdown circuit that disables the laser when it detects transmitter failures or when VCC is too high. A reset is only possible by turning the power off, and then on again.
1)
We recommend to switch off the transmitter supply (VCCTx) if no transmitter input data is applied.
Preliminary Product Information
4
2004-02-13
V23836-C18-C63 V23836-C18-C363
Description Regulatory Compliance Feature ESD: Electrostatic Discharge to the Electrical Pins Standard MIL-STD 883D Method 3015.7 JESD22-A114-B Comments Class 1 (> 1000 V) HBM Class 1C Discharges of 15 kV with an air discharge probe on the receptacle cause no damage. With a field strength of 3 V/m, noise frequency ranges from 10 MHz to 2 GHz. No effect on transceiver performance between the specification limits. Noise frequency range: 30 MHz to 18 GHz; Margins depend on PCB layout and chassis design.
Immunity: EN 61000-4-2 Electrostatic Discharge IEC 61000-4-2 (ESD) to the Duplex SC Receptacle Immunity: Radio Frequency Electromagnetic Field EN 61000-4-3 IEC 61000-4-3
Emission: Electromagnetic Interference (EMI)
FCC 47 CFR Part 15 Class B EN 55022 Class B CISPR 22
Preliminary Product Information
5
2004-02-13
V23836-C18-C63 V23836-C18-C363
Technical Data Technical Data Absolute Maximum Ratings Parameter Package Power Dissipation 5V 3.3 V Supply Voltage 5V 3.3 V Data Input Levels Differential Data Input Voltage Swing Operating Ambient Temperature Storage Ambient Temperature Soldering Conditions Temp/Time (MIL-STD 883C, Method 2003)
1)
Symbol
1)
Limit Values min. max.
Unit W
1.5 0.9
VCC-VEE
7 5
V
VCC+0.5 VIDpk-pk
0 -40 5 70 85 250/10
V V C C C/s
For VCC-VEE (min., max.). 50% duty cycle. The supply current does not include the load drive current of the receiver output.
Exceeding any one of these values may permanently destroy the device.
Preliminary Product Information
6
2004-02-13
V23836-C18-C63 V23836-C18-C363
Technical Data Recommended Operating Conditions Parameter Ambient Temperature Power Supply Voltage 5V 3.3 V Supply Current1) Transmitter Data Input High Voltage DC/DC VIH-VCC Data Input Low Voltage DC/DC Input Data Rise/Fall Time 10% - 90% Receiver Input Center Wavelength
1)
Symbol min.
Values typ. max. 70 5 3.3 5.25 3.6 250 -1100 -2000 0.4 -740 -1580 1.3 0 4.75 3.15
Unit C V
TAMB VCC-VEE
ICC
mA mV mV ns
VIL-VCC tR , tF
C
1100
1600
nm
For VCC-VEE (min., max.) 50% duty cycle. The supply current does not include the load drive current of the receiver output.
The electro-optical characteristics described in the following tables are only valid for use under the recommended operating conditions. Transmitter Electro-Optical Characteristics Parameter Launched Power (Average) 1) Center Wavelength Spectral Width (RMS) Extinction Ratio (Dynamic) Reset Threshold 2) Eye Diagram
1) 2) 3)
Symbol min.
Values typ. max. -8 1360 7.7 8.2 2.7 Compliant 2.9 -15 1260
Unit dBm nm nm dB V
PO
C l ER
VTH
ED
3)
Into single mode fiber, 9 m diameter. Laser power is shut down if power supply is below VTH min. and switched on if power supply is above VTH max. Transmitter meets ANSI T1E1.2, SONET OC-3 and ITU-T G.957 mask patterns.
Preliminary Product Information
7
2004-02-13
V23836-C18-C63 V23836-C18-C363
Technical Data Receiver Electro-Optical Characteristics Parameter Sensitivity (Average Power) 1) 5V 3.3 V Saturation (Average Power) Signal Detect Assert Level 2) Signal Detect Deassert Level 3) Signal Detect Hysteresis Signal Detect Assert Time Signal Detect Deassert Time Output Low Voltage 4) Output High Voltage 4) Output Data Rise/Fall Time, 20% - 80% Output SD Rise/Fall Time
1)
Symbol min.
Values typ. -36 max.
Unit dBm -28 -31 dBm -34 dBm dBm dB s s mV mV ns 40 ns
PIN
PSAT PSDA PSDD PSDA
-PSDD
-8 -44 1 2 75 80 -2000 -1100 1.1 10 5 100 350 -1580 -740
tASS tDAS VOL-VCC VOH-VCC tR , tF
2)
3)
4)
Minimum average optical power at which the BER is less than 1x10-10 or lower. Measured with a 223-1 NRZ PRBS as recommended by ANSI T1E1.2, SONET OC-3 and ITU-T G.957. BOL value -31 dBm max. An increase in optical power of data signal above the specified level will cause the Signal Detect to switch from a low state to a high state. A decrease in optical power of data signal below the specified level will cause the Signal Detect to switch from a high state to a low state. DC/DC, PECL for Signal Detect, PECL compatible. Load is 50 into VCC-2 V for data, 510 to VEE for Signal Detect. Measured under DC conditions. For dynamic measurements a tolerance of 50 mV should be added. VCC = 5 V/3.3 V. TAMB = 25C.
Preliminary Product Information
8
2004-02-13
V23836-C18-C63 V23836-C18-C363
Eye Safety Eye Safety This laser based single mode transceiver is a Class 1 product. It complies with IEC 60825-1 and FDA 21 CFR 1040.10 and 1040.11 except for deviations pursuant to Laser Notice 50, dated July 26, 2001. To meet laser safety requirements the transceiver shall be operated within the Absolute Maximum Ratings. Attention: All adjustments have been made at the factory prior to shipment of the devices. No maintenance or alteration to the device is required. Tampering with or modifying the performance of the device will result in voided product warranty. Note: Failure to adhere to the above restrictions could result in a modification that is considered an act of "manufacturing", and will require, under law, recertification of the modified product with the U.S. Food and Drug Administration (ref. 21 CFR 1040.10 (i)).
Laser Data Wavelength Accessible Emission Limit (as defined by IEC: 7 mm aperture at 14 mm distance) 1310 nm 15.6 mW
FDA
Complies with 21 CFR 1040.10 and 1040.11
IEC
Class 1 Laser Product
File: 1401
Figure 3
Required Labels
Indication of laser aperture and beam
File: 1339
Figure 4
Laser Emission
Preliminary Product Information
9
2004-02-13
V23836-C18-C63 V23836-C18-C363
Application Notes Application Notes ATM transceivers and matching circuits are high frequency components and shall be terminated as recommended in the application notes for proper EMI performance. Electromagnetic emission may be caused by these components. To prevent emissions it is recommended that cutouts for the fiber connectors be designed as small as possible. It is recommended that the Tx plug and the Rx plug be separated with a bar that divides the duplex SC opening. Single Mode 155 Mbit/s ATM 1x9 Transceiver, DC/DC PECL Version
VCC SerDes 5 V / 3.3 V VEETx 9 R11 VCC C6
1)
TD+ Laser Driver
8
Tx+ ECL/PECL Driver TxR8 R10 VCC 5 V / 3.3 V
TD-
7
C7
VCCTx
6 C1
Infineon Transceiver
VCCRx 5
R7 L1 L2
C3 C2
Serializer/ Deserializer
Signal Detect
SD
4
SD to upper level R1 C4 R9
1)
PreAmp
Limiting Amplifier
RD+
RD+
3
R2
RD-
Receiver PLL etc.
RD-
RD-
2
C5
RD+ R3 R4
= 4.7 F = 100 nF = 1 H = 270 (5 V) = 150 (3.3 V) R7/8 = 127 (5 V) = 82 (3.3 V) (depends on SerDes chip used) R9 = 510 (5 V) = 270 (3.3 V)
C1/2/3 C4/5/6/7 L1/2 R5/6
= 82 (5 V) = 127 (3.3 V) (depends on SerDes chip used) Place R1/2/3/4 close to SerDes chip, depends on SerDes chip used, see application note of SerDes supplier. Place R5/6/7/8/10/11 close to Infineon transceiver. 1) Design criterion of the capacitor used is the resonant frequency and its value must be in the order of the nominal data rate. Short trace lengths are mandatory. R10/11
File: 1389
Figure 5
Preliminary Product Information 10 2004-02-13
R5
R6
VEERx
1
V23836-C18-C63 V23836-C18-C363
Application Notes This application note assumes Fiber Optic transceivers using 5 V/3.3 V power supply and SerDes Chips using either 3.3 V or 5 V power supply. It also assumes no self biasing at the receiver data inputs (RD+/RD-) of the SerDes chip (Refer to the manufacturer data sheet for other applications). Value of R1...R4 may vary as long as proper 50 termination to VEE or 100 differential is provided. The power supply filtering is required for good EMI performance. Use short tracks from the inductor L1/L2 to the module VCCRx/VCCTx. Further application notes for electrical interfacing are available upon request. Ask for Appnote 82. We strongly recommend a VEE plane under the module for getting good EMI performance. The transceiver contains an automatic shutdown circuit. Reset is only possible if the power is turned off, and then on again. (VCCTx switched below VTH).
Preliminary Product Information
11
2004-02-13
V23836-C18-C63 V23836-C18-C363
Package Outlines Package Outlines
Tolerance: 0.05 (0.002), unless otherwise noted. Dimensions in mm (inches)
File: 1255
Figure 6
Preliminary Product Information
12
2004-02-13
V23836-C18-C63 V23836-C18-C363 Revision History: Previous Version: Page 2004-02-13 none DS0
Subjects (major changes since last revision)
Edition 2004-02-13 Published by Infineon Technologies AG, St.-Martin-Strasse 53, 81669 Munchen, Germany
(c) Infineon Technologies AG 2004.
All Rights Reserved. Attention please! The information herein is given to describe certain components and shall not be considered as a guarantee of characteristics. Terms of delivery and rights to technical change reserved. We hereby disclaim any and all warranties, including but not limited to warranties of non-infringement, regarding circuits, descriptions and charts stated herein. Information For further information on technology, delivery terms and conditions and prices please contact your nearest Infineon Technologies Office (www.infineon.com). Warnings Due to technical requirements components may contain dangerous substances. For information on the types in question please contact your nearest Infineon Technologies Office. Infineon Technologies Components may only be used in life-support devices or systems with the express written approval of Infineon Technologies, if a failure of such components can reasonably be expected to cause the failure of that life-support device or system, or to affect the safety or effectiveness of that device or system. Life support devices or systems are intended to be implanted in the human body, or to support and/or maintain and sustain and/or protect human life. If they fail, it is reasonable to assume that the health of the user or other persons may be endangered.


▲Up To Search▲   

 
Price & Availability of V23836-C18-C363

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X