Part Number Hot Search : 
TPC8401 MA40S4 951D685M D1335FOB 1N3039B C68HC71 ADC405 FB2022
Product Description
Full Text Search
 

To Download V23809-E1-E16 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SHORT PIN
LONG PIN Multimode 1300 nm ESCON(R) Serial Transceiver
FEATURES * Compliant with ESCON and SBCON standards * Transceiver includes transmitter, receiver and ESCON/ SBCON receptacle * Transceiver mates keyed ESCON/SBCON connector * Data rates for ESCON/SBCON applications from 10 to 200 MBd * Data rates for individual applications from 10 to 300 MBd * Transmission distance of 3 km and more * Single power supply of 3.0 V to 5.5 V * Extremely low power consumption <0.7 W at 3.3 V * PECL differential inputs and outputs * System is optimized for 62.5 and 50 m graded index fiber * 0.7" spacing between optical interface of transmitter and receiver * Through-hole technology with either 2.5 mm or 3.5 mm pin length * Low profile for high slot density APPLICATIONS * ESCON architecture * High speed computer links * Local area networks * High definition/digital television * Switching systems * Control systems Regulatory Compliance
Feature Electromagnetic Interference (EMI) Standard Comments FCC 47 CFR Part 15, Noise frequency Class B range: EN 55022 Class B 30 MHz to 1 GHz CISPR 22 EN 61000-4-2 IEC 1000-4-2 Discharges of 15 kV with an air discharge probe on the receptacle cause no damage. With a field strength of 10 V/m rms, noise frequency ranges from 10 MHz to 1 GHz Class 1
V23809-E1-E16 V23809-E1-E17
Dimensions in (mm) inches
Receptacle fully complies with ESCON/SBCON standards (2.5) .098 short pin (3.5) .138 long pin (34) 1.34 (27.94) 1.1 (10.16) .4 40 21 (10.16) .4 34 27 (19.05) .75 (75.5) 2.972 (15.88) .625 (0.46) .018 28 pins 14 7 (17.78) .7 (15.24) .6 (7.62) .3 20 1 (2.54) .1 (10.58) .417 max.
(1.6) .063 (0.6) .024
.159 (4.05) PCB (32) 1.26 (38) 1.496 (45.8) 1.8 (11.53) .454 max.
Absolute Maximum Ratings Exceeding any one of these values may destroy the device immediately. Supply Voltage (VCC-VEE)........................................ -0.5 V to 7 V Data Input Levels (PECL) (VIN)................................... VEE to VCC Differential Data Input Voltage (VIN)..................................... 3 V Operating Ambient Temperature (TAMB) ................. 0C to 85C Storage Ambient Temperature (TSTG)................ -40C to 100C Humidity/Temperature Test Condition (RH)................ 85%/ 85C Life Test Condition (Operating) (TAMB/Life) .......... 115C/ 1000 h Soldering Conditions, Temp/Time (MIL -STD 883C, Method 2003) .............................270 C/ 10 s ESD Resistance (all pins to VEE, human body) (MIL -STD 883C, Method 3015) ....................................... 1.5 kV Output Current (IO) ........................................................... 50 mA
Immunity: Electrostatic Discharge Immunity: Radio Frequency Electromagnetic Field Eye Safety
EN 61000-4-3 IEC 1000-4-3
IEC 825-1
ESCON(R) is a registered trademark of IBM
Fiber Optics FEBRUARY 2002
DESCRIPTION The Infineon ESCON/SBCON optical devices, along with the ESCON/SBCON optical duplex connector, are best suited for high speed fiber optic duplex transmission systems operating at a wavelength of 1300 nm. The system is fully compatible with the IBM ESCON standard and the SBCON standard of ANSI. It includes a transmitter and a receiver for data rates of up to 320 MBd. A non-dissipative plastic receptacle matches the ESCON/SBCON duplex connector. The inputs/outputs are PECL compatible and the unit operates from a single power supply of 3.0 V to 5.5 V. As an option, the data output stages can be switched to static low levels during absence of light as indicated by the Signal Detect function. The optical interface of transmitter and receiver have standard 0.7" spacing. The receptacle and connector have been keyed in order to prevent reverse insertion of the connector into the receptacle. After proper insertion the connector is securely held by a snap-in lock mechanism. The transmitter converts a serial electrical PECL input signal with data rates of up to 320 MBd to an optical serial signal. The receiver converts this signal back to an electrical serial signal, depending on the detected optical rate. TECHNICAL DATA The electro-optical characteristics described in the following tables are valid only for use under the recommended operating conditions. Recommended Operating Conditions
Parameter Ambient Temperature Power Supply Voltage Supply Current 3.3 Supply Current 5 Transmitter Data Input High Voltage Data Input Low Voltage Threshold Voltage Input Data Rise/Fall Time, 20%-80% Data High Time(2) Receiver Output Current Input Center Wavelength Electrical Output Load(3)
Notes 1. For VCC-VEE (min.,max.). 50% duty cycle. Receiver output loads not included. 2. To maintain good LED reliability the device should not be held in the ON state for more than the specified time. Normal operation should be done with 50% duty cycle. 3. To achieve proper PECL output levels the 50 termination should be done to VCC-2 V.
Fiber Optics 2
Transmitter Electro-Optical Characteristics (Values in parentheses are for 300 MBd)
Transmitter Data Rate Supply Current Launched Power (Ave.) BOL into 62.5 m Fiber(1, 2, 3) Launched Power (Ave.) EOL into 62.5 m Fiber(1, 2, 3, 4) Center Wavelength(5) Spectral Width (FWHM)(6) Temperature Coefficient, Optical Output Power Output Rise/Fall Time, 20%-80% Deterministic Jitter(7) Random Jitter(8) Extinction Ratio (Dynamic)(9)
Notes 1. Measured at the end of 1 meter fiber. Cladding modes removed at a data rate of between 50 and 200 MBd, 50% duty cycle. 2. PO [dBm]=10 log (PO/1 mW). 3. PO (BOL) >-20 dBm and PO (EOL) >-21.5dBm at TCASE=60C. 4. Over 105 hours lifetime at TAMB=35C. 5. Measured at TCASE=60C. 6. Full width, half magnitude of peak wavelength. 7 Measured at 200 MBd with Jitter Test Pattern shown in Figure 3. In . the test pattern are five positive and five negative transitions. Measure the time of the 50% crossing of all 10 transitions. The time of each crossing is then compared to the mean expected time of the crossing. Deterministic jitter is the range of the timing variations. Input duty cycle 50% referred to differential zero. 8. RMS value is measured with 1010 pattern. Peak-to-peak value is determined as RMS multiplied by 14 for BER 1E-12. Data input jitter considered to be zero. Noise on input signal must be added geometrically. 9. Extinction ratio is the logarithmic measure of the optical power in the OFF state (POFF) to twice the average power (PO). ER=10 log [(2xPO)/POFF] (optical power measured in mW), or E=|PO+3 dB| -POFF (optical power measured in dBm). .
Symbol Min. Typ. DR lCC PO 0 165
Max. Units 200
(300)
MBd mA dBm
-21 -16.5 -14 (-22) -22
(-23)
C l TCp
1280
1355 nm 175 0.03 dB/C
tR, tF JD JR ER
1.0 0.6 -16
1.7
(2)
ns
0.8 0.06 -13 dB
Symbol TAMB VCC-VEE ICC
Min. 0 3
Typ.
Max. 70 5.5 230 260
Units C V mA
V(1)
V(1) VIH-VCC VIL-VCC VBB-VCC tR, tF tON IO C RL 1260 50 -1165 -1810 -1380 0.4
-880 -1475 -1260 1.3 1000 25 1380 1000
mV
ns
mA nm
V23809-E1-E16/E17 short/long pin MM 1300nm ESCON(R) Serial Trx ,
Receiver Electro-Optical Characteristics (Values in parentheses are for 300 MBd)
Receiver Data Rate Supply Current (w/o ECL Outputs)(1) Sensitivity (Average Power) BOL(2, 3, 4) Sensitivity (Average Power) EOL(2, 3, 4, 5) Saturation (Average Power) Signal Detect Assert Level(6) Signal Detect Deassert Level(6) Signal Detect Hysteresis Signal Detect Reaction Time Output Low Voltage(7) Output High Voltage(7) PSAT PSDA PSDD PSDA- PSDD SDreac VOL- VCC VOH- VCC Symbol Min. DR lCC PIN -32.5
(-29)
Pin Description
Pin# Max. 200
(300)
Pin Name TxVBB
Typ.
Units MBd mA dBm 2-7, 14, 17, 18 15, 16 19 TxVEE TxVCC TxD TxDn RxDn Tx Ground 1
Level/ Logic PECL Input
Description Threshold voltage for unused input when transmitter driven with single ended input signal Negative Tx supply voltage Power supply for Tx Transmitter input data Inverted transmitter input data
10 80 -35.5 -35
90
Power Supply
-32
(-28.5)
Tx +3.3 V Power to 5 V Supply Tx Input Data Tx Input Data PECL Input PECL Input
-14 -44.5 -45 0.5 3 -1810 -1025 0.5 0.7 2.5 -36 -37.5 4 500 dB
20 21
Rx Output PECL Inverted data output Data Output Inverted Rx Output PECL- Data output. A logic high Data Output on the pin with a logic low on complementary pin means a high-level of light received Rx Ground Power Supply Negative Rx supply voltage Power supply - receiver buffer & output stages Power supply preamp & bias - photodiode A high level on this output shows an optical signal is applied to the optical input A low level on this output shows an optical signal is applied to the optical input
22 s
RxD
-1620 mV -880 1.3 40 ns 23, 25, 34-38 24 26, 27 39 RxVEE
Output Data Rise/Fall tR, tF Time, 20%-80%(7) Output SD Rise/Fall Time, 20%-80% Deterministic Jitter(8, 9) Random Jitter(10)
Notes
RxVCC1 Rx +3.3 V Power to 5 V Supply RxVCC2 Rx +3.3 V Power to 5 V Supply RxSD Rx Signal Detect PECL Output active high PECL Output active low
JD JR
0.35
0.45 0.15
1. For VCC-VEE (min., max.). 50% duty cycle. The supply current does not include the load drive current of the receiver output. Add max. 60 mA for the four outputs. Load is 50 to VCC-2 V. 2. Measured at the end of 1 meter and at a duty cycle of 50%. Cladding modes are removed. 3. PO [dBm]=10 log (PO/1 mW). 4. Measured at BER=1E-12, 200 MBd transmission rate and 50% duty cycle 27-1 PRBS pattern. Center wavelength between 1200 nm and 1500 nm. Fiber type 62.5/125 m/0.29 NA or 50/125 m/0.2 NA. Input optical rise and fall times are 1.2 and 1.5 ns (20%-80%) respectively. 5. Over 105 hours lifetime at TAMB=35C. 6. Indicating the presence or absence of optical power at the receiver input. Signal detect at logic High when asserted. All powers are average power levels. Pattern 27-1 at 200 MBd. 7 Load is 50 to VCC-2 V. A minimum measurement tolerance . of 50 mV should be allowed due to dynamic measurement of data outputs. 8. Measured at 200 MBd with Jitter Test Pattern shown in Figure 3. In the test pattern are five positive and five negative transitions. Measure the time of the 50% crossing of all 10 transitions. The time of each crossing is then compared to the mean expected time of the crossing. Deterministic jitter is the range of the timing variations. 9. Measured at optical input power level greater than -20 dBm. 10.Largely due to thermal noise. Measured at -33.0 dBm. To convert from specified RMS value to peak-to-peak value (at BER 1E-12) multiply value by 14.
40
RxSDn
Rx Signal Detect Inverted
Transceiver to Jumper Installation
Fiber Optics 3
V23809-E1-E16/E17 short/long pin MM 1300nm ESCON(R) Serial Trx ,
Signal Detect Threshold and Hysteresis
-37.5 dBm to -45 dBm Asserted -44.5 dBm to -36 dBm
output stages of the receiver. VCC2 supplies more sensitive parts of the receiver. Pins 26 and 27 are the supply pins for the preamplifier and the bias for the photodiode. Transmitter Section
Deasserted 0.5 dB 2.5 dB 4 dB
delta PSD
The transmitter consists of only one power supply. Its LED diode driving current is in the range of 60 mA. This is very high compared to the switching currents on the receiver section. To buffer these peaks, external capacitors are recommended. Capacitors will also reduce ringing on the power supply of the customer`s board. Transceiver Filtering
Jitter Test Pattern
00111110101100000101
For overall functionality, the sensitive stage of the receiver section (VCC2) must be decoupled from the output stages and from high switching currents on the transmitter section. Filtering Circuitry
APPLICATION NOTE
C1
VCC RX
Power Supply Filtering In most of the applications using ESCON 200 MBd optical transceivers additional high speed circuits such as switching power supply, clock oscillator, or high speed multiplexer are present on the application board. These often create power supply noise at a high spectral bandwidth caused by very fast transitions in today's chip technology. The Infineon ESCON Transceiver Family provides superior EMI performance with regards to the emission and immission of radiation and provides immunity against conductive noise. Some basic recommendations are presented herein to ensure proper functionality in the field. Receiver Section For the receiver part of an ESCON transceiver the footprint shows 2 power supply sections: VCC1 (Pin 24) and VCC2 (Pins 26, 27). VCC1 is the power supply for the post amplifier and the ECL The use of SMD components is recommended. Common layout rules, such as short connection between capacitors and pins, ground layers etc., should be applied for optimum board design and operation.
(Pin 26 & 27) 4.7H
VCC RX
(Pin 24) C2 C3 C4
VCC TX
(Pin 15 & 16)
VCC
Ceramic Capacitors C1, C2, C3: 100 nF C4: 2.2 to 6.8 F
DC coupling between ECL gates.
R in
5V
4V
3.3 V
R1/3 R2/4 R5/7 R6/8
82 130 82 130
100 100 100 100
127 83 127 83
R9 = 200
Fiber Optics 4
V23809-E1-E16/E17 short/long pin MM 1300nm ESCON(R) Serial Trx ,
Published by Infineon Technologies AG
Warnings Due to technical requirements components may contain dangerous substances. For information on the types in question please contact your Infineon Technologies offices. Infineon Technologies Components may only be used in life-support devices or systems with the express written approval of Infineon Technologies, if a failure of such components can reasonably be expected to cause the failure of that life-support device or system, or to affect the safety or effectiveness of that device or system. Life support devices or systems are intended to be implanted in the human body, or to support and/or maintain and sustain and/or protect human life. If they fail, it is reasonable to assume that the health of the user or other persons may be endangered.
(c) Infineon Technologies AG 2002 All Rights Reserved
Attention please! The information herein is given to describe certain components and shall not be considered as warranted characteristics. Terms of delivery and rights to technical change reserved. We hereby disclaim any and all warranties, including but not limited to warranties of non-infringement, regarding circuits, descriptions and charts stated herein. Infineon Technologies is an approved CECC manufacturer. Information For further information on technology, delivery terms and conditions and prices please contact the Infineon Technologies offices or our Infineon Technologies Representatives worldwide - see our webpage at www.infineon.com/fiberoptics
Infineon Technologies AG * Fiber Optics * Wernerwerkdamm 16 * Berlin D-13623, Germany Infineon Technologies, Inc. * Fiber Optics * 1730 North First Street * San Jose, CA 95112, USA Infineon Technologies K.K. * Fiber Optics * Takanawa Park Tower * 20-14, Higashi-Gotanda, 3-chome, Shinagawa-ku * Tokyo 141, Japan


▲Up To Search▲   

 
Price & Availability of V23809-E1-E16

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X