Part Number Hot Search : 
MAX19713 PT6314 30PBF TLHG640 18271451 LT1395 C100EP T993D
Product Description
Full Text Search
 

To Download UQCLEA100DAJME Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Microwave MLC's
UQ Series High Q Ultra Low ESR MLC
FEATURES:
* * * * Ultra Low ESR High Q High Self Resonance Capacitance Range 0.1 pF to 1000 pF
APPLICATIONS:
* * * * RF Power Amplifiers Low Noise Amplifiers Filter Networks MRI Systems
HOW TO ORDER
UQ CB
Case Size AVX Style
CA = 0605 CB = 1210 CR = 0709 CL = 0402 CS = 0603 CF = 0805 See mechanical dimensions below
7
A
100
Capacitance
J
A
Failure Rate Code
A = Not Applicable
T
ME
Packaging Code
ME = 7" Reel Marked 2A = 7" Unmarked (0402, 0603, & 0805 only) * Vertical T&R available
Voltage Code
5 = 50V 1 = 100V E = 150V 2 = 200V V = 250V 9 = 300V 7 = 500V
EIA Capacitance Code in pF. First two digits = significant figures or "R" for decimal place. Third digit = number of zeros or after "R" significant figures.
Temperature Coefficient Code
A = 030ppm/C
Capacitance Tolerance Code
B = .1 pF C = .25 pF D = .5 pF F = 1% G = 2% J = 5% K = 10% M = 20%
Termination Style Code
J = Nickel Barrier Sn/Pb (60/40) **T = 100% Tin C = Non-Magnetic Barrier/Tin
**RoHS Compliant
MECHANICAL DIMENSIONS:
W T L
inches (millimeters)
Width (W)
.055.015 (1.40.381) .110.015 (2.79.381) .090.010 (2.29.254) .020.004 (0.51.100) .032.006 (0.810.15) .049.008 (1.240.20)
Case
UQCA UQCB
Length (L)
.055 + .015 - .010 (1.40+ .381 - .254) .110 + .020 - .010 (2.79 +.508 -.254) .070 .015 (1.78 .381) .040 .004 (1.02 .100) .063 .006 (1.60 0.15) .079 .008 (2.01 0.20)
Thickness (T)
.057 (1.45) max. .102 (2.59) max. .115 (2.92) max. .024 (.600) max. .035 (.890) max. .051 (1.30) max.
Band Width (bw)
.010 + .010 -.005 (.254 +.254 -.127) .015.010 (.381.254) .010 + .010 -.005 (.254 +.254 -.127) .010 .006 (0.25 0.15) .014 .006 (0.36 0.15) .020 0.01 (0.51 0.25)
6
A 1J 10
bw
UQCR UQCL UQCS UQCF
TAPE & REEL: All tape and reel specifications are in compliance with EIA RS481 (equivalent to IEC
286 part 3). --8mm carrier --7" reel: UQCA = 500 or 4000 pc T&R UQCB = 500 or 1000 pc T&R UQCR = 500 or 1000 pc T&R UQCL = 500, 4000 or 10,000 pc T&R UQCS = 500 or 4000 pc T&R UQCF = 500 or 4000 pc T&R
RoHS COMPLIANT
Pb: Free
93
Microwave MLC's
UQ Series High Q Ultra Low ESR MLC
ELECTRICAL SPECIFICATIONS
Temperature Characteristic Code A
Temperature Coefficient (TCC) Capacitance Range Operating Temperature Quality Factor (Q) Insulation Resistance (IR) (A) 0 30 PPM/C (A) 0.1 pF to 1000 pF 0.1 pF to 1000 pF: from -55C to +125C Greater than 2,000 at 1 MHz 0.1 pF to 1000 pF 105 Megohms min. @ 25C at rated WVDC 104 Megohms min. @ 125C at rated WVDC See Capacitance Values table 250% of rated WVDC for 5 secs None None (0.02% or 0.02 pF), whichever is greater
Working Voltage (WVDC) Dielectric Withstanding Voltage (DWV) Aging Effects Piezoelectric Effects Capacitance Drift
ENVIRONMENTAL CHARACTERISTICS
AVX UQ will meet and exceed the requirements of EIA-198, MIL-PRF-55681 and MIL-PRF-123
Themal Shock Moisture Resistance Low Voltage Humidity Mil-STD-202, Method 107, Condition A Mil-STD-202, Method 106 Mil-STD-202, Method 103, condition A, with 1.5 VDC applied while subjected to an environment of 85C with 85% relative humidity for 240 hours Mil-STD-202, Method 108, for 2000 hours at 125C 200% WVDC Mil-STD-202, Method 213, Condition J Mil-STD-202, Method 204, Condition B Mil-STD-202, Method 104, Condition B Mil-STD-202, Method 101, Condition B Mil-STD-202, Method 208 Mil-STD-202, Method 211 Mil-STD-202, Method 102, Condition C Mil-STD-202, Method 105, Condition B Mil-STD-202, Method 210, Condition C
Life Test Shock Vibration Immersion Salt Spray Solderability Terminal Strength Temperature Cycling Barometric Pressure Resistance to Solder Heat
6
94
Microwave MLC's
UQ Series High Q Ultra Low ESR MLC
Case Size A
TABLE I: TC: A (030PPM/C)
Cap. pF 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3 1.4 1.5 Cap. Tol. B B B,C B,C B, C, D B, C, D B, C, D B, C, D B, C, D B, C, D B, C, D B, C, D B, C, D B, C, D B, C, D WVDC 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 Cap. pF 1.6 1.7 1.8 1.9 2.0 2.2 2.4 2.7 3.0 3.3 3.6 3.9 4.3 4.7 5.1 Cap. Tol. B, C, D B, C, D B, C, D B, C, D B, C, D B, C, D B, C, D B, C, D B, C, D B, C, D B, C, D B, C, D B, C, D B, C, D B, C, D WVDC 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 Cap. pF 5.6 6.2 6.8 7.5 8.2 9.1 10 11 12 13 15 16 18 20 22 Cap. Tol. B, C, D B, C, D B, C, J, K B, C, J, K B, C, J, K B, C, J, K F, G, J, K, M F, G, J, K, M F, G, J, K, M F, G, J, K, M F, G, J, K, M F, G, J, K, M F, G, J, K, M F, G, J, K, M F, G, J, K, M WVDC 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 Cap. pF 24 27 30 33 36 39 43 47 51 56 62 68 75 82 91 100 Cap. Tol. F, G, J, K, M F, G, J, K, M F, G, J, K, M F, G, J, K, M F, G, J, K, M F, G, J, K, M F, G, J, K, M F, G, J, K, M F, G, J, K, M F, G, J, K, M F, G, J, K, M F, G, J, K, M F, G, J, K, M F, G, J, K, M F, G, J, K, M F, G, J, K, M WVDC 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250
Case Size B
TABLE II: TC: A (030PPM/C)
Cap. pF 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3 1.4 1.5 1.6 1.7 1.8 1.9 2.0 2.2 2.4 2.7 3.0 3.3 Cap. Tol. B B B,C B,C B, C, D B, C, D B, C, D B, C, D B, C, D B, C, D B, C, D B, C, D B, C, D B, C, D B, C, D B, C, D B, C, D B, C, D B, C, D B, C, D B, C, D B, C, D B, C, D B, C, D B, C, D WVDC 500 500 500 500 500 500 500 500 500 500 500 500 500 500 500 500 500 500 500 500 500 500 500 500 500 Cap. pF 3.6 3.9 4.3 4.7 5.1 5.6 6.2 6.8 7.5 8.2 9.1 10 11 12 13 15 16 18 20 22 24 27 30 33 36 Cap. Tol. B, C, D B, C, D B, C, D B, C, D B, C, D B, C, D B, C, D B, C, J, K B, C, J, K B, C, J, K B, C, J, K F, G, J, K, M F, G, J, K, M F, G, J, K, M F, G, J, K, M F, G, J, K, M F, G, J, K, M F, G, J, K, M F, G, J, K, M F, G, J, K, M F, G, J, K, M F, G, J, K, M F, G, J, K, M F, G, J, K, M F, G, J, K, M WVDC 500 500 500 500 500 500 500 500 500 500 500 500 500 500 500 500 500 500 500 500 500 500 500 500 500 Cap. pF 39 43 47 51 56 62 68 75 82 91 100 110 120 130 150 160 180 200 220 240 270 300 330 360 390 Cap. Tol. F, G, J, K, M F, G, J, K, M F, G, J, K, M F, G, J, K, M F, G, J, K, M F, G, J, K, M F, G, J, K, M F, G, J, K, M F, G, J, K, M F, G, J, K, M F, G, J, K, M F, G, J, K, M F, G, J, K, M F, G, J, K, M F, G, J, K, M F, G, J, K, M F, G, J, K, M F, G, J, K, M F, G, J, K, M F, G, J, K, M F, G, J, K, M F, G, J, K, M F, G, J, K, M F, G, J, K, M F, G, J, K, M WVDC 500 500 500 500 500 500 500 500 500 500 500 300 300 300 300 300 300 300 200 200 200 200 200 200 200 Cap. pF 430 470 510 560 620 680 750 820 910 1000 Cap. Tol. F, G, J, K, M F, G, J, K, M F, G, J, K, M F, G, J, K, M F, G, J, K, M F, G, J, K, M F, G, J, K, M F, G, J, K, M F, G, J, K, M F, G, J, K, M WVDC 200 200 100 100 100 50 50 50 50 50
6
Case Size R
TABLE III: TC: A (030PPM/C)
Cap. pF 1.0 1.1 1.2 1.3 1.4 1.5 1.6 1.7 1.8 1.9 2.0 2.1 2.2 2.4 2.7 Cap. Tol. B, C, D B, C, D B, C, D B, C, D B, C, D B, C, D B, C, D B, C, D B, C, D B, C, D B, C, D B, C, D B, C, D B, C, D B, C, D WVDC 500 500 500 500 500 500 500 500 500 500 500 500 500 500 500 Cap. pF 3.0 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.2 6.8 7.5 8.2 9.1 10 11 Cap. Tol. B, C, D B, C, D B, C, D B, C, D B, C, D B, C, D B, C, D G, J, K, M G, J, K, M G, J, K, M G, J, K, M G, J, K, M G, J, K, M G, J, K, M G, J, K, M WVDC 500 500 500 500 500 500 500 500 500 500 500 500 500 500 500 Cap. pF 12 13 15 16 18 20 22 24 27 30 33 36 39 43 47 Cap. Tol. G, J, K, M G, J, K, M G, J, K, M G, J, K, M G, J, K, M G, J, K, M G, J, K, M G, J, K, M G, J, K, M G, J, K, M G, J, K, M G, J, K, M G, J, K, M G, J, K, M G, J, K, M WVDC 500 500 500 500 500 500 500 500 500 500 500 500 500 500 500 Cap. pF 51 56 62 68 75 82 91 100 Cap. Tol. G, J, K, M G, J, K, M G, J, K, M G, J, K, M G, J, K, M G, J, K, M G, J, K, M G, J, K, M WVDC 500 500 500 500 500 500 500 500
95
Microwave MLC's
UQ Series High Q Ultra Low ESR MLC
Case Size L
TABLE IV: TC: A (030PPM/C)
Cap. pF 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3 1.5 Cap. Tol. A, B A, B A, B, C A, B, C A, B, C A, B, C A, B, C A, B, C A, B, C A, B, C, D A, B, C, D A, B, C, D A, B, C, D A, B, C, D WVDC 200 200 200 200 200 200 200 200 200 200 200 200 200 200
Cap. pF 1.6 1.8 2.0 2.2 2.4 2.7 3.0 3.3 3.6 3.9 4.3 4.7 5.1 5.6 Cap. Tol. A, B, C, D A, B, C, D A, B, C, D A, B, C, D A, B, C, D A, B, C, D A, B, C, D A, B, C, D A, B, C, D A, B, C, D A, B, C, D A, B, C, D A, B, C, D A, B, C, D WVDC 200 200 200 200 200 200 200 200 200 200 200 200 200 200 Cap. pF 6.2 6.8 7.5 8.2 9.1 10 11 12 15 18 20 22 24 27 Cap. Tol. A, B, C, D B, C, J, K B, C, J, K B, C, J, K B, C, J, K F, G, J, K, M F, G, J, K, M F, G, J, K, M F, G, J, K, M F, G, J, K, M F, G, J, K, M F, G, J, K, M F, G, J, K, M F, G, J, K, M WVDC 200 200 200 200 200 200 200 200 200 200 200 200 200 200
Case Size S
TABLE V:
Cap. pF 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3 1.5 1.6 1.8 2.0 2.2 2.4 Cap. Tol. A, B A, B A, B, C A, B, C A, B, C A, B, C A, B, C A, B, C A, B, C A, B, C, D A, B, C, D A, B, C, D A, B, C, D A, B, C, D A, B, C, D A, B, C, D A, B, C, D A, B, C, D A, B, C, D WVDC 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 Cap. pF 2.7 3.0 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.2 6.8 7.5 8.2 9.1 10 11 12 15 18 Cap. Tol. A, B, C, D A, B, C, D A, B, C, D A, B, C, D A, B, C, D A, B, C, D A, B, C, D A, B, C, D A, B, C, D A, B, C, D B, C, J, K B, C, J, K B, C, J, K B, C, J, K F, G, J, K, M F, G, J, K, M F, G, J, K, M F, G, J, K, M F, G, J, K, M WVDC 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 Cap. pF 20 22 24 27 30 33 36 39 43 47 51 56 62 68 75 82 91 100 Cap. Tol. F, G, J, K, M F, G, J, K, M F, G, J, K, M F, G, J, K, M F, G, J, K, M F, G, J, K, M F, G, J, K, M F, G, J, K, M F, G, J, K, M F, G, J, K, M F, G, J, K, M F, G, J, K, M F, G, J, K, M F, G, J, K, M F, G, J, K, M F, G, J, K, M F, G, J, K, M F, G, J, K, M WVDC 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250
6
Case Size F
TABLE VI:
Cap. pF 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3 1.5 1.6 1.8 2.0 2.2 2.4 2.7 3.0 Cap. Tol. A, B A, B A, B, C A, B, C A, B, C A, B, C A, B, C A, B, C A, B, C A, B, C, D A, B, C, D A, B, C, D A, B, C, D A, B, C, D A, B, C, D A, B, C, D A, B, C, D A, B, C, D A, B, C, D A, B, C, D A, B, C, D WVDC 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 Cap. pF 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.2 6.8 7.5 8.2 9.1 10 11 12 15 18 20 22 24 27 Cap. Tol. A, B, C, D A, B, C, D A, B, C, D A, B, C, D A, B, C, D A, B, C, D A, B, C, D A, B, C, D B, C, J, K B, C, J, K B, C, J, K B, C, J, K F, G, J, K, M F, G, J, K, M F, G, J, K, M F, G, J, K, M F, G, J, K, M F, G, J, K, M F, G, J, K, M F, G, J, K, M F, G, J, K, M WVDC 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 Cap. pF 30 33 36 39 43 47 51 56 62 68 75 82 91 100 110 120 150 180 200 220 240 Cap. Tol. F, G, J, K, M F, G, J, K, M F, G, J, K, M F, G, J, K, M F, G, J, K, M F, G, J, K, M F, G, J, K, M F, G, J, K, M F, G, J, K, M F, G, J, K, M F, G, J, K, M F, G, J, K, M F, G, J, K, M F, G, J, K, M F, G, J, K, M F, G, J, K, M F, G, J, K, M F, G, J, K, M F, G, J, K, M F, G, J, K, M F, G, J, K, M WVDC 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250
96
Microwave MLC's
UQ Series High Q Ultra Low ESR MLC
UQ CA ESR vs. Frequency
UQ CA FSR & FPR vs. Capacitance
6
97
Microwave MLC's
UQ Series High Q Ultra Low ESR MLC
UQ CB ESR vs. Frequency
UQ CB FSR & FPR vs. Capacitance
6
98
Microwave MLC's
UQ Series High Q Ultra Low ESR MLC
UQ CR ESR vs. Frequency
UQ CR Resonance Horizontal Orientation
6
99
Microwave MLC's
UQ Series High Q Ultra Low ESR MLC
UQ CL ESR vs. Frequency
UQ CL Resonance Frequency
6
100
Microwave MLC's
UQ Series High Q Ultra Low ESR MLC
UQ CS ESR vs. Frequency
UQ CS ESR vs. Frequency
6
101
Microwave MLC's
UQ Series High Q Ultra Low ESR MLC
UQ CS Q vs. Capacitance
UQ CS Resonant Frequency
6
102
Microwave MLC's
UQ Series High Q Ultra Low ESR MLC
UQ CF ESR vs. Frequency
UQ CF Resonant Frequency
6
103
Microwave MLC's
UQ Series High Q Ultra Low ESR MLC
B A C D
MOUNTING PAD DIMENSIONS CASE CA:
Pad Size
Vertical Mount Horizontal Mount Normal High Density Normal High Density
inches (millimeters)
B min
0.050 (1.270) 0.030 (0.762) 0.050 (1.270) 0.030 (0.762)
A min
0.070 (1.778) 0.050 (1.270) 0.080 (2.032) 0.060 (1.524)
C min
0.030 (0.762) 0.030 (0.762) 0.030 (0.762) 0.030 (0.762)
D min
0.130 (3.302) 0.090 (2.286) 0.130 (3.302) 0.090 (2.286)
MOUNTING PAD DIMENSIONS CASE CB:
Cap Value
Vertical Mount 0.1 pF 0.2 pF 0.3 to 510 pF > 510 pF
Horizontal Mount
inches (millimeters)
B min
0.050 (1.270) 0.030 (0.762) 0.050 (1.270) 0.030 (0.762) 0.050 (1.270) 0.030 (0.762) 0.050 (1.270) 0.030 (0.762) 0.050 (1.270) 0.030 (0.762)
Pad Size
Normal High Density Normal High Density Normal High Density Normal High Density Normal High Density
A min
0.065 (1.651) 0.045 (1.143) 0.090 (2.286) 0.070 (1.778) 0.110 (2.794) 0.090 (2.286) 0.120 (3.048) 0.100 (2.540) 0.130 (3.302) 0.110 (2.794)
C min
0.075 (1.905) 0.075 (1.905) 0.075 (1.905) 0.075 (1.905) 0.075 (1.905) 0.075 (1.905) 0.075 (1.905) 0.075 (1.905) 0.075 (1.905) 0.075 (1.905)
D min
0.175 (4.445) 0.135 (3.429) 0.175 (4.445) 0.135 (3.429) 0.175 (4.445) 0.135 (3.429) 0.175 (4.445) 0.135 (3.429) 0.175 (4.445) 0.135 (3.429)
All Values
MOUNTING PAD DIMENSIONS CASE CL, CS & CF:
W
inches (millimeters)
B min.
.0354 (0.90) .0433 (1.10) .0512 (1.30)
6
L T A
B C
B
Case
0402 (1005) 0603 (1608)
A min.
.0275 (0.70) .0393 (1.00) .0590 (1.50)
C min.
.0157 (0.40) .03236 (0.60) .0236 (0.60)
D min.
.0866 (2.20) .110 (2.80) .1259 (3.20)
D
0805 (2012)
104
Microwave MLC's
UQ Series High Q Ultra Low ESR MLC
DESIGN KITS
Kit #
Kit 36T
Item #
RoHS COMPLIANT
Description
UQCL 0402 Series Ultra-Low ESR High Q Microwave Capacitors
16 different values, 15 pcs min. per value
Cap Value
0.1 to 2.0
Cap. Values (pF)
0.1, 0.2, 0.3, 0.4, 0.5, 0.6, 0.7, 0.8, 0.9, 1.0, 1.1, 1.2, 1.5 1.6, 1.8, 2.0
Tol. (pF)
0.1 0.25 0.1 0.25 5% 5% 0.1 0.25 0.1 0.25 5% 5% 0.1 0.25 0.1 0.25 5% 5%
Pb: Free
Kit 37T
RoHS COMPLIANT
UQCL 0402 Series Ultra-Low ESR High Q Microwave Capacitors
16 different values, 15 pcs min. per value
1.0 to 10
Pb: Free
1.0, 1.2, 1.5, 1.8, 2.0, 2.2, 2.4, 2.7, 3.0, 3.3 3.9, 4.7, 5.6, 6.8, 8.2 10 10, 12, 15, 18, 20, 22, 24, 27 0.1, 0.2, 0.3, 0.4, 0.5, 0.6, 0.7, 0.8, 0.9, 1.0, 1.1, 1.2, 1.5
RoHS COMPLIANT
Kit 38T
Pb: Free
UQCL 0402 Series Ultra-Low ESR High Q Microwave Capacitors
8 different values, 15 pcs min. per value
10 to 27
Kit 25T
RoHS COMPLIANT
UQCS 0603 Series Ultra-Low ESR High Q Microwave Capacitors
16 different values, 15 pcs min. per value
0.1 to 2.0 1.6, 1.8, 2.0 1.0 to 10 1.0, 1.2, 1.5, 1.8, 2.0, 2.2, 2.4, 2.7, 3.0, 3.3 3.9, 4.7, 5.6, 6.8, 8.2 10 10, 12, 15, 18, 20, 22, 24, 27, 30, 33, 39, 47, 56, 68, 82, 100 0.1, 0.2, 0.3, 0.4, 0.5, 0.6, 0.7, 0.8, 0.9, 1.0, 1.1, 1.2, 1.5 0.1 to 2.0 1.6, 1.8, 2.0 1.0 to 10 1.0, 1.2, 1.5, 1.8, 2.0, 2.2, 2.4, 2.7, 3.0, 3.3 3.9, 4.7, 5.6, 6.8, 8.2 10 10, 12, 15, 18, 20, 22, 24, 27, 30, 33, 39, 47, 56, 68, 82, 100 100, 120, 150, 180, 200, 220, 250
Pb: Free
Kit 26T
RoHS COMPLIANT
UQCS 0603 Series Ultra-Low ESR High Q Microwave Capacitors
16 different values, 15 pcs min. per value
Pb: Free
RoHS COMPLIANT
Kit 27T
Pb: Free
UQCS 0603 Series Ultra-Low ESR High Q Microwave Capacitors
16 different values, 15 pcs min. per value
10 to 100
Kit 32T
RoHS COMPLIANT
UQCF 0805 Series Ultra-Low ESR High Q Microwave Capacitors
16 different values, 15 pcs min. per value
Pb: Free
Kit 33T
RoHS COMPLIANT
UQCF 0805 Series Ultra-Low ESR High Q Microwave Capacitors
16 different values, 15 pcs min. per value
Pb: Free
RoHS COMPLIANT
Kit 34T
Pb: Free
UQCF 0805 Series Ultra-Low ESR High Q Microwave Capacitors
16 different values, 15 pcs min. per value
10 to 100
Kit 35T
RoHS COMPLIANT
UQCF 0805 Series Ultra-Low ESR High Q Microwave Capacitors
7 different values, 15 pcs min. per value
100 to 240
5%
Pb: Free
6
105


▲Up To Search▲   

 
Price & Availability of UQCLEA100DAJME

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X