Part Number Hot Search : 
0PT10 MC3388 R2000 HER257 MC120 SGM4866 BC3225T SGM6130
Product Description
Full Text Search
 

To Download T2095-O-T-B-A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 R
NPN HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
T2095
IC VCEO PC(TO-92)
MAIN CHARACTERISTICS
0.8A 450V 1W
Package

APPLICATIONS
Battery charger Electronic ballasts High frequency switching power supply High frequency power transform Commonly power amplifier TO-92
RoHS
FEATURES
High breakdown voltage High current capability High switching speed High reliability RoHS product
ORDER MESSAGE
Order codes T2095-O-T-B-A T2095-O-T-N-C T2095-R-T-B-A T2095-R-T-N-C T2095 T2095 T2095 T2095 Halogen Free NO NO YES YES TO-92 TO-92 TO-92 TO-92 Marking Package Packaging Brede Bag Brede Bag
SIGIL
"R"" Halogen Free Sign"R"
200910E
1/5
R
T2095
ABSOLUTE RATINGS (Tc=25)
Parameter Symbol VCEO VEBO IC ICP PC Tj Tstg Value 700 450 12 0.8 1.6 1 150 -55~+150 Unit V V V A A W
-- -- --
Collector- Emitter VoltageVBE=0 VCES Collector- Emitter VoltageIB=0 Emitter-Base Voltage Collector CurrentDC Collector Currentpulse Total Dissipation (TO-92) Junction Temperature Storage Temperature
ELECTRICAL CHARACTERISTIC
V(BR)CEO V(BR)CBO V(BR)EBO ICBO ICEO IEBO hFE VCE(sat) VBE(sat) tr tf ts fT VCE=10V, Ic=0.1A VCC=125V IC=0.1A,IB1=-IB2=0.02A
Parameter
Tests conditions Ic=10mA,IB=0 Ic=1mA,IB=0 IE=1mA,Ic=0 VCB=700V, IE=0 VCE=450V,IB=0 VEB=10V, IC=0 VCE=10V, IC=5mA VCE=10V, IC=130mA VCE=10V, IC=500mA IC=0.35A, IC=0.6A, IB=50mA IB=50mA
Value(min)
500 800 15 25 12 0.4 1.0 -
5 10 5 40 0.8 1.4 1.0 0.7 5 -
Value(typ) Value(max)
Unit V V V A mA A V V S S S MHz
450 700 12 13 20 8 4
THERMAL CHARACTERISTIC

Parameter
Symbol TO-92 Rth(j-a)
Value(min) Value(max)
Unit /W
TO-92 Thermal Resistance Junction Case
-
125
200910E
2/5
R
T2095
ELECTRICAL CHARACTERISTICS (curves)
hFE - IC
VCE(sat)- IC VCE(sat)
hFE
ICA VBEsat- IC VBE(sat)V ICA
ICA SOA
CURVES MUST BE DERATED LINEARLY WITH INCREASE IN
TEMPERATURE
TC=25 DC
ICA PC-TC PC (percent)
VCEV
TC
200910E
3/5
R
T2095
Unit mm
PACKAGE MECHANICAL DATA TO-92
A B b c D E e F L Q Z Z1
3.30-3.90 0.35-0.55 0.35-0.55 0.31-0.51 4.30-4.90 4.30-4.90 1.17-1.37 1.00-1.60 12.50-15.50 1.00-1.60 2O 5O
200910E
4/5
R
T2095
NOTE
1. Jilin Sino-microelectronics co., Ltd sales its product either through direct sales or sales agent , thus, for customers, when ordering , please check with our company. 2. We strongly recommend customers check carefully on the trademark when buying our product, if there is any question, please don't be hesitate to contact us. 3. Please do not exceed the absolute maximum ratings of the device when circuit designing. 4. Jilin Sino-microelectronics co., Ltd reserves the right to make changes in this specification sheet and is subject to change without prior notice.
1. 2.
3. 4.
99 132013 86-432-64678411 86-432-64665812 www.hwdz.com.cn 99 132013 86-432-64675588 64675688 64678411-3098/3099 : 86-432-64671533 Date 2009-5-11 2009-10-29 Last Rev. 200902C 200904D
CONTACT
JILIN SINO-MICROELECTRONICS CO., LTD. ADD: No.99 Shenzhen Street, Jilin City, Jilin Province, China. Post Code: 132013 Tel86-432-64678411 Fax86-432-64665812 Web Sitewww.hwdz.com.cn MARKET DEPARMENT ADD: No.99 Shenzhen Street, Jilin City, Jilin Province, China. Post Code: 132013 Tel: 86-432-64675588 64675688 64678411-3098/3099 Fax: 86-432-64671533 Description of Changes
AppendixRevision History
New Rev. 200904D 200910E
200910E
5/5


▲Up To Search▲   

 
Price & Availability of T2095-O-T-B-A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X