Part Number Hot Search : 
28F800 SAA2023 SMB10 ESJC07 SAA2023 ESJC07 R1100 H2014
Product Description
Full Text Search
 

To Download PT10XH01-103A2020-PM-1CR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PT-10
FEATURES

10 mm Carbon Potentiometer
Carbon resistive element Dust proof enclosure Polyester substrate Also upon request: Wiper positioned at 50% or fully clockwise. Supplied in magazines for automatic insertion. Long life model for low cost control potentiometer applications Self extinguishable plastic UL 94V-0 Cut track option Special tapers Mechanical detents Low & extra low torque versions Special switch option 3% Linearity and 100K cycles mechanical life
MECHANICAL SPECIFICATIONS
Mechanical rotation angle: Electrical rotation angle: Torque: Stop torque: Life*:
* Others upon request
ELECTRICAL SPECIFICATIONS
Range of values (*) Tolerance (*): 20% 30% Max. Voltage: 200 VDC (lin) 100 VDC (no lin) Nominal Power 50C (122F) (see power rating curve) 0.15 W (lin) 0.07 W (no lin) Taper (*) (Log. & Alog. only Rn 1K) Lin ; Log; Alog. Residual resistance(*): Equivalent Noise Resistance: Operating temperature**: -25C + 70C (-13F + 158F)
** Up to 85C depending on application
235 5 220 20 0.4 to 2 Ncm. (0.6 to 2.7 in-oz) > 5 Ncm. ( >7 in-oz) Up to 10.000 cycles
(*) Others upon request
HOW TO ORDER
OPTIONAL EXTRAS PT 10 Series
PT-10
L
H01 Code Mounting Method
H01 H05 H02 H10 V05 V10 V11 V13 H2.5 H5 H2.5P H5P V5 V VP VJ
101
A Taper
A = Lin. B = Log. C = Alog.
2020 Life
E= Long life
(See note 5)
S Detent
See PT's with detents data sheet
Shaft/Thum. Shaft/rotor colour
01 = Fig. 1 02 = Fig. 2 17 = Fig. 17 RO = Red NE = Black VE = Green AM = Yellow AZ = Blue MA = Brown GR = Grey NA = Orange CR = Cream
(See note 8)
Torque
= Standard L= Low Torque X = Extra Low Torque
(See note 9)
Rotors
G L M K X W Y Z R
(See note 1)
Value
101 = 100 504 = 500 K 505 = 5 M
(See note 3)
(See note 10)
Tolerance
2020 = 20% 3030 = 30%
(See note 4)
(See note 2)
Cut track
PCI = Initial PCF = Final
Magazine
T
(See note 6)
Flammability
I = Non flammable
(See note 7)
Wiper position
PM = 50% PF = Final
NOTES:
(1) (2) (3)
(4) (5)
(6) (7) (8) (9)
"Z" adjustment only available on "H" versions. Rotor "G" only available in purple (shaft/rotor colour "VI"). Terminals styles: "P" & "J" are crimped terminals. V=Vertical adjust; H=Horizontal Adjust Value Example: Code: 10 1 Numb of zeros First two digits of the value. Non standard tolerance, upon request. Example: +7% Code: 07 05 -5% negative tolerance Up to 10.000 cycles. positive tolerance Others upon request. Magazines: not available with the H10, V05 and V13 models, nor with adjustment types X, W, Y, Z. Non flammable: housing, rotor and shaft. According to UL 94V-0 Potentiometer with shaft: only shaft Potentiometer without shaft: only rotor Colour shaft/ rotor: Cream colour only available in standard plastic.
(10)
Low Torque: 0.25 to 1 Ncm (per pot.) Extra Low Torque: 0.1 to 0.4 Ncm (per pot.). Only available on "H" models without crimping No detent option available for low and extra low torque models. No shaft or thumbwheel option for extra low torque models If you wish to use your own custom plastic shaft/knob/actuator please contact Piher for advice about compatible materials.
NOTE: The information contained here should be used for reference purposes only.
www.piher.net
39
HOW TO ORDER CUSTOM DRAWING
STANDARD OPTIONS
Cut track Detents Packing Non flammable Rotor colour Shaft colour Wiper position Torque No None Bulk No White Natural Initial Standard
PT-10 LH 01
+
DRAWING NUMBER (Max. 16 characters)
This way of ordering should be used for options which are not included in the "How to order" standard and optional extras.
ROTORS
Without shaft
0.8
-0.1
0.05
+0.1
0.7
2.1
L = Screwdriver
thru hole
M = Hexagonal
K = Cross slot G = Hexagonal thru hole thru hole thru hole Wipers positioned at 50%
2.2
1.6
0.05
+0.1
2
0 .05
2
0.05
2.2
0.05
2
0.05
With shaft
R
L
L
X= Adjustable from collector side
6.2
W= Adjustable from terminal side
0.8
With thumbwheel
6.2
0.8
7
3
3.5
1.95
3.5
7
3.45
Y = Adjustable from terminal side
Z = Adjustable from collector side
MOUNTING METHODS
v = horizontal mount vertical adjust
+ 4.5 0.2 +0.1 10.3
1.3 4 +0.1
h = vertical mount horizontal adjust
4.5
+0.2
10.3
+0.1
3
2.5
S
5
12.1 +0.2
5
10
10
A
5 6 +0.2 3.5 + 1 0.1
E
3.5
5
A
2.5
2.5
E S
3.5
7
+0.2
5
5
+0.1 1.3
2.5
+ 1 0.1
v (10)
A = Initial
+ 4.5 0.2 2.5
S = Wiper
10.3
E = Final
+0.1
1.3 3 +0.1
h (2.5)
A = Initial
4.5 +0.2
S = Wiper
+0.1 10.3
E = Final
5
2.5
12.1 +0.2
+0.2
5
5
2.5
2.5
7
3.5
5
1.3
+0.1
5
+ 6 0.2
3.5 + 1 0.1
2.5
2.5
5
+ 1 0.1
v (5)
h (5)
Crimped terminals
A
Detail
NOTE = Please note relative terminal positions when ordering non linear tapers.
3.5
6
+0.2 9.3
+0.2 6 9.3 -0.1 0.9
Mod. J
Mod. P
www.piher.net
40
1.6 -0.1
+0.3
5
5
OPTIONS
Positioning (Std. Position = CCW)
P.M.
Special SWITCH (Upon request)
50% +20
P.F.
INITIAL CCW FINAL CW
(Rotor at Final Position)
Mechanical Rotation Angle: 45 Housing Colour: Green
CUT TRACK CCW on-off (A)
CW on-off (E)
A
E
A
S
E
A
S
E
A
E
A = Initial
E = Final
S = Wiper
TAPERS
Standard A = Linear B = Log. C = Alog. Special taper example 100% Rn
POWER RATING CURVE
W (%)
100 %
C A R 2 + 5%
40 %
B
50
70
C
NOTE = Please note relative terminal positions when ordering non linear tapers.
TESTS
ELECTRICAL LIFE MECHANICAL LIFE (CYCLES) TEMPERATURE COEFFICIENT THERMAL CYCLING DAMP HEAT VIBRATION (for each plane X,Y,Z)
NOTE: Out of range values may not comply these results.
TYPICAL VARIATIONS
1.000 h. @ 50C; 0.15 W 500 @ 10 CPM ...15 CPM 25C; +70C 16 h. @ 85C; 2h. @ 25C 500 h. @ 40C @ 95% HR 2 h. @ 10 Hz. ... 55 Hz. 5 % 3 % (Rn < 1 M ) 300 ppm (Rn <100 K) 2.5 % 5 % 2 %
PACKAGING
BOXES Model Without shaft With thumbwheel With shaft Units
18.9
7.6 540 +1.5
500 (40 x 85 x 185 mm.) 400 (40 x 85 x 185 mm.) 200 (40 x 85 x 185 mm.)
Magazines for PT-10 h 2.5; h 5 Also crimped term. h 2.5 P
540 +1.5
AUTOMATIC INSERTION Magazines P T- 1 0 H & P T- 1 0 V Units per magazine 50 Pieces
12
Magazines for PT-10 V
13.5
Also crimped term. VP
www.piher.net
41
SHAFTS
3 3.1 5 5 8.1
10.4
10
34
3.7
Fig. 1 / Ref. 5016
Fig. 2 / Ref. 5053
Fig. 3 / Ref. 5012
Fig. 4 / Ref. 6053
Fig. 6 / Ref. 5035
4.9
4.9
4.9
4.9
8.1
25.5
15.2
25.5
12.5
Fig. 7 / Ref. 5115
4.9
Fig. 8 / Ref. 5116
Fig. 9 / Ref. 5119
Fig. 10 / Ref. 5120
Fig. 11 / Ref. 5027
2- GANG Plastic Knob/ Plastic Shaft*
8.1
4.5
13
25
15.2
6.75
3.3
12.75
O1.3 2.5 5
Fig. 12 / Ref. 6052
Fig. 13 / Ref. 5121
Fig. 14 / Ref. 5055
Fig. 18 / Ref. 6064
* Delivered unassembled (For assembled contact your nearest PIHER supplier)
THUMBWHEELS
11.5 12 9.5
5
1
5
1
Fig. 5 / Ref. 5034
Fig. 15 / Ref. 6008
42
Fig. 16 / Ref. 5039
Fig. 17 / Ref. 5062
www.piher.net
21
1.5
O6
2.6
6.75
2.6
8.4


▲Up To Search▲   

 
Price & Availability of PT10XH01-103A2020-PM-1CR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X