|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
CPTC ThermistorDip Type PPL Series Overload Protection for Telecom Application Features 1. 2. 3. 4. 5. 6. RoHS compliant Radial leaded devices Wide resistance range in telecom area from 7 to 50 Agency recognition: UL/cUL/TUV Compliant with ITU-T standards Operating temperature range0 ~ +60 (V=Vmax) C -25 ~+125C (V=0) Recommended Applications 1. Cable Modem, ADSL Modem with VOIP 2. Customer Premise Equipment (CPE) 3. Central Office (CO) 4. Access Equipment (AE) 5. Main Distribution Frame (MDF) 6. Public Switched Telephone Network (PSTN) 7. Exchanger Part Number Code P 1 P 2 L 3 0 4 9 5 1 6 0 7 0 8 M 9 A 10 0 11 B 12 5 13 Y 14 15 16 Product Code PPL PTC Thermistor for overload protection Dimensions 07 09 13 7mm 9mm 13mm Curie temperature Tolerance of R25 K L M H N Y 10% 15% 20% 25% 30% Special P8 A0 A2 A4 80 100 120 140 Y X V W Packaging Bulk Ammo Box Pitch 12.7mm Ammo Box Pitch 15mm Taping & Reel Pitch 12.7mm Taping & Reel Pitch 15mm Internal Control Code Voltage A4 B5 C0 140VAC 250VAC 300VAC U Resistance (R25) 7R0 100 500 7 10 50 THINKING ELECTRONIC INDUSTRIAL Co., LTD. 1 www.thinking.com.tw 2010.08 CPTC ThermistorDip Type PPL Series Overload Protection for Telecom Application Structure and Dimensions Dip structure D T H P 3.0~4.0 d (Unit: mm) D Part no. max PPL137R0 A0B5 PPL07100 A0B5 PPL09100 A0B5 PPL07180 A0B5 PPL09180 A0B5 PPL07250 A0B5 PPL09250 A0B5 PPL07390 A0B5 PPL09390 A0B5 PPL07500 A0C0 PPL09500 A0C0 15 10.5 12 9 11 9 11 9 11 9 11 T max 5 5 5 5 5 5 5 5 5 5 5 H max 18.5 13.5 15.5 12.5 14.5 12.5 14.5 12.5 14.5 12.5 14.5 d 0.02 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.6 P 1.0 5 5 5 5 5 5 5 5 5 5 5 THINKING ELECTRONIC INDUSTRIAL Co., LTD. 2 www.thinking.com.tw 2010.08 CPTC ThermistorDip Type PPL Series Overload Protection for Telecom Application Characteristics Nominal Zero-power Resistance R25 ( ) PPL137R0A0B5 PPL07100A0B5 PPL09100A0B5 PPL07180A0B5 PPL09180A0B5 PPL07250A0B5 PPL09250A0B5 PPL07390A0B5 PPL09390A0B5 PPL07500A0C0 PPL09500A0C0 7 10 10 18 18 25 25 39 39 50 50 Nonoperating Current at 25 IN (mA) @25 180 130 140 110 110 90 75 70 70 60 65 Nonoperating Current at 40 IN (mA) @40 170 120 130 100 100 80 70 65 65 55 60 Trip Current at 25 It (mA) @25 540 390 390 330 330 225 225 180 180 165 165 Responding Time s 3A 0.5A 3 0.8 0.8 0.4 0.4 0.35 0.35 0.3 0.3 0.15 0.15 1A 0.5A 20 8.0 8.0 2.5 2.5 2.0 2.0 1.0 1.0 0.8 0.8 0.5A 0.15A 90 35 35 10 10 10 10 4.0 4.0 3.5 3.5 Max Max. Voltage Current (VAC) 250 250 250 250 250 250 250 250 250 300 300 Imax(A) 3 2.5 3 3 3 3 3 3 3 3 3 Safety Approvals UL/ cUL TUV Part No. Note1: =Tolerance of R25 Note2: UL/cUL File No. E138827 TUV File No. R 50171789 THINKING ELECTRONIC INDUSTRIAL Co., LTD. 3 www.thinking.com.tw 2010.08 CPTC ThermistorDip Type PPL Series Overload Protection for Telecom Application R-T Characteristic Curves (Typical) 108 PPLXX500 PPLXX390 PPLXX250 PPLXX180 PPLXX100 PPLXX7R0 A0B5 A0B5 A0B5 A0B5 A0B5 A0B5 107 106 Resistance ( ) 105 104 103 102 101 100 25 40 50 60 70 80 90 100 110 120 130 140 150 160 170 180 190 200 Temperature () Circuit for Typical Application Primary Protection Secondary Protection PTC PTC Subscriber Loop Interface Subscriber Lines Voltage Clamp PTC PTC Circuit (SLIC) or Transformer THINKING ELECTRONIC INDUSTRIAL Co., LTD. 4 www.thinking.com.tw 2010.08 CPTC ThermistorDip Type PPL Series Overload Protection for Telecom Application Soldering Recommendation Wave Soldering Profile Preheating (air) 260 max. Soldering Cooling Note 2 Temperature Note 3 13020 Note 1 Tamb 30~90sec <1sec Time <10sec Note 1: (1~3)/sec Note 2: Approx. 200/sec Note 3: 5/sec Max Recommended Reworking Conditions with Soldering Iron Item Temperature of Soldering Iron-tip Soldering Time Distance from coating Conditions 360 (max.) 3 sec (max.) 2 mm (min.) THINKING ELECTRONIC INDUSTRIAL Co., LTD. 5 www.thinking.com.tw 2010.08 CPTC ThermistorDip Type PPL Series Overload Protection for Telecom Application Reliability Item Standard Test conditions / Methods After gradually applying the force specified and keeping the unit fixed for 101 sec., the two terminals shall be visually examined for any damage. Specifications Tensile Strength of IEC60068-2-21 Terminals Terminal diameter (mm) 0.35 R/R2520% No visible damage Solderability Resistance to Soldering Heat Vibration IEC60068-2-20 IEC60068-2-20 At least 95% of terminal electrode is covered by new solder R/R2520% No visible damage R/R2520% No visible damage R/R2520% No visible damage IEC60068-2-6 Frequency range:10~55Hz Amplitude:0.75mm or 98m/S2 Direction:3 mutually perpendicular directions ,2hrs each. Wave: half-sine Acceleration:50m/s2 V:1.0m/s Pulse time:30ms Shock IEC60068-2-27 The rapid change conditions shown below shall be repeated 5 cycles. Step Rapid Change of IEC60068-2-14 Temperature 1 2 3 4 Climatic sequence IEC60738-1 Temperature() -40 3 Room temperature 85 2 Room temperature Period(minutes) 30 3 53 30 3 53 R/R2520% No visible damage R/R2520% No visible damage R/R2520% No visible damage R/R2520% No visible damage R/R2520% No visible damage R/R2520% No visible damage R/R2520% No visible damage R/R2520% No visible damage R/R2520% No visible damage +40 ,20%R.H X 24hrs 100 X 16hrs25 X 2hrs +40 ,95%R.HX 24hrs 0 X 2hrs+40 ,95%R.HX 24hrs 25 X (1~2)hrs 60 , for 1000 hrs High Temperature IEC60068-2-2 Storage High Temperature Continuous Load IEC60738-1 60 , Vmax, ItDamp Heat, Steady State Over Current Power Contact IEC60068-2-3 Specification Standard 402,90~95%RH, for 10002 hrs 220Vrms, 3A, 60s on and 600s off , x20 cycles ITU-T K.20 9.4 230Vrms,10 , 15Min DC:1.0KV10/1000s,25A,x30 cycles DC:1.5KV10/310s,37.5A,x10cycles 650Vrms,600 ,1s on and 60s off x10 cycles Lightning Surge ITU-T K30 4.2.5 Power Induction Specification Standard THINKING ELECTRONIC INDUSTRIAL Co., LTD. 6 www.thinking.com.tw 2010.08 CPTC ThermistorDip Type PPL Series Overload Protection for Telecom Application Packaging Lead Space 7.5mm (P0=12.7mm) Lead Space Lead Space 5.0mm & 7.5mm (P0=15mm) 5.0mm (P0=12.7mm) THINKING ELECTRONIC INDUSTRIAL Co., LTD. 7 www.thinking.com.tw 2010.08 CPTC ThermistorDip Type PPL Series Overload Protection for Telecom Application (Unit: mm) Index P P0 P1 P2 Parameter Lead spacing Sprocket hole pitch Lead location Component pitch 25.4 (D>10) Height between component and tape centre Carrier tape width Adhesive tape width Sprocket hole position Adhesive tape position Component alignment Component alignment Tip length Sprocket hole diameter Total tape thickness 30.0 (D>10) 5 12.7 3.85 Nominal dimensions 7.5 12.7 8.95 5 15 5 7.5 15 3.75 15.0 (D10) 1 Tolerance 1 0.3 1 12.7 (D10) H0 16 16 16 16 +0.5 W W0 W1 W2(max) P h A D0 t 18 12 9 3 1 2 0.5 4 0.6 18 12 9 3 1 2 0.5 4 0.6 18 12 9 3 1 2 0.5 4 0.6 18 12 9 3 1 2 0.5 4 0.6 1 1 1 Max. 3 Max. 1 Max. 2 Max. 0.5 0.2 0.2 Quantity Bulk Packing Type 10 10<<20 Quantity (Pcs/bag) 200 100 Reel Packing Type 07<12 12<16 Quantity (Pcs/Reel) 1000 750 (Unit: mm) 461 311 34010 THINKING ELECTRONIC INDUSTRIAL Co., LTD. 8 www.thinking.com.tw 2010.08 CPTC ThermistorDip Type PPL Series Overload Protection for Telecom Application Ammo Packing 3485 (Unit: mm) Type 07<12 12<16 Quantity(pcs/Box) 750 505 18 5 5 500 Storage condition of products Storage Conditions : 1. Storage Temperature : -10~+40 2. Relative Humidity : 75%RH 3. Keep away from corrosive atmosphere and sunlight. Period of Storage : 1 year THINKING ELECTRONIC INDUSTRIAL Co., LTD. 9 www.thinking.com.tw 2010.08 |
Price & Availability of PPL09390MA0B5 |