Part Number Hot Search : 
IBAADS TC0194A P2102 85C51 C3216 SDR628G LM150 20100C
Product Description
Full Text Search
 

To Download LUR2043-TBS-X-PF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only
TAPE AND BOX ROUND TYPE LED LAMPS
Pb
Lead-Free Parts
LUR2043/TBS-X-PF
DATA SHEET
DOC. NO : REV. DATE : :
QW0905-LUR2043/TBS-X-PF-B01 A 04 - Sep. - 2008
LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only
PART NO. LUR2043/TBS-X-PF Page 1/6
Package Dimensions
H
P2
H2 H1 L W0
W2
W1 W3
D
P1
F P
-+
T
LUR2043
3.0 4.0
4.2
5.2
1.5MAX
25.0MIN
0.5
TYP
1.0MIN 2.54TYP
Note : 1.All dimension are in millimeter tolerance is 0.25mm unless otherwise noted. 2.Specifications are subject to change without notice.
LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only
PART NO. LUR2043/TBS-X-PF Page 2/6
Absolute Maximum Ratings at Ta=25
Ratings Parameter Symbol UR Forward Current Peak Forward Current Duty 1/10@10KHz Power Dissipation Reverse Current @5V Operating Temperature Storage Temperature IF IFP PD Ir Topr Tstg 40 120 120 10 -40 ~ +85 -40 ~ +100 mA mA mW UNIT
A
Typical Electrical & Optical Characteristics (Ta=25 )
PART NO
MATERIAL
COLOR Emitted
Peak wave length
Pnm
Forward Spectral voltage halfwidth @20mA(V) nm
Luminous intensity
@20mA(mcd)
Viewing angle 2 1/2 (deg)
Lens
Water Clear
Min. Max. Min. Typ. 660 20 1.5 2.4 900 1100 30
LUR2043/TBS-X-PF
GaAlAs
Red
Note : 1.The forward voltage data did not including 0.1V testing tolerance. 2. The luminous intensity data did not including 15% testing tolerance.
LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only
PART NO. LUR2043/TBS-X-PF *Dimensions Symbol Information SPECIFICATIONS SYMBOL ITEMS OPTION SYMBOL CODE
-------------------
Page 3/6
Minimum mm inch
0.15 0.09
-------
Maximum mm
4.2 3.0 2.0 18.5 22.5 26.5 28.5 23.5 20.9 25.0 25.5 20.0 19.4 36 11.0
inch
0.17 0.12 0.08 0.73 0.89 1.04 1.12 0.93 0.82 0.98 1.0 0.79 0.76 1.42 0.43 0.51 0.23 0.3 0.06 0.38 0.61 0.16 0.75
Tape Feed Hole Diameter Component Lead Pitch Front-To-Rear Deflection
D F
H
3.8 2.3
-------
Feed Hole To Bottom Of Component
TRS-1 TRS-2 TRS-3 TRS-4 TRS-5 TRS-6 TRS-7 TRS-8 TRS-9 TRS-10
-------------------------------------------------------------
H1
17.5 21.5 25.5 27.5 22.5 19.9 24.0 24.5 19.0 18.4
-------
0.69 0.85 1.0 1.08 0.89 0.78 0.94 0.96 0.75 0.72
-------
Feed Hole To Overall Component Height Lead Length After Component Height Feed Hole Pitch Lead Location Center Of Component Location Overall Taped Package Thickness Feed Hole Location Adhesive Tape Width Adhesive Tape Position Tape Width
H2 L P P1 P2 T W0 W1 W2 W3
W0 12.4 4.4 5.1
-------
0.49 0.17 0.2
-------
13.0 5.8 7.7 1.42 9.75 15.5 4.0 19.0
8.5 14.5 0 17.5
0.33 0.57 0 0.69
REMARK:TBS=Tape And Box Straight Leads
* Dimensions Symbol Information
Specification Description Symbol minimum mm
Overall Length Overall Width Overall Thickness
* Package Dimensions
maxmum W mm 340 275 60 inch 13.4 10.8 2.4 H L
inch 13.0 10.4 1.97 2500PCS
L W H
330 265 50
Quantity/Box
LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only
PART NO. LUR2043/TBS-X-PF Page4/6
Typical Electro-Optical Characteristics Curve
UR CHIP
Fig.1 Forward current vs. Forward Voltage Fig.2 Relative Intensity vs. Forward Current
1000
3.0
Forward Current(mA)
100 10 1 01 1.0 2.0 3.0 4.0 5.0
Relative Intensity Normalize @20mA
2.5 2.0 1.5 1.0 0.5 0.0 1 10 100 1000
Forward Voltage(V) Fig.3 Forward Voltage vs. Temperature
1.2
Forward Current(mA) Fig.4 Relative Intensity vs. Temperature
Forward Voltage@20mA Normalize @25
Relative Intensity@20mA Normalize @25
-40 -20 0 20 40 60 80 100
3.0 2.5 2.0 1.5 1.0 0.5 0.0 -40 -20 0 20 40 60 80 100
1.1
1.0
0.9
0.8
Ambient Temperature()
Ambient Temperature()
Fig.5 Relative Intensity vs. Wavelength
Fig.6 Directivity Radiation 0 -30 30
Relative Intensity@20mA
1.0
0.5
-60
-60
0.0 600 650 700 750
100% 75% 50%
25%
0
25% 50% 75% 100%
Wavelength (nm)
LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only
PART NO. LUR2043/TBS-X-PF Page 5/6
Soldering Condition(Pb-Free) 1.Iron: Soldering Iron:30W Max Temperature 350XC Max Soldering Time:3 Seconds Max(One time only) Distance:2mm Min(From solder joint to body)
2.Wave Soldering Profile Dip Soldering Preheat: 120XC Max Preheat time: 60seconds Max Ramp-up 2XC/sec(max) Ramp-Down:-5XC/sec(max) Solder Bath:260XC Max Dipping Time:3 seconds Max Distance:2mm Min(From solder joint to body)
Temp(XC) 260XC3sec Max
260
5X/sec max
120
2X/sec max Preheat
60 Seconds Max
25 0 0
50
100
150
Time(sec)
Note: 1.Wave solder should not be made more than one time. 2.You can just only select one of the soldering conditions as above.
LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only
PART NO. LUR2043/TBS-X-PF Page 6/6
Reliability Test:
Test Item
Test Condition
1.Under Room Temperature 2.If=20mA 3.t=1000 hrs (-24hrs, +72hrs)
Description
This test is conducted for the purpose of detemining the resistance of a part in electrical and themal stressed.
Reference Standard
MIL-STD-750: 1026 MIL-STD-883: 1005 JIS C 7021: B-1
Operating Life Test
High Temperature Storage Test
1.Ta=105 5 2.t=1000 hrs (-24hrs, +72hrs)
The purpose of this is the resistance of the device which is laid under condition of high temperature for hours.
MIL-STD-883:1008 JIS C 7021: B-10
Low Temperature Storage Test
1.Ta=-40 5 2.t=1000 hrs (-24hrs, +72hrs)
The purpose of this is the resistance of the device which is laid under condition of low temperature for hours.
JIS C 7021: B-12
High Temperature High Humidity Test
1.Ta=65 5 2.RH=90 %~95% 3.t=240hrs 2hrs
The purpose of this test is the resistance of the device under tropical for hours.
MIL-STD-202:103B JIS C 7021: B-11
Thermal Shock Test
1.Ta=105 5&-405 (10min) (10min) 2.total 10 cycles
The purpose of this is the resistance of the device to sudden extreme changes in high and low temperature. This test intended to determine the thermal characteristic resistance of the device to sudden exposures at extreme changes in temperature when soldering the lead wire.
MIL-STD-202: 107D MIL-STD-750: 1051 MIL-STD-883: 1011
Solder Resistance Test
1.T.Sol=260 5 2.Dwell time= 10 1sec.
MIL-STD-202: 210A MIL-STD-750: 2031 JIS C 7021: A-1
Solderability Test
1.T.Sol=230 5 2.Dwell time=5 1sec
This test intended to see soldering well performed or not.
MIL-STD-202: 208D MIL-STD-750: 2026 MIL-STD-883: 2003 JIS C 7021: A-2


▲Up To Search▲   

 
Price & Availability of LUR2043-TBS-X-PF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X