Part Number Hot Search : 
B125C B6564608 FS120 SMCJ28 IRFI5210 TS5YL M3005N M3005N
Product Description
Full Text Search
 

To Download HSDL-3005-021 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Agilent HSDL-3005 IrDA(R) Data Compliant Low Power 115.2 kbit/s with Remote Control Infrared Transceiver Data Sheet
Description The HSDL-3005 is a small form factor enhanced infrared (IR) transceiver available in Front View and Top View modules. It provides the capability of (1) interface between logic and IR signals for through-air, serial, half-duplex IR data link, and (2) IR remote control transmission for universal remote control applications. For IR data communication, the HSDL-3005 provides the flexibility of Low Power SIR applications and Remote Control applications with no external components needed for the selection of the type of application. The transceiver is compliant to IrDA(R) Physical Layer Specifications version 1.4 Low Power from 9.6 kbit/s to 115.2 kbit/s (SIR) and it is IEC 825Class 1 Eye Safe.
IrDA(R) Data Features * Fully compliant to IrDA(R) physical layer specification 1.4 low power from 9.6 kbit/s to 115.2 kbit/s (SIR) - Excellent nose-to-nose operation - Link distance up to 50 cm * Complete shutdown for TxD_IrDA, RxD_IrDA, and PIN diode * Low power consumption - Low idle current, <100 A typically - Low shutdown current, 10 nA typically * LED stuck-high protection Applications * Mobile data communication and universal remote control transmission - Personal digital assistants (PDAs) - Mobile phones
Features * Available in both the front view and top view options * Guaranteed temperature performance, -25 to 85C - Critical parameters are guaranteed over temperature & supply voltage * Low power consumption * Small module size: Front View Top View - Height: 2.50 mm 2.80 mm - Width: 8.00 mm 7.50 mm - Depth: 3.00 mm 3.35 mm * Minimum external components - Integrated single-biased LED resistor - Direct interoperability to MPU - Programmable TxD features - Integrated remote control FET * VCC supply 2.4 to 3.6 volts * Integrated EMI shield * Designed to accommodate light loss with cosmetic windows * IEC 825-Class I eye safe * Lead-free package Remote Control Features * Wide angle and high radiant intensity * Spectrally suited to remote control transmission function * Typical link distance up to 7 meters
CAUTION: The BiCMOS inherent to the design of this component increases the component's susceptibility to damage from electrostatic discharge (ESD). It is advised that normal static precautions be taken in handling and assembly of this component to prevent damage and/or degradation which may be induced by ESD.
The HSDL-3005 has very low idle current and can be shutdown completely to achieve very low power consumption. In the shutdown mode, the PIN diode will be inactive and thus producing very little photocurrent even under very bright
ambient light. Such features are ideal for battery operated handheld products such as PDAs and mobile phones. Application Support Information The Application Engineering Group is available to assist you
with the application design associated with HSDL-3005 infrared transceiver module. You can contact them through your local sales representatives for additional details.
Order Information Part Number HSDL-3005-021 HSDL-3005-028 Packaging Type Tape and Reel Tape and Reel Package Front View Top View Quantity 2500 2500
Marking Information The unit is marked with "M" and the datecode "YWW" on the shield for Front option. For Top option, the part is marked as
"YWW" where Y is the last digit of the year, and WW is the work week. M = Mira yy = year ww = work week
VCC
CX2
GND
VCC (6)
CX1
GND (8)
HSDL-3005 TRANSCEIVER MODULE TRANSCEIVER IC
REGULATOR VOLTAGE/ CURRENT REFERENCE BLOCK SHUTDOWN
PHOTODETECTOR
RECEIVER RxD_IrDA (4) VLED CX3 R1 LEDA (1) SD (5) TxD_RC (7) TxD_IrDA (3)
RC/IR TRANSMITTER SELECT EYE SAFETY -RC DETECTOR
PRE AMP
OUTPUT BUFFER
SHIELD
SHUTDOWN
RC_BUFFER IR_BUFFER
EYE SAFETY -IR
TRANSMITTER
LED
Figure 1. Functional block diagram.
2
REAR VIEW
8
7
6
5
4
3
2
1
Figure 2. Pinout.
I/O Pins Configuration Table Pin 1 2 3 4 5 6 7 8 - Symbol LEDA N.C. TxD_IrDA RxD_IrDA SD VCC TxD_RC GND Shield I/O I - I O I I I I - Description IR and Remote Control LED Anode No Connection IrDA Transmitter Data Input. Active High IrDA Receiver Data Output. Active Low Shutdown. Active High Supply Voltage Remote Control Transmission Input. Active High Connect to System Ground EMI Shield Notes 1 2 3 4 5 6 7 8 9
Notes: 1. Tied through external resistor, R1, to VLED from 2.4 to 4.5 Volts. 2. No Connection. 3. Logic high turns on the IrDA LED. If held HIGH longer than ~50 s, the IrDA LED is turned off. TxD_IrDA must be driven either HIGH or LOW. Do not leave the pin floating. 4. Output is at LOW pulse response when light pulse is seen. 5. Complete shutdown TxD_IrDA, RxD_IrDA, and PIN diode. 6. Regulated, 2.4 to 3.6 Volts. 7. Logic high turns on the RC LED. If held HIGH longer than ~50 s, the RC LED is turned off. TxD_RC must be driven either HIGH or LOW. Do not leave the pin floating. 8. Tie this pin to system ground. 9. Tie to system ground via a low inductance trace. For best performance, do not tie it to the HSDL-3005 GND pin directly.
Recommended Application Circuit Components Component R1 Recommended Value 2.7 5%, 0.25 Watt @ Vled = 2.4 V 3.3 5%, 0.25 Watt @ Vled = 2.7 V 4.7 5%, 0.25 Watt @ Vled = 3.0 V 5.6 5%, 0.25 Watt for 3.0 < Vled < 3.6 V 6.8 5%, 0.25 Watt @ Vled = 3.6 V 10.0 5%, 0.25 Watt for 3.6 Vled 4.5 V 0.47 F 20%, X7R Ceramic CX3 6.8 F 20%, Tantalum
CX1[1] CX2[1],
Note: 1. CX1 and CX2 must be placed within 0.7 cm of HSDL-3005 to obtain optimum noise immunity.
3
Different Remote Control Configuration for HSDL-3005 The HSDL-3005 can operate in the single-TxD programmable mode or the two-TxD direct transmission mode. (A) Single-TxD Programmable Mode In the single-TxD programmable mode, only one input pin (TxD_IrDA input pin) is used.
The transceiver is in default mode (IrDA) when powered up. User needs to apply the following programming sequence to both the TxD_IrDA and SD inputs to enable the transceiver to operate in either the IrDA or remote control mode.
tC tTL tA tB tC
SHUTDOWN (ACTIVE HIGH)
TxD_IrDA (ACTIVE HIGH)
***
***
***
SHUTDOWN
DRIVE IrDA LED
RC MODE
DRIVE RC LED
RESET
DRIVE IrDA LED
TxD_RC (GND)
(B) Single-TxD Programmable Mode SD 0 0 0 0 1 TXD_IrDA 0 0 1 1 0 TXD_RC 0 1 0 1 0 LED OFF ON ON ON OFF Remarks IR Rx enabled. Idle mode Remote control operation IrDA Tx operation Not recommended Shutdown mode*
* The shutdown condition will set the transceiver to the default mode (IrDA).
4
Absolute Maximum Ratings at TA = 25C For implementations where case to ambient thermal resistance is 50C/W. Parameter Storage Temperature Operating Temperature LED Supply Voltage Supply Voltage Output Voltage: RxD LED Current Pulse Amplitude Symbol TS TA VLED VCC VO IVLED Min. -40 -25 0 0 0 Max. 100 85 6 6 6 300 Units C C V V V mA 90 s Pulse Width 20% Duty Cycle Conditions
Recommended Operating Conditions Parameter Operating Temperature Supply Voltage LED Supply Voltage Logic Input Voltage for TxD_IrDA, TxD_RC Receiver Input Irradiance Receiver Data Rate Logic High Logic Low Logic High Logic Low Symbol TA VCC VLED VIH VIL EIH EIL 9.6 Min. -25 2.4 2.4 2/3 VCC 0 0.0081 Max. 85 3.6 4.5 VCC 1/3 VCC 500 0.3 115..2 Units C V V V V mW/cm2 W/cm2 kbit/s For in-band signals 115.2 kbit/s[3] For in-band signals[3] Conditions
Note: 3. An in-band optical signal is a pulse/sequence where the peak wavelength, lp, is defined as 850 lp 900 nm, and the pulse characteristics are compliant with the IrDA Serial Infrared Physical Layer Link Specification v1.4.
5
Electrical and Optical Specifications Specifications (Min. & Max. values) hold over the recommended operating conditions unless otherwise noted. Unspecified test conditions may be anywhere in their operating range. All typical values (Typ.) are at 25C, VCC set to 3.0 V. Parameter Receiver Viewing Angle Peak Sensitivity Wavelength RxD_IrDA Output Voltage Logic High Logic Low 2q1/2 lP VOH VOL tRPW tr, tf tL tRW IEH 2q1/2 lP VIH VIL IH IL IVLED tTW tPW(SIR) tPW(Max) tA tB tC tr, tf VON (LEDA) IEH 2q1/2 lP VIH VIL IH IL VON (LEDA) 2/3 VCC 0 0.02 -0.02 2.1 High Low High Low 30 885 VCC 1 1 2.6 65 60 25 25 25 600 1.41 25 2/3 VCC 0 0.02 -0.02 0.02 180 High Low High Low Shutdown 4 30 885 VCC 1 1 1 500 1.6 120 VCC - 0.2 0 1 2.3 30 25 75 20 30 875 VCC 0.4 7.5 100 50 200 35 60 nm V V s ns s s q1/2 15, CL = 9 pF CL= 9 pF EI = 9.0 W/cm2 EI = 10 mW/cm2 IOH = -200 A, EI 0.3 W/cm2 Symbol Min. Typ. Max. Units Conditions
RxD_IrDA Pulse Width (SIR)[4] RxD_IrDA Rise & Fall Times Receiver Latency Time[5] Receiver Wake Up Time[6] Infrared (IR) Transmitter IR Radiant Intensity IR Viewing Angle IR Peak Wavelength TxD_IrDA Logic Levels TxD_IrDA Input Current LED Current Wake Up Time[7] Optical Pulse Width (SIR) Maximum Optical Pulse Width[8] Data Setup Time Data Pulsewidth Programming Time TxD Rise & Fall Times (Optical) LED Anode On-State Voltage Remote Control (RC) Transmitter RC Radiant Intensity RC Viewing Angle RC Peak Wavelength TxD_RC Logic Levels TxD_RC Input Current
mW/sr q1/2 15, TxD_IrDA VIH, TA = 25 C nm V A A A ns s s ns ns ns ns V ILEDA = 100 mA, VI(TxD) VIH tPW(TXD) = 1.6 s at 115.2 kbit/s VI VIH 0 VI VIL VI (SD) VIH,
1/3 VCC V
mW/sr q1/2 15, TxD_RC VIH, TA = 25C nm V A A V VI VIH 0 VI VIL ILEDA = 200 mA, VI(TxD) VIH 1/3 VCC V
LED Anode On-State Voltage
6
Electrical and Optical Specifications (Cont'd.) Parameter Transceiver Input Current Supply Current High Low Shutdown Active IH IL ICC1 ICC3 -1 0.01 -0.02 0.01 50 300 1 1 1 100 A A A A A VI VIH 0 VI VIL VSD VCC - 0.5, TA = 25C VI(TxD) VIL, EI = 0 VI(TxD) VIL, EI = 10 mW/cm2 Symbol Min. Typ. Max. Units Conditions
Idle (Standby) ICC2
Notes: 3. An in-band optical signal is a pulse/sequence where the peak wavelength, lP, is defined as 850 nm lP 900 nm, and the pulse characteristics are compliant with the IrDA Serial Infrared Physical Layer Link Specification version 1.4. 4. For in-band signals 9.6 kbit/s to 115.2 kbit/s where 9 W/cm2 EI 500 mW/cm2. 5. Latency is defined as the time from the last TxD_IrDA light output pulse until the receiver has recovered full sensitivity. 6. Receiver Wake Up Time is measured from VCC power ON to valid RxD_IrDA output. 7. Transmitter Wake Up Time is measured from VCC power ON to valid light output in response to a TxD_IrDA pulse. 8. The Optical PW is defined as the maximum time which the IR LED will turn on; this is to prevent the long Turn On time for the IR LED.
IR ILED vs. VLEDA 300 250 200
ILED (mA)
IR Light Output Power (LOP) vs. ILED 100
80
LOP (mW/Sr)
60
150 100 50 0 1.5
40
20 0
2.0
2.5
3.0
3.5
4.0
0
50
100
150 ILED (mA)
200
250
300
VLEDA (V)
Figure 3. VLEDA vs. ILEDA at room temperature for IR mode.
Figure 4. ILEDA vs. LED radiant intensity at room temperature for IR mode.
RC ILED vs. VLEDA 350 300 250 200 150 100 50 0 1.50 1.75 VLEDA (V) 2.00 2.25
LOP (mW/Sr)
RC LIGHT OUTPUT POWER (LOP) vs. ILED 120 100 80 60 40 20 0 100 125 150 175 200 225 250 275 300 325 ILED (mA)
Figure 5. VLEDA vs. ILEDA at room temperature for RC mode.
ILED (mA)
Figure 6. ILEDA vs. LED radiant intensity at room temperature for RC mode.
7
HSDL-3005-021 (Front) Package Dimensions
SOLDERING PATTERN 1.35 MOUNTING CENTER MOUNTING CENTER 4.0 1.25 1.025 1.425 0.775 1.75 C L EXTERNAL GROUND
2.05
C L RECEIVER EMITTER
0.60 0.475 1.425 2.5 1.175 2.375 3.325 0.35 0.65 0.80 C L
2.85
2.55 4.0 8.0
8 0.6
7
6
5
4
3
2 3.325
1
6.65 3.0 1.85 2.9 1 VLEDA 2 N.C. 3 TxD_IrDA 4 RxD NOTES: 1. ALL DIMENSIONS IN MILLIMETERS (mm). 2. DIMENSION TOLERANCE IS 0.2 mm UNLESS OTHERWISE SPECIFIED. 3. COPLANAITY: 0.05 TO -0.150 mm. 5 SD 6 VCC 7 TxD_RC 8 GND
8
HSDL-3005-021(Front) Tape and Reel Dimensions
UNIT: mm
4.0 0.1 + 0.1 1.5 0 1.5 0.1
1.75 0.1
POLARITY PIN 8: VLED 8.4 0.1 PIN 1: GND 0.4 0.05 2.8 0.1 3.4 0.1 8.0 0.1 PROGRESSIVE DIRECTION 7.5 0.1 16.0 0.2
EMPTY (40 mm MIN.)
PARTS MOUNTED
LEADER (400 mm MIN.) EMPTY (40 mm MIN.)
OPTION # 001 021 UNIT: mm
"B" 178 330
"C" 60 80
QUANTITY 500 2500
DETAIL A 2.0 0.5 13.0 0.5 B C
R 1.0 LABEL 21 0.8 DETAIL A 2 16.4 +0 2.0 0.5
9
HSDL-3005-028 (Top) Package Dimensions
SOLDERING PATTERN
C L
2.20 1.45
0.90 1.275 MOUNTING CENTER 0.575 1.60
3.6 2 1.55 C L 1.55 2 2.8 +0.05 -0.2 +0.05 -0.2
0.60
0.475 1.425 2.375 3.325
1.8
2.8
3.35
2.35
XXX
THE HEIGHT BETWEEN THE 2 GND PADS IS <=0.1 mm UNDER THE COPLANARITY SPECS. 0.05 (MAX.) C L
0.7 0.1
5.1 7.5 DATECODE MARKING
0.4 0.15
8
0.3
7
6
5
4
3
2
1
0.95 0.1
0.6 0.15 3.325 0.95 x 7 = 6.65 0.15
1 VLED 2 N.C. NOTES: 1. ALL DIMENSIONS IN MILLIMETERS (mm). 2. DIMENSION TOLERANCE IS 0.2 mm UNLESS OTHERWISE SPECIFIED. 3 TxD_IrDA 4 RxD
5 SD 6 VCC 7 TxD_RC 8 GND
10
HSDL-3005-028 (Top) Tape and Reel Dimensions
60TYP.
99.5 1 120 3 +0.5 13.1 -0
264 PS 330 1 1 2 DETAIL A (5/1)
+0.5 16.0 -0
D1
Po
P2
Do
B
E 5(MAX.)
T
W
Bo
5
A
A P1 Ao B 1.5 Ko
5(MAX.) 5 3.1 0.1
A-A SECTION
UNIT: mm SYMBOL SPEC SYMBOL SPEC Ao 3.65 0.10 E 1.75 0.10 Bo 7.90 0.10 F 7.50 0.10 Ko +0.05 2.75 - 0.10 Do 1.55 0.05 Po 4.00 0.10 D1 1.50 (MIN.) P1 8.00 0.10 W 16.00 0.30 P2 2.00 0.10 10Po 40.00 0.20 T 0.40 0.10
NOTES: 1. 10 SPROKET HOLE PITCH CUMULATIVE TOLERANCE IS 0.2 mm. 2. CARRIER CAMBER SHALL NOT BE MORE THAN 1 mm PER 100 mm THROUGH A LENGTH OF 250 mm. 3. Ao AND Bo MEASURED ON A PLACE 0.3 mm ABOVE THE BOTTOM OF THE PACKET. 4. Ko MEASURED FROM A PLACE ON THE INSIDE BOTTOM OF THE POCKET TO TOP SURFACE OF CARRIER. 5. POCKET POSITION RELATIVE TO SPROCKET HOLE MEASURED AS TRUE POSITION OF POCKET, NOT POCKET HOLE.
11
B-B SECTION
F
2.6
HSDL-3005 Moisture Proof Packaging All HSDL-3005 options are shipped in moisture proof package. Once opened, moisture absorption begins. This part is compliant to JEDEC Level 4.
Baking Conditions If the parts are not stored in dry conditions, they must be baked before reflow to prevent damage to the parts. Package In reels In bulk Temp. 60C 100C 125C 150C Time 48 hours 4 hours 2 hours 1 hour
UNITS IN A SEALED MOISTURE-PROOF PACKAGE
Baking should only be done once.
PACKAGE IS OPENED (UNSEALED)
Recommended Storage Conditions Storage Temperature 10C to 30C Relative Humidity below 60% RH
ENVIRONMENT LESS THAN 25C, AND LESS THAN 60% RH
YES
NO BAKING IS NECESSARY
YES
PACKAGE IS OPENED LESS THAN 72 HOURS
Time from Unsealing to Soldering After removal from the bag, the parts should be soldered within three days if stored at the recommended storage condi- tions. If times longer than three days are needed, the parts must be stored in a dry box.
NO
PERFORM RECOMMENDED BAKING CONDITIONS
NO
Figure 7. Baking conditions chart.
12
Recommended Reflow Profile
MAX. 260C R3 R4
255 230 220 200 180 160 120 80 25 0 P1 HEAT UP 50 100 P2 SOLDER PASTE DRY 150 R1
T - TEMPERATURE - (C)
R2
60 sec. MAX. ABOVE 220C
R5
200 P3 SOLDER REFLOW
250 P4 COOL DOWN
300
t-TIME (SECONDS)
Process Zone Heat Up Solder Paste Dry Solder Reflow Cool Down
Symbol P1, R1 P2, R2 P3, R3 P3, R4 P4, R5
DT 25C to 160C 160C to 200C 200C to 255C (260C at 10 seconds max.) 255C to 200C 200C to 25C
Maximum DT/Dtime 4C/s 0.5C/s 4C/s -6C/s -6C/s
The reflow profile is a straightline representation of a nominal temperature profile for a convective reflow solder process. The temperature profile is divided into four process zones, each with different DT/Dtime temperature change rates. The DT/Dtime rates are detailed in the above table. The tempera- tures are measured at the component to printed circuit board connections. In process zone P1, the PC board and HSDL-3005 castellation pins are heated to a temperature of 160 C to activate the flux in the solder paste. The temperature ramp up rate, R1, is limited to 4 C per second to allow for even heating of both the PC board and HSDL-3005 castellations.
Process zone P2 should be of sufficient time duration (60 to 120 seconds) to dry the solder paste. The temperature is raised to a level just below the liquidus point of the solder, usually 200 C (392 F). Process zone P3 is the solder reflow zone. In zone P3, the temperature is quickly raised above the liquidus point of solder to 255 C (491 F) for optimum results. The dwell time above the liquidus point of solder should be between 20 and 60 seconds. It usually takes about 20 seconds to assure proper coalescing of the solder balls into liquid solder and the formation of good solder connections. Beyond a dwell time of 60 seconds, the intermetallic growth within the
solder connections becomes excessive, resulting in the formation of weak and unreliable connections. The temperature is then rapidly reduced to a point below the solidus temperature of the solder, usually 200 C (392 F), to allow the solder within the connections to freeze solid. Process zone P4 is the cool down after solder freeze. The cool down rate, R5, from the liquidus point of the solder to 25 C (77 F) should not exceed 6 C per second maximum. This limitation is necessary to allow the PC board and HSDL-3005 castellations to change dimensions evenly, putting minimal stresses on the HSDL3005 transceiver.
13
Appendix A: SMT Assembly Application Note 1.0 Solder Pad, Mask and Metal Stencil
STENCIL APERTURE
METAL STENCIL FOR SOLDER PASTE PRINTING
LAND PATTERN
SOLDER MASK PCBA
Figure 8. Stencil and PCBA.
1.1 Recommended Land Pattern
MOUNTING CENTER C L
1.35 SHIELD SOLDER PAD
1.25 2.05 0.10
0.775 1.75
FIDUCIAL 0.60 0.475 1.425 2.375 3.325
Figure 9. Land pattern.
14
1.2 Recommended Metal Solder Stencil Aperture It is recommended that only a 0.152 mm (0.006 inch) or a 0.127 mm (0.005 inch) thick stencil be used for solder paste printing. This is to ensure adequate printed solder paste volume and no shorting. See the table below the drawing for combinations of metal stencil aperture and metal stencil thickness that should be used. Aperture opening for shield pad is 3.05 mm x 1.1 mm as per land pattern.
APERTURES AS PER LAND DIMENSIONS
t
w l
Figure 10. Solder stencil aperture.
Aperture size(mm) Stencil thickness, t (mm) 0.152 mm 0.127 mm length, l 2.60 0.05 3.00 0.05 width, w 0.55 0.05 0.55 0.05
1.3 Adjacent Land Keepout and Solder Mask Areas Adjacent land keepout is the maximum space occupied by the unit relative to the land pattern. There should be no other SMD components within this area. The minimum solder resist strip width required to avoid solder bridging adjacent pads is 0.2 mm.
10.1
0.2 3.85
SOLDER MASK
3.0
It is recommended that two fiducial crosses be placed at mid-length of the pads for unit alignment. Note: Wet/Liquid PhotoImageable solder resist/mask is recommended.
UNITS: mm
Figure 11. Adjacent land keepout and solder mask areas.
15
Appendix B: PCB Layout Suggestion The following PCB layout guidelines should be followed to obtain a good PSRR and EM immunity resulting in good electrical performance. Things to note: 1. The ground plane should be continuous under the part, but should not extend under the shield trace. 2. The shield trace is a wide, low inductance trace back to the system ground.
3. VLED can be connected to either unfiltered or unregulated power supply. If VLED and Vcc share the same power supply, CX3 need not be used and the connections for CX1 and CX2 should be before the current limiting resistor R1. In a noisy environment, including capacitor CX2 can enhance supply rejection. CX1 is generally a ceramic capacitor of low inductance providing a wide frequency response while CX2 and CX3 are tantalum capacitors of big
volume and fast frequency response. The use of a tantalum capacitor is more critical on the VLED line, which carries a high current. 4. Preferably a multi-layered board should be used to provide sufficient ground plane. Use the layer underneath and near the transceiver module as Vcc, and sandwich that layer between ground connected board layers. Refer to the diagram below for an example of a four-layer board.
TOP LAYER CONNECT THE METAL SHIELD AND MODULE GROUND PIN TO BOTTOM GROUND LAYER.
LAYER 2 CRITICAL GROUND PLANE ZONE. DO NOT CONNECT DIRECTLY TO THE MODULE GROUND PIN. LAYER 3 KEEP DATA BUS AWAY FROM CRITICAL GROUND PLANE ZONE.
BOTTOM LAYER (GND)
The area underneath the module at the second layer, and 3 cm in all directions around the module, is defined as the critical ground plane zone. The ground plane should be maximized in
this zone. Refer to application note AN1114 or the Agilent IrDA Data Link Design Guide for details. The layout below is based on a two-layer PCB.
Top View 16
Bottom View
Appendix C: General Application Guide for the HSDL-3005 Infrared IrDA(R) Compliant 115.2 Kb/s Transceiver Description The HSDL-3005, a wide-voltage operating range infrared transceiver is a low-cost and small form factor device that is designed to address the mobile computing market such as PDAs, as well as small embedded mobile products such as digital cameras and cellular phones. It is spectrally suited to universal remote control transmission function. It is fully compliant to IrDA 1.4 low power specification from 9.6 kb/s to 115.2 kb/s, and supports most remote control
codes. The design of the HSDL3005 also includes the following unique features: * Spectrally suited to universal remote control transmission function. * Low passive component count. * Shutdown mode for low power consumption requirement. Selection of Resistor R1 Resistor R1 should be selected to provide the appropriate peak pulse LED current over different ranges of Vcc as shown on page 3 under "Recommended Application Circuit Components".
Interface to Recommended I/O Chips The HSDL-3005's TXD data input is buffered to allow for CMOS drive levels. No peaking circuit or capacitor is required. Data rate from 9.6 kb/s up to 115.2 kb/s is available at the RXD pin. The TXD_RC, (pin 7), or the TXD_IrDA, (pin 3), can be used to send remote control codes. The block diagrams below show how the IrDA port fits into a mobile phone and PDA platform.
SPEAKER
AUDIO INTERFACE DSP CORE MICROPHONE
ASIC CONTROLLER RF INTERFACE TRANSCEIVER MOD/ DE-MODULATOR MICROCONTROLLER USER INTERFACE
IR
RC
HSDL-3005 MOBILE PHONE PLATFORM
Figure 12. IR layout in mobile phone platform.
17
LCD PANEL
RAM
RC IR HSDL-3005 CPU FOR EMBEDDED APPLICATION
ROM
PCMCIA CONTROLLER
TOUCH PANEL
RS232C DRIVER
COM PORT
PDA PLATFORM
Figure 13. IR layout in PDA platform.
The link distance testing was done using typical HSDL-3005 units with SMC's FDC37C669 and FDC37N769 Super I/O controllers. An IrDA link distance of up to 70 cm was demonstrated. Remote Control Operation The HSDL-3005 is spectrally suited to universal remote control transmission function. Remote control applications are not governed by any standards, owing to which there are numerous remote control codes in the market. Each of these standards results in receiver
modules with different sensitivities, depending on the carrier frequencies and responsivity to the incident light wavelength. Based on a survey of some commonly used remote control receiver modules, the irradiance is found to be in the range of 0.05 ~ 0.07 mW/cm2. Based on a typical irradiance of 0.05 mW/ cm2 and 0.075 mW/cm2 and turning on the RC LED, a typical link distance of 8 m and 7 m is achieved typically.
18
Appendix D: Window Designs for HSDL-3005 To ensure IrDA compliance, some constraints on the height and width of the window exist. The minimum dimensions ensure that the IrDA cone angles are met without vignetting. The maximum dimensions minimize the effects of stray light. The minimum size corresponds to a cone angle of 30 degrees, the maximum to a cone angle of 60 degrees.
Minimum and Maximum Window Sizes Dimensions are in mm. Depth (Z) 0 1 2 3 4 5 6 7 8 9 10 Y min. 1.70 2.23 2.77 3.31 3.84 4.38 4.91 5.45 5.99 6.52 7.06 X min. 6.80 7.33 7.87 8.41 8.94 9.48 10.01 10.55 11.09 11.62 12.16 Y max. 3.66 4.82 5.97 7.12 8.28 9.43 10.59 11.74 12.90 14.05 15.21 X max. 8.76 9.92 11.07 12.22 13.38 14.53 15.69 16.84 18.00 19.15 20.31
Z
Window Height Y vs. Module Depth Z
16
Y
60 CONE 14
WINDOW HEIGHT Y - mm
12 10 8 6 4 2 0 0 2 4 6 8 10 ACCEPTABLE RANGE 30 CONE
X
X is the width of the window, Y is the height of the window, and Z is the distance from the HSDL3005 to the back of the window. The distance from the center of the LED lens to the center of the photodiode lens is 5.1 mm. The equations for the size of the window are as follows: X = 5.1 +2(Z + D) tan Y = 2(Z + D) tan Where is the required half angle for viewing. For the IrDA minimum, it is 15 degrees, for the IrDA maximum it is 30 degrees. (D is the depth of the LED image inside the part, 3.17 mm). These equations result in the following tables and graphs:
MODULE DEPTH Z - mm
Window Width X vs. Module Depth Z
22 20
WINDOW WIDTH X - mm
60 CONE
18 16 14 12 10 8 6 0 2 4 6 8 10 ACCEPTABLE RANGE 30 CONE
MODULE DEPTH Z - mm
19
Window Material Almost any plastic material will work as a window material. Polycarbonate is recommended. The surface finish of the plastic should be smooth, without any texture. An IR filter dye may be used in the window to make it look black to the eye, but the total optical loss of the window
should be 10% or less for best optical performance. Light loss should be measured at 875 nm. The recommended plastic materials for use as a cosmetic window are available from General Electric Plastics. Recommended Plastic Materials:
Material # Lexan 141 Lexan 920A Lexan 940A
Light Transmission 88% 85% 85%
Haze 1% 1% 1%
Refractive Index 1.586 1.586 1.586
Note: 920A and 940A are more flame retardant than 141. Recommended Dye: Violet #21051 (IR transmissant above 625 nm)
20
Shape of the Window From an optics standpoint, the window should be flat. This ensures that the window will not alter either the radiation pattern of the LED, or the receive pattern of the photodiode. If the window must be curved for mechanical or industrial design reasons, place the same curve on the back side of the window that has an identical radius as the front side. While this will not completely eliminate the lens effect of the front curved surface, it will significantly reduce the effects. The amount of change in the
radiation pattern is dependent upon the material chosen for the window, the radius of the front and back curves, and the distance from the back surface to the transceiver. Once these items are known, a lens design can be made which will eliminate the effect of the front surface curve. The following drawings show the effects of a curved window on the radiation pattern. In all cases, the center thickness of the window is 1.5 mm, the window is made of polycarbonate plastic, and the distance from the transceiver to the back surface of the window is 3 mm.
Flat Window (First choice)
Curved Front and Back (Second choice)
Curved Front, Flat Back (Do not use)
21
www.agilent.com/semiconductors
For product information and a complete list of distributors, please go to our web site. For technical assistance call: Americas/Canada: +1 (800) 235-0312 or (916) 788-6763 Europe: +49 (0) 6441 92460 China: 10800 650 0017 Hong Kong: (+65) 6756 2394 India, Australia, New Zealand: (+65) 6755 1939 Japan: (+81 3) 3335-8152 (Domestic/International), or 0120-61-1280 (Domestic Only) Korea: (+65) 6755 1989 Singapore, Malaysia, Vietnam, Thailand, Philippines, Indonesia: (+65) 6755 2044 Taiwan: (+65) 6755 1843 Data subject to change. Copyright (c) 2004 Agilent Technologies, Inc. August 24, 2004 5989-0729EN


▲Up To Search▲   

 
Price & Availability of HSDL-3005-021

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X