Part Number Hot Search : 
SN54L 741CF 1N514 V2010 15KW260 V2010 TLMD3100 LZ2513
Product Description
Full Text Search
 

To Download CD214C-T70CA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 oH V SC AV ER OM AI SIO PL LA N IA BL S NT E
Features

Lead free versions available RoHS compliant (lead free version)* Surface Mount SMC package Standoff Voltage: 5.0 to 170 volts Power Dissipation: 1500 watts
*R
CD214C Transient Voltage Suppressor Diode Series
General Information
The markets of portable communications, computing and video equipment are challenging the semiconductor industry to develop increasingly smaller electronic components. Bourns offers Transient Voltage Suppressor Diodes for surge and ESD protection applications, in compact chip package DO-214AB (SMC) size format. The Transient Voltage Suppressor series offers a choice of Working Peak Reverse Voltage from 5 V up to 170 V and Breakdown Voltage up to 200 V. Typical fast response times are less than 1.0 ns for unidirectional devices and less than 5.0 ns for bidirectional devices from 0 V to Minimum Breakdown Voltage. Bourns(R) Chip Diodes conform to JEDEC standards, are easy to handle with standard pick and place equipment and the flat configuration minimizes roll away.
Electrical Characteristics (@ TA = 25 C Unless Otherwise Noted) Parameter Symbol
(Note 1,2)
Value
Unit
Minimum Peak Pulse Power Dissipation (TP = 1 ms) Peak Forward Surge Current 8.3ms Single Half Sine Wave Superimposed on Rated Load (JEDEC Method) (Note 3) Steady State Power Dissipation @ TL = 75 C Maximum Instantaneous Forward Voltage @ IPP = 100 A (For Unidirectional Units Only) Operating Temperature Range Storage Temperature Range
1. 2. 3. 4. 5.
PPK IFSM PM(AV) VF TJ TSTG
1500 200 5.0
(Note 5)
Watts Amps Watts Volts C C
-55 to +150 -55 to +175
Non-repetitive current pulse, per Pulse Waveform graph and derated above TA = 25 C per Pulse Derating Curve. Thermal Resistance Junction to Lead. 8.3 ms Single Half-Sine Wave duty cycle = 4 pulses maximum per minute (unidirectional units only). Single Phase, Half Wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20 %. VF = 3.5 V on CD214C-T5.0A through CD214C-T90A and VF = 5.0 V on CD214C-T100A through CD214C-T170A.
How To Order
CD 214C - T 5.0 CA __
Common Code Chip Diode Package 214A = SMA/DO-214AC 214B = SMB/DO-214AA 214C = SMC/DO-214AB Model T = Transient Voltage Suppressor Series Working Peak Reverse Voltage 5.0 = 5.0 VRWM (Volts) 170 = 170 VRWM (Volts) Suffix A = 5 % Tolerance Device CA = 5 % Tolerance Bidirectional Device
Terminations LF = 100 % Sn (lead free) Blank = Sn/Pb
Asia-Pacific: Tel: +886-2 2562-4117 * Fax: +886-2 2562-4116 Europe: Tel: +41-41 768 5555 * Fax: +41-41 768 5510 The Americas: Tel: +1-951 781-5500 * Fax: +1-951 781-5700 www.bourns.com
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.
CD214C Transient Voltage Suppressor Diode Series
Electrical Characteristics (@TA = 25 C unless otherwise noted)
Maximum Reverse Leakage @ VRWM IR (uA) Maximum Reverse Voltage @IRSM VRSM (Volts) Maximum Reverse Surge Current IRSM (Amps)
Unidirectional Device Part Number Part Marking
Bidirectional Device Part Number Part Marking Breakdown Voltage VBR (Volts) Min. Max. @ IT (mA)
Working Peak Reverse Voltage VRWM (Volts)
CD214C-T5.0A CD214C-T6.0A CD214C-T6.5A CD214C-T7.0A CD214C-T7.5A CD214C-T8.0A CD214C-T8.5A CD214C-T9.0A CD214C-T10A CD214C-T11A CD214C-T12A CD214C-T13A CD214C-T14A CD214C-T15A CD214C-T16A CD214C-T17A CD214C-T18A CD214C-T20A CD214C-T22A CD214C-T24A CD214C-T26A CD214C-T28A CD214C-T30A CD214C-T33A CD214C-T36A CD214C-T40A CD214C-T43A CD214C-T45A CD214C-T48A CD214C-T51A CD214C-T54A CD214C-T58A CD214C-T60A CD214C-T64A CD214C-T70A CD214C-T75A CD214C-T78A CD214C-T85A CD214C-T90A CD214C-T100A CD214C-T110A CD214C-T120A CD214C-T130A CD214C-T150A CD214C-T160A CD214C-T170A
GDE GDG GDK GDM GDP GDR GDT GDV GDX GDZ GEE GEG GEK GEM GEP GER GET GEV GEX GEZ GFE GFG GFK GFM GFP GFR GFT GFV GFX GFZ GGE GGG GGK GGM GGP GGR GGT GGV GGX GGZ GHE GHG GHK GHM GHP GHR
CD214C-T5.0CA CD214C-T6.0CA CD214C-T6.5CA CD214C-T7.0CA CD214C-T7.5CA CD214C-T8.0CA CD214C-T8.5CA CD214C-T9.0CA CD214C-T10CA CD214C-T11CA CD214C-T12CA CD214C-T13CA CD214C-T14CA CD214C-T15CA CD214C-T16CA CD214C-T17CA CD214C-T18CA CD214C-T20CA CD214C-T22CA CD214C-T24CA CD214C-T26CA CD214C-T28CA CD214C-T30CA CD214C-T33CA CD214C-T36CA CD214C-T40CA CD214C-T43CA CD214C-T45CA CD214C-T48CA CD214C-T51CA CD214C-T54CA CD214C-T58CA CD214C-T60CA CD214C-T64CA CD214C-T70CA CD214C-T75CA CD214C-T78CA CD214C-T85CA CD214C-T90CA CD214C-T100CA CD214C-T110CA CD214C-T120CA CD214C-T130CA CD214C-T150CA CD214C-T160CA CD214C-T170CA
BDE BDG BDK BDM BDP BDR BDT BDV BDX BDZ BEE BEG BEK BEM BEP BER BET BEV BEX BEZ BFE BFG BFK BFM BFP BFR BFT BFV BFX BFZ BGE BGG BGK BGM BGP BGR BGT BGV BGX BGZ BHE BHG BHK BHM BHP BHR
6.4 6.67 7.22 7.78 8.33 8.89 9.44 10 11.1 12.2 13.3 14.4 15.6 16.7 17.8 18.9 20 22.2 24.4 26.7 28.9 31.1 33.3 36.7 40 44.4 47.8 50 53.3 56.7 60 64.4 66.7 71.1 77.8 83.3 86.7 94.4 100 111 122 133 144 167 178 189
7.23 7.67 8.3 8.95 9.58 10.2 10.8 11.5 12.8 14.4 15.3 16.5 17.9 19.2 20.5 21.7 23.3 25.5 28 30.7 32.2 35.8 38.3 42.2 46 51.1 54.9 57.5 61.3 65.2 69 74.6 76.7 81.8 89.5 95.8 99.7 108.2 115.5 128 140 153 165 192 205 217.5
10 10 10 10 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
5 6 6.5 7 7.5 8 8.5 9 10 11 12 13 14 15 16 17 18 20 22 24 26 28 30 33 36 40 43 45 48 51 54 58 60 64 70 75 78 85 90 100 110 120 130 150 160 170
1000 1000 500 200 100 50 20 10 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5
9.2 10.3 11.2 12 12.9 13.6 14.4 15.4 17 18.2 19.9 21.5 23.2 24.4 26 27.6 29.2 32.4 35.5 38.9 42.1 45.4 48.4 53.3 58.1 64.5 69.4 72.7 77.4 82.4 87.1 93.6 96.8 103 113 121 126 137 146 162 177 193 209 243 259 275
163 145.6 133.9 125 116.3 110.3 104.2 97.4 88.2 82.4 75.3 69.7 64.7 61.5 57.7 53.3 51.4 46.3 42.2 38.6 35.6 33 31 28.1 25.8 23.3 21.6 20.6 19.4 18.2 17.2 16 15.5 14.6 13.3 12.4 11.4 10.4 10.3 9.3 8.4 7.9 7.2 6.2 5.8 5.5
Notes: 1. Suffix `A' denotes a 5 % tolerance device. 2. Suffix `CA' denotes a 5 % tolerance bidirectional device.
3. For bidirectional devices with a VR of 10 volts or less, the IR limit is double. 4. For unidirectional devices with a VF max. of 3.5 V at an IF of 35 A, 0.5 Sine Wave of 8.3 ms Pulse Width.
Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.
CD214C Transient Voltage Suppressor Diode Series
Product Dimensions
A
Recommended Pad Layout
A
B
C
B
C G
Dimension A (Max.)
H F E D
B (Min.) C (Min.)
Dimension A B C D E F G H
SMC (DO-214AB) 6.60 - 7.11 (0.260 - 0.280) 5.59 - 6.22 (0.220 - 0.245) 2.92 - 3.18 (0.115 - 0.125) 0.15 - 0.31 (0.006 - 0.112) 7.75 - 8.13 (0.305 - 0.320) 0.05 - 0.20 (0.002 - 0.008) 2.01 - 2.62 (0.080 - 0.103) 0.76 - 1.52 (0.030 - 0.060)
MM (INCHES)
SMC (DO-214AB) 4.69 (0.185) 3.07 (0.121) 1.52 (0.060)
MM (INCHES)
DIMENSIONS:
Physical Specifications Case ............................................Molded plastic per UL Class 94V-0 Polarity ........................Cathode band indicates unidirectional device No cathode band indicates bidirectional device Weight ......................................................0.007 ounces / 0.21 grams
DIMENSIONS:
Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.
CD214C Transient Voltage Suppressor Diode Series
Rating and Characteristic Curves Pulse Derating Curve
100 Peak Pulse Derating in Percent of Peak Power or Current
Maximum Non-Repetitive Surge Current
Peak Forward Surge Current (Amps)
200 100
75
50
25 10 x 1000 Waveform as Defined by R.E.A. 0 0 25 50 75 100 125 150 175 200 Ambient Temperature (C)
Pulse Width 8.3 ms Single Half Sine-Wave (JEDEC Method) 10 1 2 5 10 20 50 100 Number of Cycles at 60 Hz
Pulse Waveform
Typical Junction Capacitance
10000 TR=10 s
100 IP, Peak Pulse Current (%)
Peak value (IRSM) Half value= IRSM 2 Pulse width (TP) is defined as that point where the peak current decays to 50 % of IPSM. TA=25 C TP 10 x 1000 waveform as defined by R.E.A. 1000
Unidirectional
TA = 25 C
Capacitance (pF)
Bidirectional
50
100
0 0 1.0 2.0 T, Time (ms) 3.0 4.0
0 0 10 100 Standoff Voltage (Volts) 1000
Pulse Rating Curve
100
Steady State Power Derating Curve
5.0 RM(AV) Steady State Power Dissipation (W)
TA = 25 C Non-repetitive Pulse Waveform Shown in Pulse Waveform Graph PP, Peak Power (KW) 10
4.0
3.0
2.0
1.0 5.0 mm Lead Areas
1.0 60 Hz Resistive or Inductive Load 0.0 0 25 50 75 100 125 150 175 200 TL, Lead Temperature (C) Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.
0.1 0.1 s
1.0 s
10 s
100 s
1.0 ms
10 ms
TP, Pulse Width
CD214C Transient Voltage Suppressor Diode Series
Packaging Information
The product will be dispensed in Tape and Reel format (see diagram below).
P 0 P 1 E Index Hole 120 F W B D2 D1 D T
d
P Trailer
A Device
C Leader W1 Start DIMENSIONS: MM (INCHES)
End
....... ....... ....... ....... ....... ....... ....... .......
10 pitches (min.) 10 pitches (min.)
Direction of Feed
Devices are packed in accordance with EIA standard RS-481-A and specifications shown here. Symbol A B C d D D1 D2 E F P P0 P1 T W W1 -SMC (DO-214AB) 7.22 0.10 (0.284 - 0.004) 8.11 0.10 (0.319 - 0.004) 2.36 0.10 (0.093 - 0.004) 1.55 0.05 (0.061 - 0.002) 330 (12.992) 50.0 MIN. (1.969) 13.0 0.20 (0.512 - 0.008) 1.75 0.10 (0.069 - 0.004)) 7.50 0.10 (0.295 - 0.004) 4.00 0.10 (0.157 - 0.004) 4.00 0.10 (0.157 - 0.004) 2.00 0.10 (0.079 - 0.004) 0.30 0.10 (0.012 - 0.004) 16.00 0.20 (0.630 - 0.008) 22.4 MAX. (0.882) 3,000
Item Carrier Width Carrier Length Carrier Depth Sprocket Hole Reel Outside Diameter Reel Inner Diameter Feed Hole Diameter Sprocket Hole Position Punch Hole Position Punch Hole Pitch Sprocket Hole Pitch Embossment Center Overall Tape Thickness Tape Width Reel Width Quantity per Reel
Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.
REV. 04/06


▲Up To Search▲   

 
Price & Availability of CD214C-T70CA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X