|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
1.600" 1.500" Top View 2 0.823" 1 Side View 0.228" 1 2 Test points: material- Phosphor Bronze; plating- Sn over 50" Ni. Gold flash on contact end. Socket Contacts: Material- Phosphor Bronze, finish: 150" 93/7 SN/PB over 40" Ni. Description: Carrier Adapter 32 Position PLCC ZIF Socket with test points to mini-grid array interface. Pin mapping is 1:1. All tolerances: 0.005" (unless stated otherwise). Materials and specifications are subject to change without notice. CA-PLCC32-Z-M-T-01 Drawing (c) 2000 IRONWOOD ELECTRONICS, INC. PO BOX 21151 ST. PAUL, MN 55121 Tele: (651) 452-8100 www.ironwoodelectronics.com Status: Released Drawing: W. Watson File: CA-PLCC32-Z-M-T-01 Dwg Scale 2:1 Rev: A Date: 1/26/00 Modified: |
Price & Availability of CA-PLCC32-Z-M-T-01 |