Part Number Hot Search : 
2SD17 SNC68805 AH844 R3475 10D471 PUSB2X4Y ADCMP561 HC5555
Product Description
Full Text Search
 

To Download C20161206 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Product SKU: Product Description: Product Category:
C2016.12.06 Hook-Up Wire, UL 1007, UL 1569, CSA TR-64, Gauge Size (AWG): 22, Conductor/Strands: 7/30, Jacket: Premium Grade PVC, Temperature Range: -20AC to +105AC - Green - 100 Ft. Spool Electronics - Hook-Up Wire - UL 1007, UL 1569, CSA TR-64 - STRANDED CONDUCTORS - Green
Product Construction:
Conductor: 24 thru 16 AWG Fully-annealed, tinned copper per ASTM B-33 Solid or stranded Insulation: Color Code: See chart below Premium grade color-coded PVC Temperature range: -20AC to +105AC
Product Specification:
Conductor Size (AWG): Conductor/Strands: No. of Pairs: Jacket Color: Nominal Insulation Thickness (in): Nominal Insulation Thickness (mm): Nominal Outside Diameter (in): Nominal Outside Diameter (mm): Standard Packaging:
22 7/30 1 Green 0.016 0.40 0.062 1.57 100' Spool
Standard Package Quantity: UPC #: Put-up: Cube: Weight Per Unit of Measure: ColorOption:
4 079407002504 100 164.58986 .0038 Green Internal wiring of electrical and electronic equipment Internal wiring of panels and meters Point-to-point wiring Suggested voltage rating: 300 Volts
Product Information:
Applications:
Compliances:
CSA TR-64 - 90AC, 300V Designed to Meet UL VW-1 Vertical Wire Flame Test UL Style 1007 - 80AC, 300V UL Style 1569 - 105AC, 300V
Packaging:
10,000 foot (3048m) Reels 1000' (305m) Spools Other put-ups available- consult Customer Service
Reference Charts
Color Code Chart
Technical Specifications
Unit Conversion Factors Cable Design Equations - Balanced Pair Insulation and Jacket Properties Temperature Conversion Chart Decimal and Unit Conversion Factors Cable Design Equations - Braid Shield AWG Conductor Chart Conduit Capacity Chart Cable Design Equations - Coaxial Cable
Engineering Prefixes Coax Connector Cross Reference Glossary


▲Up To Search▲   

 
Price & Availability of C20161206

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X