Part Number Hot Search : 
M5M5256 AA3528 14D511 BZX79 EB62D22 AH337 KC7783R KC7783R
Product Description
Full Text Search
 

To Download ARF463A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 D G S
TO-247
ARF463A ARF463B
Common Source
RF POWER MOSFETs
N - CHANNEL ENHANCEMENT MODE 125V 100W 100MHz
The ARF463A and ARF463B comprise a symmetric pair of common source RF power transistors designed for pushpull scientific, commercial, medical and industrial RF power amplifier applications up to 100 MHz. They have been optimized for both linear and high efficiency classes of operation.
* Specified 125 Volt, 81.36 MHz Characteristics: * Output Power = 100 Watts. * Gain = 15dB (Class AB) * Efficiency = 75% (Class C)
MAXIMUM RATINGS
Symbol VDSS VDGO ID VGS PD RqJC TJ,TSTG TL Parameter Drain-Source Voltage Drain-Gate Voltage
* Low Cost Common Source RF Package. * Low Vth thermal coefficient. * Low Thermal Resistance. * Optimized SOA for Superior Ruggedness.
Continuous Drain Current @ TC = 25C Gate-Source Voltage
Total Power Dissipation @ TC = 25C Junction to Case
Operating and Storage Junction Temperature Range Lead Temperature: 0.063" from Case for 10 Sec.
P
E R
1
IM L
A IN
All Ratings: TC = 25C unless otherwise specified.
ARF463A/B UNIT Volts
Y R
500 500 9 30 180 0.50 -55 to 150 300
Amps Volts Watts C/W C
STATIC ELECTRICAL CHARACTERISTICS
Symbol BVDSS VDS(ON) IDSS IGSS gfs VGS(TH) Characteristic / Test Conditions Drain-Source Breakdown Voltage (VGS = 0V, ID = 250 A) On State Drain Voltage (I D(ON) = 4.5A, VGS = 10V) MIN TYP MAX UNIT Volts
500 5.0 25
A
Zero Gate Voltage Drain Current (VDS = VDSS, VGS = 0V) Zero Gate Voltage Drain Current (VDS = 0.8 VDSS, VGS = 0V, TC = 125C) Gate-Source Leakage Current (VGS = 30V, VDS = 0V) Forward Transconductance (VDS = 25V, ID = 4.5A) Gate Threshold Voltage (VDS = VGS, ID = 50mA)
250 100 2 3 3 5
nA mhos
050-5998 Rev - 7-2001
Volts
CAUTION: These Devices are Sensitive to Electrostatic Discharge. Proper Handling Procedures Should Be Followed.
APT Website - http://www.advancedpower.com
USA EUROPE
405 S.W. Columbia Street Chemin de Magret
Bend, Oregon 97702 -1035 F-33700 Merignac - France
Phone: (541) 382-8028 Phone: (33) 5 57 92 15 15
FAX: (541) 388-0364 FAX: (33) 5 56 47 97 61
DYNAMIC CHARACTERISTICS
Symbol Ciss Coss Crss td(on) tr td(off) tf Characteristic Input Capacitance Output Capacitance Reverse Transfer Capacitance Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Test Conditions VGS = 0V VDS = 50V f = 1 MHz VGS = 15V VDD = 0.5 VDSS ID = ID[Cont.] @ 25C RG = 1.6W MIN TYP
ARF463A/B
MAX UNIT
670 173 52 5.6 4.3 13.5 4.2
ns pF
FUNCTIONAL CHARACTERISTICS
Symbol GPS h y Characteristic Common Source Amplifier Power Gain Drain Efficiency Electrical Ruggedness VSWR 10:1 Test Conditions f = 81.36 MHz VGS = 0V VDD = 125V MIN TYP MAX UNIT dB %
13 70
15 75
Pout = 100W
No Degradation in Output Power
1 Pulse Test: Pulse width < 380 S, Duty Cycle < 2%
APT Reserves the right to change, without notice, the specifications and information contained herein.
30 25 20 GAIN (dB) 15
Class C VDD = 150V
CAPACITANCE (pf)
10 5 0 30
P
45
E R
Pout = 150W
IM L
A IN
3000 1000 500 100 50
Y R
Ciss Coss Crss
60 75 90 105 120 FREQUENCY (MHz) Figure 1, Typical Gain vs Frequency
10 .1 .5 1 5 10 50 200 VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS) Figure 2, Typical Capacitance vs. Drain-to-Source Voltage
8 ID, DRAIN CURRENT (AMPERES)
TJ = -55C
VDS> ID (ON) x RDS (ON)MAX. 250SEC. PULSE TEST @ <0.5 % DUTY CYCLE
36 ID, DRAIN CURRENT (AMPERES)
OPERATION HERE LIMITED BY RDS (ON)
100uS
6
10 5 1mS
4
10mS 1 .5 TC =+25C TJ =+150C SINGLE PULSE .1 1 10 100 500 VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS) Figure 4, Typical Maximum Safe Operating Area 100mS DC
050-5998 Rev - 7-2001
2 TJ = +125C TJ = -55C
TJ = +25C 0 2 4 6 8 10 VGS, GATE-TO-SOURCE VOLTAGE (VOLTS) Figure 3, Typical Transfer Characteristics
ARF463A/B
1.2 ID, DRAIN CURRENT (AMPERES) VGS(th), THRESHOLD VOLTAGE (NORMALIZED) 16 VGS=15V 10V 12
1.1
9V
1.0
8
8V 7.5V 7V
0.9
4
6.5V 6V 5.5V
0.8
0.7 -50 -25 0 25 50 75 100 125 150 TC, CASE TEMPERATURE (C) Figure 5, Typical Threshold Voltage vs Temperature 160 Class C VDD = 150V POUT, POWER OUT (WATTS) f = 81.36 MHz 120
0
1 5 10 15 20 25 30 VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS) Figure 6, Typical Output Characteristics
GPS, COMMON SOURCE AMPLIFIER GAIN (dB)
14
12
Class C VDD = 150V
80
10
40
0
0
4 6 8 10 PIN, POWER IN (WATTS) Figure 7, Typical Power Out vs Power In
2
0.8 , THERMAL IMPEDANCE (C/W) D=0.5
0.1 0.05
PDM
P
0.1 0.05 0.02 0.01
0.2
E R
SINGLE PULSE 10-4
IM L
40 80 120 160 POUT, POWER OUT (WATTS) Figure 8, Typical Common Source Amplifier Gain vs Power Out
A IN
8 6 0 Note:
Y R
f = 81.36 MHz
0.01 0.005
t1 t2 Duty Factor D = t1/t2
qJC
Peak TJ = PDM x ZJC + TC
Z 0.001 10-5
10-3 10-2 10-1 1.0 RECTANGULAR PULSE DURATION (SECONDS) Figure 9, Typical Maximum Effective Transient Thermal Impedance, Junction-To-Case vs Pulse Duration
10
Table 1 - Typical Class AB Large Signal Input - Output Impedance Freq. (MHz) 2.0 13.5 27 40 65 80 100 Zin () 24 - j 5.0 7.8 - j 11 2.1 - j 6.4 .74 - j 3.3 .30 + j .42 .46 + j 2.0 .87 + j 3.7 ZOL () 55 - j 4.8 41 - j 24 23 - j 26.2 13.6 - j 22 6.1 - j 14.2 4.2 - j 10.7 2.7 - j 7.1
Zin - Gate shunted with 25 IDQ = 50mA ZOL - Conjugate of optimum load for 100 Watts output at Vdd = 125V
050-5998 Rev - 7-2001
ARF463A/B
L4
C5 Bias 0 - 12V C7 R1 RF Input L2 C2 L1 DUT C3 R2 C1 L3 C8
+ 125V C6 RF Output
C4
C5
C1 -- 820pF Unelco mounted at gate lead C2-C5 -- Arco 463 Mica trimmer C5-C8 -- 10nF 500V COG chip L1 -- 3t #18 .3" ID .25"L ~50nH L2 -- 3t #16 AWG .25" ID .3"L ~58nH L3 -- 10t #18 AWG .25 ID ~470nH L4 -- VK200-4B ferrite choke ~3uH R1-R2 -- 50 Ohm 1/2W Carbon DUT = ARF463A/B
81.36 MHz Test Circuit
4.69 (.185) 5.31 (.209) 1.49 (.059) 2.49 (.098)
P
E R
6.15 (.242) BSC 4.50 (.177) Max. 1.01 (.040) 1.40 (.055)
IM L
Top View 15.49 (.610) 16.26 (.640)
A IN
Y R
TO-247 Package Outline
5.38 (.212) 6.20 (.244)
Dimensions in Millimeters and (Inches) NOTE: These two parts comprise a symmetric pair of RF power transistors and meet the same electrical specifications. The device pin-outs are the mirror image of each other to allow ease of use as a push-pull pair.
Source
20.80 (.819) 21.46 (.845) 3.55 (.138) 3.81 (.150)
2.87 (.113) 3.12 (.123) 1.65 (.065) 2.13 (.084)
0.40 (.016) 0.79 (.031)
19.81 (.780) 20.32 (.800)
Device ARF - A ARF - B Gate Drain Source Source Drain Gate
050-5998 Rev - 7-2001
2.21 (.087) 2.59 (.102)
5.45 (.215) BSC 2-Plcs.
APT's devices are covered by one or more of the following U.S.patents: 4,895,810 5,256,583
5,045,903 4,748,103
5,089,434 5,283,202
5,182,234 5,231,474
5,019,522 5,434,095
5,262,336 5,528,058


▲Up To Search▲   

 
Price & Availability of ARF463A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X