Part Number Hot Search : 
STRLPBF LA7356 BZX84C24 MC68HC90 10BQ060 SH708009 G1541 MA2J728
Product Description
Full Text Search
 

To Download APTGT50X120BTP3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 APTGT50X120RTP3 APTGT50X120BTP3
Input rectifier bridge + Brake + 3 Phase Bridge Trench IGBT(R) Power Module
Application * AC Motor control
VCES = 1200V IC = 50A @ Tc = 80C
Features * Trench + Field Stop IGBT(R) Technology - Low voltage drop - Low tail current - Switching frequency up to 20 kHz - Soft recovery parallel diodes - Low diode VF - Low leakage current - Avalanche energy rated - RBSOA and SCSOA rated Kelvin emitter for easy drive Very low stray inductance High level of integration Internal thermistor for temperature monitoring
APTGT50X120RTP3: Without Brake (Pin 7 & 14 not connected)
21 20 19 18 17 16 15 14 13 12 11 10
* * * * Benefits
22
9 8
23 7 24
1
2
3
4
5
6
* * * * * * * *
Low conduction losses Stable temperature behavior Very rugged Solderable terminals for easy PCB mounting Direct mounting to heatsink (isolated package) Low junction to case thermal resistance Easy paralleling due to positive TC of VCEsat Low profile
All ratings @ Tj = 25C unless otherwise specified
Symbol VRRM ID IFSM
Parameter Repetitive Peak Reverse Voltage DC Forward Current Surge Forward Current tp = 10ms
TC = 80C Tj = 25C Tj = 150C
Max ratings 1600 80 500 400
Unit V A
These Devices are sensitive to Electrostatic Discharge. Proper Handing Procedures Should Be Followed.
APT website - http://www.advancedpower.com
1-4
APTGT50X120BTP3 - Rev 0,
September 2003
1. Absolute maximum ratings Diode rectifier Absolute maximum ratings
APTGT50X120RTP3 APTGT50X120BTP3
IGBT & Diode Brake (only for APTGT50X120BTP3) Absolute maximum ratings
Symbol VCES IC ICM VGE PD IF Parameter Collector - Emitter Breakdown Voltage TC = 25C TC = 80C TC = 25C TC = 25C TC = 80C Max ratings 1200 55 35 80 20 200 15 Unit V A V W A
Continuous Collector Current Pulsed Collector Current Gate - Emitter Voltage Maximum Power Dissipation DC Forward Current
Absolute maximum ratings
IGBT & Diode Inverter
Symbol VCES IC ICM VGE PD RBSOA IF IFRM
Parameter Collector - Emitter Breakdown Voltage
Continuous Collector Current Pulsed Collector Current Gate - Emitter Voltage Maximum Power Dissipation Reverse Bias Save Operating Area DC Forward Current Repetitive Peak Forward Current
TC = 25C TC = 80C TC = 25C TC = 25C Tj = 125C TC = 80C tp = 1ms
Max ratings 1200 75 50 100 20 270 100A @ 1100V 50 100
Unit V A V W A
2. Electrical Characteristics Diodes Rectifier Electrical Characteristics
Symbol IR VF RthJC Characteristic Reverse Current Forward Voltage Junction to Case
Test Conditions VR = 1600V Tj = 150C Tj = 150C IF = 50A
Min
Typ 3 1.0
Max
Unit mA V
C/W
0.65
IGBT Brake & Diode (only for APTGT50X120BTP3) Electrical Characteristics
Symbol Characteristic ICES Zero Gate Voltage Collector Current VCE(on) VGE(th) IGES Cies Coes Cres VF RthJC Collector Emitter on Voltage Gate Threshold Voltage Gate - Emitter Leakage Current Input Capacitance Output Capacitance Reverse Transfer Capacitance Forward Voltage Junction to Case Test Conditions VGE = 0V, VCE = 1200V Tj = 25C VGE = 15V IC = 35A Tj = 125C VGE = VCE , IC = 1.5mA VGE = 20V, VCE = 0V VGE = 0V, VCE = 25V f = 1MHz Tj = 25C VGE = 0V IF = 35A Tj = 125C IGBT Diode
Min
5.0
Typ 4 1.8 2.2 5.8 2530 132 115 2.3 2.5
Max 2.2 6.5 500
Unit mA V V nA
September 2003 2-4 APTGT50X120BTP3 - Rev 0,
pF 2.7 0.6 1.5 V
C/W
APT website - http://www.advancedpower.com
APTGT50X120RTP3 APTGT50X120BTP3
IGBT & Diode Inverter Electrical Characteristics
Symbol Characteristic BVCES Collector - Emitter Breakdown Voltage ICES Zero Gate Voltage Collector Current VCE(on) VGE(th) IGES Cies Coss Crss Td(on) Tr Td(off) Tf Td(on) Tr Td(off) Tf Eoff VF Qrr RthJC Collector Emitter on Voltage Gate Threshold Voltage Gate - Emitter Leakage Current Input Capacitance Output Capacitance Reverse Transfer Capacitance Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Turn off Energy Forward Voltage Reverse Recovery Charge Junction to Case Test Conditions VGE = 0V, IC = 3mA VGE = 0V, VCE = 1200V Tj = 25C VGE =15V IC = 50A Tj = 125C VGE = VCE , IC = 2 mA VGE = 20V, VCE = 0V VGE = 0V VCE = 25V f = 1MHz Inductive Switching (25C) VGE = 15V VBus = 600V IC = 50A RG = 18 Inductive Switching (125C) VGE = 15V VBus = 600V IC = 50A RG = 18 VGE = 0V IF = 50A IF = 50A VR = 600V di/dt=990A/s Tj = 25C Tj = 125C Tj = 25C Tj = 125C IGBT Diode Min 1200 1.4 5.0 Typ Max 5 2.1 6.5 500 Unit V mA V V nA pF
1.7 2.0 5.8 3600 188 163 85 30 420 65 90 45 520 90 5.8 1.6 1.6 5.2 9.4
ns
ns mJ 2.2 V C 0.45 0.75
C/W
Temperature sensor NTC
Symbol Characteristic R25 Resistance @ 25C B 25/50 T25 = 298.16 K
Min
Typ 5 3375
Max
Unit k K
RT =
R25 exp B25 / 50 11 - T25 T
T: Thermistor temperature RT: Thermistor value at T
M5
N.m g
APT website - http://www.advancedpower.com
3-4
APTGT50X120BTP3 - Rev 0,
Symbol Characteristic RMS Isolation Voltage, any terminal to case t =1 min, VISOL I isol<1mA, 50/60Hz TJ Operating junction temperature range TSTG Storage Temperature Range TC Operating Case Temperature To Heatsink Torque Mounting torque Wt Package Weight
3. Thermal and package characteristics
2500 -40 -40 -40 150 125 125 3.3 300
V C
September 2003
Min
Typ
Max
Unit
APTGT50X120RTP3 APTGT50X120BTP3
4. Package outline
PIN 1 PIN 24
ALL DIMENSIONS MARKED " * " ARE TOLERENCED AS :
APT reserves the right to change, without notice, the specifications and information contained herein
APT's products are covered by one or more of U.S patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522 5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 and foreign patents. U.S and Foreign patents pending. All Rights Reserved.
APT website - http://www.advancedpower.com
4-4
APTGT50X120BTP3 - Rev 0,
September 2003


▲Up To Search▲   

 
Price & Availability of APTGT50X120BTP3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X