Part Number Hot Search : 
MURA380G DM162 0512S N301489 29LV160 MBH6045C M9707 AD784
Product Description
Full Text Search
 

To Download ADP3205 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PRELIMINARY TECHNICAL DATA
a
Preliminary Technical Data
FEATURES Pin Programmable 1, 2 or 3 Phase Operation Excellent Static and Dynamic Current Sharing Superior Load Transient Response when used with ADOPTTM Optimal Positioning Technology Noise-Blanking for Speed and Stability Synchronous Rectification Control for Optimized Light Load Efficiency Soft DAC Output Voltage Transition for VID Change Cycle-by-Cycle Current Limiting Latched or Hiccup Current Overload Protection Masked Power Good during Output Voltage Transients Soft Start-up without Power-On In-Rush Current Surge Two Level Over-Voltage and Reverse-Voltage Protection APPLICATIONS Next Generation Intel Mobile CPU Core DC/DC Converters Programmable Output Power Supplies
Multi-Phase Core Controller for Intel(R) Mobile CPUs ADP3205
GENERAL DESCRIPTION
The ADP3205 is a 1, 2, or 3 phase hysteretic peak current mode DC-DC buck converter controller dedicated to power a mobile processor's core. The chip optimized low voltage design runs from the 3.3 V system supply. The chip contains a precision 6-bit DAC whose nominal output voltage is set by VID code. The ADP3205 features high-speed operation to allow a minimized inductor size that results in the fastest change of current to the output. To further minimize the number of output capacitors, the converter features active voltage positioning enhanced with ADOPT optimal compensation to ensure a superior load transient response. The output signals interface with ADP3415 MOSFET drivers that are optimized for high speed and high efficiency. The ADP3205 is capable of providing synchronous rectification control to extend battery lifetime in light load conditions.
FUNCTIONAL BLOCK DIAGRAM
DRV3 DRVSD3
39 38
DRV2
37
DRVSD2
36
DRV1 DRVSD1
35 34
ADP3205
TSYNC 40 PSI HYSSET
CLIM/ZCS CMP
33
CS3 CS2 CS1 CS+
VDACREF HYSTERESIS SET & CLIM SET VBG HYS/CLIM CONTROL & CS MUX/ PHASE CONTROL
CURRENT SENSE MUX
CSCORE CMP
RAMP REG DPSHIFT SET BOOT DPSHIFT
DRVCTRL DPSLP VREF BOOTSET DPRSET DPRSLP VID5 VID4 VID3 VID2 VID1 VID0 PWRGD CLKEN TPWRGD DPWRGD BOOT SS
19
VREF VBG
REF MUX DACREF DACREFB
DAC RES NETWORK
DAC REF DIVIDER
CORE ABOVE CMP
VREF
VBG
PRWGD MASKING MASK PWRGD LATCH DRVCTRL COREGD EOFSS ALARM LATCHEN
CORE BELOW CMP
COREFB
PRWGD DELAY
ALARM CONTROL
DVP CMP OVP LATCH
VOV
SS/LATCH-OFF TIMER
SD VCC GND
22
UVLO CMP BIAS ENABLER ALARM RST
BANDGAP & REFAMP
VREF VBG RST
RVP LATCH RVP CMP
VRV CLAMP
ADOPT is a trademark of Analog Devices
REV. PrK
10/23/02
One Technology Way, P.O. Box 9106, Norwood. MA 02062-9106, U.S.A. Tel:781/329-4700 www.analog.com Fax:781/326-8703 (c)ANALOG DEVICES, INC., 2002
Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices.


▲Up To Search▲   

 
Price & Availability of ADP3205

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X