Part Number Hot Search : 
10180 AE9964 KV2151 UD4015 PD7801 PK25F120 TA0506A PK25F120
Product Description
Full Text Search
 

To Download AD9821 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Complete 12-Bit 40 MSPS Imaging Signal Processor AD9821
FEATURES Differential Sensor Input with 1 V p-p Input Range 0 dB to 36 dB 10-Bit Variable Gain Amplifier (VGA) Low Noise Optical Black Clamp Circuit Analog Preblanking Function 12-Bit 40 MSPS A/D Converter (ADC) 3-Wire Serial Digital Interface 3 V Single-Supply Operation Low Power: 150 mW @ 3 V Supply 48-Lead LQFP Package APPLICATIONS Digital Still Cameras Using CMOS Imagers Industrial/Scientific Imaging GENERAL DESCRIPTION
The AD9821 is a complete analog signal processor for imaging applications that do not require Correlated Double Sampling (CDS). It features a 40 MHz single-channel architecture designed to sample and condition the outputs of CMOS imagers and CCD arrays already containing on-chip CDS. The AD9821's signal chain consists of a differential input sample-and-hold amplifier (SHA), digitally controlled variable gain amplifier (VGA), black level clamp, and a 12-bit ADC. The internal registers are programmed through a 3-wire serial digital interface. Programmable features include gain adjustment, black level adjustment, and power-down modes. The AD9821 operates from a single 3 V power supply, typically dissipates 150 mW, and is packaged in a 48-lead LQFP.
FUNCTIONAL BLOCK DIAGRAM
AVDD AVSS VRT VRB PBLK
AD9821
0dB ~ 36dB VIN+ VIN- + SHA - VGA
BAND GAP REFERENCE
DRVDD DRVSS 12 DOUT
12-BIT ADC
BYP1
10
CLP
CLPOB 8
INTERNAL REGISTERS
BLK CLAMP LEVEL DVDD
DIGITAL INTERFACE
DVSS
SL
SCK
SDATA
DATACLK
REV. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781/329-4700 www.analog.com Fax: 781/326-8703 (c) Analog Devices, Inc., 2002
AD9821-SPECIFICATIONS
GENERAL SPECIFICATIONS
Parameter TEMPERATURE RANGE Operating Storage POWER SUPPLY VOLTAGE Analog, Digital, Digital Driver POWER CONSUMPTION Normal Operation Power-Down Modes Standby Total Power-Down MAXIMUM CLOCK RATE A/D CONVERTER Resolution Differential Nonlinearity (DNL) No Missing Codes Full-Scale Input Voltage Data Output Coding VOLTAGE REFERENCE Reference Top Voltage (VRT) Reference Bottom Voltage (VRB)
Specifications subject to change without notice.
(TMIN to TMAX, AVDD = DVDD = 3.0 V, fDATACLK = 40 MHz, unless otherwise noted.)
Min -20 -65 2.7 Typ Max +85 +150 3.6 Unit C C V
(Specified under Each Mode of Operation) 5 1 40 12 0.5 12 2.0 Straight Binary 2.0 1.0 mW mW MHz Bits LSB Bits Guaranteed V
V V
DIGITAL SPECIFICATIONS (DRVDD = 2.7 V, C = 20 pF, unless otherwise noted.)
L
Parameter LOGIC INPUTS High Level Input Voltage Low Level Input Voltage High Level Input Current Low Level Input Current Input Capacitance LOGIC OUTPUTS High Level Output Voltage, IOH = 2 mA Low Level Output Voltage, IOL = 2 mA
Specifications subject to change without notice.
Symbol VIH VIL IIH IIL CIN VOH VOL
Min 2.1
Typ
Max
Unit V V A A pF V V
0.6 10 10 10 2.2 0.5
-2-
REV. 0
AD9821 IMAGER-MODE SPECIFICATIONS (T
Parameter POWER CONSUMPTION
MAXIMUM CLOCK RATE ANALOG INPUTS (VIN+, VIN-) Input Common-Mode Range* Max Input Amplitude* Max Optical Black Pixel Amplitude* VARIABLE GAIN AMPLIFIER (VGA) Gain Control Resolution Gain Monotonicity Gain Range Min Gain (VGA Gain Code 00) Max Gain (VGA Gain Code 1023) BLACK LEVEL CLAMP Clamp Level Resolution Clamp Level Min Clamp Level Max Clamp Level SYSTEM PERFORMANCE Gain Accuracy Min Gain Max Gain Peak Nonlinearity, 500 mV Input Total Output Noise Power Supply Rejection (PSR) POWER-UP RECOVERY TIME Reference Standby Mode Total Power-Down Mode Power-Off Condition
*Input Signal Characteristics defined as follows:
+1.8V 1V p-p MAX INPUT SIGNAL RANGE VIN+ VIN- GND 30mV MAX OB PIXEL
MIN
to TMAX, AVDD = DVDD = 3.0 V, fDATACLK = 40 MHz, unless otherwise noted.)
Typ
150
Min
Max
Unit
mW MHz
Notes
See TPC 1 for Power vs. Sample Rate
40 0 1.0 30 1024 Guaranteed 0 36 256 0 255 1.8
V V p-p mV Steps
Linear operating range for VIN+, VIN- Defined as VIN+ minus VIN- For stable Clamp at max VGA gain
See Figure 11 for VGA Gain Curve dB dB Steps Measured at ADC Output LSB LSB Specifications Include Entire Signal Chain -1 34.5 0 35.5 0.3 0.5 40 1 3 10 +1 36.5 dB dB % LSB rms dB ms ms ms
12 dB Gain Applied AC Grounded Input, 6 dB Gain Applied Measured with Step Change on Supply Normal Clock Signals Applied
INPUT CM RANGE
Specifications subject to change without notice.
REV. 0
-3-
AD9821 TIMING SPECIFICATIONS (C = 20 pF, f
L SAMP
= 40 MHz, Imager-Mode Timing in Figures 5 and 6, Serial Timing in Figures 7-9)
Symbol tCONV tADC tCOB tID tOD tH Min 25 11 2 Typ 25 12.5 20 3.0 13 7.6 9 16 Max Unit ns ns Pixels ns ns ns Cycles MHz ns ns ns ns ns
Parameter SAMPLE CLOCKS DATACLK Clock Period DATACLK Hi/Low Pulsewidth CLPOB Pulsewidth* Internal Clock Delay DATA OUTPUTS Output Delay Output Hold Time Pipeline Delay SERIAL INTERFACE Maximum SCK Frequency SL to SCK Setup Time SCK to SL Hold Time SDATA Valid to SCK Rising Edge Setup SCK Falling Edge to SDATA Valid Hold SCK Falling Edge to SDATA Valid Read
Specifications subject to change without notice.
7.0
fSCLK tLS tLH tDS tDH tDV
10 10 10 10 10 10
*Minimum CLPOB pulsewidth is for functional operation only. Wider typical pulses are recommended to achieve low noise clamp performance.
ABSOLUTE MAXIMUM RATINGS With Respect To
ORDERING GUIDE
Model
Min Max Unit
Temperature Range -20C to +85C
Package Description Thin Plastic Quad Flatpack (LQFP)
Package Option ST-48
Parameter
AD9821KST
AVDD1, AVDD2 DVDD1, DVDD2 DRVDD Digital Outputs DATACLK CLPOB, PBLK SCK, SL, SDATA VRT, VRB BYP1, VIN Junction Temperature Lead Temperature (10 sec)
AVSS DVSS DRVSS DRVSS DVSS DVSS DVSS AVSS AVSS
-0.3 -0.3 -0.3 -0.3 -0.3 -0.3 -0.3 -0.3 -0.3
+3.9 +3.9 +3.9 DRVDD + 0.3 DVDD + 0.3 DVDD + 0.3 DVDD + 0.3 AVDD + 0.3 AVDD + 0.3 150 300
V V V V V V V V V C C
THERMAL CHARACTERISTICS
Thermal Resistance 48-Lead LQFP Package JA = 56C/W
CAUTION ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human body and test equipment and can discharge without detection. Although the AD9821 features proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality.
-4-
REV. 0
AD9821
PIN CONFIGURATION
SDATA DVDD2 DVSS STBY SCK VRB VRT
NC
NC
NC
48 47 46 45 44 43 42 41 40 39 38 37
(LSB) D0 1 D1 2 D2 3 D3
4
NC
36 35 34 33
SL
PIN 1 IDENTIFIER
TEST AVSS TEST AVDD2 BYP1 VIN- VIN+ TEST TEST AVDD1 AVSS AVSS
D4 5 D5 6 D6 7 D7 8 D8 9 D9 10 D10 11 (MSB) D11 12 NC = NO CONNECT
13 14 15 16 17 18 19 20 21 22 23 24
AD9821
TOP VIEW (Not to Scale)
32 31 30 29 28 27 26 25
NC
DRVDD
DVDD1
CLPOB
DRVSS
TEST
TEST
DATACLK
PIN FUNCTION DESCRIPTIONS Pin Number Mnemonic Type Description
1-12 13 14 15, 41 16 17 18, 24, 37, 42, 47, 48 19 20 21-23 25, 26, 35 27 28, 29 30 31 32 33 34, 36 38 39 40 43 44 45 46
D0-D11 DRVDD DRVSS DVSS DATACLK DVDD1 NC PBLK CLPOB TEST AVSS AVDD1 TEST VIN+ VIN- BYP1 AVDD2 TEST VRT VRB DVDD2 STBY SL SDATA SCK
DO P P P DI P NC DI DI DI P P AO AI AI AO P AI AO AO P DI DI DI DI
DVSS
PBLK
Digital Data Outputs Digital Output Driver Supply Digital Output Driver Ground Digital Ground Digital Data Output Latch Clock Digital Supply Internally Not Connected. May be Tied High or Low. Preblanking Clock Input Black Level Clamp Clock Input Test Use Only. Tie to VDD or VSS. Analog Ground Analog Supply Test Use Only. Tie to VDD or VSS. Positive Analog Input for Imager Signal Negative Analog Input for Imager Signal Internal Bias Level Decoupling Analog Supply Test Use Only. Tie to VDD or VSS. ADC Top Reference Voltage Decoupling ADC Bottom Reference Voltage Decoupling Digital Supply Standby Mode, Active High. Same as Total Power-Down Mode. Serial Digital Interface Load Pulse Serial Digital Interface Data Serial Digital Interface Clock
TYPE: AI = Analog Input, AO = Analog Output, DI = Digital Input, DO = Digital Output, P = Power.
REV. 0
-5-
TEST
NC
AD9821
DEFINITIONS OF SPECIFICATIONS
Differential Nonlinearity (DNL) Total Output Noise
An ideal ADC exhibits code transitions that are exactly 1 LSB apart. DNL is the deviation from this ideal value. Thus, every code must have a finite width. No missing codes guaranteed to 12-bit resolution indicates that all 4096 codes, respectively, must be present over all operating conditions.
Peak Nonlinearity
The rms output noise is measured using histogram techniques. The standard deviation of the ADC output codes is calculated in LSB and represents the rms noise level of the total signal chain at the specified gain setting. The output noise can be converted to an equivalent voltage using the relationship 1 LSB = (ADC Full Scale/2N codes) when N is the bit resolution of the ADC. For the AD9821, 1 LSB is 500 V.
Power Supply Rejection (PSR)
Peak nonlinearity, a full signal chain specification, refers to the peak deviation of the output of the AD9821 from a true straight line. The point used as "zero scale" occurs 1/2 LSB before the first code transition. "Positive full scale" is defined as a Level 1, 1/2 LSB beyond the last code transition. The deviation is measured from the middle of each particular output code to the true straight line. The error is then expressed as a percentage of the 2 V ADC full-scale signal. The input signal is always appropriately gained up to fill the ADC's full-scale range.
The PSR is measured with a step change applied to the supply pins. This represents a very high frequency disturbance on the AD9821's power supply. The PSR specification is calculated from the change in the data outputs for a given step change in the supply voltage.
Internal Delay for SHA
The internal delay (also called aperture delay) is the time delay that occurs from when the sampling edge is applied to the AD9821 until the actual sample of the input signal is held. The DATACLK samples the input signal during the transition from low to high, so the internal delay is measured from each clock's rising edge to the instant the actual internal sample is taken.
EQUIVALENT INPUT CIRCUITS
DVDD
AVDD
330
60
DVSS
ACVSS
ACVSS
Figure 1. Digital Inputs-- DATACLK, CLPOB, PBLK, SCK, SL
DVDD DRVDD
Figure 3. VIN+ and VIN- (Pins 30 and 31)
DATA
DVDD
DVDD
DATA IN
THREESTATE
DOUT
DATA OUT
330
RNW
DVSS
DRVSS
DVSS DVSS DVSS
Figure 2. Data Outputs--D0-D11
Figure 4. SDATA (Pin 47)
-6-
REV. 0
Typical Performance Characteristics-AD9821
160
15.0 13.5
150
12.0
OUTPUT NOISE - LSB
40
POWER DISSIPATION - mW
140 VDD = 3.0V 130
10.5 9.0 7.5 6.0 4.5 3.0 1.5
120
110
100 20 30 SAMPLE RATE - MHz
0
0
255
511 VGA GAIN CODE - LSB
767
1023
TPC 1. Power vs. Sample Rate
1.0
TPC 3. Output Noise vs. VGA Gain
0.5
0
-0.5
-1.0 0 500 1000 1500 2000 2500 3000 35000 4000
TPC 2. Typical DNL Performance
REV. 0
-7-
AD9821
IMAGER MODE AND AUX MODE TIMING
N VIN+ N+9 N+1 N+8 N+2
tID
VIN-
tCONV
DATACLK
tOD
OUTPUT DATA N-10 N-9
tH
N-8 N-1 N
NOTES: 1. VIN+ AND VIN- SIGNALS ARE SAMPLED AT DATACLK RISING EDGES (CAN BE INVERTED USING THE CONTROL REGISTER). 2. INTERNAL SAMPLING DELAY (APERTURE) tID IS TYPICALLY 3 ns. 3. OUTPUT DATA LATENCY IS NINE DATACLK CYCLES.
Figure 5. Imager Mode Timing
EFFECTIVE PIXELS OPTICAL BLACK PIXELS HORIZONTAL BLANKING EFFECTIVE PIXELS
IMAGER SIGNAL
CLPOB
PBLK
OUTPUT DATA
EFFECTIVE PIXEL DATA
OB PIXEL DATA
EFFECTIVE DATA
NOTES: 1. CLPOB WILL OVERWRITE PBLK. PBLK WILL NOT AFFECT CLAMP OPERATION IF OVERLAPPING CLPOB. 2. PBLK SIGNAL IS OPTIONAL. 3. DIGITAL OUTPUT DATA WILL BE ALL ZEROS DURING PBLK. OUTPUT DATA LATENCY IS NINE DATACLK CYCLES.
Figure 6. Typical Imager Mode Line Clamp Timing
-8-
REV. 0
AD9821
INTERNAL REGISTER MAP AND SERIAL INTERFACE TIMING Table I. Internal Register Map
Register Name
Operation VGA Gain Clamp Level Control
Address A0 A1 A2
000 100 010 110
D0 D1 D2
Input Mode Selection LSB LSB 0
1
D3
Data Bits D4 D5
D6
D7
0
1
D8
1
2
D9
0
1
D10
01 MSB 01 X X X
Power-Down Modes
Software OB Clamp Reset On/Off
MSB 0
1
X 0
1
X 0
1
0
1
0
1
0
1
Clock Polarity Select for CLP/DATA
0
1
NOTES 1 Internal use only. Must be set to 0. 2 Must be set to 1.
RNW SDATA 0 A0 A1 A2 TEST BIT 0 D0 D1 D2 D3 D4 D5 D6 D7 D8 D9 D10
tDS
SCK
tDH
tLS
SL NOTES: 1. SDATA BITS ARE INTERNALLY LATCHED ON THE RISING EDGES OF SCK. 2. RNW = READ-NOT WRITE. SET LOW FOR WRITE OPERATION. 3. TEST BITS = INTERNAL USE ONLY. MUST BE SET LOW. 4. SYSTEM UPDATE OF LOADED REGISTERS OCCURS ON SL RISING EDGE.
tLH
Figure 7. Serial Write Operation
RNW SDATA 1 A0 A1 0 TEST BIT 0 D0 D1 D2 D3 D4 D5 D6 D7 D8 D9 D10
tDS
SCK
tDH
tDV
tLS
SL
tLH
NOTES: 1. RNW = READ-NOT WRITE. SET HIGH FOR READ OPERATION. 2. TEST BITS = INTERNAL USE ONLY. MUST BE SET LOW. 3. SERIAL DATA FROM THE SELECTED REGISTER IS VALID STARTING AFTER THE FIFTH SCK FALLING EDGE, AND IS UPDATED ON SCK FALLING EDGES.
Figure 8. Serial Readback Operation
RNW A0 A1 SDATA 0 0 0 A2 0 0 D0 D1 11 BITS OPERATION D2 D3 ... D10 D0 D1 10 BITS VGA GAIN D2 D3 ... D9 D0 8 BITS CLAMP LEVEL D1 D2 D3 ... D7 D0 D1 10 BITS CONTROL D2 D3 ... D9
SCK 1 SL 2 3 4 5 6 7 8 9
... 16 17 18 19 20
... 26 27 28 29 30
... 34 35 36 37 38
... 44
...
NOTES: 1. ANY NUMBER OF ADJACENT REGISTERS MAY BE LOADED SEQUENTIALLY, BEGINNING WITH THE LOWEST ADDRESS AND INCREMENTING ONE ADDRESS AT A TIME. 2. WHEN SEQUENTIALLY LOADING MULTIPLE REGISTERS, THE EXACT REGISTER LENGTH (SHOWN ABOVE) MUST BE USED FOR EACH REGISTER. 3. ALL LOADED REGISTERS WILL BE SIMULTANEOUSLY UPDATED WITH THE RISING EDGE OF SL.
Figure 9. Continuous Serial Write Operation to All Registers
REV. 0
-9-
AD9821
REGISTER DETAILS Table II. Operation Register Contents (Default Value x000) D10 D9 01 01 D8 01 D7 12 D6 01 Optical Black Clamp D5 0 Enable Clamping 1 Disable Clamping Reset D4 0 Normal 1 Reset All Registers to Default Power-Down Modes D3 D2 0 0 1 1 0 1 0 1 Normal Power Test Only Ref-Standby Total Power-Down Channel Selection D1 D0 0 0 1 1 0 1 0 1 Test Only Test Only Test Only Imager Mode
NOTES 1 Must be set to 0. 2 Set to 1.
Table III. VGA Gain Register Contents (Default Value x000) D10 X MSB D9 0 D8 0 D7 0 D6 0 D5 0 * * * 1 1 D4 0 D3 0 D2 0 D1 0 LSB D0 0 Gain (dB) 0.0 * * * 35.965 36.0
1 1
1 1
1 1
1 1
1 1
1 1
1 1
1 1
0 1
Table IV. Clamp Level Register Contents (Default Value x080) D10 X D9 X D8 X MSB D7 0 0 0 D6 0 0 0 D5 0 0 0 D4 0 0 0 * * * 1 D3 0 0 0 D2 0 0 0 D1 0 0 1 LSB D0 0 1 0 Clamp Level (LSB) 0 1 2 * * * 254
1
1
1
1
1
1
0
1
1
1
1
1
1
1
1
255
Table V. Control Register Contents (Default Value x000) D10 D9 D8 D7 DATACLK Polarity D6 CLPOB/PBLK Polarity D5 D4 D3 D2 D1 D0
X
0*
0*
0*
0 Sample on Rising Edge 1 Sample on Falling Edge
0 Active Low 1 Active High
0*
0*
0*
0*
0*
*Must be set to 0.
-10-
REV. 0
AD9821
CIRCUIT DESCRIPTION AND OPERATION
The AD9821 signal processing chain is shown in Figure 10. Each processing step is essential in achieving a high quality image from the raw imager pixel data.
Differential Input SHA
negative clipping will occur. A small amount of offset between the VIN+ and VIN- signals is allowable and can be corrected by the Optical Black Clamp, up to 30 mV. Note that the VIN+ and VIN- inputs do not contain any dc restoration or bias circuitry. Therefore, dc-coupling is recommended when driving the AD9821 analog inputs. If ac-coupling is used, external biasing circuitry must be provided for the VIN+ and VIN- inputs to keep them in the acceptable common-mode voltage range of 0 V to 1.8 V.
Table VI. Example Input Voltage Configurations
The differential input SHA circuit is designed to accommodate a variety of different image sensor output voltages. The timing shown in Figure 8 illustrates how the DATACLK signal is used to sample both the VIN+ and VIN- signals simultaneously. The imager signal is sampled on the rising edges of DATACLK. Placement of this clock signal is critical in achieving the best performance from the imager. An internal DATACLK delay (tID) of 3 ns is caused by internal propagation delays. The differential input can be used in a variety of single-ended and differential configurations, as shown in Table VI. The allowable voltage range for both VIN+ or VIN- is from 0 V to 1.8 V. Signal levels outside this range will result in severely degraded performance. Regardless of the input configuration, the voltage sampled by the SHA is always equal to VIN+ minus VIN-. VIN+ must always be equal to or greater than VIN- or
VIN+ Range (V) VIN- Range (V) SHA Output Range (V) Black White Black White Black White 0 0.5 1.0 0.5 1.0 1.0 1.5 1.5 1.0 1.0 0 0.5 1.0 0.5 1.0 0 0.5 0.5 0 0 0 0 0 0 0 1.0 1.0 1.0 1.0 1.0
1.0 F 1.0 F DATACLK REFB 1.0V REFT 2.0V
INTERNAL VREF 0dB TO 36dB VIN+ SHA VIN- VGA 12-BIT ADC 12
PBLK
DOUT
BYP1 0.1 F
0.45V
10 INTERNAL BIAS VGA GAIN REGISTER
8-BIT DAC
CLPOB OPTICAL BLACK CLAMP DIGITAL FILTERING 8 CLAMP LEVEL REGISTER
Figure 10. Internal Block Diagram
REV. 0
-11-
AD9821
Variable Gain Amplifier
The VGA stage provides a gain range of 0 dB to 36 dB, programmable with 10-bit resolution through the serial digital interface. A minimum gain of 6 dB is needed to match a 1 V input signal with the ADC full-scale range of 2 V. When compared to 1 V full-scale systems, the equivalent gain range is -6 dB to +30 dB. The VGA gain curve follows a "linear-in-dB" characteristic. The exact VGA gain can be calculated for any Gain Register value by using the equation: Gain ( dB ) = (0.0351 x Code) where the code range is 0 to 1023.
36
programmed using the 8-bit Clamp Level Register. The resulting error signal is filtered to reduce noise, and the correction value is applied to the ADC input through a D/A converter. Normally, the optical black clamp loop is turned on once per horizontal line, but this loop can be updated more slowly to suit a particular application. If external digital clamping is used during the postprocessing, the AD9821 optical black clamping may be disabled using Bit D5 in the Operation Register (see Internal Register Map and Serial Interface Timing section). When the loop is disabled, the Clamp Level Register may still be used to provide programmable offset adjustment. Horizontal timing is shown in Figure 9. The CLPOB pulse should be placed during the CCD's optical black pixels. It is recommended that the CLPOB pulse duration be at least 20 pixels wide. Shorter pulsewidths may be used, but the ability to track low frequency variations in the black level will be reduced. As discussed in the Differential Input SHA section, the CLPOB loop is capable of correcting for an offset difference between the VIN+ and VIN- inputs. Because the clamp is located after the VGA gain stage, the clamp will be most limited when the VGA gain is at its maximum value. Under these conditions, the OB clamp loop correction range is restricted to 30 mV offset between the VIN+ and VIN- inputs. At minimum VGA gain, the offset correction range increases to 250 mV of offset. If the OB clamp loop's correction range is exceeded, then the black level at the output of the AD9821 will increase and further correction will be necessary. As mentioned previously, it is also possible to disable the AD9821's OB clamp loop.
A/D Converter (ADC)
30
VGA GAIN - dB
24
18
12
6
0 0 127 255 383 511 639 767 VGA GAIN REGISTER CODE 895 1023
Figure 11. VGA Gain Curve
Optical Black Clamp
The optical black clamp loop is used to remove residual offsets in the signal chain, and to track low frequency variations in the CCD's black level. During the optical black (shielded) pixel interval on each line, the ADC output is compared with a fixed black level reference selected by the user in the Clamp Level Register. Any value between 0 LSB and 255 LSB may be
The AD9821 uses high performance ADC architecture, optimized for high speed and low power. Differential nonlinearity (DNL) performance is typically better than 0.5 LSB, as shown in TPC 2. Instead of the 1 V full-scale range used by the earlier AD9801 and AD9803 products from Analog Devices, the AD9821's ADC uses a 2 V input range. Better noise performance results from using a larger ADC full-scale range (see TPC 3).
-12-
REV. 0
AD9821
APPLICATIONS INFORMATION
The AD9821 is a complete Analog Front End (AFE) product for a variety of imager applications using CMOS image sensors and CCDs with on-chip CDS. As shown in Figure 10, the imager output is generally buffered and sent to the AD9821's analog inputs, either as a differential or single-ended signal. The AD9821 performs the sample-and-hold operation, gain adjustment, black level correction, and analog-to-digital conversion. The
AD9821's digital output data is then processed by the image processing ASIC. The internal registers of the AD9821--used to control gain, offset level, and other functions--are programmed by the ASIC or microprocessor through a 3-wire serial digital interface. A system timing generator provides the clock signals for both the imager and the AFE.
CMOS OR CCD IMAGER
AD9821
OUT+ OUT- BUFFER OR LEVEL SHIFT VIN+ ADCOUT VIN- REGISTERDATA
DIGITAL OUTPUTS SERIAL INTERFACE
DIGITAL IMAGE PROCESSING ASIC (MAY ALSO INCLUDE TG)
V-DRIVE (CCD) IMAGER TIMING
DATACLK/CLAMP TIMING TIMING GENERATOR
Figure 12. System Applications Diagram
3V ANALOG SUPPLY 0.1 F 1.0 F SERIAL INTERFACE 3 1.0 F
SDATA
NC SCK
DVDD2 VRB
DVSS
SL STBY
VRT
NC
48 47 46 45 44 43 42 41 40 39 38 37
D0 1 D1 2 D2 3 D3
4 5
NC
NC
PIN 1 IDENTIFIER
36 35 34 33
TEST AVSS TEST AVDD2 BYP1 VINVIN+ TEST TEST AVDD1 AVSS AVSS 0.1 F 3V ANALOG SUPPLY IMAGER INPUT, NEGATIVE/REFERENCE IMAGER INPUT, POSITIVE 0.1 F 0.1 F 3V ANALOG SUPPLY
D4
D5 6 D6 D7 D8 D9 D10 (MSB) D11 DATA OUTPUTS 12
8 9
AD9821
TOP VIEW (Not to Scale)
32 31 30 29 28 27 26 25
7
10 11 12 13 14 15 16 17 18 19 20 21 22 23 24
DRVDD
DVDD1
DRVSS
NC
CLPOB
DVSS
TEST
TEST
DATACLK
PBLK
TEST
NC
3V DRIVER SUPPLY
NC = INTERNALLY NOT CONNECTED
0.1 F 3 CLOCK INPUTS
0.1 F 3V ANALOG SUPPLY
Figure 13. Recommended Circuit Configuration
REV. 0
-13-
AD9821
Internal Power-On Reset Circuitry
After power-on, the AD9821 will automatically reset all internal registers and perform internal calibration procedures. This takes approximately 1 ms to complete. During this time, normal clock signals and serial write operations may occur. However, serial register writes will be ignored until the internal reset operation is completed.
Grounding and Decoupling Recommendations
As shown in Figure 13, a single ground plane is recommended for the AD9821. This ground plane should be as continuous as possible, particularly around Pins 25 through 39. This will ensure that all analog decoupling capacitors provide the lowest possible impedance path between the power and bypass pins and their
respective ground pins. All decoupling capacitors should be located as close as possible to the package pins. A single clean power supply is recommended for the AD9821, but a separate digital driver supply may be used for DRVDD (Pin 13). DRVDD should always be decoupled to DRVSS (Pin 14), which should be connected to the analog ground plane. Advantages of using a separate digital driver supply include using a lower voltage (2.7 V) to match levels with a 2.7 V ASIC, reducing digital power dissipation, and reducing potential noise coupling. If the digital outputs (Pins 1-12) must drive a load larger than 20 pF, buffering is recommended to reduce digital code transition noise. Alternatively, placing series resistors close to the digital output pins may also help reduce noise.
-14-
REV. 0
AD9821
OUTLINE DIMENSIONS 48-Lead Plastic Quad Flatpack [LQFP] 1.4 mm Thick (ST-48)
Dimensions shown in millimeters
1.60 MAX 0.75 0.60 0.45 PIN 1 INDICATOR 9.00 BSC
48 1 37 36
1.45 1.40 1.35
0.20 0.09
SEATING PLANE
TOP VIEW
(PINS DOWN)
7.00 BSC
0.15 0.05
SEATING PLANE
7 3.5 0 0.08 MAX COPLANARITY
VIEW A
12 13 24 25
VIEW A
ROTATED 90 CCW
0.50 BSC
0.27 0.22 0.17
COMPLIANT TO JEDEC STANDARDS MS-026BBC
REV. 0
-15-
-16-
C03223-0-11/02(0)
PRINTED IN U.S.A.


▲Up To Search▲   

 
Price & Availability of AD9821

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X