|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
revision for dwg # 1PB-4-001-Q-10 rev - ch.no. - description original design date 11/2/2007 revised by Philipp E. PG 13.5 or M20 51 mm [2.0 in] 68 mm [2.7 in] R11.25 mm [.4 in] Plastic enclosure suited for non-illuminated push buttons with maximum 2 contact elements. unless otherwise specified: all dimensions are in millimeters third angle projection tolerance XX XX.X XX.XX ALL This Drawing is the property of R = = = = 1 mm 0.5 mm 0.2 mm - mm M E T R I C 35 Royal Road Flemington, NJ 08822-6000 (908) 806-9400 Fax (908) 806-9490 and is a confidential disclosurelent without consideration other than the borrower's agreement that it shall not be reproduced, copied, lent or disposed of directly or indirectly nor used for any purpose other than that for which it is specifically furnished. titel 22 mm Thermoplastic Enclosure White/Black Operator Capacity 1 4-001-Q-10 11/2/2007 11/2/2007 11/2/2007 68 mm [2.7 in] drawn by: Philipp Ernstberger checked by: Laszlo Gyorgypal released by: Laszlo Gyorgypal drawing no.: rev.: - 1PB-4-001-Q-10 scale: - sheet: 1 of: 1 |
Price & Availability of 4-001-Q-10 |